Part Number Hot Search : 
SMBTA06 NDB4116 C900603 TEA1103 RA523 Z36BD SI4405 A1469
Product Description
Full Text Search
 

To Download STP20N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP20N10
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
TYPE STP20N10
s s s s s s s s
V DSS 100 V
R DS( on) < 0.12
ID 20 A
TYPICAL RDS(on) = 0.09 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION
3 1 2
TO-220
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s REGULATORS s DC-DC & DC-AC CONVERTERS s MOTOR CONTROL, AUDIO AMPLIFIERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VD S V DG R V GS ID ID ID M(*) P tot T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 oC Drain Current (pulsed) Total Dissipation at Tc = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o o
Value 100 100 20 20 14 80 105 0.7 -65 to 175 175
Unit V V V A A A W W/o C
o o
C C
(*) Pulse width limited by safe operating area
December 1996
1/9
STP20N10
THERMAL DATA
R thj-cas e Rthj- amb Rthj- amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max Typ 1.43 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol IA R E AS E AR IA R Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR, VD D = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 20 60 15 14 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V( BR)DSS I DS S IG SS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VG S = 0 Min. 100 1 10 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V D S = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbol V G S(th) R DS( on) I D( on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Conditions ID = 250 A ID = 10 A 20 Min. 2 Typ. 2.9 0.09 Max. 4 0.12 Unit V A
V DS > ID( on) x RD S(on) max V GS = 10 V
DYNAMIC
Symbol gfs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > ID( on) x RD S(on) max V DS = 25 V f = 1 MHz ID = 10 A VG S = 0 Min. 7 Typ. 12 800 200 40 1100 300 60 Max. Unit S pF pF pF
2/9
STP20N10
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 30 V ID = 3 A VGS = 10 V R G = 50 (see test circuit, figure 3) V DD = 80 V ID = 20 A VGS = 10 V R G = 50 (see test circuit, figure 5) V DD = 80 V ID = 20 A V GS = 10 V Min. Typ. 25 75 300 Max. 35 110 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
30 9 11
45
nC nC nC
SWITCHING OFF
Symbol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 80 V ID = 20 A VGS = 10 V R G = 50 (see test circuit, figure 5) Min. Typ. 70 55 130 Max. 100 80 185 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol IS D I SDM(*) V S D () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 20 A VG S = 0 125 0.44 7 I SD = 20 A di/dt = 100 A/s V DD = 20 V T j = 150 o C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 20 80 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Areas
Thermal Impedance
3/9
STP20N10
Derating Curve
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
4/9
STP20N10
Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
Turn-on Current Slope
Turn-off Drain-source Voltage Slope
Cross-over Time
5/9
STP20N10
Switching Safe Operating Area
Accidental Overload Area
Source-drain Diode Forward Characteristics
Fig. 1: Unclamped Inductive Load Test Circuits
Fig. 2: Unclamped Inductive Waveforms
6/9
STP20N10
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge Test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/9
STP20N10
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2 F1
D
G1
E
Dia. F2 F
L5 L7 L6
L9
L4
G
8/9
H2
P011C
STP20N10
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequ ences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical compone in life support devices or systems without express nts written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
9/9


▲Up To Search▲   

 
Price & Availability of STP20N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X