Part Number Hot Search : 
MAX1926 55000 420E228 DH060N 100G47 TC3538 KS0312A0 74VCX16
Product Description
Full Text Search
 

To Download STD5NM60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD5NM60
N-CHANNEL 600V - 0.8 - 5A DPAK MDmeshTM Power MOSFET
PRELIMINARY DATA TYPE STD5NM60
s s s s
VDSS 600V
RDS(on) <0.9
ID 5A
s s
TYPICAL RDS(on) = 0.8 HIGH dv/dt AND AVALANCHE CAPABILITIES 100% AVALANCHE TESTED LOW INPUT CAPACITANCE AND GATE CHARGE LOW GATE INPUT RESISTANCE TIGHT PROCESS CONTROL AND HIGH MANUFACTORING YIELDS
3 1
DPAK TO-252
DESCRIPTION The MDmeshTM is a new revolutionary MOSFET technology that associates the Multiple Drain process with the Company's PowerMESHTM horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the Company's proprietary strip technique yields overall dynamic performance that is significantly better than that of similar completition's products. APPLICATIONS The MDmeshTM family is very suitable for increase the power density of high voltage converters allowing system miniaturization and higher efficiencies.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (q) PTOT dv/dt(1) Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature Value 600 600 30 5 3.1 20 50 0.4 6 -65 to 150 150 Unit V V V A A A W W/C V/ns C C
(*)Pulse width limited by safe operating area (1)I SD<5A, di/dt<200A/s, VDDMay 2000
1/6
STD5NM60
THERMAL DATA
Rthj-case Rthj-amb Rthc-sink Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 2.5 62.5 0.5 300 C/W C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 5 400 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (V GS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 30V Min. 600 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance On State Drain Current Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 2.5A VDS > ID(on) x RDS(on)max, VGS = 10V Min. 3 Typ. 4 0.8 Max. 5 0.9 Unit V
5
A
DYNAMIC
Symbol g fs (1) C iss Coss Crss RG Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Input Resistance f=1 MHz Gate DC Bias = 0 Test Signal Level = 20mV Open Drain VDS = 25V, f = 1 MHz, VGS = 0 Test Conditions VDS > ID(on) x RDS(on)max, ID = 2.5A Min. Typ. 2.4 412 94 10 Max. Unit S pF pF pF
3
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
2/6
STD5NM60
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Q gd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 400V, I D = 5A, VGS = 10V Test Conditions VDD = 300V, I D = 2.5A RG = 4.7 VGS = 10V (see test circuit, Figure 3) Min. Typ. 16 9 13 3 11 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Condit ions VDD = 480V, ID = 5A, R G = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 20 29 30 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 5A, VGS = 0 ISD = 5A, di/dt = 100A/s, V DD = 100V, Tj = 150C (see test circuit, Figure 5) 300 1.8 12 Test Conditions Min. Typ. Max. 5 20 1.5 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
3/6
STD5NM60
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
4/6
STD5NM60
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A"
B
=
=
3
B2
E
=
=
G
2
L4
1
=
=
A2
0068772-B
5/6
STD5NM60
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of STD5NM60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X