Part Number Hot Search : 
DS0880 M58WR MAX664 KCQ60A04 2815S KTA1862L ZMM55C39 105K0
Product Description
Full Text Search
 

To Download ST75C176 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST75C176
LOW POWER RS-485/RS-422 TRANSCEIVER
s s
s
s
s s s s
s
s
LOW QUIESCENT CURRENT: 300A DESIGNED FOR RS-485 INTERFACE APPLICATIONS -7V TO 12V COMMON MODE INPUT VOLTAGE RANGE DRIVER MAINTAINS HIGH IMPEDANCE IN 3-STATE OR WITH THE POWER OFF 70mV TYPICAL INPUT HYSTERESIS 30ns PROPAGATION DELAYS, 5ns SKEW OPERATE FROM A SINGLE 5V SUPPLY CURRENT LIMITING AND THERMAL SHUTDOWN FOR DRIVER OVERLOAD PROTECTION ALLOWS UP TO 32 TRANSCEIVERS ON THE BUS BIC MOS TECHNOLOGY
DIP
SOP
DESCRIPTION The ST75C176 is al low power transceiver for RS-485 and RS-422 communication. Each part contains one driver and one receiver. This transceiver draw 300A (typ.) of supply current when unloaded or fully loaded with disabled drivers. ORDERING CODES
Type ST75C176CN ST75C176BN ST75C176CD ST75C176BD ST75C176CDR ST75C176BDR Temperature Range 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C Package
It operates from a single 5V supply. Driver is short-circuit current limited and is protected against excessive power dissipation by thermal shutdown circuitry that placed the driver outputs into a high-impedance state. The receiver input has a fail safe feature that guarantees a logic-high output if the input is open circuit. The ST75C176 is designed for bi-directional data communications on multipoint bus transmission line (half-duplex applciations).
Comments 50parts per tube / 40tube per box 50parts per tube / 40tube per box 100parts per tube / 20tube per box 100parts per tube / 20tube per box 2500 parts per reel 2500 parts per reel
DIP-8 DIP-8 SO-8 (Tube) SO-8 (Tube) SO-8 (Tape & Reel) SO-8 (Tape & Reel)
June 2003
1/13
ST75C176
PIN CONFIGURATION
PIN DESCRIPTION
PlN N 1 2 3 4 5 6 7 8 SYMBOL RO RE DE DI GND A B VCC NAME AND FUNCTION Receiver Output Receiver Output Enable Driver Output Enable Driver Input Ground Non-inverting Receiver Input and Non-inverting Driver Output Inverting Receiver Input and Inverting Driver Output Supply Voltage
TRUTH TABLE (DRIVER)
INPUTS RE X X X DE H H L DI H L X OUTPUTS B L H Z A H L Z
TRUTH TABLE (RECEIVER)
INPUTS RE L L L H DE L L L L A-B +0.2V -0.2V INPUTS OPEN X OUTPUT RO H L H Z
X= Don't Care; Z=High Impedance
X= Don't Care; Z=High Impedance
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VDI VDO VRI VRO Supply Voltage Control Input Voltage (RE, DE) Driver Input Voltage (DI) Driver Output Voltage (A, B) Receiver Input Voltage (A, B) Receiver Output Voltage (RO) Parameter Value 7 -0.5 to (VCC + 0.5) -0.5 to (VCC + 0.5) 14 14 -0.5 to (VCC + 0.5) Unit V V V V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
2/13
ST75C176
DC ELECTRICAL CHARACTERISTICS (VCC = 5V 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25C) (See Note 1)
Symbol VOD1 VOD2 VOD Parameter Differential Driver Output (No Load) Differential Driver Output (With Load) Change in Magnitude of Driver Differential Output Voltage for Complementary Output States Driver Common-Mode Output Voltage Change in Magnitude of Driver Common-Mode Output Voltage for Complementary Output States Input High Voltage Input Low Voltage Input Current Input Current (A, B) Test Conditions Min. Typ. Max. 5 RL = 27 (RS-485) (See Fig. 1) RL = 50 (RS-422) (See Fig. 1) RL = 27 or 50 (See Fig. 1) 1.5 5 5 0.2 Unit V V V V
VOC VOC
RL = 27 or 50 (See Fig. 1) RL = 27 or 50 (See Fig. 1)
3 0.2
V V
VIH VIL IIN1 IIN2
RE, DE, DI RE, DE, DI RE, DE, DI VCM = 0V or 5.25V VIN = 12V VIN = -7V VCM = -7 to 12V VCM = 0V IO = -4mA IO = 4mA VID = 200mV VID = -200mV VDE = 0V
2.0 0.8 2 1 -0.8 -0.2 70 3.5 0.4 1 12 400 300 35 35 7 900 500 250 250 95 0.2
V V A mA mA V mV V V A K A A mA mA mA
VTH VTH VOH VOL IOZR RIN ICC
Receiver Differential Threshold Voltage Receiver Input Hysteresis Receiver Output High Voltage Receiver Output Low Voltage 3-State (High Impedance) Output Current at Receiver Receiver Input Resistance No Load Supply Current (Note 2)
VO = 0.4 to 2.4V VCM = -7 to 12V VRE = 0V or VCC VDE = VCC VDE = 0V
IOSD1 IOSD2 IOSR
Driver Short-Circuit Current, VO = -7 to 12V (Note 3) VO=High Driver Short-Circuit Current, VO = -7 to 12V (Note 3) VO=Low Receiver Short-Circuit Current VO = 0V to VCC
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground unless specified. Note 2: Supply current specification is valid for loaded transmitters when VDE = 0V Note 3: Applies to peak current. See typical Operating Characteristics.
3/13
ST75C176
DRIVER SWITCHING CHARACTERISTICS (VCC = 5V 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25C) (See Note 1)
Symbol tPLH tPHL tSK tTLH tTHL tPZH tPZL tPLZ tPHZ Parameter Propagation Delay Input to Output Output Skew to Output Rise or Fall Time Output Enable Time Output Enable Time Output Disable Time Output Disable Time RDIFF = 54 Test Conditions CL1 = CL2 = 100pF Min. 10 Typ. 30 5 3 15 40 40 40 40 Max. 60 10 40 70 70 70 70 Unit ns ns ns ns ns ns ns
(See Fig. 3 and 5) RDIFF = 54 CL1 = CL2 = 100pF (See Fig. 3 and 5) RDIFF = 54 CL1 = CL2 = 100pF (See Fig. 3 and CL = 100pF (See Fig. 4 and CL = 100pF (See Fig. 4 and CL = 15pF (See Fig. 4 and CL = 15pF (See Fig. 4 and 5) S2 = Closed 6) S1 = Closed 6) S1 = Closed 6) S2 = Closed 6)
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground unless specified.
RECEIVER SWITCHING CHARACTERISTICS (VCC = 5V 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25C) (See Note 1)
Symbol tPLH tPHL tSKD tPZH tPZL tPLZ tPHZ fMAX Parameter Propagation Delay Input to Output Differential Receiver Skew Output Enable Time Output Enable Time Output Disable Time Output Disable Time Maximum Data Rate Test Conditions RDIFF = 54 CL1 = CL2 = 100pF (See Fig. 3 and 7) RDIFF = 54 (See Fig. 3 and CRL = 15pF (See Fig. 2 and CRL = 15pF (See Fig. 2 and CRL = 15pF (See Fig. 2 and CRL = 15pF (See Fig. 2 and CL1 = CL2 = 100pF 7) S1 = Closed 8) S2 = Closed 8) S1 = Closed 8) S2 = Closed 8) 2.5 Mbps 20 50 ns 20 50 ns 20 50 ns 20 50 ns Min. 20 Typ. 130 13 Max. 210 Unit ns ns
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground unless specified.
4/13
ST75C176
TEST CIRCUITS AND TYPICAL CHARACTERISTICS Figure 1 : Driver DC Test Load Figure 3 : Drive/Receiver Timing Test Circuit
Figure 2 : Receiver Timing Test Load
Figure 4 : Driver Timing Test Load
5/13
ST75C176
Figure 5 : Driver Propagation Delay
Figure 6 : Driver Enable and Disable Time
6/13
ST75C176
Figure 7 : Receiver Propagation Delay
Figure 8 : Receiver Enable and Disable Time
7/13
ST75C176
Figure 9 : Receiver Output Current vs Output Low Voltage Figure 12 : Driver Output Current vs Output High Voltage
Figure 10 : Receiver Output Current vs Output High Voltage
Figure 13 : Supply Current vs Temperature
Figure 11 : Driver Output Current vs Output Low Voltage
Figure 14 : Receiver High Level Output Voltage vs Temperature
8/13
ST75C176
Figure 15 : Receiver Low Level Output Voltage vs Temperature Figure 16 : Differential Driver Output Voltage vs Temperature
9/13
ST75C176
Plastic DIP-8 MECHANICAL DATA
mm. DIM. MIN. A a1 B B1 b b1 D E e e3 e4 F I L Z 0.44 3.3 1.6 0.017 8.8 2.54 7.62 7.62 7.1 4.8 0.130 0.063 0.38 0.7 1.39 0.91 0.5 0.5 9.8 0.346 0.100 0.300 0.300 0.280 0.189 0.015 1.65 1.04 TYP 3.3 0.028 0.055 0.036 0.020 0.020 0.386 0.065 0.041 MAX. MIN. TYP. 0.130 MAX. inch
P001F
10/13
ST75C176
SO-8 MECHANICAL DATA
DIM. A A1 A2 B C D E e H h L k ddd 0.1 5.80 0.25 0.40 mm. MIN. 1.35 0.10 1.10 0.33 0.19 4.80 3.80 1.27 6.20 0.50 1.27 8 (max.) 0.04 0.228 0.010 0.016 TYP MAX. 1.75 0.25 1.65 0.51 0.25 5.00 4.00 MIN. 0.053 0.04 0.043 0.013 0.007 0.189 0.150 0.050 0.244 0.020 0.050 inch TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.197 0.157
0016023/C
11/13
ST75C176
Tape & Reel SO-8 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.1 5.5 2.1 3.9 7.9 12.8 20.2 60 22.4 8.5 5.9 2.3 4.1 8.1 0.319 0.216 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.335 0.232 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/13
ST75C176
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of ST75C176

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X