Part Number Hot Search : 
102230 SG2812 SP8660DP 74HC2 NC7SP32 PC28F128 RKD700KJ PTC800
Product Description
Full Text Search
 

To Download ST202CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST202
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
s s s
s s
s s s s
SUPPLY VOLTAGE RANGE: 4.5 TO 5.5V SUPPLY CURRENT NO LOAD (TYP): 1.5mA TRASMITTER OUTPUT VOLTAGE SWING (TYP): 9V TRANSITION SLEW RATE (TYP.): 12V/s RECEIVER PROPAGATION DELAY (TYP.): 0.1s COMPATIBLE WITH MAX202 RECEIVER INPUT VOLTAGE RANGE: 30V DATA RATE (TYP.): 400Kbp/s OPERATING TEMPERATURE RANGE: -40 TO 85 C, 0 TO 70C
DIP
SOP
DESCRIPTION The ST202 is a 2 driver, 2 receiver device following EIA/TIA-232 and V.28 communication standard. It is particularly suitable for applications where 12V is not available. The ST202 uses a single 5V power supply and only four external capacitors (0.1F). Typical application are in: Portable Computers, Low Power Modems, Interfaces Translation, Battery Powered RS-232 Networks. ORDERING CODES
Type ST202CN ST202BN ST202CD ST202BD ST202CDR ST202BDR ST202CW ST202BW ST202CWR ST202BWR ST202CTR ST202BTR Temperature Range 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C Package DIP-16 DIP-16 SO-16 (Tube) SO-16 (Tube) SO-16 (Tape & Reel) SO-16 (Tape & Reel) SO-16 Large (Tube) SO-16 Large (Tube) SO-16 Large (Tape & Reel) SO-16 Large (Tape & Reel) TSSOP16 (Tape & Reel) TSSOP16 (Tape & Reel)
SOP Large
TSSOP
Comments 25parts per tube / 40tube per box 25parts per tube / 40tube per box 50parts per tube / 20tube per box 50parts per tube / 20tube per box 2500 parts per reel 2500 parts per reel 49parts per tube / 25tube per box 49parts per tube / 25tube per box 1000 parts per reel 1000 parts per reel 2500 parts per reel 2500 parts per reel
June 2001
1/10
ST202
PIN CONFIGURATION
PIN DESCRIPTION
PlN N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SYMBOL C1+ V+ C1C2+ C2VT2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN T1OUT GND VCC NAME AND FUNCTION Positive Terminal for the first Charge Pump Capacitor Doubled Voltage Terminal Negative Terminal for the first Charge Pump Capacitor Positive Terminal for the second Charge Pump Capacitor Negative Terminal for the second Charge Pump Capacitor Inverted Voltage Terminal Second Transmitter Output Voltage Second Receiver Input Voltage Second Receiver Output Voltage Second Transmitter Input Voltage First Transmitter Input Voltage First Receiver Output Voltage First Receiver Input Voltage First Transmitter Output Voltage Ground Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol VCC V+ VTIN RIN TOUT ROUT TSCTOUT Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Duration on TOUT Parameter Value -0.3 to 6 (VCC -0.3) to 13.2 0.3 to -13.2 -0.3 to (VCC + 0.3) 30 15 -0.3 to (VCC + 0.3) infinite Unit V V V V V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
2/10
ST202
ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, V CC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol Parameter No Load Test Conditions Min. Typ. 1.5 Max. 4 Unit mA ISUPPLY VCC Power Supply Current
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, V CC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VTOUT ITIL VTIL VTIH SRT Parameter Output Voltage Swing Logic Pull-Up Current Input Logic Threshold Low Input Logic Threshold High Transition Slew Rate TA = 25C, RL = 3 to 7K, (Note1) (Note 2) VCC = V+ = V- = 0V one TXOUT to GND TTL-CMOS IN to RS-232 OUT CL = 150pF (50% to 50%) VCC = 5V CL = 50 to 2500pF 6 Test Conditions All Transmitter outputs are loaded with 3K to GND TIN = 0V Min. 5 Typ. 9 5 0.8 1.4 1.4 12 2 30 40 Max. Unit V A V V V/s
DR RTOUT ISC tdT
Data Rate Transmitter Output Resistance Transmitter Output Short Circuit Current Propagation Delay Time
200 VOUT = 2V 300 7
400
Kbits/s
22 1.3 3.5
mA s
Note 1: Measured from 3V to -3V or from -3V to 3V. Note2: One trasmitter output is loaded with RL = 3K to 7K, CL = 50 to 1000pF
RECEIVER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F, V CC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VRIN RRIN VRIL Parameter Receiver Input Voltage Operating Range RS-232 Input Resistance Test Conditions Min. -30 TA = 25C 3 0.8 5 1.3 1.8 VCC = 5V IOUT = 3.2mA (to VCC) IOUT = 1mA (to GND) to GND to VCC CL = 150pF (Note 1) 3.5 2 10 0.2 0.5 0.2 VCC-0.2 10 30 0.1 0.5 2.4 1 0.4 Typ. Max. 30 7 Unit V K V V V V V mA mA s
RS-232 Input Threshold Low VRIH RS-232 Input Threshold High VRIHYS RS-232 Input Hysteresis VROL TTL/CMOS Output Voltage Low VROH TTL/CMOS Output Voltage High ISCR Receiver Output Short Circuit Current tdR Propagation Delay Time
Note 1: RS-232 IN to TTL-CMOS OUT (from 50% to 50%)
3/10
ST202
APPLICATION CIRCUITS (note 1, note 2)
Note 1: C1-4 capacitors can even be 1F ones. Note 2: C1-4 can be common or biased capacitors.
CAPACITANCE VALUE (F)
C1 0.1 C2. 0.1 C3 0.1 C4 0.1 C5 0.1
4/10
ST202
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj = 25C) Figure 1 : Driver Voltage Transfer Characteristics Figure 4 : Driver Output Capability Current vs Output Voltage
Figure 2 : Drive Short Circuit Output Current vs Temperature
Figure 5 : Driver Short Circuit Supply Current vs Temperature
Figure 3 : Receiver Threshold vs Supply Voltage
Figure 6 : Receiver Threshold vs Temperature
5/10
ST202
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
6/10
ST202
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
7/10
ST202
SO-16L MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 0.5 1.27 0.75 8 (max.) 0.020 0.050 0.029 7.4 10.1 10.0 1.27 8.89 7.6 0.291 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.413 0.419 0.1 mm. MIN. TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
PO13I
8/10
ST202
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
9/10
ST202
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of ST202CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X