Part Number Hot Search : 
EM4102 22002 1100T SAA71 BD4826G 37042 CP002M U1000
Product Description
Full Text Search
 

To Download SST204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel JFET General Purpose Amplifier
CORPORATION
J201 - J204 / SST201 - SST204
FEATURES ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise specified) Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Storage Temperature Range . . . . . . . . . . . . . -55oC to +150oC Operating Temperature Range . . . . . . . . . . . -55oC to +135oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/ oC
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
* High Input Impedance * Low IGSS
PIN CONFIGURATION
SOT-23 G
TO-92
D S
ORDERING INFORMATION
G DS
5010
PRODUCT MARKING (SOT-23) SST201 A01 SST202 A02 SST203 A03 SST204 A04
Part
Package
Temperature Range
J201-204 Plastic TO-92 -55oC to +135oC SST201-204 Plastic SOT-23 -55oC to +135oC For Sorted Chips in Carriers see 2N4338 series.
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise specified)
SYMBOL IGSS VGS(off) BVGSS IDSS IG gfs gos Ciss Crss en PARAMETER Gate Reverse Current (Note 1) Gate-Source Cutoff Voltage Gate-Source Breakdown Voltage Saturation Drain Current (Note 2) Gate Current (Note 1) Common-Source Forward 500 Transconductance (Note 2) Common-Source Output Conductance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Short-Circuit Input Noise Voltage 1 4 1 5 -0.3 -40 0.2 -10 1,000 3.5 4 1 5 1.0 201 202 203 204 MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX -100 -1.5 -0.8 -40 0.9 -10 1,500 10 4 1 5 4.5 -100 -4.0 -2.0 -40 4.0 -10 20 -100 -10.0 -0.3 -25 0.2 1.2 -10 500 1,500 s 2.5 4 pF 1 10 nV Hz VDS = 20V, VGS = 0 f = 1MHz (Note 3) VDS = 10V, f = 1kHz VGS = 0 (Note 3) f = 1kHz 3.0 mA pA -100 -2.0 V VDS = 0, IG = -1A VDS = 20V, VGS = 0 VDG = 20V, ID = IDSS(min) UNITS pA TEST CONDITIONS VDS = 0, VGS = -20V VDS = 20V, ID = 10nA
NOTES: 1. Approximately doubles for every 10oC increase in TA. 2. Pulse test duration = 2ms. 3. For design reference only, not 100% tested.


▲Up To Search▲   

 
Price & Availability of SST204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X