Part Number Hot Search : 
MSM63182 VNQ810M 8DQ60 SL37N5 SR310 C6802 68000 150UR80
Product Description
Full Text Search
 

To Download SRF1020111111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
SRF1020 THRU SRF10A0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 10.0Amperes
FEATURES
. Plastic package has Underwriters Laboratory Flammability Classification 94V-0 . Metal sliicon junction ,majority carriet conduction . Guard ring for overcoltage protection . Low power loss,high efficiency . High current capability ,Low forward voltage drop . High surge capability . For use in low voltage ,high frequency inverters, free wheeling , and polarilty protection applications . Dual rectifier construction . High temperature soldering guaranteed: 250 /10 seconds 0.25"(6.35mm)from case
MECHANICAL DATA
. Case: JEDEC DO-220AB molded plastic body . Terminals: lead solderable per MIL-STD-750,method 2026 . Polarity: As marked. No suffix indicates Common Cathode, suffix"A" indicates Common Anode . Mounting Position: Any . Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave,resistive or inductive) load. For capacitive load,derate by 20%)
Symbols SR1020 SR1030 SR1040 SR1050 SR1060 SR1080 SR10A0
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current(see Fig.1) Repetitive peak forward current(square wavr, 20KHz) at Tc=105 Peak forward surge current 8.3ms singel half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 10 A(Note 1) Maximum instantaneous reverse current at rated DC blocking voltage(Note 1) Typeical thermal resistance(Note 2) Operating junction temperature range storage temperature range TA=25 TA=125 VF IR 50 25 2.5 -65 to +125 -65 to +150 -65 to +150 0.70 1.0 0.8 0.80 0.85 IFSM 150.0 VRRM VRMS VDC I(AV) 20 14 20 30 21 30 40 28 40 50 35 50 10.0 60 42 60 80 57 80 100 71 100
Units
Volts Volts Volts Amps
IFRM
20.0
Amps
Amps
Volts mA
R
TJ TSTG
JC
/W
Notes: 1. Pulse test: 300
s
pulse width,1% duty cycle
2.Thermal resistance from juntion to case
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
SRF1020 THRU SRF10A0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 10.0Amperes
RATINGS AND CHARACTERISTIC CURVES SRF1020 THRU SRF10A0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FLG.1-FORWARD CURRENT DERATING CURVE FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SRF1020111111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X