Part Number Hot Search : 
681KD20 UCY7403N FR205 MAXQ3210 ES3207 MAXQ3210 TL431 2SK3161S
Product Description
Full Text Search
 

To Download SPD08N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data
SIPMOS(R) Power Transistor
Features * N channel
*
SPD 08N10
Product Summary Drain source voltage Drain-Source on-state resistance Continuous drain current
VDS RDS(on) ID
100 0.3 8.4
V A
Enhancement mode
* Avalanche rated * dv/dt rated
Type SPD08N10 SPU08N10
Package P-TO252 P-TO251
Ordering Code
Packaging
Pin 1 G
Pin 2 Pin 3 D S
Q67040-S4126-A2 Tape and Reel Q67040-S4118-A2 Tube
Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Symbol Continuous drain current
Value 8.4 5.4 33.6 30 4 6 20 40 -55... +175 55/150/56
Unit A
ID
TC = 25 C TC = 100 C
Pulsed drain current
IDpulse EAS EAR
dv/dt
TC = 25 C
Avalanche energy, single pulse mJ
ID = 8.4 A, VDD = 25 V, R GS = 25
Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt kV/s V W C
IS = 8.4 A, V DS = 80 V, di/dt = 200 A/s
Gate source voltage Power dissipation
VGS Ptot Tj , Tstg
TC = 25 C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Data Sheet
1
05.99
SPD 08N10
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leded SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area1) Symbol min. Values typ. max. 3.1 100 75 50 K/W Unit
RthJC RthJA RthJA
-
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain- source breakdown voltage Symbol min. Values typ. 3 max. 4 A 0.1 10 1 100 100 nA 0.25 0.3 V Unit
V(BR)DSS VGS(th) I DSS
100 2.1
VGS = 0 V, ID = 0.25 mA
Gate threshold voltage, VGS = VDS ID = 1 mA Zero gate voltage drain current
VDS = 100 V, VGS = 0 V, Tj = 25 C VDS = 100 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
I GSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-state resistance
VGS = 10 V, ID = 5.4 A
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. PCB is vertical without blown air.
Data Sheet
2
05.99
SPD 08N10
Electrical Characteristics, at T j = 25 C, unless otherwise specified Symbol Values Parameter
Unit max. 425 100 40 20 ns S pF
min. Dynamic Characteristics Transconductance
typ. 4.5 340 80 30 13
g fs Ciss Coss Crss td(on)
2 -
VDS2*ID*RDS(on)max , ID = 8.4 A
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 3 A, RG = 50
Rise time
tr
-
40
60
VDD = 30 V, VGS = 10 V, ID = 3 A, RG = 50
Turn-off delay time
td(off)
-
50
75
VDD = 30 V, VGS = 10 V, ID = 3 A, RG = 50
Fall time
tf
-
35
55
VDD = 30 V, VGS = 10 V, ID = 3 A, RG = 50
Data Sheet
3
05.99
SPD 08N10
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Gate to source charge Symbol min. Values typ. 1.8 6.65 12.6 5.93 max. 2.7 10 18.9 V nC Unit
Q gs Q gd Qg V(plateau)
-
VDD = 80 V, ID = 8.4 A
Gate to drain charge
VDD = 80 V, ID = 8.4 A
Gate charge total
VDD = 80 V, ID = 8.4 A, VGS = 0 to 10 V
Gate plateau voltage
VDD = 80 V, ID = 8.4 A
Reverse Diode Inverse diode continuous forward current
IS I SM VSD t rr Q rr
-
1.2 90 0.35
8.4 33.6 1.6 135 0.55
A
TC = 25 C
Inverse diode direct current,pulsed
TC = 25 C
Inverse diode forward voltage V ns C
VGS = 0 V, I F = 16.8 A
Reverse recovery time
VR = 30 V, IF=IS , diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=l S , diF/dt = 100 A/s
Data Sheet
4
05.99
SPD 08N10
Power Dissipation
Drain current
Ptot = f (TC)
SPD08N10
ID = f (TC )
parameter: VGS 10 V
SPD08N10
45
W
10
A
35 30
8 7
Ptot
ID
25 20 15 10 5 0 0
C
6 5 4 3 2 1 0 0
20
40
60
80
100
120
160
20
40
60
80
100
120
C
160
TC
TC
Safe operating area
Transient thermal impedance
I D = f (V DS)
parameter : D = 0 , T C = 25 C
10
2
ZthJC = f (tp )
parameter : D = tp /T
10 1
SPD08N10
SPD08N10
A
DS
tp = 15.0s
K/W
/I
D
=
10 0
100 s
1 ms
Z thJC
10 -1 D = 0.50
10 ms
ID
R
DS
10 1
(o
n)
V
0.20 0.10 10 -2 0.05 0.02 single pulse 0.01
10 0
DC
10 -1 0 10
10
1
10
2
V
10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
tp
Data Sheet
5
05.99
SPD 08N10
Typ. output characteristics
I D = f (VDS)
parameter: tp = 80 s
SPD08N10
Typ. drain-source-on-resistance
RDS(on) = f (ID)
parameter: V GS
SPD08N10
20
A
Ptot = 40W
l kj i
VGS [V] a
b c 4.0 4.5
1.0
h
b
c
d
e
f
g
h
16 14
g
0.8
RDS(on)
5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
d e f
0.7 0.6 0.5 0.4 0.3 0.2
ID
12 10 8 6 4 2
a e
fg
h i j k
i k l j
d
l
c b
0.1
VGS [V] =
b 4.5 c 5.0 d 5.5 e f 6.0 6.5 g 7.0 h i 7.5 8.0 j 9.0 k l 10.0 20.0
0 0
2
4
6
8
V
12
VDS
0.0 0
2
4
6
8
10
12
14
A
17
ID
Typ. transfer characteristics I D= f (VGS) parameter: tp = 80 s
Typ. forward transconductance
gfs = f(ID ); Tj = 25C
parameter: gfs
6
VDS 2 x I D x RDS(on) max
30 A
S
24 22 20 18 16 14 12 10 8 6 1 4 2 0 0 1 2 3 4 5 6 7 8
V
4
gf s
3 2 0 0
ID
10
2
4
6
8
10
12
14
16
A
20
VGS
ID
Data Sheet
6
05.99
SPD 08N10
Drain-source on-resistance
Gate threshold voltage
RDS(on) = f (Tj)
parameter : ID = 5.4 A, VGS = 10 V
SPD08N10
VGS(th) = f (Tj)
parameter : VGS = V DS, ID = 1 mA
5.0 V 4.4 4.0
1.0
0.8
VGS(th)
RDS(on)
3.6 3.2 2.8 2.4
typ max
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -60
98% typ
2.0 1.6
min
1.2 0.8 0.4 0.0 -60 -20 20 60 100
C
-20
20
60
100
C
160
180
Tj
Tj
Typ. capacitances C = f (VDS) parameter: V GS = 0 V, f = 1 MHz
10
3
Forward characteristics of reverse diode
IF = f (VSD )
parameter: Tj , tp = 80 s
10 2
SPD08N10
A pF Ciss
10 1
C
10 2
Coss
IF
10 0
Tj = 25 C typ
Crss
Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0
5
10
15
20
25
30
V
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VDS
VSD
Data Sheet
7
05.99
SPD 08N10
Avalanche Energy EAS = f (Tj) parameter: ID = 8.4 A, VDD = 25 V RGS = 25
35
Typ. gate charge
VGS = f (QGate )
parameter: ID puls = 8.4 A
SPD08N10
16
mJ
V
12 25
VGS
EAS
10 0,2 VDS max 8 0,8 VDS max
20
15 6 10 4 5
2
0 20
40
60
80
100
120
C
160
0 0
2
4
6
8
10
12
14
16 nC 19
Tj
Q Gate
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
SPD08N10
120
V
114
V(BR)DSS
112 110 108 106 104 102 100 98 96 94 92 90 -60 -20 20 60 100
C
180
Tj
Data Sheet
8
05.99


▲Up To Search▲   

 
Price & Availability of SPD08N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X