Part Number Hot Search : 
DBL102S PWW6MS SSM6N 10100F SMCJ20 KK431 2SD834 BD3930FP
Product Description
Full Text Search
 

To Download SMDA15C-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMDA05C-8 THRU SMDA24C-8
SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 to 24 Volts
SO-14/MS-012-AB
Peak Pulse Power - 300 Watts
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Offers ESD protection in accordance with IEC1000-4-2 (IEC801-2) Monolithic TVS junctions
0.337(8.55) 0.344(8.75)
14
8 0.150(3.80) 0.157(4.00) 0.228(5.80) 0.244(6.20)
300W peak pulse power surge capability Excellent clamping capability Protection of up to eight data lines Fast response time: typically less than 5.0ns from 0 volts to V(BR)
0.053(1.35) 0.069(1.75) 0.004(0.10) 0.009(0.25)
1
7
0.050(1.27)
0.013(.33) 0.020(.51)
High temperature soldering guaranteed: 265C for 5 seconds at terminals
0.010(0.25) x 45 0.019(0.50)
0.007 (0.19) 0.009 (0.25)
MECHANICAL DATA
Case: JEDEC MS-012-AB molded plastic, over passivated junctions Terminal: Plated, solderable per MIL-STD-750, Method 2026 Polarity: Bidirectional as marked Mounting Position: Any
0 - 8 0.016 (0.40) 0.050(1.27)
Dimensions in inches and (millimeters)
Weight: 0.07 ounce, 1.75 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak power dissipation with a 8.0/20s waveform (NOTE 1, FIG 1) Peak power pulse current with a SMDA05C-8 8.0/20s waveform (NOTE 1) SMDA12C-8 SMDA15C-8 SMDA24C-8 Operating junction and storage temperature range
NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad areas of 0.045 x 0.030" (1.14 x 0.076mm) per leg
PPPM IPPM
TJ,TSTG
Minimum 300 20.0 15.0 12.0 7.5 -50 to +125
Watts Amps
C
BIDIRECTIONAL APPLICATIONS
All electrical characteristics apply in both directions
ELECTRICAL CHARACTERISTICS at 25C
PART NUMBER DEVICE MARKING CODE STAND-OFF VOLTAGE VWM Volts 5.0 12.0 15.0 24.0 MINIMUM BREAKDOWN VOLTAGE at IT=1.0mA (NOTE 1) V(BR) Volts 6.0* 13.4 16.7 26.7 MAXIMUM CLAMPING VOLTAGE at IPP = 1A VC (NOTE 2) Volts 9.8 19.0 24.0 43.0 MAXIMUM CLAMPING VOLTAGE at IPP = 5A VC (NOTE 2) Volts 11.0 24.0 30.0 55.0 MAXIMUM REVERSE LEAKAGE CURRENT at VWM ID A 100.0 1.0 1.0 1.0 MAXIMUM JUNCTION CAPACITANCE
(NOTE 3)
BIDIRECTIONAL SMDA05C-8 SMDA12C-8 SMDA15C-8 SMDA24C-8 SEB SED SEF SEH
CJ pF 350 150 120 100
NOTES: (1) V(BR) measured at pulse width of 300s sq. wave or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) Junction capacitance measured at 1.0 MHZ and applied VR=0 volts * V(BR) test current (IT) is 10 mA
*Application note: Due to the topology of the SMDA array the VRWM and V(BR) specifications also apply to the differential voltage between any two data line pins. Hence the SMDA12C-8 is designed to "see" a maximum voltage excursion of 6 volts between any two data lines.
CIRCUIT DIAGRAM* - top view
GND 14 N/C GND 8
SOLDER PAD GEOMETRY
0.045 0.005 (1.14 .127) .245 (6.22) min 0.160 0.005 (4.06 .127)
0.030 0.005 (.762 .127)
0.050 typ. (.127)
1 GND
N/C
*SMDA05C-8 is common anode configuration
7 GND
Dimensions in inches and (millimeters)
RATING AND CHARACTERISTIC CURVES FOR SMDA05C-8 THRU SMDA24C-8
FIG. 1 - PEAK PULSE POWER RATING CURVE
PEAK PULSE IN DERATING IN OF OF PEAK PULSE OR CURENT, %
FIG. 2 - PULSE DERATING CURVE
10
PPPM, PEAK PULSE POWER, kW WAVEFORM - SEE FIG. 3 NON-REPETITIVE
100 75 50 25 0
1
0.1
0.01 100ns
1s
10s
100s
1ms
10ms
0
25
50
75
100 125 150 175 200
td, PULSE DURATION, sec.
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
150
IPPM, PEAK PULSE CURRENT, % tr=8.0 sec PULSE DURATION (td) IS DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100
PEAK VALUE IPP
HALF VALUE - IPP 2
50
8/20s WAVEFORM AS DEFINED BY ANSI/EEE C62.35 td
0
0
10
20
30
40
50
60
70
80
t, TIME, s


▲Up To Search▲   

 
Price & Availability of SMDA15C-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X