Part Number Hot Search : 
AOT210L C1417CG MV393 10U17 CSND691 HT48C06 TBA120U DS1225
Product Description
Full Text Search
 

To Download SMDA15C-5TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Description
The SMDAxxC-5 series of transient voltage suppressors are designed to protect components which are connected to data and transmission lines from voltage surges caused by ESD (electrostatic discharge), EFT (electrical fast transients), and lightning. TVS diodes are characterized by their high surge capability, low operating and clamping voltages, and fast response time. This makes them ideal for use as board level protection of sensitive semiconductor components. The SMDAxxC-5 is designed to provide transient suppression on multiple data lines and I/O ports. The low profile SO-8 design allows the user to protect up to five data and I/O lines with one package. The SMDAxxC-5 TVS diode array will meet the surge requirements of IEC 61000-4-2 (Formerly IEC 801-2), Level 4, Human Body Model for air and contact discharge.
Bidirectional TVS Array for Protection of Five Lines
Features
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 12A (8/20s) Small SO-8 surface mount package Protects five I/O lines Working voltages: 5V, 12V, 15V and 24V Low leakage current Low operating and clamping voltages Solid-state silicon avalanche technology
u u u u u u u u u u u u u u u u u u
Mechanical Characteristics
JEDEC SO-8 package Molding compound flammability rating: UL 94V-0 Marking : Part number, date code, logo Packaging : Tube or Tape and Reel per EIA 481
Applications
RS-232 & RS-422 Data Lines Microprocessor Based Equipment LAN/WAN Equipment Notebooks, Desktops, & Servers Instrumentation Peripherals Set Top Box Serial and Parallel Ports
Schematic & PIN Configuration
SO-8 (Top View)
Revision 9/2000 1 www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Pow er (tp = 8/20s) Lead Soldering Temp erature Op erating Temp erature Storage Temp erature Symbo l Pp k TL TJ TSTG Value 300 260 (10 sec.) -55 to +125 -55 to +150 Units Watts C C C
Electrical Characteristics
SMDA05C-5 Par ame te r Reverse Stand-Off Voltage Reverse Breakdow n Voltage Reverse Leakage Current Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbo l VRWM V BR IR VC I PP Cj It = 1mA VRWM = 5V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Betw een I/O Pins and Gnd V R = 0V, f = 1MHz 6 20 9.8 17 350 Co nd itio ns Minimum Typ ical Maximum 5 Units V V A V A pF
SMDA12C-5 Par ame te r Reverse Stand-Off Voltage Reverse Breakdow n Voltage Reverse Leakage Current Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbo l VRWM V BR IR VC I PP Cj It = 1mA VRWM = 12V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Betw een I/O Pins and Gnd V R = 0V, f = 1MHz 16.7 1 19 12 120 Co nd itio ns Minimum Typ ical Maximum 12 Units V V A V A pF
a 2000 Semtech Corp.
2
www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Electrical Characteristics
SMDA15C-5 Par ame te r Reverse Stand-Off Voltage Reverse Breakdow n Voltage Reverse Leakage Current Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbo l VRWM V BR IR VC I PP Cj It = 1mA VRWM = 15V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Betw een I/O Pins and Gnd V R = 0V, f = 1MHz 16.7 1 24 10 75 Co nd itio ns Minimum Typ ical Maximum 15 Units V V A V A pF
SMDA24C-5 Par ame te r Reverse Stand-Off Voltage Reverse Breakdow n Voltage Reverse Leakage Current Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbo l VRWM V BR IR VC I PP Cj It = 1mA VRWM = 24V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Betw een I/O Pins and Gnd V R = 0V, f = 1MHz 26.7 1 43 5 50 Co nd itio ns Minimum Typ ical Maximum 24 Units V V A V A pF
a 2000 Semtech Corp.
3
www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10
110 100
Power Derating Curve
Peak Pulse Power - P PP (kW)
% of Rated Power or IPP
90 80 70 60 50 40 30 20 10
1
0.1
0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000
0 0 25 50 75 100 125 150 Ambient Temperature - TA (oC)
Pulse Waveform
110 100 90 80 Percent of IPP 70 60 50 40 30 20 10 0 0 5 10 15 Time (s) 20 25 30 td = IPP/2 e
-t
Waveform Parameters: tr = 8s td = 20s
ESD Pulse Waveform (Per IEC 61000-4-2)
Level
IEC 61000-4-2 Discharge Parameters
First Peak Current (A) 1 2 3 4 7.5 15 22.5 30 Peak Current at 30 ns (A) 4 8 12 16 Peak Current at 60 ns (A) 8 4 6 8 Test Test Voltage Voltage (Contact ( A ir Disch arge) Disch arge) (kV ) (kV ) 2 4 6 8 2 4 8 15
a 2000 Semtech Corp.
4
www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Applications Information
Device Connection for Protection of Five Data Lines The SMDAxxC-5 is designed to protect up to 5 data or I/O lines. They are bidirectional devices and may be used on lines where the signal polarities are above and below ground. The SMDAxxC-5 TVS arrays employ a monolithic structure. Therefore, the working voltage (VRWM) and breakdown voltage (VBR) specifications apply to the differential voltage between any two data line pins. For example, the SMDA24C-5 is designed for a maximum voltage excursion of +/-12V between any two data lines. The device is connected as follows: l Pins 1, 2, 3, 4, and 5 are connected to the lines that are to be protected. Pin 8 is connected to ground. The ground connections should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces. Pins 6 and 7 are not connected. Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended:
l l l l l l
Circuit Diagram
Connection Diagram
DATA IN DATA OUT
8
7
6
5
1
2
3
4
Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible.
DATA IN
DATA OUT
a 2000 Semtech Corp.
5
www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Outline Drawing - SO-8
Land Pattern - SO-8
a 2000 Semtech Corp.
6
www.semtech.com
SMDA05C-5 THRU SMDA24C-5
PROTECTION PRODUCTS Ordering Information
Par t Numbe r SMDA 05C-5.TB SMDA 05C-5.TE SMDA 12C-5.TB SMDA 12C-5.TE SMDA 15C-5.TB SMDA 15C-5.TE SMDA 24C-5.TB SMDA 24C-5.TE Wo r king Vo ltage 5V 5V 12V 12V 15V 15V 24V 24V Qty p e r Reel 500 2,500 500 2,500 500 2,500 500 2,500 R e e l Size 7 Inch 13 Inch 7 Inch 13 Inch 7 Inch 13 Inch 7 Inch 13 Inch
Note: (1) No suffix indicates tube pack.
Contact Information
Semtech Corporation Protection Products Division 652 Mitchell Rd., Newbury Park, CA 91320 Phone: (805)498-2111 FAX (805)498-3804
a 2000 Semtech Corp. 7 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SMDA15C-5TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X