Part Number Hot Search : 
CLM600 ISPLSI KVF20 74HCT240 5KP24CA N2907A NRF24E2 T40HF20
Product Description
Full Text Search
 

To Download SMDA15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMDA/B03 THRU SMDA/B24C
TVSarrayTM Series TM
DESCRIPTION (300 and 500 watt)
This 8 pin 4 line Unidirectional or Bidirectional array is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting. These arrays are used to protect any combination of 4 lines. The SMDA/B product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry. These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such as DRAM's, SRAM's, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24Volts.
FEATURES
* * * * Protects 3.0/3.3 up through 24V Components Protects 4 lines Unidirectional or Bidirectional Provides electrically isolated protection SO-8 Packaging
MECHANICAL
* * * * Molded SO-8 Surface Mount Weight: 0.066 grams (approximate) Body Marked with Logo, and device number Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
* * * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C SMDA Peak Pulse Power: 300 Watts (8/20 sec, Figure 1) SMDB Peak Pulse Power: 500 Watts (8/20 sec, Figure 1) Pulse Repetition Rate: <.01%
PACKAGING
* * * Tape & Reel EIA Standard 481-1-A 13 inch reel 2,500 pieces (OPTIONAL) Carrier tubes 95 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS PER LINE @ 250C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS BREAKDOW N VOLTAGE VBR @1 mA VOLTS MIN 4 4 4 4 6 6 6 6 13.3 13.3 13.3 13.3 16.7 16.7 16.7 16.7 26.7 26.7 26.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7 7 7 7 9.8 9.8 9.8 9.8 19 19 19 19 24 24 24 24 43 43 43 43 CLAMPING VOLTAGE VC @5 Amp (FIGURE2) VOLTS MAX 9 9 9 9 11 11 11 11 24 24 24 24 30 30 30 30 55 55 55 55 LEAKAGE CURRENT ID @ VWM A MAX 200 200 200 200 20 40 20 40 1 1 1 1 1 1 1 1 1 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 800 400 800 400 600 300 600 300 185 94 185 94 140 70 140 70 90 45 90 45 TEMPERATURE COEFFICIENT OF VBR aVBR Mv/C MAX -3 -5 -3 -5 3 1 3 1 10 8 10 8 13 11 13 11 30 28 30 28
PART NUMBER
DEVICE MARKING
SMDA03 SMDA03C SMDB03 SMDB03C SMDA05 SMDA05C SMDB05 SMDB05C SMDA12 SMDA12C SMDB12 SMDB12C SMDA15 SMDA15C SMDB15 SMDB15C SMDA24 SMDA24C SMDB24 SMDB24C
SDK SDL PDK PDL SDA SDB PDA PDB SDC SDD PDC PDD SDE SDF PDE PDF SDG SDH PDG PDH
3.3 3.3 3.3 3.3 5.0 5.0 5.0 5.0 12.0 12.0 12.0 12.0 15.0 15.0 15.0 15.0 24.0 24.0 24.0 24.0
Part numbers with a "C" suffix are bidirectional devices
www.mccsemi.com
SMDA/B03 thru SMDA/B24C
MCC
Ip p - 100 Pe ak Pu 50 lse Cu rre nt 0 -0 % Ip
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
WAVE FORMS
Peak Value -- Ipp 8 X 20 Waveform
Half-Value -- Ipp 2
10
t td
20
30
t -- Time in microsec
FIGURE 1 Peak Pulse Power Vs Pulse Time
FIGURE 2 Pulse Wave Form
MOUNTING PAD SO-8
CIRCUIT DIAGRAM
0.045.005
0.245 MIN
.160.005
.030.005 .050 TYP
UNIDIRECTIONAL
BIDIRECTIONAL
SO-8 PACKAGE
INCHES DIM A B C D F G J K L P MIN 0.188 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.008 0.206 0.244 0.15 0.10 4.80 5.79 MAX 0.197 0.158 0.069 0.021 0.050 MILLIMETERS MIN 4.77 3.81 1.35 0.28 0.41 1.27 BSC 0.25 0.20 5.23 6.19 MAX 5.00 4.01 1.75 0.53 1.27
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SMDA15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X