Part Number Hot Search : 
00400 LA5734MP HA5135 IRLD110 79M09A 1N5237B 4MC67 KBJ4005G
Product Description
Full Text Search
 

To Download SMCJ6036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scotsdale, AZ 85252 Phone: (480) 941-6300 Fax: (480) 947-1503
FEATURES:
* * * * * BIDIRECTIONAL 1500 WATTS PEAK POWER VOLTAGE RANGE FROM 5.5V TO 185V LOW INDUCTANCE LOW PROFILE PACKAGE FOR SURFACE MOUNTING
SMCG/J6036 thru SMCG/J6072A
DESCRIPTION:
These Transient Voltage Suppressor devices are a series of Bi-directional Silicon Transient Suppressors used in AC applications where large voltage transients can permanently damage voltage-sensitive components. These devices are manufactured using two silicon PN, junctions in a back to back configuration. They are characterized by their high surge capability, fast response time, and low impedance, (Ron) for clamping surge. The SMC series, rated for 1500 watts during a one millisecond pulse, can be used to protect sensitive circuits against transients induced by lighting and inductive load switching. The response time of TAZ clamping action is less than (5x10 -9) sec; therefore, they can protect Integrated Circuits, MOS devices, Hybrids, and other voltage-sensitive semiconductors and components. This series of devices has also been proven very effective as EMP and ESD suppressors.
5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
MAXIMUM RATINGS:
DO-214AB
DO-215AB
1500 watts of peak pulse power dissipation at 25C tclamping (0 volts to V(BR) min): less than 5 x 10-9 seconds Operating and Storage Temperature: -65 to +150C Steady state power dissipation: 5.0 watts at TL = 25C, at mounting plane. Repetition rate (duty cycle): .01%
100
(Wave Form - See Figure 2) Non- Repetitive
Mechanical Characteristics
CASE: Molded, Surface Mountable. TERMINALS: Gull-wing or C-Bend (modified J-bend) leads, tin lead plated POLARITY: No markings on bi-directional devices.
PPP Peak Pulse Power - kW
10
1.0
PACKAGING: 16mm tape (See EIA Std. RS-481.)
100ns 1s
0.1 10s 100s 1ms 10ms
tp Pulse Time Figure 1 Peak Pulse Power vs Pulse Time
THERMAL RESISTANCE: 20C/W (typical) junction to lead (tab) at mounting plane.
MSC1364.PDF 01/06/00
SMCG/J6036 thru SMCG/J6072A ELECTRICAL CHARACTERISTICS @ 25c
MICROSEMI PART NUMBER MODIFIED "G" BEND LEAD MICROSEMI PART NUMBER MODIFIED "J" BEND LEAD Rated Stand-Off Voltage VRM (See Note 1) BREAKDOWN VOLTAGE V(BR) @ IT VOLTS MAXIMUM CLAMPING VOLTAGE VC @ IPP MAXIMUM STANDOFF CURRENT ID PEAK PULSE CURRENT Maximum Temperature Coefficient
@ VRM
(See Fig. 2)
IPP
V(BR)
%/C .061 .061 .065 .065 .068 .068 .073 .073 .075 .075 .078 .078 .081 .081 .084 .084 .086 .068 .088 .088 .090 .090 .092 .092 .094 .094 .095 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .103 .103
(1 mSEC)
MIN 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 MAX 8.25 7.88 9.02 8.61 10.00 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.5 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 mA 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS
SMCG6036 SMCG6036A SMCG6037 SMCG6037A SMCG6038 SMCG6038A SMCG6039 SMCG6039A SMCG6040 SMCG6040A SMCG6041 SMCG6041A SMCG6042 SMCG6042A SMCG6043 SMCG6043A SMCG6044 SMCG6044A SMCG6045 SMCG6045A SMCG6046 SMCG6046A SMCG6047 SMCG6047A SMCG6048 SMCG6048A SMCG6049 SMCG6049A SMCG6050 SMCG6050A SMCG6051 SMCG6051A SMCG6052 SMCG6052A SMCG6053 SMCG6053A SMCG6054 SMCG6054A SMCG6055 SMCG6055A SMCG6056 SMCG6056A SMCG6057 SMCG6057A
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMCJ6038A SMCJ6039 SMCJ6039A SMCJ6040 SMCJ6040A SMCJ6041 SMCJ6041A SMCJ6042 SMCJ6042A SMCJ6043 SMCJ6043A SMCJ6044 SMCJ6044A SMCJ6045 SMCJ6045A SMCJ6046 SMCJ6046A SMCJ6047 SMCJ6047A SMCJ6048 SMCJ6048A SMCJ6049 SMCJ6049A SMCJ6050 SMCJ6050A SMCJ6051 SMCJ6051A SMCJ6052 SMCJ6052A SMCJ6053 SMCJ6053A SMCJ6054 SMCJ6054A SMCJ6055 SMCJ6055A SMCJ6056 SMCJ6056A SMCJ6057 SMCJ6057A
VOLTS 5.5 6.0 6.5 7.0 7.0 7.5 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 14.0 15.0 16.0 17.0 17.0 18.0 19.0 20.0 21.0 22.0 24.0 25.0 26.0 28.0 29.0 30.0 31.0 33.0 34.0 36.0 38.0 40.0 41.0 43.0 45.0 47.0
A
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
A 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4 18.6 19.5
MSC1364.PDF 01/06/00
SMCG/J6036 thru SMCG/J6072A ELECTRICAL CHARACTERISTICS @ 25C
MICROSEMI PART NUMBER MODIFIED "G" BEND LEAD MICROSEMI PART NUMBER MODIFIED "J" BEND LEAD Rated Stand-Off Voltage VRM (See Note 1) BREAKDOWN VOLTAGE V(BR) @ IT VOLTS MAXIMUM CLAMPING VOLTAGE VC @ IPP MAXIMUM STANDOFF CURRENT ID PEAK PULSE CURRENT Maximum Temperature Coefficient
@ VRM
(See Fig. 2)
IPP
V(BR)
(1 mSEC
MIN 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 153.0 162.0 162.0 171.0 171.0 181.0 180.0 190.0 198.0 209.0 MAX 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 187.0 179.0 198.0 189.0 210.0 200.0 220.0 210.0 242.0 231.0 mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
SMCG6058 SMCG6058A SMCG6059 SMCG6059A SMCG6060 SMCG6060A SMCG6061 SMCG6061A SMCG6062 SMCG6062A SMCG6063 SMCG6063A SMCG6064 SMCG6064A SMCG6065 SMCG6065A SMCG6066 SMCG6066A SMCG6067 SMCG6067A SMCG6068 SMCG6068A SMCG6069 SMCG6069A SMCG6070 SMCG6070A SMCG6071 SMCG6071A SMCG6072 SMCG6072A
SMCJ6058 SMCJ6058A SMCJ6059 SMCJ6059A SMCJ6060 SMCJ6060A SMCJ6061 SMCJ6061A SMCJ6062 SMCJ6062A SMCJ6063 SMCJ6063A SMCJ6064 SMCJ6064A SMCJ6065 SMCJ6065A SMCJ6066 SMCJ6066A SMCJ6067 SMCJ6067A SMCJ6068 SMCJ6068A SMCJ6069 SMCJ6069A SMCJ6070 SMCJ6070A SMCJ6071 SMCJ6071A SMCJ6072 SMCJ6072A
VOLTS 48.0 53.0 55.0 58.0 60.0 64.0 66.0 70.0 73.0 75.0 81.0 82.0 90.0 94.0 95.0 100.0 105.0 110.0 121.0 128.0 137.0 145.0 145.0 150.0 155.0 160.0 165.0 170.0 175.0 185.0
VOLTS
A
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 176.0 168.0 191.0 182.0 223.0 213.0 258.0 245.0 274.0 261.0 292.0 278.0 308.0 294.0 344.0 328.0
A 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.5 8.9 7.8 8.2 6.7 7.0 5.8 6.1 5.5 5.7 5.1 5.4 4.9 5.1 4.3 4.6
%/C .104 .104 .104 .104 .105 .105 .105 .105 .106 .106 .106 .106 .107 .107 .107 .107 .107 .107 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108
Microsemi Corp.'s SMC Series (1500W) surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large surface contact and low resistance path for surge current flow to ground. These high-speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. Note 1: A TAZ is normally selected according to the rated "Stand Off Voltage" VRM which should be equal to or greater than the DC or continuous peak operating voltage level.
MSC1364.PDF 01/06/00
SMCG/J6036 thru SMCG/J6072A TRANSIENT VOLTAGE SUPPRESSORS
IPP Peak Pulse Current - % IPP
100 Test Wave Form Parameters t r = 10 sec t p = 1000 sec
Peak Value IPP
Peak Pulse Power (P PP) or Current (I PP) In Percent of 25C Rating
tr
100% 75
50
Half Value IPP 2
50
10 X 1000 Wave Form as Defined by R.E.A
25 0 0 50 100
FIGURE 3
0 1 2 3
150
200
T - Temperature - C
t - Time - msec Figure 2 Pulse Waveform
Derating Curve
10000 5000 2000 1000 500
VR = 0
200 100 50 20 10 5.0 10 20 50 100 200
VR = Rated Stand-Off Voltage
VBR Breakdown Voltage - Volts
Figure 4 TYPICAL CAPACITANCE VS BREAKDOWN VOLTAGE
MSC1364.PDF 01/06/00


▲Up To Search▲   

 
Price & Availability of SMCJ6036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X