Part Number Hot Search : 
46V12 EM316OS 15N25 1N5265A 1N4450 UNR31A9 C4134 AD871
Product Description
Full Text Search
 

To Download SFH617A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.3 kV TRIOS Optocoupler High Reliability
FEATURES * Variety of Current Transfer Ratios at IF=10 mA - SFH610A/617A-1, 40-80% - SFH610A/617A-2, 63-125% - SFH610A/617A-3, 100-200% - SFH610A/617A-4, 160-320% * Low CTR Degradation * Good CTR Linearity Depending on Forward Current * Withstand Test Voltage, 5300 VRMS * High Collector-Emitter Voltage, VCEO=70 V * Low Saturation Voltage * Fast Switching Times * Field-Effect Stable by TRIOS (TRansparent IOn Shield) * Temperature Stable * Low Coupling Capacitance * End-Stackable, .100" (2.54 mm) Spacing * High Common-Mode Interference Immunity (Unconnected Base) * Underwriters Lab File #52744 * V VDE 0884 Available with Option 1
DE
SFH610A/617A
Dimensions in Inches (mm)
2 1 pin one ID
SFH610A
.255 (6.48) .268 (6.81)
Anode 1 Cathode 2
4 Emitter 3 Collector
3
4
.179 (4.55) .190 (4.83) .030 (.76) .045 (1.14) .031 (.79) typ. .050 (1.27) typ. .130 (3.30) .150 (3.81) 4 typ. .018 (.46) .022 (.56) 10 .020 (.508 ) .035 (.89) .050 (1.27) .100 (2.54) 3-9 .008 (.20) .012 (.30) .300 (7.62) typ.
.230 (5.84) .250 (6.35) .110 (2.79) .130 (3.30)
SFH617A Anode 1
4 Collector 3 Emitter
DESCRIPTION The SFH61XA features a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared emitting diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 package. The coupling devices are designed for signal transmission between two electrically separated circuits. The couplers are end-stackable with 2.54 mm spacing. Creepage and clearance distances of >8.0 mm are achieved with option 6. This version complies with IEC 950 (DIN VDE 0805) for reinforced insulation up to an operation voltage of 400 VRMS or DC.
Specifications subject to change.
Cathode 2
Maximum Ratings Emitter Reverse Voltage.........................................................................6.0 V DC Forward Current.................................................................60 mA Surge Forward Current (tP10 s) .............................................2.5 A Total Power Dissipation.........................................................100 mW Detector Collector-Emitter Voltage ............................................................70 V Emitter-Collector Voltage ...........................................................7.0 V Collector Current .....................................................................50 mA Collector Current (tP1.0 ms).................................................100 mA Total Power Dissipation.........................................................150 mW Package Isolation Test Voltage between Emitter and Detector, refer to Climate DIN 40046, part 2, Nov. 74 ................. 5300 VRMS Creepage............................................................................ 7.0 mm Clearance ........................................................................... 7.0 mm Insulation Thickness between Emitter and Detector .......... 0.4 mm Comparative Tracking Index per DIN IEC 112/VDE0 303, part 1 ....................................... 175 Isolation Resistance VIO=500 V, TA=25C......................................................... 1012 VIO=500 V, TA=100C....................................................... 1011 Storage Temperature Range ......................................-55 to +150C Ambient Temperature Range......................................-55 to +100C Junction Temperature .............................................................. 100C Soldering Temperature (max. 10 s. Dip Soldering Distance to Seating Plane 1.5 mm).................................... 260C
2001 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) 2-228 March 27, 2000-00
Characteristics (TA=25C)
Description Emitter (IR GaAs) Forward Voltage Reverse Current Capacitance Thermal Resistance Detector (Si Phototransistor) Capacitance Thermal Resistance Package Collector-Emitter Saturation Voltage Coupling Capacitance VCEsat CC 0.25 (0.4) 0.4 V pF IF=10 mA, IC=2.5 mA CCE RthJA 5.2 500 pF K/W VCE=5 V, f=1.0 MHz VF IR C0 RthJA 1.25 (1.65) 0.01 (10) 13 750 V
A
Symbol
Unit
Condition
IF=60 mA VR=6.0 V VR=0 V, f=1.0 MHz
pF K/W
Current Transfer Ratio (IC/IF at VCE=5.0 V) and Collector-Emitter Leakage Current by Dash Number
Description IC/IF (IF=10 mA) IC/IF (IF=1.0 mA) Collector-Emitter Leakage Current, ICEO VCE=10 V -1 40-80 30 (>13) 2.0 (50) -2 63-125 45 (>22) 2.0 (50) -3 100-200 70 (>34) 5.0 (100) -4 160-320 90 (>56) 5.0 (100) nA %
Figure 1. Switching Times (Typical) Linear Operation (without saturation)
RL=75 IC VCC=5 V
IF=10 mA, VCC=5.0 V, TA=25C Load Resistance Turn-on Time Rise Time Turn-off Time RL tON tR tOFF tF FCO 75 3.0 2.0 2.3 2.0 250 kHz s
IF
47
Fall Time Cut-off Frequency
Figure 2. Switching Operation (with saturation) Dash No. Parameter
IF 1.0 k VCC=5.0 V
Sym.
-1
IF=20 mA
-2 and -3
IF=10 mA
-4
IF=5.0 mA
Unit
Turn-on Time Rise Time
tON tR tOFF tF
3.0 2.0 18 11
4.2 3.0 23 14
6.0 4.6 25 15
s
47
Turn-off Time Fall Time
2001 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) 2-229
SFH610/17A March 27, 2000-00
Figure 3. Current Transfer Ratio (typ.) vs. Temperature IF=10 mA, VCC=5.0 V
Figure 6. Transistor capacitance (typ.) vs. collector-emitter voltage TA=25C, f=1.0 MHz
20 pF 15
Figure 9. Permissible Diode Forward Current vs. Ambient Temperature
C
10
5
CCE
0 10-2
10-1
10-0
101 V Ve
102
Figure 4. Output Characteristics (typ.) Collector Current vs. Collector-emitter Voltage TA=25C
Figure 7. Permissible Pulse Handling Capability. Forward Current vs. Pulse Width Pulse cycle D=parameter, TA=25C
Figure 5. Diode Forward Voltage (typ.) vs. Forward Current
Figure 8. Permissible Power Dissipation vs. Ambient Temperature
2001 Infineon Technologies Corp. * Optoelectronics Division * San Jose, CA www.infineon.com/opto * 1-888-Infineon (1-888-463-4636) 2-230
SFH610/17A March 27, 2000-00


▲Up To Search▲   

 
Price & Availability of SFH617A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X