Part Number Hot Search : 
STU40 B0412BG1 C226M OM7581SC PD09T2 UF5400G B3926 BG312307
Product Description
Full Text Search
 

To Download SB10100DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SB1020DC~SB10100DC
D2PAK SURFACT SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 100 Volts
FEATURES
0.409(10.4)
CURRENT - 10 Ampere
TO-263 / D PAK
2
Unit: inch ( mm )
0.189(4.8) 0.137(4.4) 0.055(1.4) 0.047(1.2)
0.418(10.6) 0.357(9.1) 0.335(8.5) 0.378(9.6)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MILS-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.
0.7 (1.8)
0.387(9.8)
4
+ 0.012(+ 0.3) - 0.012(- 0.3)
* High surge capacity.
0.236(6.0) 0.197(5.0) 0.035 (0.9 MAX)
0.026(0.7) 0.011(0.3)
0.055(1.4)
MECHANICAL DATA
Case: D2PAK/TO-263 molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Mounting Position: Any Weight: 0.06 ounces, 1.7grams.
0.039(1.0) 0.108(2.75) 0.092(2.35) 0.108(2.75)
1
2
3
0.092(2.35) AC 1
+
2 4
AC 3
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
SB1020DC SB1030DC SB1040DC SB1050DC SB1060DC SB1080DC SB10100DC
UNITS V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=100C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 5.0A per element Maximum DC Reverse Current at Tc=25C DC Blocking Voltage per element Tc=100C Typical Thermal Resistance Note RJA Operating and Storage Temperature Range
20 14 20
30 21 30
40 28 40
50 35 50 10.0
60 42 60
80 56 80
100 70 100
150 0.55 0.5 50 60 -50 to +125
0.75
0.85
V mA C/W C
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : 02/08/31
PAGE . 1
RATING AND CHARACTERISTIC CURVES
40
INSTANTANEOUS FORWARD CURRENT
20,30,40V
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50,60V
AVERAGE FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
80,100V
TJ = 25 C Pulse Width = 300ms 1% Duty Cycle
O
50
100
O
150
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
100
TC = 100OC 150
PEAK FORWARD SURGE CURRENT,
10
120 110 90 70 50 30 20 10 1 2 5 10
TC = 75 C
1.0
O
8.3ms Single Half Since-Wave JEDEC Method
TC = 25OC
0.1
0.01 0 100 200 300
PERCENT OF PEAK REVERSE VOLTAGE
20
50
100
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACITANCE, pF
350
TJ = 25 C
O
300 250 200 150 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
DATE : 02/08/31
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB10100DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X