Part Number Hot Search : 
13R475C MV8733 6712VZM 2N478 M511816 DTA123J TC74VCX SBYG10J
Product Description
Full Text Search
 

To Download SB10100DC-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB1020DC - SB10100DC
10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
! ! Schottky Barrier Chip C J Guard Ring Die Construction for A Transient Protection ! High Current Capability ! Low Power Loss, High Efficiency B ! High Surge Current Capability D E PIN 1 2 3 ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity G Protection Applications H K P P
D2 PAK/TO-263 Dim Min Max A 9.8 10.4 B 9.6 10.6 C 4.4 4.8 D 8.5 9.1 E -- 0.7 G 1.0 1.4 H -- 0.9 J 1.2 1.4 K 0.3 0.7 P 2.35 2.75 All Dimensions in mm
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 1.7 grams (approx.) Mounting Position: Any Marking: Type Number Standard Packaging: 24mm Tape (EIA-481)
PIN 1 PIN 3 -
+ Case PIN 2
Potive CT
PIN 1 + PIN 3 + Case PIN 2
Negative CT Suffix with "N"
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SB 1020DC SB 1030DC SB 1040DC SB 1050DC SB 1060DC SB SB Unit 1080DC 10100DC
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 10A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RJA Tj, TSTG
20 14
30 21
40 28
50 35 10 150
60 42
80 56
100 70
V V A A
0.55 0.5 50 600 60
0.75
0.85
V mA pF K/W C
Typical Junction Capacitance (Note 1) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
-50 to +150
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB1020DC - SB10100DC
1 of 3
(c) 2002 Won-Top Electronics
10
40
8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1020DC - 1040DC
20
6
1050DC - 1060DC 1080DC - 10100DC
4
10
2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
0.1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
150
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
120
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
90
1000
60
30
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB1020DC - SB10100DC
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SB1020DC-T3 SB1030DC-T3 SB1040DC-T3 SB1050DC-T3 SB1060DC-T3 SB1080DC-T3 SB10100DC-T3
!
Package Type
D PAK D PAK D PAK D PAK D PAK D PAK D PAK
2 2 2 2 2 2 2
Shipping Quantity
800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel
T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.33 (8.38)
0.12 (3.05) 0.08 (2.032)
0.42 (10.66) 0.04 (1.016)
0.24 (6.096)
0.63 (17.02)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB1020DC - SB10100DC
3 of 3
(c) 2002 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB10100DC-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X