Part Number Hot Search : 
XLR700 FMBN16BE KBU10 TA1414A 00006 HV518 ST37001 01V9A
Product Description
Full Text Search
 

To Download SAA7157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
SAA7157 Clock signal generator circuit for digital TV systems (SCGC)
Product specification File under Integrated Circuits, IC02 May 1992
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
FEATURES * Clock generation suitable for digital TV systems (line-locked) * PLL frequency multiplier to generate 4 times of input frequency
SAA7157
* Dividers to generate clocks LL1.5A, LL1.5B, LL3A and LL3B (4th and 2nd multiples of input frequency) * PLL mode or VCO mode selectable * Reset control and power fail detection * Suitable for applications with feature box and picture memory GENERAL DESCRIPTION The SAA7157 generates all clock signals required for a digital TV system suitable for the SAA715x family and the SAA7199B (DENC). The circuit operates in either the phase-locked loop mode (PLL) or voltage controlled oscillator mode (VCO). QUICK REFERENCE DATA SYMBOL VDDA VDDD IDDA IDDD VLFCO fi VI VO Tamb PARAMETER analog supply voltage (pin 5) digital supply voltage (pins 8, 17) analog supply current digital supply current LFCO input voltage (peak-to-peak value) input frequency range input voltage LOW input voltage HIGH output voltage LOW output voltage HIGH operating ambient temperature range MIN. TYP. MAX. UNIT 4.5 4.5 3 10 1 6.0 0 2.0 0 2.6 0 5.0 5.0 5.5 5.5 9 60 VDDA 7.25 0.8 VDDD 0.6 VDDD 70 V V mA mA V MHz V V V V C
ORDERING INFORMATION EXTENDED TYPE NUMBER SAA7157 SAA7157T Note 1. SOT146-1; 1996 December 17. 2. SOT163-1; 1996 December 17. PACKAGE PINS 20 20 PIN POSITION DIL mini-pack (SO20) MATERIAL plastic plastic CODE SOT146(1) SOT163A(2)
May 1992
2
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
handbook, full pagewidth
SAA7157
VDDA 5
VDDD1 VDDD2 8 17
MS
1
LOOP FILTER MS = LOW
VCO
7
LL1.5A (LL27A) LL1.5B (LL27B) LL3A
SAA7157
FREQUENCY DIVIDER 1:2
FREQUENCY DIVIDER 1:2
10
14
PHASE DETECTOR
20
LL3B
DELAY PRE-FILTER AND PULSE SHAPER
15
CREF
LFCO
11
POWER-ON RESET
12
RESN
LFCO2 CE
19 2 16 LFCOSEL 3 PORD 4 VSSA 6, 9, 13, 18 VSSD
MEH452
Fig.1 Block diagram.
FUNCTIONAL DESCRIPTION The SAA7157 generates all clock signals required for a digital TV system suitable for the SAA715x family consisting of an 8-bit analog-to-digital converter (ADC8), digital video multistandard decoder (DMSD2) and video enhancement and D/A processor circuit (VEDA). Optional extras (feature box, video memory etc.) can be driven via external buffers, advantageous for a digital TV system based on display standard conversion concepts. The 6.75 MHz input signal LFCO (triangular waveform) coming from the DMSD or LFCO2 is multiplied to 27 MHz by the PLL (including phase detector, loop filter, VCO and frequency divider) and output on LL1.5A (pin 7) and LL1.5B (pin 10). The 13.5 MHz frequencies are generated by dividers using ratio of 1:2 and are output on LL3A (pin 14) and LL3B (pin 20). The rectangular output signals have 50% duty factor. Outputs with equal frequency may be connected together externally. The clock outputs go HIGH during power-on reset (and chip enable) to ensure that no output clock signals are available before the PLL has locked-on.
Mode select MS The LFCO input signal is directly connected to the VCO at MS = HIGH. The circuit operates as an oscillator and frequency divider. This function is not tested. Source select LFCOSEL Line frequency control signal (LFCO) is selected by LFCOSEL input. LFCOSEL = LOW: signal from LFCO (pin 11) is selected. LFCOSEL = HIGH: signal from LFCO2 (pin 19) is selected. This function is not tested. Chip enable CE The buffer outputs are enabled and RESN is set to HIGH by CE = HIGH (Fig.4). CE = LOW sets the clock outputs HIGH and RESN output LOW.
May 1992
3
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
CREF output
SAA7157
TV2 digital clock reference output signal. Clock qualifier signal to TV system with 2 times of LFCO or LFCO2 frequency. Power-on reset Power-on reset is activated at power-on, when the supply voltage decreases below 3.5 V (Fig.4) or when chip enable is done. The indicator output RESN is LOW for a time determined by capacitor on pin 3. The RESN signal can be applied to reset other circuits of this digital TV system. The LFCO or LFCO2 input signals have to be applied before RESN becomes HIGH. PINNING SYMBOL MS CE PORD VSSA VDDA VSSD1 LL1.5A VDDD1 VSSD2 LL1.5B LFCO RESN VSSD3 LL3A CREF LFCOSEL VDDD2 VSSD4 LFCO2 LL3B Note 1. MS and LFCO2 functions are not tested. LFCO2 is a multiple of horizontal frequency. PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 DESCRIPTION mode select input (LOW = PLL mode) chip enable /reset (HIGH = outputs enabled) power-on reset delay, dependent on external capacitor analog ground (0 V) analog supply voltage (+5 V) digital ground 1 (0 V) line-locked clock output signal 1.5A (4 times fLFCO) digital supply voltage 1 (+5 V) digital ground 2 (0 V) line-locked clock output signal 1.5B (4 times fLFCO) line-locked frequency control input signal 1 reset output (active-LOW, Fig.4) digital ground 3 (0 V) line-locked clock output signal 3A (2 times fLFCO) clock reference output, qualifier signal (2 times fLFCO) LFCO source select (LOW = LFCO selected) (1) digital supply voltage 2 (+5 V) digital ground 4 (0 V) line-locked frequency control input signal 2(1) line-locked clock output signal 3B (2 times fLFCO)
May 1992
4
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
PIN CONFIGURATION
SAA7157
Fig.2 Pin configuration.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); ground pins as well as supply pins together connected. SYMBOL VDDA VDDD Vdiff GND VO Ptot Tstg Tamb VESD Notes 1. Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is recommended to take normal handling precautions appropriate to "Handling MOS devices". analog supply voltage (pin 5) digital supply voltage (pins 8 and 17) difference voltage VDDA - VDDD output voltage (IOM = 20 mA) total power dissipation (DIL20) storage temperature range operating ambient temperature range electrostatic handling(1) for all pins PARAMETER MIN. -0.5 -0.5 -0.5 0 -65 0 MAX. 7.0 7.0 100 VDDD 1.1 150 70 tbf UNIT V V mV V W C C V
May 1992
5
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
SAA7157
CHARACTERISTICS VDDA = 4.5 to 5.5 V; VDDD = 4.5 to 5.5 V; fLFCO = 6.0 to 7.25 MHz and Tamb = 0 to 70 C unless otherwise specified. SYMBOL VDDA VDDD IDDA IDDD Vreset V11 Vi fLFCO C11 VIL VIH fLFCO2 ILI CI VOL VOH td VOL VOH fCREF CL tSU tHD PARAMETER analog supply voltage (pin 5) digital supply voltage (pins 8 and 17) analog supply current (pin 5) digital supply current (I8 + I17) power-on reset threshold voltage note 1 Fig.4 CONDITIONS MIN. 4.5 4.5 3 10 - TYP. 5.0 5.0 - - 3.5 - - - - - - - - - - - - - - - 2 fLFCO(2) - - - 40 - - MAX. 5.5 5.5 9 60 - V V mA mA V UNIT
Input LFCO (pin 11) DC input voltage input signal (peak-to-peak value) input frequency range input capacitance 0 1 6.0 - VDDA VDDA 7.25 10 V V MHz pF
Inputs MS, CE, LFCOSEL and LFCO2 (pins 1, 2, 16 and 19); note 3 input voltage LOW input voltage HIGH input frequency range for LFCO2 input leakage current input capacitance LFCOSEL others Output RESN (pin 12) output voltage LOW output voltage HIGH RESN delay time IO L = 2 mA IOH = -0.5 mA C3 = 0.1 F; Fig.4 IO L = 2 mA IOH = -0.5 mA Fig.3 Fig.3; note 1 Fig.3; note 1 0 2.4 20 0.4 VDDD 200 V V ms 0 2.0 6.0 50 - - 0.8 VDDD 7.25 150 10 5 V V MHz A A pF
Output CREF (pin 15) output voltage LOW output voltage HIGH output frequency CREF output load capacitance set-up time hold time 0 2.4 - 15 12 4 0.6 VDDD V V MHz pF ns ns
May 1992
6
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
SYMBOL PARAMETER CONDITIONS MIN. TYP.
SAA7157
MAX.
UNIT
Output signals LL1.5A, LL1.5B, LL3A and LL3B (pins 7, 10, 14, and 20); note 3 VOL VOH tcomp fLL output voltage LOW output voltage HIGH composite rise time output frequency LL1.5A output frequency LL1.5B output frequency LL3A output frequency LL3B tr, tf tLL Notes 1. fLFCO = 7.0 MHz and output load 40 pF (Fig.3). VSSA and VSSD short connected together. 2. tcomp is the rise time from LOW of all clocks to HIGH of all clocks (Fig.3) including rise time, skew and jitter components. Measurements taken between 0.6 V and 2.6 V. Skew between two LLx clocks will not deviate more than 2 ns if output loads are matched within 20%. 3. MS and LFCO2 functions not tested. rise and fall times duty factor LL1.5A, LL1.5B, LL3A and LL3B (mean values) note 1; Fig.3 note 1; Fig.3; at 1.5 V level IO L = 2 mA IOH = -0.5 mA Fig.3 0 2.6 43 4 fLFCO(2) 4 fLFCO(2) 2 fLFCO(2) 2 fLFCO(2) 50 5 57 0.6 VDDD 8 V V ns MHz MHz MHz MHz ns %
Fig.3; notes 1 and 2 -
handbook, full pagewidth
2.4 V 0.6 V tHD tLL1.5 tLL1.5H tLL1.5L 2.6 V tSU tHD
CREF
LL1.5A LL1.5B tf tLL3 tLL3H LL3A LL3B tLL3L tr
1.5 V 0.6 V
2.6 V 1.5 V 0.6 V tcomp tf tr
MEH456
Fig.3 Output timing.
May 1992
7
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
SAA7157
handbook, full pagewidth
VDDA VDDD oscillation disturbed
+3.5 V 0V
power-on
LFCO
oscillation
td
td
RESN
normal operation LL1.5A LL1.5B LL3A LL3B PLL lock-on clock HIGH during internal reset reset time
normal operation
MEH457
power failure starts a new reset procedure
Fig.4 Reset procedure.
handbook, full pagewidth
VDDD 1 2 16 19
VDDD
MS CE LFCOSEL LFCO2
7 10 14 15 LL1.5A 20 LL1.5B LL3A LL3B CREF
VSSD
VSSD VDDD
11 LFCO
12 RESN
VSSD
MEH468
Fig.5 Internal circuit.
May 1992
8
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
PACKAGE OUTLINE DIP20: plastic dual in-line package; 20 leads (300 mil)
SAA7157
SOT146-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 20 11 MH wM (e 1)
pin 1 index E
1
10
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.10
e1 7.62 0.30
L 3.60 3.05 0.14 0.12
ME 8.25 7.80 0.32 0.31
MH 10.0 8.3 0.39 0.33
w 0.254 0.01
Z (1) max. 2.0 0.078
26.92 26.54 1.060 1.045
6.40 6.22 0.25 0.24
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC EIAJ SC603 EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-05-24
May 1992
9
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SAA7157
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.10 A1 0.30 0.10 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 Z
(1)
0.9 0.4
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.050 0.055 0.394 0.016
0.035 0.004 0.016
8o 0o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-24 97-05-22
May 1992
10
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO REFLOW SOLDERING Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating REPAIRING SOLDERED JOINTS
SAA7157
method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
May 1992
11
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV systems (SCGC)
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
SAA7157
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
May 1992
12


▲Up To Search▲   

 
Price & Availability of SAA7157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X