Part Number Hot Search : 
BH7634AS H332M MKP1841 ICOND 065HN SD200N C3398 28000
Product Description
Full Text Search
 

To Download RN2306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN2301~RN2306
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2301,RN2302,RN2303 RN2304,RN2305,RN2306
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
l With built-in bias resistors l Simplify circuit design l Reduce a quantity of parts and manufacturing process l Complementary to RN1301~1306 Unit: mm
Equivalent Circuit
Bias Resistor Values
Type No. RN2301 RN2302 RN2303 RN2304 RN2305 RN2306 R1 (k) 4.7 10 22 47 2.2 4.7 R2 (k) 4.7 10 22 47 47 47
Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature range RN2301~2306 RN2301~2306 RN2301~2304 RN2305, 2306 Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -50 -50 -10 -5 -100 100 150 -55~150
JEDEC EIAJ TOSHIBA Weight: 0.006g
SC-70 2-2E1A
Unit V V V mA mW C C
1
2001-06-07
RN2301~RN2306
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current RN2301~2306 RN2301 RN2302 Emitter cut-off current RN2303 RN2304 RN2305 RN2306 RN2301 RN2302 DC current gain RN2303 RN2304 RN2305 RN2306 Collector-emitter saturation voltage RN2301~2306 RN2301 RN2302 Input voltage (ON) RN2303 RN2304 RN2305 RN2306 Input voltage (OFF) Translation frequency Collector output capacitance RN2301~2304 RN2305, 2306 RN2301~2306 RN2301~2306 RN2301 RN2302 Input resistor RN2303 RN2304 RN2305 RN2306 RN2301~2304 Resistor ratio RN2305 RN2306 R1/R2 R1 VI (OFF) fT Cob VI (ON) VCE (sat) hFE IEBO Symbol ICBO ICEO Test Circuit VCE = -5V, IC = -0.1mA VCE = -10V, IC = -5mA VCB = -10V, IE = 0 f = 1MHz VCE = -0.2V IC = -5mA IC = -5mA IB = -0.25mA VCE = -5V IC = -10mA VEB = -5V, IC = 0 VEB = -10V, IC = 0 Test Condition VCB = -50V, IE = 0 VCE = -50V, IB = 0 Min -0.82 -0.38 -0.17 -0.082 -0.078 -0.074 30 50 70 80 80 80 -1.1 -1.2 -1.3 -1.5 -0.6 -0.7 -1.0 -0.5 3.29 7 15.4 32.9 1.54 3.29 0.9 Typ. -0.1 200 3 4.7 10 22 47 2.2 4.7 1.0 Max -100 -500 -1.52 -0.71 -0.33 -0.15 -0.145 -0.138 -0.3 -2.0 -2.4 -3.0 -5.0 -1.1 -1.3 -1.5 -0.8 6 6.11 13 28.6 61.1 2.86 6.11 1.1 k V MHz pF V V mA Unit nA
0.0421 0.0468 0.0515 0.09 0.1 0.11
2
2001-06-07
RN2301~RN2306
3
2001-06-07
RN2301~RN2306
4
2001-06-07
RN2301~RN2306
5
2001-06-07
RN2301~RN2306
Type Name Marking
RN2301
RN2302
RN2303
RN2304
RN2305
RN2306
6
2001-06-07
RN2301~RN2306
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2001-06-07


▲Up To Search▲   

 
Price & Availability of RN2306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X