Part Number Hot Search : 
2N6226 M3L14FCN 0KGKT 812SH2 812SH2 UDZS22B 12L05 TC174
Product Description
Full Text Search
 

To Download RGF1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGF1A thru RGF1M
Vishay Semiconductors
formerly General Semiconductor
Surface Mount Glass Passivated Junction Fast Switching Rectifier Reverse Voltage DO-214BA (GF1)
(R)
0.066 (1.68) 0.040 (1.02)
ted* aten P
50 to 1000V Forward Current 1.0A
Mounting Pad Layout
0.094 MAX. (2.38 MAX.)
0.066 MIN. (1.68 MIN.)
0.187 (4.75) 0.167 (4.24) 0.015 (0.38) 0.0065 (0.17)
Dimensions in inches and (millimeters) Glass-plastic encapsulation technique is covered by Patent No. 3,996,602, brazed-lead assembly by Patent No. 3,930,306 and lead forming by Patent No. 5,151,846
0.052 MIN. (1.32 MIN.) 0.220 (5.58) REF
0.118 (3.00) 0.100 (2.54)
0.108 (2.74) 0.098 (2.49)
Features
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideal for surface mount automotive applications * High temperature metallurgically bonded construction * Cavity-free glass passivated junction * Capable of meeting environmental standards of MIL-S-19500 * Built-in strain relief * Easy pick and place * Fast switching for high efficiency * High temperature soldering guaranteed: 450C/5 seconds at terminals. * Complete device submersible temperature of 265C for 10 seconds in solder bath
0.060 (1.52) 0.030 (0.76)
0.006 (0.152) TYP. 0.226 (5.74) 0.196 (4.98)
0.114 (2.90) 0.094 (2.39)
Mechanical Data
Case: JEDEC DO-214BA, molded plastic over glass body Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.0048 oz, 0.12 g Packaging codes/options: 19/6.5K per 13" Reel (12mm Tape) 17/1.5K per 7" Reel (12mm Tape)
Maximum Ratings & Thermal Characteristics Ratings at 25C ambient temperature unless otherwise specified.
Parameter Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TL = 120C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Typical thermal resistance
(1)
Symbol RGF1A RGF1B RGF1D RGF1G RGF1J RGF1K RGF1M RA VRRM VRMS VDC IF(AV) IFSM 50 35 50 RB 100 70 100 RD 200 140 200 RG 400 280 400 1.0 30 50 80 28 -65 to +175 RJ 600 420 600 RK 800 560 800 RM 1000 700 1000
Unit V V V A A A C/W C
Max. full load reverse current, full cycle average TA = 55C IR(AV) RJA RJL TJ,TSTG
Operating junction and storage temperature range
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time at IF = 0.5A, IR = 1.0A, Irr = 0.25 A Typical junction capacitance at 4.0V, 1MHz TA = 25C TA = 125C Symbol RGF1A RGF1B RGF1D RGF1G RGF1J RGF1K RGF1M VF IR trr CJ 150 8.5 1.30 5.0 100 250 500 Unit V A ns pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
Document Number 88697 08-Feb-02
www.vishay.com 1
RGF1A thru RGF1M
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
30
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
25 20 15 10 5 0 TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Rectified Current (A)
1
P.C.B. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) Copper Pad Areas
0.5
60 HZ Resistive or Inductive Load 0 100 110 120 130 140 150 160 175
1
10
100
Lead Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics
10 10
Fig. 4 - Typical Reverse Characteristics
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
TJ = 125C 1 TJ = 100C
1 TJ = 25C Pulse Width = 300s 1% Duty Cycle 0.1
0.1 TJ = 25C
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance
100 100
Fig. 6 - Typical Transient Thermal Impedance
Transient Thermal Impedance (CW)
Mounted on 0.2 x 0.2" (5. x 7mm) Copper Pad Areas 10
Junction Capacitance (pF)
TJ = 25C f = 1.0MHZ Vsig = 50mVp-p
10
1
1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t, Pulse Duration (sec.)
www.vishay.com 2
Document Number 88697 08-Feb-02


▲Up To Search▲   

 
Price & Availability of RGF1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X