Part Number Hot Search : 
6MBP150R FPN430 FM5100 ASI10 LS130A TA100PA D431K FAN6753
Product Description
Full Text Search
 

To Download PTF10149 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTF 10149 70 Watts, 921-960 MHz GOLDMOS Field Effect Transistor
Description
The PTF 10149 is an internally matched 70-watt GOLDMOS FET intended for cellular and GSM amplifier applications from 921 to 960 MHz. It operates with 50% efficiency and 16 dB typical gain. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability. * * INTERNALLY MATCHED Performance at 960 MHz, 26 Volts - Output Power = 70 Watts - Power Gain = 16.0 dB Typ - Efficiency = 50% Typ Full Gold Metallization Silicon Nitride Passivated Excellent Thermal Stability 100% Lot Traceability
* * * *
Typical Output Power & Efficiency vs. Input Power
100 Efficiency 60 50 Efficiency (%) x 40
Output Power (Watts)
80 60 40 20 0 0 1 2 3
e
A-12
1014 3456 9 99
35
VDD = 26 V IDQ = 750 mA f = 960 MHz
Output Pow er
30 20 10
Package 20252
Input Power (Watts)
RF Specifications (100% tested)
Characteristic
Gain (VDD = 26 V, POUT = 70 W, IDQ = 750 mA, f = 960 MHz) Power Output at 1 dB Compression (VDD = 26 V, IDQ = 750 mA, f = 960 MHz) Drain Efficiency (VDD = 26 V, POUT = 70 W, IDQ = 750 mA, f = 960 MHz) Load Mismatch Tolerance (VDD = 26 V, POUT = 70 W, IDQ = 750 mA, f = 921 MHz --all phase angles at frequency of test) All published data at TCASE = 25C unless otherwise indicated.
Symbol
Gpe P-1dB h Y
Min
15.0 70 47 --
Typ
16.0 75 50 --
Max
-- -- -- 5:1
Units
dB Watts % --
e
1
PTF 10149
Electrical Characteristics
Characteristic
(100% Tested)
e
Conditions Symbol
V(BR)DSS IDSS VGS(th) gfs
Min
65 -- 3.0 --
Typ
-- -- -- 3.0
Max
-- 1.0 5.0 --
Units
Volts mA Volts Siemens
Drain-Source Breakdown Voltage VGS = 0 V, ID = 25 mA Drain-Source Leakage Current Gate Threshold Voltage Forward Transconductance VDS = 26 V, VGS = 0 V VDS = 10 V, ID = 75 mA VDS = 10 V, ID = 3 A
Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Operating Junction Temperature Total Device Dissipation Above 25C derate by Storage Temperature Range Thermal Resistance (TCASE = 70C) TSTG RqJC
Symbol
VDSS VGS TJ PD
Value
65 20 200 197 1.12 -40 to +150 0.89
Unit
Vdc Vdc C Watts W/C C C/W
Typical Performance
Typical POUT, Gain & Efficiency (at P-1dB) vs. Frequency
Output Power & Efficiency 17 Gain (dB) Gain (dB) x 15 13 11 9 920 100 80 Output Pow er (W) 60 Efficiency (%) 930 940 950 40 960 120
20
Broadband Test Fixture Performance
Efficiency (%)
60 50
16
Gain (dB)
Gain 12
VDD = 26 V IDQ = 750 mA POUT = 70 W
40 -30 5 20 -15
VDD = 26 V IDQ = 750 mA
8 Return Loss 4 920 10 -25 0 -35 960
Frequency (MHz)
930
940
950
Frequency (MHz)
2
Return Loss (dB) x
Efficiency
e
Power Gain vs. Output Power
18 IDQ = 750
80
PTF 10149
Output Power vs. Supply Voltage
Output Power (Watts)
Power Gain (dB)
17
70
16 IDQ = 375 15 IDQ = 187 14 1 10 100
60
VDD = 26 V f = 960 MHz
50
IDQ = 750 mA f = 960 MHz
22 24 26 28 30
40
Output Power (Watts)
Supply Voltage (Volts)
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
-10 -20
Capacitance vs. Supply Voltage *
200 180 160 140 120 100 80 60 40 20 0 0 40
Cgs
VGS = 0 V f = 1 MHz
35 30 25 20 15 10
IM3 (dBc)
-30 -40 -50 -60 0 10 20 30 40 50 60
IM 3
Cds
IM 5 IM 7
Crss 5
0 10 20 30 40
70
80
Output Power (Watts-PEP)
Supply Voltage (Volts)
* This part is internally matched. Measurements of the finished product will not yield these figures.
Bias Voltage vs. Temperature
1.03 1.02 Bias Voltage (V) 1.01 1.00 0.99 0.98 0.97 0.96 0.95 -20 30 Temp. (C) 80 130
0.40 1.53 2.67 3.80 4.93 6.07
Voltage normalized to 1.0 V Series show current (A)
3
Crss (pF) x
VDD = 26 V, IDQ = 750 mA f1 = 942 MHz, f2 = 942.1 MHz
Cds & Cgs (pF) x
PTF 10149
Impedance Data
(VDD = 26 V, POUT = 70 W, IDQ = 700 mA)
D
e
Z0 = 10 W
Z Source Z Load
G S
Frequency
MHz 920 930 940 950 960 R
Z Source W
jX -0.64 -0.60 -0.55 -0.34 -0.21 R 1.45 1.44 1.43 1.42 1.40
Z Load W
jX 1.08 1.06 1.05 1.03 1.02 1.40 1.43 1.45 1.50 1.55
Test Circuit
Test Circuit Schematic for f = 960 MHz DUT PTF 10149 l1 0.0633 l 960 GHz l2 0.1142 l 960 GHz l3 0.0821 l 960 GHz l4 0.1294 l 960 GHz l5 0.0468 l 960 GHz l6 0.0481 l 960 GHz l7 0.0441 l 960 GHz l8 0.2500 l 960 GHz l9 0.1398 l 960 GHz l10 0.0821 l 960 GHz l11 0.0226 l 960 GHz l12 0.0109 l 960 GHz l13 0.0504 l 960 GHz l14 0.034 l 960 GHz LDMOS Field Effect Transistor Microstrip 50 W Microstrip 50 W Microstrip 50 W Microstrip 9.18 W Microstrip 9.18 W Microstrip 6.79 W Microstrip 6.79 W Microstrip 59 W Microstrip 6.79 W Microstrip 50 W Microstrip 9.69 W Microstrip 9.69 W Microstrip 50 W Microstrip 50 W 4 C1, C3, C8, C12 33 pF Capacitor ATC 100 B C2 1.3 pF, 50 V Capacitor, ATC 100 B C4 Not Used C5, C6, C7 7.5 pF Capacitor, ATC 100 B C9 100 mF, 50 V Capacitor, Digi-Key P5182-ND C10 0.1 uF, 50 V Capacitor, Digi-Key P4525-ND C11 0.3 pF Capacitor ATC 100 B R1, R2 1K Resistor, Digi-Key 1KQBK L1, L2 4 Turn, 20 AWG, .120" I.D. Circuit Board .031" thick, er = 4.0, G200, AlliedSignal, 2 oz. copper
e
PTF 10149
A-1234569935
10149
Assembly Diagram
Artwork (not to scale)
5
PTF 10149
Case Outline Specifications Package 20252
e
Ericsson Inc. Microelectronics Morgan Hill, CA 95037 USA
1-877-GOLDMOS (465-3667) United States (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1999, 2000 Ericsson Inc. EUS/KR 1522-PTF 10149 Uen Rev. B 12-19-00
6


▲Up To Search▲   

 
Price & Availability of PTF10149

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X