Part Number Hot Search : 
AT45DB04 TF206G ICL8007C 2N3906G 2SC2500 C85FCCAB IN5229B W04P15
Product Description
Full Text Search
 

To Download PTF10135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTF 10135 5 Watts, 2.0 GHz GOLDMOSTM Field Effect Transistor
Description
The PTF 10135 is a common source N-channel enhancement-mode lateral MOSFET intended for large signal applications from 1.0 to 2.0 GHz. It is rated at 5 watts minimum output power. Nitride surface passivation and gold metallization ensure excellent device lifetime and reliability. 100% lot traceability is standard.

Guaranteed Performance at 1.99 GHz, 26 V - Output Power = 5 Watts Min - Power Gain = 11 dB Min Gold Metallization Silicon Nitride Passivated Back Side Common Source Excellent Thermal Stability
Typical Output Power vs. Input Power
8 7
Output Power (Watts)
6 5 4 3 2 1 0 0 0.1 0.2 0.3 0.4 0.5
A-1 234 569 953
101
35
VDD = 26 V IDQ = 70 mA f = 2000 MHz
Input Power (Watts)
Package 20249
Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Operating Junction Temperature Total Device Dissipation at Tflange = 25C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70C) TSTG RqJC
Symbol
VDSS VGS TJ PD
Value
65 20 200 39 0.22 -40 to +150 4.5
Unit
Vdc Vdc C Watts W/C C C/W
e
1
PTF 10135
Electrical Characteristics (100% Tested)
Characteristic
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Threshold Voltage Forward Transconductance
e
Conditions
VGS = 0 V, ID = 5 mA VDS = 26 V, VGS = 0 V VDS = 10 V, ID = 75 mA VDS = 10 V, ID = 2 A
Symbol
V(BR)DSS IDSS VGS(th) gfs
Min
65 -- 3.0 --
Typ
-- -- -- 0.8
Max
-- 1.0 5.0 --
Units
Volts mA Volts Siemens
RF Specifications (100% Tested)
Characteristic
Gain (VDD = 26 V, POUT = 1 W, IDQ = 70 mA, f = 1.93, 1.99 GHz) Power Output at 1 dB Compression (VDD = 26 V, IDQ = 70 mA, f = 1.99 GHz) Drain Efficiency (VDD = 26 V, POUT = 5 W, IDQ = 70 mA, f = 1.99 GHz) Load Mismatch Tolerance (VDD = 26 V, POUT = 5 W, IDQ = 70 mA, f = 1.99 GHz --all phase angles at frequency of test)
Symbol
Gps P-1dB hD Y
Min
11 5 40 --
Typ
-- -- -- --
Max
-- -- -- 10:1
Units
dB Watts % --
Typical Performance
Typical POUT, Gain & Efficiency (at P-1dB) vs. Frequency
Output Power & Efficiency
16 15 14 Gain (dB) Efficiency (%) 60 50 40
Broadband Test Fixture Performance
Efficiency Return Loss
16 14 Gain (dB) Efficiency (%) 10 8 6 4 1930 60 50 40
Gain (dB)
12
Gain
13 12 11 10 1700
VDD = 26 V IDQ = 70 mA
Output Pow er (W)
30 20 10
VDD = 26 V IDQ = 70 mA POUT = 4 W
30 20 Return Loss (dB) 10 0 1990
1800
1900
2000
0 2100
1940
1950
1960
1970
1980
Frequency (MHz)
Frequency (MHz)
2
e
Output Power vs. Supply Voltage
8
PTF 10135
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
-10 -20
Output Power (Watts)
7
VDD = 26 V, IDQ = 70 mA f1 = 1999.9 MHz, f2 = 2000.0 MHz
3rd Order
6
IMD (dBc)
-30 -40 -50 7th -60 -70 5th
5
IDQ = 70 mA f = 2000 MHz
4 22 24 26 28 30 32 34
0
1
2
3
4
5
6
Supply Voltage (Volts)
Output Power (Watts-PEP)
Gain vs. Gate Voltage
20
Capacitance vs. Supply Voltage
18 1.2
PIN = 0.05 W
12 8 f = 1.9 4 f = 2.0 GHz 0 2 3 4 5 6
Cds and Cgs (pF)
Power Gain (dB)
16
VDD = 26 V
15 12 9 6 3 0 0 10 20
0.6
Cds
0.4 0.2
Crss
30 40
0.0
Gate-Source Voltage (Volts)
Supply Voltage (Volts)
Bias Voltage vs. Temperature
1.03 1.02 Bias Voltage (V) 1.01 1 0.99 0.98 0.97 0.96 -20 30 Temp. (C) 80 130
0.05 0.145 0.24 0.335 0.43 0.525
Voltage normalized to 1.0 V Series show current (A)
3
Crss (pF)
Cgs
VGS = 0 V f = 1 MHz
1.0 0.8
PTF 10135
Impedance Data
VDD = 26 V, POUT = 5 W, IDQ = 70 mA
--->
E RA
e
Z0 = 50 W
Z Source Z Load
TO R
0 .2
D
TOW AR D
GEN
- WAVELE NGT HS
G S
0.0
0.1
0.2
0.3
0.4
Frequency
GHz 1.7 1.8 1.9 2.0 2.1 R
Z Source W
jX -2.9 -4.6 -5.0 -5.3 -6.0 R 8.0 7.0 6.0 5.8 5.7 5.3 3.3 2.8 2.6 2.1
Z Load W
jX 3.0 2.5 1.2 0.6
TOW ARD LOAD NG THS
2.1 GHz
1.7 GHz
0.1
2.1 GHz
< -- -
LE WA VE
Z Source
0.2
0 .3
Typical Scattering Parameters
(VDS = 26 V, IDQ = 300 mA)
f (MHz)
100 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
S11 Mag
0.874 0.889 0.892 0.897 0.903 0.860 0.873 0.873 0.891 0.890 0.904 0.896 0.932 0.932 0.950 0.955 0.959 0.945 0.946 0.949 0.953 0.946
S21 Ang
-58 -115.5 -128.2 -138.1 -148.6 -154.5 -159.3 -162.8 -166.9 -169.6 -173.1 -174.7 -177.4 179.2 175.8 171.8 167.4 164.0 160.4 159.3 156.3 155.4
S12 Ang
137 89.0 76.6 66.5 54.4 46.3 39.6 33.4 27.5 22.7 17.1 13.5 8.3 3.6 -1.6 -6.4 -12.0 -16.2 -21.3 -24.5 -29.2 -31.0 4
5 0 .0
-0.6
S22 Ang
46 9.1 1.1 -5.3 -11.1 -14.7 2.4 10.7 42.5 70.3 82.9 87.4 87.3 88.4 87.5 84.4 81.5 78.8 76.6 72.6 69.4 68.6
Mag
24.1 12.707 10.388 8.626 7.283 5.853 4.977 4.262 3.736 3.264 2.911 2.583 2.395 2.155 1.988 1.808 1.656 1.487 1.354 1.250 1.152 1.050
Mag
0.009 0.016 0.015 0.013 0.011 0.008 0.006 0.005 0.004 0.005 0.007 0.010 0.013 0.015 0.018 0.021 0.023 0.026 0.027 0.030 0.032 0.034
Mag
0.770 0.759 0.768 0.798 0.833 0.825 0.837 0.853 0.861 0.863 0.875 0.866 0.896 0.905 0.930 0.944 0.972 0.955 0.963 0.948 0.961 0.931
Ang
-35 -73.3 -83.2 -92.6 -103.7 -112.5 -119.4 -126.7 -132.7 -137.9 -143.1 -146.7 -150.4 -155.0 -158.7 -162.9 -167.9 -172.4 -176.8 -180.0 175.9 173.8
05
0.1
Z Load
1.7 GHz
e
Test Circuit
PTF 10135
Block Diagram for f = 1.96 GHz Q1
PTF 10135 0.149 l 1.96 GHz 0.081 l 1.96 GHz 0.073 l 1.96 GHz 0.06 l 1.96 GHz 33 pF 0.7 pF LDMOS RF FET Microstrip 50 W Microstrip 10.4 W Microstrip 15.9 W Microstrip 12.1 W Microstrip 15.9 W Chip Cap Chip Cap C4 C6 C7, C10 C11 L1, L2 R1, R2 R3 R4 Circuit Board 0.3-3.5 pF Variable Capacitor 0.3 pF Chip Cap 0.1 mF Chip Cap 10 mF SMT Tantalum 4 Turn #20 AWG, .120" I.D. 220 W Chip Resistor K1206 2K SMT Potentiometer 10 W Chip Resistor K1206 .028" Dielectric Thickness, er = 4.0, AlliedSignal, G200, 2 oz. copper
l1, l2, l7 l3 l4 l5 l6
C1, C3, C8, C9 C2, C5
Parts Layout (not to scale)
5
PTF 10135
e
Artwork (1 inch
)
Ericsson Microelectronics RF Power Products Morgan Hill, CA 95037 USA
1-877-GOLDMOS (465-3667) United States +46 8 757 4700 International e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1998 Ericsson Inc. EUS/KR 1301-PTF 10135 Uen Rev. A 11-24-98
6


▲Up To Search▲   

 
Price & Availability of PTF10135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X