Part Number Hot Search : 
MB89930A BO12864B XSMCGL TPS806 M15FD LSJ201 VMU1357 AX6746KA
Product Description
Full Text Search
 

To Download PTF10133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTF 10133 85 Watts, 860-960 MHz GOLDMOSTM Field Effect Transistor
Description
The PTF 10133 is an internally matched 85 watt LDMOS FET intended for cellular, GSM and D-AMPS applications. This device operates at 50% efficiency with 13.5 dB of gain. Full gold metallization ensures excellent device lifetime and reliability. * *
* * * *
INTERNALLY MATCHED Performance at 894 MHz, 28 Volts - Output Power = 85 Watts - Power Gain = 13.5 dB Typ - Efficiency = 50% Typ Full Gold Metallization Silicon Nitride Passivated Excellent Thermal Stability 100% Lot Traceability
Typical Output Power vs. Input Power
120 Efficiency 60 50 40
Output Power (Watts)
100 80 60 40 20 Output Pow er 0 0 1 2 3 4 5 6
Efficiency (%)
VDD = 28.0 V IDQ = 1.0 A f = 894 MHz
30 20 10 0
A-12 3456 9947
1013 3
Input Power (Watts)
Package 20248
RF Specifications (100% Tested)
Characteristic
Gain (VDD = 28 V, POUT = 85 W, IDQ = 1.0 A, f = 894 MHz) Power Output at 1 dB Compression (VDD = 28 V, IDQ = 1.0 A, f = 894 MHz) Drain Efficiency (VDD = 28 V, POUT = 85 W, IDQ = 1.0 A, f = 894 MHz) Load Mismatch Tolerance (VDD = 28 V, POUT = 85 W, IDQ = 1.0 A, f = 894 MHz --all phase angles at frequency of test) All published data at TCASE = 25C unless otherwise indicated.
Symbol
Gps P-1dB h Y
Min
12.5 85 45 --
Typ
13.5 90 50 --
Max
-- -- -- 10:1
Units
dB Watts % --
e
1
PTF 10133
Electrical Characteristics (100% Tested)
Characteristic
Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate Threshold Voltage Forward Transconductance
e
Conditions
VGS = 0 V, ID = 25 mA VDS = 28 V, VGS = 0 V VDS = 10 V, ID = 75 mA VDS = 10 V, ID = 3 A
Symbol
V(BR)DSS IDSS VGS(th) gfs
Min
65 -- 3.0 --
Typ
-- -- -- 3.0
Max
-- 1.0 5.0 --
Units
Volts mA Volts Siemens
Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Operating Junction Temperature Total Device Dissipation Above 25C derate by Storage Temperature Range Thermal Resistance (TCASE = 70C) TSTG RqJC
Symbol
VDSS VGS TJ PD
Value
65 20 200 205 1.18 -40 to +150 0.85
Unit
Vdc Vdc C Watts W/C C C/W
Typical Performance
Typical POUT, Gain & Efficiency (at P-1dB) vs. Frequency
Output Power & Efficiency
18 17 16 Output Pow er (W) Gain 15 14 13 12 11 120 110 100 90 80
Broadband Test Fixture Performance
20 Efficiency (%) 50 16 60
Gain (dB)
Gain (dB) 12
40
Gain
VDD = 28 V IDQ = 1.0 A POUT = 85 W
30 20 0 Return Loss (dB) -10 10
60 50
8
10 40 860 865 870 875 880 885 890 895 900
Efficiency
4 0 -20 860 865 870 875 880 885 890 895 900
Frequency (MHz)
Frequency (MHz)
2
Return Loss
VDD = 28 V IDQ = 1.0 A
70
Efficiency
e
Output Power vs. Supply Voltage
110
PTF 10133
Capacitance vs. Supply Voltage *
300 250 48
Output Power (Watts)
100 90 80 70 60 50 40 24 26 28 30 32 34 36
Cds & Cgs (pF)
Cgs
VGS = 0 V f = 1 MHz
40
150 100
24
Cds Crss
16 8 0
IDQ = 1.0 A f = 894 MHz
50 0 0 10 20 30 40
Supply Voltage (Volts)
Supply Voltage (Volts)
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
-10 3rd Order -20
Power Gain vs. Output Power
16 IDQ = 1.0 15
-30 -40 -50 -60 -70 0 20 40 60 80 100 5th 7th
Power Gain (dB)
VDD = 28 V, IDQ =1A f1 = 894 MHz, f2 = 894.1 MHz
IMD (dBc)
14 IDQ = 500 13 12 11 0.1 10.0 1000.0
IDQ = 250
VDD = 28 V f = 894 MHz
Output Power (Watts-PEP)
Output Power (Watts)
* This part is internally matched. Measurements of the finished product will not yield these figures.
Bias Voltage vs. Temperature
1.03 1.02 Bias Voltage (V) 1.01 1.00
0.86
Voltage normalized to 1.0 V Series show current (A)
0.99 0.98 0.97 0.96 0.95 -20 30 80 Temp. (C)
2.5 4.16 5.8 7.42 9.06
130
3
Crss (pF)
200
32
PTF 10133
Impedance Data
Z Source Z Load
W AR D
e
D
GE
(VDD = 28 V, POUT = 85 W, IDQ = 1.0 A)
Z0 = 50 W
0.1
G
Z Load
S
TOW ARD LOAD
Frequency
MHz 860 870 880 890 900 925 942 960 R
Z Source W
jX -3.2 -3.2 -3.2 -3.1 -2.9 -2.0 -0.6 1.1 R 1.3 1.3 1.3 1.3 1.2 1.2 1.2 1.2 3.2 3.6 4.1 4.7 5.3 7.0 8.1 7.7
Z Load W
jX 1.2 1.1 0.9 0.8 0.8 0.7 0.7 0.6
0.0
860 MHz
0.1
960 MHz
0.2
960 MHz
860 MHz
S NG TH VEL E
Z Source
0 .1
WA <---
0 .2
Typical Scattering Parameters
(VDS = 28 V, ID = 2 A per side)
f (MHz)
300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 1250 1300 1350 1400 1450 1500
S11 Mag
0.980 0.982 0.983 0.989 0.989 0.987 0.983 0.982 0.980 0.972 0.958 0.929 0.858 0.693 0.783 0.918 0.951 0.974 0.988 0.984 0.979 0.980 0.992 0.991 0.986
S21 Ang
-178 -179 -180 179 179 179 178 177 176 175 174 171 168 173 -170 -172 -175 -177 -178 -179 -180 180 180 179 178
S12 Ang
15.6 12.8 9.48 7.19 5.48 2.11 -0.90 -4.52 -10.2 -14.3 -19.9 -27.5 -42.4 -75.9 -125 -153 -167 -179 165 158 -154 179 166 156 149
S22 Ang
-85.2 -85.3 -85.7 -85.3 -93.7 -74.5 -64.9 -68.5 -55.1 -88.5 -87.2 -105 -133 174 120 101 89.2 81.8 77.9 76.7 77.4 73.9 74.5 78.7 79.7
Mag
0.996 0.773 0.641 0.545 0.489 0.449 0.425 0.414 0.405 0.419 0.442 0.509 0.662 0.882 0.714 0.423 0.261 0.184 0.124 0.060 0.048 0.070 0.058 0.049 0.042
Mag
0.010 0.008 0.006 0.005 0.003 0.002 0.002 0.001 0.001 0.001 0.001 0.005 0.013 0.030 0.028 0.022 0.020 0.019 0.018 0.017 0.018 0.018 0.018 0.019 0.021
Mag
0.994 0.993 0.992 0.996 0.999 0.995 0.996 0.998 0.997 0.997 0.993 0.991 0.989 0.987 0.993 0.989 0.982 0.982 0.990 0.990 0.986 0.983 0.990 0.992 0.984
Ang
-177 -177 -178 -179 -179 -179 -179 -180 -180 180 180 179 179 179 179 179 179 178 178 178 178 178 177 178 178
4
e
Test Circuit
PTF 10133
Test Circuit Schematic for f = 894 MHz
DUT PTF 10133 0.040 l 894 GHz 0.096 l 894 GHz 0.098 l 894 GHz 0.073 l 894 GHz 0.107 l 894 GHz 0.110 l 894 GHz 0.250 l 894 GHz 0.081 l 894 GHz 0.178 l 894 GHz 0.040 l 894 GHz LDMOS Field Effect Transistor Microstrip 50 W Microstrip 50 W Microstrip 50 W Microstrip 9.29 W Microstrip 9.29 W Microstrip 6.98 W Microstrip 77.9 W Microstrip 6.98 W Microstrip 50 W Microstrip 50 W C1, C3, C5, C10 C2 C4 C6 C7 C8 C9 R1, R2, R3 Circuit Board Circuit Board Capacitor, 36 pF ATC 100 B Capacitor, 4.3 pF ATC 100 B Capacitor, 6.2 pF ATC 100 B Capacitor, 0.1 mF, 50 V Digi-Key P4525-ND Capacitor, 100 mF, 50 V Digi-Key P5182-ND Capacitor, 2.0 pF ATC 100 B Capacitor, 0.6-6 pF ATC 100 B Resistor, 220 W Digi-Key 1KQBK er = 4.0, .028 Dielectric Thickness, 1 Oz. .028" Dielectric Thickness, er = 4.0, AlliedSignal, G200, 2 oz. copper
l1 l2 l3 l4 l5 l6 l7 l8 l9 l10
Components Layout (not to scale)
5
PTF 10133
e
Artwork (1 inch
)
Package Mechanical Specifications Package 20248
Unless otherwise specified all tolerance 0.005"
Pins: 1.Drain 2.Source 3.Gate Lead Thickness: 0.004 +0.002/-0.001"
Ericsson Microelectronics RF Power Products Morgan Hill, CA 95037 USA
1-877-GOLDMOS (465-3667) United States +46 8 757 4700 International e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1998 Ericsson Inc. EUS/KR 1301-PTF 10133 Uen Rev. A 12-01-99
6


▲Up To Search▲   

 
Price & Availability of PTF10133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X