Part Number Hot Search : 
X4166 2SC147 12SH3 C015B CS4281 7NB60FP D1616 2SC3648
Product Description
Full Text Search
 

To Download PTF10019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTF 10019 70 Watts, 860-960 MHz GOLDMOSTM Field Effect Transistor
Description
The PTF 10019 is an internally matched, 70 Watt LDMOS FET intended for cellular, GSM, and D-AMPS applications in the 860 to 960 MHz range. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability. * *
* * * *
INTERNALLY MATCHED Performance at 960 MHz, 28 Volts - Output Power = 70 Watts - Power Gain = 14.5 dB Typ - Efficiency = 50% Typ Full Gold Metallization Silicon Nitride Passivated Excellent Thermal Stability 100% Lot Traceability
Typical Output Power vs. Input Power
80 74 Output Power 60 Efficiency 40 66
Output Power (Watts)
50 42
Efficiency (%)
58
A-1
100 2 3 4 19 568
VDD = 28 V
20
34 26 18 10 4.0
955
IDQ = 600 mA f = 960 MHz
0.0 1.0 2.0 3.0
0
Input Power (Watts)
Package 20237
RF Specifications (100% Tested)
Characteristic
Gain (VDD = 28 V, Pout = 70 W, IDQ = 600 mA, f = 960 MHz) Power Output at 1 dB Compression (VDD = 28 V, IDQ = 600 mA, f = 960 MHz) Drain Efficiency (VDD = 28 V, Pout = 70 W, IDQ = 600 mA, f = 960 MHz) Load Mismatch Tolerance (VDD = 28 V, Pout = 70 W, IDQ = 600 mA, f = 960 MHz --all phase angles at frequency of test) All published data at TCASE = 25C unless otherwise indicated.
Symbol
Gpe P-1dB h Y
Min
13.0 70 45 --
Typ
14.5 75 50 --
Max
-- -- -- 10:1
Units
dB Watts % --
e
1
PTF 10019
Electrical Characteristics (100% Tested)
Characteristic
Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate Threshold Voltage Forward Transconductance
e
Conditions
VGS = 0 V, ID = 25 mA VDS = 26 V, VGS = 0 V VDS = 10 V, ID = 75 mA VDS = 10 V, ID = 3 A
Symbol
V(BR)DSS IDSS VGS(th) gfs
Min
65 -- 3.0 --
Typ
-- -- -- 3.0
Max
-- 1.0 5.0 --
Units
Volts mA Volts Siemens
Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Operating Junction Temperature Total Device Dissipation Above 25C derate by Storage Temperature Range Thermal Resistance (TCASE = 70C) TSTG RqJC
Symbol
VDSS VGS TJ PD
Value
65 20 200 215 1.25 -40 to +150 0.8
Unit
Vdc Vdc C Watts W/C C C/W
Typical Performance
Typical POUT, Gain, and Efficiency (at P-1 dB) vs. Frequency
Output Power and Efficiency
16 90 Output Power (W) 15 80
Broadband Test Fixture Performance
16 Gain (dB) 14 12 60 50 Efficiency (%) 40 - 30 5 -15 20 -25 10 960 70
Power Gain @ P-1dB
Gain
14
8 6 4 900
13 Efficiency (%) 12 800
60
VDD = 28 V, IDQ = 600 mA, POUT = 70 W
Return Loss (dB) 915 930 945
850
900
950
50 1000
Frequency (MHz)
Frequency (MHz)
2
Return Loss
Power Gain (dB)
70
10
Efficiency
e
Power Gain vs. Output Power
18 90
PTF 10019
Output Power (at P-1dB) vs. Supply Voltage
Output Power (Watts)
85 80 75 70 65 60 55
17 16
IDQ = 600 mA IDQ = 300 mA
Gain (dB)
15 14 13 12 11 10 0.1
IDQ = 150 mA
1.0 10.0 100.0
f = 960 MHz IDQ = 600 mA
23
25
27
29
31
33
Output Power (Watts)
Drain-Source Voltage (Volts)
Intermodulation Distortion vs. Output Power
-10
200
Capacitance vs. Voltage *
VGS = 0 V f = 1 MHz
20 18 16 14 12 10 8 6 4 2 0 40
VDD = 28 V
-20
180
IDQ = 600 mA f1 = 959.900 MHz f2 = 960.000 MHz
3rd Order
Cds and Cgs (pF)
160 140 120 100 80 60 40 20 0 0 10 20
IMD (dBc)
-30 -40
5th 7th
Cds Crss
30
-50 -60 0 10 20 30 40 50 60 70 80
Output Power (Watts-PEP)
Supply Voltage (Volts)
* This part is internally matched. Measurements of the finished product will not yield these figures.
Bias Voltage vs. Temperature
1.04 1.02
0.40
Voltage normalized to 1.0 V Series show current (A)
Bias Voltage (V)
1.00 0.98 0.96 0.94 -20 30 Temp. (C) 80
1.32 2.25 3.17 4.09 5.02
130
3
Crss (pF)
Cgs
PTF 10019
Impedance Data
(VDD = 28 V, Pout = 70 W, IDQ = 600 mA)
D
e
Z0 = 10 W
Z Source Z Load
G S
Frequency
MHz 840 860 900 920 960 980 R
Z Source W
jX 0 -0.2 -0.4 -0.4 -0.7 -0.6 R 2.3 2.0 1.8 1.7 1.6 1.6 0.9 1.0 1.2 1.2 1.8 2.2
Z Load W
jX 1.7 1.6 1.6 1.6 1.7 1.8
Test Circuit
Test Circuit Schematic for f = 960 MHz
PTF 10019 Microstrip 50 W 0.125 l 960 GHz 0.186 l 960 GHz 0.200 l 960 GHz 0.060 l 960 GHz C1, C2, C4, C6 36 pF C3 3.6 pF C5 0.01 mF DUT
l1, l6 l2 l3 l4 l5
LDMOS Field Effect Transistor Microstrip 50 W Microstrip 10 W Microstrip 7.5 W Microstrip 50 W Chip Cap ATC 100 B Chip Cap ATC 100 A Capacitor Digi-Key P4917-ND C7 C8 L1 R1, R2, R3 R4 Circuit Board Electrolytic Capacitor, Digi-Key P5276 1.7 pF Chip Cap ATC 100 B 4 Turn, #20 AWG, .120"I.D. 220 W, 1/4 W Resistor 10K W, 1/4 W Resistor .028" Dielectric Thickness, er = 4.0, AlliedSignal, G200, 2 oz. copper 50 mF, 35 V
4
e
10019
PTF 10019
Components Layout (not to scale)
Artwork (1 inch
)
Ericsson Microelectronics RF Power Products Morgan Hill, CA 95037 USA
1-877-GOLDMOS (465-3667) United States +46 8 757 4700 International e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1997 Ericsson Inc. EUS/KR 1301-PTF 10019 Uen Rev. A 10-22-99
5
e
Notes:
6


▲Up To Search▲   

 
Price & Availability of PTF10019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X