Part Number Hot Search : 
MF501 MSM6648 ITS4141N AT28C010 MAX602 1N6157US TJC125A SIT9366
Product Description
Full Text Search
 

To Download PSS8550C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D186
PSS8550 PNP medium power 25 V transistor
Product specification Supersedes data of 2002 Nov 19 2004 Aug 10
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
FEATURES * High total power dissipation * High current capability. APPLICATIONS * Medium power switching and muting * Amplification * Portable radio output amplifier (class-B, push-pull). DESCRIPTION PNP transistor in a SOT54 (TO-92) plastic package. NPN complement: PSS8050.
handbook, halfpage
PSS8550
QUICK REFERENCE DATA SYMBOL VCEO IC PINNING PIN 1 2 3 collector base emitter DESCRIPTION PARAMETER collector-emitter voltage collector current (DC) MAX. -25 -1.5 UNIT V A
1
MARKING TYPE NUMBER PSS8550C PSS8550D MARKING CODE
2 3
MSB033
S8550C S8550D Fig.1 Simplified outline (SOT54).
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current base current (DC) peak base current total power dissipation Tamb 25 C; note 1 Tamb 25 C; note 2 Tamb 25 C; note 3 Tstg Tj Tamb Notes 1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint. 2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2. 3. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint. Operated under pulsed conditions: pulse width tp 1 s; duty cycle 0.75%. storage temperature junction temperature operating ambient temperature CONDITIONS open emitter open base open collector - - - - - - - - - - -65 - -65 MIN. MAX. -40 -25 -6 -1.5 -2 -300 -1 850 900 1 +150 150 +150 V V V A A mA A mW mW W C C C UNIT
2004 Aug 10
2
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient CONDITIONS in free air; note 1 in free air; note 2 in free air; note 3 Notes 1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
PSS8550
VALUE 147 139 125
UNIT K/W K/W K/W
2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2. 3. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint. Operated under pulsed conditions: pulse width tp 1 s; duty cycle 0.75%. CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO PARAMETER collector-base cut-off current CONDITIONS VCB = -35 V; IE = 0 VCB = -35 V; IE = 0; Tamb = 150 C ICEO IEBO hFE collector-emitter cut-off current emitter-base cut-off current DC current gain DC current gain PSS8550C PSS8550D VCEsat VBEsat VBEon fT Cc collector-emitter saturation voltage base-emitter saturation voltage base-emitter turn-on voltage transition frequency collector capacitance IC = -800 mA; IB = -80 mA IC = -800 mA; IB = -80 mA IC = -10 mA; VCE = -1 V IC = -50 mA; VCE = -10 V; f = 100 MHz VCB = 10 V; IE = ie = 0; f = 1 MHz VCE = -25 V; IB = 0 VEB = -6 V; IC = 0 IC = -5 mA; VCE = -1 V IC = -800 mA; VCE = -1 V IC = -100 mA; VCE = -1 V 120 160 - - - 100 - - - -190 - - - - 200 300 -500 -1.2 -1 - 12 mV V V MHz pF MIN. - - - - 45 40 TYP. - - - - - - MAX. -100 -50 -100 -100 - - UNIT nA A nA nA
2004 Aug 10
3
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
handbook, halfpage
400
MLD958
handbook, halfpage
-1200 VBE (mV) -1000
MLD959
hFE 300
(1)
(1)
-800 200
(2) (2)
-600
(3)
100
(3)
-400
0 -10-1
-1
-10
-102
-103 -104 IC (mA)
-200 -10-1
-1
-10
-102
-103 -104 IC (mA)
PSS8550C VCE = -1 V. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
PSS8550C VCE = -1 V. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
Fig.2
DC current gain as a function of collector current; typical values.
Fig.3
Base-emitter voltage as a function of collector current; typical values.
-103 handbook, halfpage
MLD960
handbook, halfpage
-1200
MLD962
VBEsat (mV)
VCEsat (mV)
-1000
(1) (2)
-800 -102 -600
(1) (3)
(2)
-400
(3)
-10 -10-1
-1
-10
-102
-103 - 104 IC (mA)
-200 -10-1
-1
-10
-102
-103 -104 IC (mA)
PSS8550C IC/IB = 10. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
PSS8550C IC/IB = 10. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
Fig.4
Collector-emitter saturation voltage as a function of collector current; typical values.
Fig.5
Base-emitter saturation voltage as a function of collector current; typical values.
2004 Aug 10
4
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
103 handbook, halfpage RCEsat () 102
MLD961
handbook, halfpage
-2.5 IC (A) -2
MLD963
(3) (2)
(1) (4) (5) (6) (7) (8) (9) (10)
-1.5 10 -1 1
(1) (2) (3)
-0.5
0 -10-1
-1
-10
-102
-103 -104 IC (mA)
0 0
-0.5
-1
-1.5 VCE (V)
-2
PSS8550C IC/IB = 10. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
PSS8550C (1) IB = -100 mA. (2) IB = -90 mA. (3) IB = -80 mA.
(4) IB = -70 mA. (5) IB = -60 mA. (6) IB = -50 mA. (7) IB = -40 mA.
(8) IB = -30 mA. (9) IB = -20 mA. (10) IB = -10 mA.
Fig.6
Equivalent on-resistance as a function of collector current; typical values.
Fig.7
Collector current as a function of collector-emitter voltage; typical values.
2004 Aug 10
5
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
handbook, halfpage
(1)
400
MLD964
handbook, halfpage
-1200 VBE (mV) -1000
MLD965
hFE 300
(1)
-800
(2)
200 -600
(3)
(2)
100
-400
(3)
0 -10-1
-1
-10
-102
-103 -104 IC (mA)
-200 -10-1
-1
-10
-102
-103 -104 IC (mA)
PSS8550D VCE = -1 V. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
PSS8550D VCE = -1 V. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
Fig.8
DC current gain as a function of collector current; typical values.
Fig.9
Base-emitter voltage as a function of collector current; typical values.
-103 handbook, halfpage
MLD966
handbook, halfpage
-1200 VBEsat (mV) -1000
MLD968
VCEsat (mV)
(1) (2)
-800 -102 -600
(3)
(2)
(1)
-400
-10 -10-1
(3)
-1
-10
-102
-103 - 104 IC (mA)
-200 -10-1
-1
-10
-102
-103 -104 IC (mA)
PSS8550D IC/IB = 10. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 150 C.
PSS8550D IC/IB = 10. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
Fig.10 Collector-emitter saturation voltage as a function of collector current; typical values.
Fig.11 Base-emitter saturation voltage as a function of collector current; typical values.
2004 Aug 10
6
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PSS8550
103 handbook, halfpage RCEsat () 102
MLD967
handbook, halfpage
-2.5 IC (A) -2
MLD969
(3) (2)
(1) (4) (5) (6) (7) (8) (9)
-1.5 10 -1
(10)
1
(1) (2) (3)
-0.5
0 -10-1
-1
-10
-102
-103 -104 IC (mA)
0 0
-0.5
-1
-1.5 VCE (V)
-2
PSS8550D IC/IB = 10. (1) Tamb = 150 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
PSS8550D (1) IB = -100 mA. (2) IB = -90 mA. (3) IB = -80 mA.
(4) IB = -70 mA. (5) IB = -60 mA. (6) IB = -50 mA. (7) IB = -40 mA.
(8) IB = -30 mA. (9) IB = -20 mA. (10) IB = -10 mA.
Fig.12 Equivalent on-resistance as a function of collector current; typical values.
Fig.13 Collector current as a function of collector-emitter voltage; typical values.
2004 Aug 10
7
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
PACKAGE OUTLINE
Plastic single-ended leaded (through hole) package; 3 leads
PSS8550
SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.55 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1)
max.
2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 JEITA SC-43A EUROPEAN PROJECTION ISSUE DATE 97-02-28 04-06-28
2004 Aug 10
8
Philips Semiconductors
Product specification
PNP medium power 25 V transistor
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PSS8550
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Aug 10
9
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R75/02/pp10
Date of release: 2004
Aug 10
Document order number:
9397 750 13683


▲Up To Search▲   

 
Price & Availability of PSS8550C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X