Part Number Hot Search : 
D60NH GBJ5006 TSM7401 2SC60 A43L1632 1485815 7109M IN74H
Product Description
Full Text Search
 

To Download PS9701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTOCOUPLER
PS9701
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
-NEPOC
TM
Series-
DESCRIPTION
The PS9701 is an optically coupled isolator containing a GaAlAs LED on light emitting side (input side) and a photodiode and a signal processing circuit on light receiving side (output side) on one chip. This is SOP (Small Outline Package) type for high-density applications.
FEATURES
* High isolation voltage (BV = 2 500 Vr.m.s.) * Small and thin package (5-pin SOP) * High-speed response (tPHL = 36 ns TYP., tPLH = 60 ns TYP.) * Low threshold input current (IFHL = 2.5 mA TYP.) * Open-collector type * Ordering number of taping product: PS9701-1-E3, E4, F3, F4 * UL approved: File No. E72422 (S) * VDE0884 approved (Option)
APPLICATIONS
* Computer and peripheral manufactures * Measurement equipment * Audio-Visual
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. P11437EJ4V0DS00 (4th edition) Date Published September 1999 NS CP(K) Printed in Japan
The mark * shows major revised points.
(c)
1994, 1999
PS9701
PACKAGE DIMENSIONS
in millimeters
4.00.5
TOP VIEW
6 5 4 1. Anode 3. Cathode 4. GND 5. VO 6. VCC 1 3 7.00.3 4.4
2.10.2
0.15 +0.10 -0.05
2.0
0.10.1
1.27 0.4 +0.10 -0.05 0.25 M
0.50.3
2
Data Sheet P11437EJ4V0DS00
PS9701
ORDERING INFORMATION
Part Number PS9701 PS9701-E3 PS9701-E4 PS9701-F3 PS9701-F4 PS9701-V PS9701-V-E3 PS9701-V-E4 PS9701-V-F3 PS9701-V-F4 Embossed Tape 3 500 pcs/reel Magazine case 100 pcs Embossed Tape 900 pcs/reel VDE0884 approved Embossed Tape 3 500 pcs/reel Package 5-pin SOP Packing Style Magazine case 100 pcs Embossed Tape 900 pcs/reel Safety Standards Approval UL approved Application Part *1 Number PS9701
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter Diode Forward Current Reverse Voltage Detector Supply Voltage Output Voltage Output Current Power Dissipation Isolation Voltage
*1
Symbol IF VR VCC VO IO PC BV TA Tstg
Ratings 30 5 7 7 50 85 2 500 -40 to +85 -55 to +125
Unit mA V V V mA mW Vr.m.s. C C
Operating Ambient Temperature Storage Temperature
*1 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output
RECOMMENDED OPERATING CONDITIONS
Parameter Low Level Input Current High Level Input Current Supply Voltage Operating Ambient Temperature Symbol IFL IFH VCC TA MIN. 0 5 4.5 0 7.5 5.0 25 TYP. MAX. 250 15 5.5 70 Unit
A
mA V C
Remark By-pass capacitor of more than 0.1 F is used between VCC and GND near the device.
Data Sheet P11437EJ4V0DS00
3
PS9701
ELECTRICAL CHARACTERISTICS (TA = 0 to +70 C, unless otherwise specified)
Parameter Diode Forward Voltage Reverse Current Terminal Capacitance Detector High Level Output Current Low Level Output Voltage High Level Supply Current Low Level Supply Current Coupled Threshold Input Current (H L) Isolation Resistance Isolation Capacitance Propagation Delay Time *1 (H L) Propagation Delay Time *1 (L H) Rise Time Fall Time Symbol VF IR Ct IOH VOL ICCH ICCL IFHL Conditions IF = 10 mA, TA = 25 C VR = 5 V, TA = 25 C V = 0 V, f = 1 MHz, TA = 25 C VCC = VO = 5.5 V, IF = 250 A VCC = 5.5 V, IF = 7.5 mA, IO = 13 mA VCC = 5.5 V, IF = 0 mA VCC = 5.5 V, IF = 10 mA TA = 25 C VCC = 5 V, VO = 0.8 V, RL = 350 RI-O CI-O tPHL tPLH tr tf VI-O = 1 kVDC, RH = 40 to 60 %, TA = 25 C V = 0 V, f = 1 MHz, TA = 25 C VCC = 5 V, IF = 7.5 mA, RL = 350 , CL = 15 pF, TA = 25 C 10
11
MIN. 1.4
TYP. 1.65
MAX. 1.9 10
Unit V
A
pF
60 2 0.3 4 9 0.5 6 12 2.5 250 0.6 8 15 5.0 7
A
V mA mA mA
0.6 36 60 20 10 75 75 pF ns
*1 Test circuit for propagation delay time
IF Pulse Input (PW = 1 s Duty Cycle = 1/10) 1 6 5 CL IF Monitor 51 3 4 0.1 F VCC = 5 V RL = 350 VO 5V Output 1.5 V VOL tPHL tPLH Input 0 350 mV (IF = 7.5 mA) 175 mV (IF = 3.75 mA)
Remark CL is approximately 15 pF, which includes probe and stray wiring capacitance.
4
Data Sheet P11437EJ4V0DS00
PS9701
TYPICAL CHARACTERISTICS (TA = 25 C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
50
Maximum Forward Current IF (mA) Power Dissipation PC (mW)
POWER DISSIPATION vs. AMBIENT TEMPERATURE
100
40
80
30
60
20
40
10
20
0
20
40
60
80
100
0
20
40
60
80
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
100
NORMALIZED THRESHOLD INPUT CURRENT vs. AMBIENT TEMPERATURE
Normalized Threshold Input Current IFHL
1.6 Normalized to 1.0 1.4 at TA = 25 C, VCC = 5 V, VO = 0.8 V, RL = 350 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 50 75 100
Forward Current IF (mA)
10 TA = 100 C 50 C 25 C 0 C -25 C
1.0
0.1
0.01 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Voltage VF (V)
Ambient Temperature TA (C)
OUTPUT VOLTAGE vs. FORWARD CURRENT
7 6
Output Voltage VO (V) Low Level Output Voltage VOL (V)
LOW LEVEL OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
1.50 5V RL VO 1.25 1.00 0.75 0.50 0.25 0.00 -50 IF = 7.5 mA, VCC = 5.5 V
5 4 3 2 1 0 2 4 6 8 10 12
RL = 100 350 1 k
IOL = 13 mA 5 mA -25 0 25 50 75 100
Forward Current IF (mA)
Ambient Temperature TA (C)
Data Sheet P11437EJ4V0DS00
5
PS9701
PROPAGATION DELAY TIME vs. FORWARD CURRENT
Propagation Delay Time tPHL, tPLH (ns) Propagation Delay Time tPHL, tPLH (ns)
PROPAGATION DELAY TIME vs. LOAD RESISTANCE
1 000 500 IF = 7.5 mA, VCC = 5 V, PW = 1 s, duty 1/10
80 tPLH 60
40 tPHL 20 VCC = 5 V, RL = 350 20 25
100 50
tPLH
tPHL
0
5
10
15
10 100
500 1 k
5 k 10 k
50 k
Forward Current IF (mA)
Load Resistance RL ()
PROPAGATION DELAY TIME vs. AMBIENT TEMPERATURE
Propagation Delay Time tPHL, tPLH (ns)
SWITCHING TIME vs. AMBIENT TEMPERATURE
25 IF = 7.5 mA, VCC = 5 V, RL = 350 tr
120 100 80 tPLH 60 40 tPHL 20 0 -50 IF = 7.5 mA, VCC = 5 V, RL = 350
Switching Time tr, tf (ns)
20
15
10 tf 5
-25
0
25
50
75
100
0 -50
-25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
6
Data Sheet P11437EJ4V0DS00
PS9701
TAPING SPECIFICATIONS (in millimeters)
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.750.1
1.550.1
2.40.1
12.00.2
5.50.1
1.550.1 8.00.1
4.60.1
0.3
Tape Direction
PS9701-E3
PS9701-E4
Outline and Dimensions (Tape)
2.0
2.00.5 13.00.5 15 15 21.00.8
7.40.1 13.00.5 180 60
13.01.0
Packing: 900 pcs/reel
Data Sheet P11437EJ4V0DS00
7
PS9701
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.750.1
1.550.1
2.40.1
12.00.2
5.50.1
1.550.1 8.00.1
4.60.1
0.3
Tape Direction
PS9701-F3
PS9701-F4
Outline and Dimensions (Reel)
1.5
21.00.8
120
7.40.1
1.50.5
60
6.01
330
2.00.5
13.00.5
805.0
12.4+2.0 -0.0
Packing: 3 500 pcs/reel
8
Data Sheet P11437EJ4V0DS00
PS9701
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C (package surface temperature) 30 seconds or less Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 120 to 160 C 60 to 90 s (preheating)
Time (s)
(2) Dip soldering * Temperature * Time * Number of times * Flux 260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.) (3) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Data Sheet P11437EJ4V0DS00
9
PS9701
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter Application classification (DIN VDE 0109) for rated line voltages 300 Vr.m.s. for rated line voltages 600 Vr.m.s. Climatic test class (DIN IEC 68 Teil 1/09.80) Dielectric strength maximum operating isolation voltage. Test voltage (partial discharge test procedure a for type test and random test) Upr = 1.2 x UIORM, Pd < 5 pC Test voltage (partial discharge test procedure b for random test) Upr = 1.6 x UIORM, Pd < 5 pC Highest permissible overvoltage Degree of pollution (DIN VDE 0109) Clearance distance Creepage distance Comparative tracking index (DIN IEC 112/VDE 0303 part 1) Material group (DIN VDE 0109) Storage temperature range Operating temperature range Isolation resistance, minimum value VIO = 500 V dc at TA = 25 C VIO = 500 V dc at TA MAX. at least 100 C Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance VIO = 500 V dc at TA = 175 C (Tsi) Ris MIN. 10
9
Symbol
Speck
Unit
IV III 40/085/21
UIORM Upr Upr
710 850 1 140
Vpeak Vpeak Vpeak
UTR
4 000 2 >5 >5
Vpeak
mm mm
CTI
175 III a
Tstg TA
-55 to +125 -40 to +85
C C
Ris MIN. Ris MIN.
10 10
12

11
Tsi Isi Psi
150 200 300
C mA mW
10
Data Sheet P11437EJ4V0DS00
PS9701
[MEMO]
Data Sheet P11437EJ4V0DS00
11
PS9701
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested. Please do not under any circumstances break the hermetic seal.
NEPOC is a trademark of NEC Corporation.
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of PS9701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X