Part Number Hot Search : 
001544 CY25482 271MH AT24C64D K4N28 PM6900SE X9315WSI 001544
Product Description
Full Text Search
 

To Download MMSZ5252B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5252B
5% TOLERANCE
DISCRETE POWER AND SIGNAL TECHNOLOGIES
General Description: Half watt, General purpose, Medium Current Surface Mount Zener in the SOD-123 package. The SOD-123 package has the same footprint as the glass mini-melf (LL-34) package & provides a convenient alternative to the Leadless package.
Features: * Compact surface mount with same footprint as mini-melf * 500 mW rating on FR-4 or FR-5 board. * Class 3 ESD rating (>16 kV) per Human Body Model Ordering: * 7 inch reel (178 mm); 8 mm Tape; 3,000 units per reel.
Absolute Maximum Ratings (note 1) Parameter
Storage Temperature Maximum Junction Temperature Total Power Dissipation at 25OC Derate above 25OC
TA = 25OC unless otherwise noted
Value
-55 to +150 -55 to +150 500 6.7 340 0.088 24.0
Units
O O
C C
mW mW/OC
O
Thermal Resistance (ROJA) Junction to Ambient (note 2) Maximum Temperature Coefficient Nominal Zener Voltage (VZ) at 5.2 mA
Note 2: FR-4 or FR-5 = 3.5 x 1.5 inches using minimum recommended Land Pads.
C/W V
%/OC
Note 1: These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
Top Mark: K2 1: Cathode 2: Anode
1
2
Electrical Characteristics SYM VZ ZZ ZZK IR VF
TA = 25OC unless otherwise noted
CHARACTERISTICS Zener Voltage Zener Impedance Zener Knee Impedance Reverse Leakage Forward Voltage
MIN 22.80 22.50
MAX 25.20 24.60 33.0 600 100 900
UNITS V V Ohms Ohms nA mV
TEST CONDITIONS IZT = IZT = IZT = IZK = IF = 5.2 mA D.C. 5.2 mA Pulse 26 mS 5.2 mA 250 uA
VR = 18.0 V 10 mA
(c) 1997 Fairchild Semiconductor Corporation
SOD-123 Tape and Reel Data and Package Dimensions
SOD123 Packaging Configuration: Figure 1.0
Customized Label
Packaging Description:
SOD123 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (antistatic coated). Other option comes in 10,000 units per 13" or 330cm diameter reel. This and some other options are described in the Packaging Information table. These full reels are individually barcode labeled and placed inside a pizza box (illustrated in figure 1.0) made of recyclable corrugated brown paper with a Fairchild logo printing. One pizza box contains three reels maximum. And these pizza boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped.
Antistatic Cover Tape
F63TNR Label
Static Dissipative Embossed Carrier Tape
Cathode
SOD123 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code) TNR 3,000 7" Dia 184x187x47 9,000 0.01 0.123 L99Z TNR 3,000 7" Dia 184x187x47 9,000 0.01 0.123 No marking required D87Z TNR 10,000 13" 343x343x64 30,000 0.01 0.420
SOD123 Unit Orientation
343mm x 342mm x 64mm Intermediate box for D87Z Option
F63TNR Label
F63TNR Label
F63TNR Label sample 184mm x 187mm x 47mm Pizza Box for Standard Option F63TNR Label
LOT: CBVK741B019 FSID: MMSZ5221B QTY: 3000 SPEC:
SOD123 Tape Leader and Trailer Configuration: Figure 2.0
D/C1: D9842 D/C2:
QTY1: QTY2:
SPEC REV: CPN: N/F: F
(F63TNR)3
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 75 empty pockets Leader Tape 500mm minimum 125 empty pockets
July 1999, Rev. A
SOD-123 Tape and Reel Data and Package Dimensions, continued
SOD123 Embossed Carrier Tape Configuration: Figure 3.0
T E1 P0 D0
F K0 Wc B0 E2 W
Tc A0 P1 D1
User Direction of Feed
Dimensions are in millimeter Pkg type SOD123 (8mm)
A0
1.85 +/-0.10
B0
3.94 +/-0.10
W
8.0 +/-0.3
D0
1.50 +/-0.10
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
6.25 min
F
3.50 +/-0.05
P1
4.0 +/-0.1
P0
4.0 +/-0.1
K0
1.50 +/-0.10
T
0.200 +/-0.020
Wc
5.2 +/-0.2
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOD123 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
8mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
2.165 55 4.00 100
Dim W1
0.331 +0.059/-0.000 8.4 +1.5/0 0.331 +0.059/-0.000 8.4 +1.5/0
Dim W2
0.567 14.4 0.567 14.4
Dim W3 (LSL-USL)
0.311 - 0.429 7.9 - 10.9 0.311 - 0.429 7.9 - 10.9
8mm
13" Dia
July 1999, Rev. A
SOD-123 Tape and Reel Data and Package Dimensions, continued
SOD-123 (FS PKG Code D6)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.01
1.2 2 mm 48 mils
2
1
0.071 (1.800) 0.055 (1.400)
0.91 m m 36 m ils 2.36 m m 93 m ils 4.19 m m 165 mils 0.91 m m 36 m ils
SOD-123 LAND PADS
0.112 (2.850) 0.100 (2.550)
0.154 (3.900) 0.142 (3.600)
0.071 (1.800) 0.055 (1.400)
0.046 (3.900) 0.035 (3.600)
0.013 (0.322) Minimu m
0.028 (0.700) 0.021 (0.546) 0.008 (0.195) 0.004 (0.095) 0.004 0 (0. 101 5) 0.000 5 (0. 013 5)
July 1999, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST FASTrTM GTOTM
DISCLAIMER
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. E


▲Up To Search▲   

 
Price & Availability of MMSZ5252B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X