Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
 

To Download MMSZ5225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
MMSZ5225 THRU MMSZ5267
ZENER DIODES
SOD-123
.022 (0.55)
FEATURES
Silicon Planar Power Zener Diodes Standard Zener voltage tolerance is 5% with a "B" suffix. Other tolerances are available upon request. These diodes are also available in Mini-MELF case with the designation ZMM5225 ... ZMM5267, DO-35 case with type designation 1N5225 ... 1N5267 and SOT-23 case with the type designation MMBZ5225 ... MMBZ5267.
Cathode Mark
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
max. .004 (0.1)
max. .053 (1.35)
min. .010 (0.25)
max. .006 (0.15)
.067 (1.70) .055 (1.40)
MECHANICAL DATA
Case: SOD-123 Plastic Case Weight: approx. 0.01 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at TL = 75C Maximum Junction Temperature Storage Temperature Range Ptot Tj TS 500(1) 150 -65 to +175 mW C C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA
RJA VF
- -
- -
340(1) 0.9
C/W Volts
NOTES:
(1) FR-4 or FR-5 board with minimum recommended solder pad layout.
1/20/99
MMSZ5225 THRU MMSZ5267
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Type
Marking Code
Nominal Zener voltage(3) at IZT VZ (V)
Maximum Zener impedance(1) Test current IZT (mA) at IZT ZZT () at IZK = 0.25 mA ZZK ()
Maximum Reverse Leakage Current Typical Temperture Coefficient vz
(%/K)
IR (A)
Test Voltage VR (V)
MMSZ5225 MMSZ5226 MMSZ5227 MMSZ5228 MMSZ5229 MMSZ5230 MMSZ5231 MMSZ5232 MMSZ5233 MMSZ5234 MMSZ5235 MMSZ5236 MMSZ5237 MMSZ5238 MMSZ5239 MMSZ5240 MMSZ5241 MMSZ5242 MMSZ5243 MMSZ5244 MMSZ5245 MMSZ5246 MMSZ5247 MMSZ5248 MMSZ5249 MMSZ5250 MMSZ5251 MMSZ5252 MMSZ5253 MMSZ5254 MMSZ5255 MMSZ5256 MMSZ5257 MMSZ5258 MMSZ5259 MMSZ5260 MMSZ5261 MMSZ5262 MMSZ5263 MMSZ5264 MMSZ5265 MMSZ5266 MMSZ5267
C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2
3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270
1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
-0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098
50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
NOTES: (1) The Zener Impedance is derived from the 1kHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) Measured with device junction in thermal equilibrium.


▲Up To Search▲   

 
Price & Availability of MMSZ5225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X