Part Number Hot Search : 
A1011 161RCUS N4150 BT137600 MUR2020 OP593B 000001 PC811
Product Description
Full Text Search
 

To Download MMSZ5223BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221BS - MMSZ5259BS
SURFACE MOUNT ZENER DIODE Features
* * * * Planar Die Construction Ultra-Small Surface Mount Package General Purpose Ideally suited for Automated Assembly Processes
H G A B D
SOD-323 Dim A
J
Min 2.30 1.60 1.20 0.25 0.20 0.10 0
Max 2.70 1.80 1.40 0.35 0.40 0.15 8
B C D E G H J a
Mechanical Data
* * * * * * * Case: SOD-323, Plastic Case Material - UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: See Page 2 Weight: 0.004 grams (approx.)
1.05 Typical
C
E
0.05 Typical
All Dimensions in mm
Maximum Ratings
Forward Voltage (Note 2) Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect.
DS31038 Rev. 5 - 2
1 of 3 www.diodes.com
MMSZ5221BS - MMSZ5259BS
Electrical Characteristics
Type Number Marking Code
@ TA = 25C unless otherwise specified Test Current IZT Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 Maximum Zener Impedance (Note 2) ZZT
@ IZT
Zener Voltage Range (Note 1) VZ @ IZT Nom (V) MMSZ5221BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5233BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5238BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS Notes: C1 C3 C5 G1 G2 G3 G4 G5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.4 7 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05
Maximum Reverse Leakage Current (Note 1) IR mA @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
ZZK @ IZK = 0.25mA W 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1. Short duration test pulse used to minimize self-heating effect. 2. f = 1KHz. (Note 3) Packaging SOD-323 Shipping 3000/Tape & Reel
Ordering Information
Device
(Type Number)-7* Notes:
3. For Packaging Details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf.
*Add "-7" to the appropriate type number in Table 1 above example: 6.2V Zener = MMSZ5234BS-7.
Marking Information
XX
DS31038 Rev. 5 - 2
XX = Product Type Marking Code (See Table Above)
2 of 3 www.diodes.com
MMSZ5221BS - MMSZ5259BS
0.4
1000 f = 1MHz
PD, POWER DISSIPATION (W)
0.3
CT, TOTAL CAPACITANCE (pF)
0V BIAS 100
0.2
10
0.1
1
0 0
25 50 75 100 125
150
1
10 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 2 Typical Capacitance
100
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs Ambient Temperature
1000
100
IZ = 1.0mA 100
PPK, PEAK SURGE POWER (W)
10
10
1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 3 Zener Impedance vs. Zener Voltage 100
1 1 10 100 1000 PULSE WIDTH (ms) Fig. 4 Maximum Non-repetitive Surge Power
50
Tj = 25C
30
5V6 6V8
Tj = 25C
10 12
40 IZ, ZENER CURRENT (mA)
8V2
IZ, ZENER CURRENT (mA)
20
Test current IZ
15
Nominal Zener Voltage
30
18
20
10
22 27 33 36 39
10
Test Current IZ 20mA
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 5 Zener Breakdown Characteristics 2 10
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 6 Zener Breakdown Characteristics 40
DS31038 Rev. 5 - 2
3 of 3 www.diodes.com
MMSZ5221BS - MMSZ5259BS


▲Up To Search▲   

 
Price & Availability of MMSZ5223BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X