Part Number Hot Search : 
CT245 TR3084 GBPC25 DF10S HN9C01FT 2SB118 3N165 CTQ080
Product Description
Full Text Search
 

To Download MMSZ5221BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221BS thru MMSZ5259BS
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE FEATURES
* Planar Die construction * 200mW Power Dissipation * Zener Voltages from 2.4V - 39V * Ideally Suited for Automated Assembly Processes
2.4 - 39 Volts
POWER
200 mWatts
PACKAGE
SOD-323
MECHANICAL DATA
Case: SOD-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation (Notes A) at 25O C Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) (Notes B) Operating Junction and StorageTemperature Range Symbol Value 200 2.0 -55 to +150 Units mW Amps
O
PD IFSM TJ
C
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Part Number: MMSZ5221BS thru MMSZ5259BS
PAGE 1
MMSZ5221BS thru MMSZ5259BS
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted) VF=1.2V max, IF=100mA for all types.
Nominal Zener Voltage Part Number
No m. V
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
mA
Max Reverse Leakage Current IR @ VR
A V
V Z @ IZT
M i n. V M a x. V
P ackag e
mA
200 mWatts Zener Diodes
MMSZ5221BS MMSZ5222BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS 2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.5 10.45 11.4 12.35 14.25 15.2 17.1 19 20.9 22.8 25.65 26.6 28.5 31.35 34.2 37.05 2.52 2.63 2.84 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 11.55 12.6 13.65 15.75 16.8 18.9 21 23.1 25.2 28.35 29.4 31.5 34.65 37.8 40.95 30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 8 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323
NOTE: 1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
Part Number: MMSZ5221BS thru MMSZ5259BS
PAGE 2
RATING and CHARACTERISTIC CURVES
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
1000
100
5 mA 20 mA
100
10
10
150OC
75 C
O
25OC
5OC
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
TYPICAL FORWARD VOLTAGE
1000
1.2 1.0 0.8 0.6 0.4 0.2 0
CAPACITANCE, pF
0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25oC
POWER DISSIPATION, Watts
PD V.S. TA
1
25 50 75 100 125 150 155
1
10
100
TEMPERATURE (oC)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
Part Number: MMSZ5221BS thru MMSZ5259BS
PAGE 3
RATING and CHARACTERISTIC CURVES
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25 C
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25OC -55OC
80 90
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
Part Number: MMSZ5221BS thru MMSZ5259BS
PAGE 4
OUTLINE DRAWING
SOD-323
.078(1.95) .068(1.75)
.054(1.35) .045(1.15)
.014(.35) .009(.25)
.107(2.70) .090(2.30) .012(.30 MIN.)
(c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
PanJit Internatioal Inc.
TEL:886-7-6213121 Fax:886-7-6213129 Internet: http://www.panjit.com.tw email: sales@panjit.com.tw
Part Number: MMSZ5221BS thru MMSZ5259BS
.006(.15) .002(.05)
.038(.95) .027(.70)
PAGE 5


▲Up To Search▲   

 
Price & Availability of MMSZ5221BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X