|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMPQ3906 SURFACE MOUNT PNP SILICON QUAD TRANSISTOR Central DESCRIPTION: TM Semiconductor Corp. The CENTRAL SEMICONDUCTOR MMPQ3906, consisting of four transistors and available in the SOIC-16 surface mount package, is designed for general purpose amplifier and switching applications. SOIC-16 CASE MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance (Total Package) Thermal Resistance (Each Transistor) SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA JA 40 40 5.0 200 1000 -55 to +150 125 240 UNITS V V V mA mW C C/W C/W ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE hFE fT Cib Cob NF td tr ts tf TEST CONDITIONS VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA VCE=1.0V, IC=100mA VCE=20V, IC=10mA, f=100MHz VEB=0.5V, f=100kHz VCB=5.0V, f=100kHz VCE=5.0V, IC=100A, RS=1.0k, f=10Hz to 15.7kHz VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA VCC=3.0V, IC=10mA, IB1= IB2=1.0mA VCC=3.0V, IC=10mA, IB1= IB2=1.0mA MIN 40 40 5.0 0.65 60 80 100 60 30 450 8.0 3.0 2.5 15 20 110 40 0.25 0.40 0.85 0.95 300 MHz pF pF dB ns ns ns ns TYP MAX 50 UNITS nA V V V V V V V R0 ( 7-November 2001) Central TM MMPQ3906 SURFACE MOUNT PNP SILICON QUAD TRANSISTOR Semiconductor Corp. SOIC-16 CASE - MECHANICAL OUTLINE PIN CONFIGURATION R0 ( 7-November 2001) |
Price & Availability of MMPQ3906 |