Part Number Hot Search : 
BAT14 5KP120 HSM126S 74LVC126 FA3621F RLZ24 140511 XMN2A02N
Product Description
Full Text Search
 

To Download MCP604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP601/602/603/604
2.7V to 5.5V Single Supply CMOS Op Amps
FEATURES
* * * * * * * * * Specifications rated from 2.7V to 5.5V supplies Rail-to-rail swing at output Common-mode input swing below ground 2.8MHz GBWP Unity gain stable Low power IDD = 325A max Chip Select capability with MCP603 Industrial temperature range (-40C to 85C) Available in single, dual and quad ates with a single supply voltage that can be as low as 2.7V, while drawing less than 325A of quiescent current. In addition, the common-mode input voltage range goes 0.3V below ground, making these amplifiers ideal for single supply operation. These devices are appropriate for low-power battery operated circuits due to the low quiescent current, for A/D Converter driver amplifiers because of their wide bandwidth, or for anti-aliasing filters by virtue of their low input bias current. The MCP601, MCP602 and MCP603 are available in standard 8-lead PDIP, SOIC and TSSOP packages. The MCP601 is also available in the SOT23-5 package. The quad MCP604 is offered in 14-lead PDIP, SOIC and TSSOP packages. PDIP and SOIC packages are fully specified from -40C to +85C with power supplies from 2.7V to 5.5V.
APPLICATIONS
* * * * * * * Portable Equipment A/D Converter Driver Photodiode Pre-amps Analog Filters Data Acquisition Notebooks and PDAs Sensor Interface
TYPICAL APPLICATION
AVAILABLE TOOLS
* Spice Macromodels (at www.microchip.com) * FilterLabTM Software (at www.microchip.com)
2000 Microchip Technology Inc.
VIN -IN VDD
MCP60X
+IN VREF Low Input Bias Current Over Temperature VSS
VOUT OUT
DESCRIPTION
The Microchip Technology Inc. MCP601/602/603/604 family of low power operational amplifiers are offered in single (MCP601), single with a Chip Select pin feature (MCP603), dual (MCP602) and quad (MCP604) configurations. These operational amplifiers (op amps) utilize an advanced CMOS technology, which provides low bias current, high speed operation, high open-loop gain and rail-to-rail output swing. This product offering oper-
Rail-to-Rail Output Swing
2nd Order Low Pass Filter
PACKAGES
MCP601
PDIP, SOIC, TSSOP
NC 1 -IN 2 +IN 3 VSS 4 8 NC OUT 1 VSS 2 +IN 3
MCP601
SOT23-5
MCP603
PDIP, SOIC, TSSOP
NC 1 5 VDD 8 CS
MCP602
PDIP, SOIC, TSSOP
OUTA 1 -INA 2 +INA 3 VSS 4 8 VDD
MCP604
PDIP, SOIC, TSSOP
OUTA 1 14 OUTD
+
7 VDD 6 OUT 5 NC
+
-
-IN 2 +IN 3 VSS 4
+
7 VDD 6 OUT 5 NC
-+
+B
A
7 OUTB -INA 2 6 -INB 5 +INB +INA 3 VDD 4 +INB 5 -INB 6 OUTB 7
-A+
+D-
13 -IND 12 +IND 11 VSS 10 +INC
4 -IN
-B+
+
C
-
9 -INC 8 OUTC
2000 Microchip Technology Inc.
DS21314D-page 1
MCP601/602/603/604
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
PIN FUNCTION TABLE
NAME +IN, +INA, +INB, +INC, +IND -IN, -INA, -INB, -INC, -IND VDD VSS FUNCTION Non-inverting Input Terminals Inverting Input Terminals Positive Power Supply Negative Power Supply
VDD ..................................................................................7.0V All inputs and outputs w.r.t. ............. VSS -0.3V to VDD +0.3V Difference Input voltage ....................................... |VDD - VSS| Output Short Circuit Current ..................................continuous Current at Input Pin .......................................................2mA Current at Output and Supply Pins .............................30mA Storage temperature .....................................-65C to +150C Ambient temp. with power applied ................-55C to +125C Soldering temperature of leads (10 seconds) ............. +300C ESD Tolerance .................................3KV Human Body Model *Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
OUT, OUTA, OUTB, OUTC, OUTD Output Terminals CS NC Chip Select No internal connection to IC
DC CHARACTERISTICS
Unless otherwise indicated, all limits are specified for VDD = +2.7V to +5.5V, VSS = GND, TA = 25 C, VCM = VDD/2, RL = 100k to VDD/2, and VOUT ~ VDD/2 PARAMETERS INPUT OFFSET VOLTAGE Input Offset Voltage Over Temperature(1) Drift with Temperature Power Supply Rejection INPUT CURRENT AND IMPEDANCE Input Bias Current Over Temperature(2) Input Offset Bias Current Common Mode Input Impedance Differential Input Impedance COMMON MODE Common-Mode Input Range Common-Mode Rejection Ratio OPEN LOOP GAIN DC Open Loop Gain SYMBOL VOS VOS dVOS/dT PSRR IB IB IOS ZCM ZDIFF VCM CMRR MIN. -2 -3 -- -- -- -- -- -- -- VSS-0.3 75 2.5 40 1 20 1 1013||6 1013||3 -- 90 TYP. MAX. +2 +3 -- 100 -- 60 -- -- -- VDD-1.2 -- UNITS mV mV TA= -40C to +85C TA= -40C to +85C for VDD = 2.7V to 5.5V CONDITIONS
V/C V/V
pA pA pA
TA= -40C to +85C
||pF ||pF
V dB VDD = 5V, VCM = -0.3 to 3.8V RL = 25k to VDD/2, 50mV < VOUT < (VDD - 50 mV) RL = 5k to VDD/2, 100mV < VOUT < (VDD - 100mV) RL = 25k to VDD/2 RL = 5k to VDD/2 RL = 25k to VDD/2, AOL 100dB RL = 5k to VDD/2, AOL 95dB VOUT = 2.5V, VDD = 5V
AOL
100
115
--
dB
DC Open Loop Gain
AOL
95
110
--
dB
OUTPUT Low Level/High Level Output Swing Linear Region Maximum Output Voltage Swing
VOL, VOH VOL, VOH VOUT VOUT
VSS + 0.015 VSS + 0.045 VSS + 0.050 VSS + 0.100
-- -- -- -- 20
VDD - 0.020 VDD - 0.060 VDD - 0.050 VDD - 0.100 --
V V V V mA
Output Short Circuit Current POWER SUPPLY Supply Voltage Quiescent Current Per Amp
ISC
VDD IQ
2.7
-- 230
5.5 325
V
A
IL = 0
Note 1: Max. and Min. specified for PDIP and SOIC packages only. Typical refers to all other packages Note 2: Max. and Min. specified for PDIP, SOIC, and TSSOP packages only. Typical refers to all packages.
DS21314D-page 2
2000 Microchip Technology Inc.
MCP601/602/603/604
AC CHARACTERISTICS
Unless otherwise indicated, all limits are specified for VDD = +2.7V to +5.5V, VSS = GND, TA = 25C, VCM = VDD/2, RL = 100k to VDD/2, and VOUT ~ VDD/2 PARAMETERS Gain Bandwidth Product Phase Margin Slew Rate Setting Time to 0.01% SYMBOL GBWP MIN. -- -- -- -- TYP. 2.8 50 2.3 4.5 -- -- -- MAX. UNITS MHz degrees V/s CONDITIONS VDD = 5V CL = 50pF, VDD = 5V G = +1V/V, VDD = 5V for VOUT = 3.8VSTEP, CL = 50pF, VDD = 5V, G = +1V/V
m
SR
s
NOISE Input Voltage Noise Input Voltage Noise Density Input Current Noise Density en en in -- -- -- 7 29 0.6 -- -- --
VP-P
nV/ Hz fA/ Hz
f = 0.1Hz to 10Hz f = 1kHz f = 1kHz
SPECIFICATIONS FOR MCP603 CHIP SELECT FEATURE
Unless otherwise indicated, all limits are specified for VDD = +2.7V to +5.5V, VSS = GND, TA = 25C, VCM = VDD/2, RL = 100k to VDD/2, and VOUT ~ VDD/2 PARAMETERS CS LOW SPECIFICATIONS CS Logic Threshold, Low CS Input Current, Low Amplifier Output Leakage, CS High CS HIGH SPECIFICATIONS CS Logic Threshold, High CS Input High, Shutdown CS Pin Current CS Input High, Shutdown GND Current DYNAMIC SPECIFICATIONS CS Low to Amplifier Output High Turn-on Time CS High to Amplifier Output High Z CS Threshold Hysteresis tON tOFF -- -- -- 3.1 100 0.3 10 -- -- VIH ICSH IQ 0.8 VDD -- -- 0.51 VDD 0.7 0.7 VDD 2.0 2.0 V For entire VDD range CS = VDD CS = VDD VIL ICSL VSS -1.0 -- 0.42 VDD -- 1 0.2 VDD -- -- V For entire VDD range CS = 0.2VDD SYMBOL MIN. TYP. MAX. UNITS CONDITIONS
A
nA
A A
s
ns V
CS low 0.2VDD CS high 0.8VDD, No Load
TEMPERATURE SPECIFICATIONS
Unless otherwise indicated, all limits are specified for VDD = +2.7V to +5.5V, VSS = GND PARAMETERS TEMPERATURE RANGE Specified Temperature Range Operating Temperature Range Storage Temperature Range THERMAL PACKAGE RESISTANCE Thermal Resistance, 5L-SOT23-5 Thermal Resistance, 8L-PDIP Thermal Resistance, 8L-SOIC Thermal Resistance, 8L-TSSOP Thermal Resistance, 14L-PDIP Thermal Resistance, 14L-SOIC Thermal Resistance, 14L-TSSOP TA TA TA -40 -40 -65 -- -- -- +85 +85 +150 C C C SYMBOL MIN. TYP. MAX. UNITS CONDITIONS
JA JA JA JA JA JA JA
-- -- -- -- -- -- --
256 85 163 124 70 120 100
-- -- -- -- -- -- --
C/W C/W C/W C/W C/W C/W C/W
2000 Microchip Technology Inc.
DS21314D-page 3
MCP601/602/603/604
2.0 TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
260 IL = 0 Quiescent Current per Amplifier (A) 240 220 200 180 160 140 120 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply, VDD (V)
120 100 Open Loop Gain (dB) 80 60 40 20 0 -20 -40 -60
0.1 0 10 10
Gain
100 50 0 -50 -100
Phase
-150 -200
1K 100K 1000 100000 Frequency (Hz)
-250 10M 10000000
FIGURE 2-1: Frequency
Open Loop Gain, Phase Margin vs.
Phase Margin (degrees)
C L = 50pF, R L = 100k V DD = 5V
200 150
FIGURE 2-4:
Quiescent Current vs. Power Supply
3.5 High-to-Low Transition CL=50pF, RL=100k, VDD=5V
Quiescent Current per Amplifier (A)
300 280 260 240 220 200 180 160 140 120 100 -40 -20 0 20 40 60 80 Temperature (C)
VDD = 2.7V VDD = 5.5V IL=0
3 Slew Rate (V/ s)
2.5 Low-to-High Transition
2
1.5
1 -40 -20 0 20 40 60 80 Temperature (C)
FIGURE 2-2:
Slew Rate vs. Temperature
FIGURE 2-5:
85
Quiescent Current vs. Temperature
4.5 4 Gain Bandwidth Product (MHz) 3.5 3 2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 60 80 Temperature (C) Phase CL = 55pF Gain Bandwidth Product
10000 Input Voltage Noise Density (nV/ Hz) RL = 10k
80 Phase Margin (degrees) 75 70 65 60 55 50 45 40
10 0.1 1 10 100 1k 10k
1000
100
100k
1M
Frequency (Hz)
FIGURE 2-3: Temperature
Gain Bandwidth Product vs.
FIGURE 2-6: Frequency
Input
Voltage
Noise
Density
vs.
DS21314D-page 4
2000 Microchip Technology Inc.
MCP601/602/603/604
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
40 35 Number of Occuracnes 30 25 20 15 10 5 0 -2.00 0.50 0.75 1.00 -1.50 -1.25 -1.00 -0.75 -1.75 -0.25 1.25 0.00 0.25 1.50 1.75 -0.50 2.00
60
VDD = 5.5V RL = 100k Sample Size = 203 op amp
Number of Occurances
50 40 30 20 10 0 0 1 2 3
VDD = 5.5V RL = 100k Sample Size = 203 Temperature Range = -40C to +85C
4
5
6
7
8
Offset Voltage (mV)
Change in Offset Voltage with Temperature (V/C)
FIGURE 2-7: Offset Voltage Occurrences with VDD = 5.5V
40 35 Number of Occurances 30 25 20 15 10 5 0 0.00 0.25
vs.
Number
of
FIGURE 2-10: Offset Voltage Drift vs. Number of Occurrences with VDD = 5.5V
60
VDD = 2.7V RL = 100k Sample Size = 203 op amp
Number of Occurances
50
VDD = 2.7V RL = 100k Sample Size = 203 Temperature Range = -40C to +85C
40
30
20
10
0.50
0.75
1.00
1.25
1.50
1.75
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-2.00
-0.25
2.00
0 0 1 2 3 4 5 6 7 8 Change in Offset Voltage with Temperature (V/C)
Offset Voltage (mV)
FIGURE 2-8: Offset Voltage Occurrences with VDD = 2.7V.
vs.
Number
of
FIGURE 2-11: Offset Voltage Drift vs. Number of Occurrences with VDD = 2.7V
400 300 Offset Voltage (V) 200 100 0 -100 -200 -300 -400 -500 -40 -20 0 20 40 VDD = 5.5V VDD = 2.7V
RL = 100k
Common Mode Rejection Ratio, Power Supply Rejection Ratio (dB)
500
100 CMRR VDD = 2.7V VCM = -0.3V to 1.5V PSRR, VDD = 2.7V to 5.5V 90 CMRR VDD = 5.5V VCM = -0.3V to 4.3V
95
85
80
60
80
75 -40 -20 0 20 Temperature ( C) 40 60 80
Temperature (C)
FIGURE 2-9: Normalized Offset Voltage vs. Temperature with VDD = 2.7V
FIGURE 2-12: Common-Mode Rejection Ratio, Power Supply Rejection Ratio vs. Temperature
2000 Microchip Technology Inc.
DS21314D-page 5
MCP601/602/603/604
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
240 220 200 Offset Voltage (V) 180 160 140 120 100 80 60 40 -1 0 1 2 3 4 5 Common Mode Voltage (V) VDD = 2.7V VDD = 5.5V Representative Part
100
PSRR+
80
PSRR, CMRR (dB)
PSRRCMRR
VDD=5.0V, CL=50 pF
60 40 20 0 -20
1 1
10 10
100 100
1K 1000
10K 10000
100K 100000
1M 10M 1000000 10000000
Frequency (Hz)
FIGURE 2-13: Offset Voltage vs. Common-Mode Voltage
FIGURE 2-16: Common-Mode Rejection Power Supply Rejection Ratio vs. Frequency
Ratio,
20 Input Bias Current, Input Offset Current (pA) 18 16 14 12 10 8 6 4 2 0 -40 -20 0 20 40 60 80 Input Bias Current Levels are Typically less than 1pA Below 25C Input Bias Current VDD = 5.5V
Input Bias, Input Offset Current (pA)
20 18 16 14 12 10 8 6 4 2 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 Common-mode Voltage (V) Input Offset VDD = 5.5V RL = TA = 85 C Input Bias Current
Input Offset Current
Temperature (C)
FIGURE 2-14: Input Bias Current, Input Offset Current vs. Temperature
FIGURE 2-17: Input Bias Current, Input Offset Current vs. Common Mode Input Voltage
120 VDD = 5.5V DC Open Loop Gain (dB)
115
110
Open Loop Gain (dB)
110
VDD = 2.7V 100
105
100
90
95
80
90
0 0
2K 20000
4K 40000
6K 60000
8K 80000
10K 100000
2
2.5
3
3.5
4
4.5
5
5.5
Load Resistance ()
Power Supply Voltage, VDD (V)
FIGURE 2-15: DC Open Loop Gain vs. Output Load
FIGURE 2-18: DC Open Loop Gain vs. Power Supply
DS21314D-page 6
2000 Microchip Technology Inc.
MCP601/602/603/604
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
120
3.5 Gain-Bandwidth 3 Gain-Bandwidth (MHz) 2.5 2 100
115 DC Open Loop Gain (dB)
90 Phase Margin (degs) 80 70 60
110 105 100 95 90 85
VDD = 5.5V, VOUT = 50mV to 5.45V
1.5 1 VDD = 5.0V, CL= 50 pF Phase Margin
50 40 30 100000 100K
VDD = 2.7V, VOUT = 50mV to 2.65V
0.5
0 100 100
1000 1K Resistance (W)
10000 10K
80 -40 -20 0 20 40 Temperature (C) 60 80
FIGURE 2-19: Gain Bandwidth, Phase Margin vs. Load Resistance
FIGURE 2-22: DC Open Loop Gain vs. Temperature
700 600 VDD-VOH, VOL-VSS (mV) 500 400 300 200 100 0 VOL - VSS VDD=2.7V VDD-VOH VDD=5.5V VOL - VSS VDD=5.5V VDD-VOH VDD=2.7V
12 10 8 6 4 2 0 VOL-VSS, VDD=2.7V VDD-VOH, VDD=5.5V
VOH, VOL (mV)
VOL-VSS, VDD=5.5V
VDD-VOH, VDD=2.7V
100 100
1K 1000
10K 10000
100K 100000
-40
-20
0
20 Temperature (C)
40
60
80
Load Resistance ()
FIGURE 2-20: Low Level and High Level Output Swing vs. Resistive Load
FIGURE 2-23: Low Level and High Level Output Swing vs. Temperature
5.5 5 Full-Scale Output Voltage Swing (V) 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 VDD = 5V
40 30 Short Circuit Current (mA) 20 10 0 -10 -20 -30 -40 Negative Short Circuit Current VDD = 5.5V -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 Negative Short Circuit Current VDD = 2.7V Positive Short Circuit Current VDD = 2.7V Positive Short Circuit Current VDD = 5.5V
1K 1000
10K 10000
100K 100000
Frequency (Hz)
1M 1000000
10M 10000000
Temperature (C)
FIGURE 2-21: Maximum Full Scale Output Voltage Swing vs. Frequency
FIGURE 2-24: Output Temperature
Short
Circuit
Current
vs.
2000 Microchip Technology Inc.
DS21314D-page 7
MCP601/602/603/604
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
CL=50pF, RL=100k,
VDD = 5V RL = 100k CL = 50pF G = +1V/V
VDD = 5V, G= -1V/V
500 mV / div
500 mV/div
1S / div
1S / div
FIGURE 2-25: Large Signal Non-Inverting Signal Pulse Response
FIGURE 2-28: Large Signal Inverting Signal Pulse Response
VDD = 5V RL = 100k 50 mV/div
50 mV/div
CL=50 pF G = +1V/V
CL=50pF, RL=100k, VDD = 5V, G= -1V/V
1S / div
1S / div
FIGURE 2-26: Small Response
Signal
Non-inverting
Pulse
FIGURE 2-29: Small Signal Inverting Signal Pulse Response
100 GND Current (A)
CS 500 mV/div Amplifier Output Active
RL = 100k to GND CL = 50pF G = +1V/V VIN+ = 2.5V VDD = 5V
0 -100 -200 -300 -400 -500 -600 -700 -800 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 CS Pin Voltage (V) VDD = 5.5V
Hi-Z
5 S/div
FIGURE 2-27: Chip Response Time
Select
to
Amplifier
Output
FIGURE 2-30: GND Current vs. CS Voltage
DS21314D-page 8
2000 Microchip Technology Inc.
MCP601/602/603/604
Note: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND, TA = 25C, VCM = VDD/2, RL = 25k to VDD/2 and VOUT ~ VDD/2
0.9 0.8
Internal CS Switch Output (V)
0.7
V DD = 5.5V
3 2.5 2 1.5 1 0.5 0 -0.5
0.0 1.0 2.0 3.0 CS Pin Voltage (V) 4.0 5.0 6.0
CS Pin Current (uA)
Amplifier Output Active (driven)
0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1
VDD = 5V
CS Input Low to High CS Input High to Low Amplifier Output in Hi-Z state
0
1
2
3 4 CS Input Voltage (V)
5
6
FIGURE 2-31: Input CS Current vs. CS Voltage
FIGURE 2-33: CS hysteresis
-150 Channel to Channel Isolation (dB) -145 -140 -135 -130 -125 -120 -115 -110 -105 -100 100 100 RL =
1K 1000
10K 10000 Frequency (Hz)
100K 100000
1M 1000000
FIGURE 2-32: Channel to Channel Separation
2000 Microchip Technology Inc.
DS21314D-page 9
MCP601/602/603/604
3.0 APPLICATIONS INFORMATION
The MCP601/602/603/604 family of operational amplifiers are fabricated on Microchip's state-of-the-art CMOS process. They are unity gain stable and suitable for a wide range of general purpose applications. With this family of operational amplifiers, the power supply pin should be by-passed with a 1F capacitor. The Linear Region Maximum Output Voltage Swing of the MCP601/602/603/604 family is specified within 50mV from the positive and negative rail with a 25k load and 100mV from the rails with a 5k load. The overriding condition that defines the linear region of the amplifier is the open loop gain that is specified over that region. In the voltage output region between VSS + 50mV and VDD - 50mV, the open loop gain is specified to 100dB (min) with a 25k load. The classical definition of the open loop gain of an amplifier is: AOL = VOUT / VOS where: AOL is the DC open loop gain of the amplifier, VOUT is equal to (VDD - 50mV) - (VSS + 50mV) for RL= 25k, and VOS is the change in offset voltage with the changing output voltage of the amplifier.
3.1
Rail-to-Rail Output Swing
There are two specifications that describe the output swing capability of the MCP601/602/603/604 family of operational amplifiers. The first specification, Low Level and High Level Output Voltage Swing, defines the absolute maximum swing that can be achieved under specified loaded conditions. For instance, the Low Level Output Voltage Swing of the MCP601/602/603/ 604 family is specified to be able to swing at least to 15mV from the negative rail with a 25k load to VDD/2. This output swing performance is shown in Figure 3-1, where the output of an MCP601 is configured in a gain of +2V/V and over driven with a 40kHz triangle wave. In this figure, the degradation of the output swing linearity is clearly illustrated. This degradation occurs after the point at which the open loop gain of the amplifier is specified and before the amplifier reaches its maximum and minimum output swing.
3.2
Input Voltage and Phase Reversal
Since the MCP601/602/603/604 amplifier family is designed with CMOS devices, it does not exhibit phase inversion when the input pins exceed the negative supply voltage. Figure 3-2 shows an input voltage exceeding both supplies with no resulting phase inversion.
Input and Output Voltage (V)
10 8 6 4 Input Signal (V) 2 0 VOL VOH
0.5 0.3 0.1
VOH, VOL (0.1mV/div)
VDD
6 5 4 3 2 1 0 -1 0 10 20 Time(S) 30 40 50 Input Signal G = +2V/V VDD = 5V Output Signal
VSS
-0.1 -0.3 -0.5
G=+2V/V, VDD= 5V -2 0 10 20 30 40 50 Time (s) -0.7
FIGURE 3-1: Swing
Low Level and High Level Output
FIGURE 3-2: The MCP601/602/603/604 family of op amps do not have phase reversal issues. For the graph, the amplifier is in a unity gain or buffer configuration.
The second specification that describes the output swing capability of these amplifiers is the Linear Region Maximum Output Voltage Swing. This specification defines the maximum output swing that can be achieved while the amplifier is still operating in its linear region.
DS21314D-page 10
2000 Microchip Technology Inc.
MCP601/602/603/604
The maximum operating common-mode voltage that can be applied to the inputs is VSS - 0.3V to VDD - 1.2V. In contrast, the absolute maximum input voltage is VSS - 0.3V and VDD + 0.3V. Voltages on the input that exceed this absolute maximum rating can cause excessive current to flow in or out of the input pins. Current beyond 2mA can cause possible reliability problems. Applications that exceed this rating must be externally limited with an input resistor as shown in Figure 3-3.
4 Gain-Bandwidth (MHz) 3.5 3 2.5 2 1.5 1 0.5 0 10 10
100 100 1E3 1000 10E3 10000 100E3 100000
80 Gain-Bandwidth VDD=5.0V, RL=100 k 70 60 50 Phase Margin 40 30 20 10 0 1E6 1000000 Phase Margin (degrees)
Capacitance (pF)
FIGURE 3-4: Gain Bandwidth, Phase Margin vs. Capacitive Load MCP60X RIN VDD
RIN = (Maximum expected voltage - VDD) / 2mA or (VSS - Minimum expected voltage)/ 2mA. FIGURE 3-3: If the inputs of the amplifier exceed the Absolute Maximum Specifications, an input resistor, RIN , should be used to limit the current flow into that pin. VIN
RISO MCP60X
VOUT CL
FIGURE 3-5: Amplifier circuits that can be used when driving heavy capacitive loads. If the amplifier is required to drive larger capacitive loads, the circuit shown in Figure 3-5 can be used. A small series resistor (RISO) at the output of the amplifier improves the phase margin when driving large capacitive loads. This resistor decouples the capacitive load from the amplifier by introducing a zero in the transfer function. This zero adjusts the phase margin by approximately: m = tan-1 (2 GBWP x RISO x CL) where: m is the improvement in phase margin, GBWP is the gain bandwidth product of the amplifier, RISO is the capacitive decoupling resistor, and CL is the load capacitance
3.3
Capacitive Load and Stability
Driving capacitive loads can cause stability problems with many of the higher speed amplifiers. For any closed loop amplifier circuit, a good rule of thumb is to design for a phase margin that is no less than 45. This is a conservative theoretical value, however, if the phase margin is lower, layout parasitics can degrade the phase margin further causing a truly unstable circuit. A system phase shift of 45 will have an overshoot in its step response of approximately 25%. A buffer configuration with a capacitive load is the most difficult configuration for an amplifier to maintain stability. The Phase versus Capacitive Load of the MCP60X amplifier is shown in Figure 3-4. In this figure, it can be seen that the amplifier has a phase margin above 40, while driving capacitance loads up to 100pF.
2000 Microchip Technology Inc.
DS21314D-page 11
MCP601/602/603/604
3.4 The Chip Select Option of the MCP603
The MCP603 is a single amplifier with a Chip Select option. When CS is pulled high the supply current drops to 0.7A (typ), which is pulled through the CS pin to VSS. In this state, the amplifier is put into a high impedance state. By pulling CS low or letting the pin float, the amplifier is enabled. Figure 3-6 shows the output voltage and supply current response to a CS pulse. CS VIL tON Output Hi-Z 230A (typ) VDD Supply Current GND Current 2.0nA (typ) 0.7A (typ) 230A (typ) 2.0nA (typ) 0.7A (typ) VIH tOFF Hi-Z
CS Current FIGURE 3-6:
0.7A (typ)
2nA(typ)
0.7A (typ)
Timing Diagram for the CS Function of the MCP603 Amplifier
3.5
Layout Considerations
In applications where low input bias current is critical, PC board surface leakage effects and signal coupling from trace to trace need to be taken into consideration. -In 3.5.1 SURFACE LEAKAGE Surface leakage across a PC board is a consequence of differing DC voltages between two traces combined with high humidity, dust or contamination on the board. For instance, the typical resistance from PC board trace to pad is approximately 1012 under low humidity conditions. If an adjacent trace is biased to 5V and the input pin of the amplifier is biased at or near zero volts, a 5pA leakage current will appear on the amplifier's input node. This type of PCB leakage is five times the room temperature input bias current (1pA, typ) of the MCP601/602/603/604 family of amplifiers. The simplest technique that can be used to reduce the effects of PC board leakage is to design a ring around sensitive pins and traces. An example of this type of layout is shown in Figure 3-7. +In V-
Guard Ring FIGURE 3-7: Example of Guard Ring for the MCP601, the A-amplifier of the MCP602 or the MCP603 in a PC Board Layout
DS21314D-page 12
2000 Microchip Technology Inc.
MCP601/602/603/604
Circuit examples of ring implementations are shown in Figure 3-8. In Figure 3-8A, B and C, the guard ring is biased to the common-mode voltage of the amplifier. This type of guard ring is most effective for applications where the common-mode voltage of the input stage changes, such as buffers, inverting gain amplifiers or instrumentation amplifiers. The strategy shown in Figure 3-8D, biases the common-mode voltage and guard ring to ground. This type of guard ring is typically used in precision photo sensing circuits. Figure 3-8A 3.5.2 SIGNAL COUPLING The input pins of the MCP601/602/603/604 amplifiers have a high impedance providing an opportunity for noise injection, if layout issues are not considered. These high impedance input terminals are sensitive to injected currents. This can occur if the trace from a high impedance input is next to a trace that has fast changing voltages, such as a digital or clock signal. When a high impedance trace is in close proximity to a trace with these types of voltage changes, charge is capacitively coupled into the high impedance trace. C= w x L x eo x er d pF
PCB Trace
MCP60X
L
d
w (typ 0.003mm)
Figure 3-8B
w= thickness of PCB trace
PCB Cross-Section
L= length of PCB trace d= distance between the two PCB traces FIGURE 3-9: Capacitors can be built with PCB traces allowing for coupling of signals from one trace to another. As shown in Figure 3-9, the value of the capacitance between two traces is primarily dependent on the distance (d) between the traces and the distance that the two traces are in parallel (L). From this model, the amount of current generated into the high impedance trace is equal to: I = C V/t MCP60X
Voltage Reference (could be ground)
MCP60X
Figure 3-8C
where: I equals the current that appears on the high impedance trace, C equals the value of capacitance between the two PCB traces, V equals the change in voltage of the trace that is switching, and t equals the amount of time that the voltage change took to get from one level to the next.
Figure 3-8D
VDD MCP60X
FIGURE 3-8: Examples of how to design PC Board traces to minimize leakage paths to the high impedance input pins of the MCP601/602/603/604 amplifiers.
2000 Microchip Technology Inc.
DS21314D-page 13
MCP601/602/603/604
3.6
3.6.1
Typical Applications
ANALOG FILTERS
of poles that are required for the application. Finally, the program will generate a SPICE macromodel, which can be used for spice simulations. 3.6.2 INSTRUMENTATION AMPLIFIER CIRCUITS
Examples of two second order low pass filters are shown in Figure 3-10 and Figure 3-11. The filter in Figure 3-10 can be configured for gain of +1V/V or greater. The filter in Figure 3-11 can be configured for inverting gains.
Sallen-Key
C2 VIN R1 R2 C1
MCP60X
The instrumentation amplifier has a differential input, which subtracts one analog signal from another and rejects common mode signals. This amplifier also provides a single ended analog output signal. The three op amp instrumentation amplifier is illustrated in Figure 3-12 and the two op amp instrumentation amplifier is shown in Figure 3-13.
VDD V2
MCP60X
VOUT
*
R3
R4 VDD
R3
VOUT VIN
R4
R2 RG R2 R3 R4 V1
MCP60X
*
MCP60X
s2+s(1/R1C2+1/R2C2+1/R2C1 - K/R2C1+1/R1R2C2C1) K = 1 + R4 /R3
=
K/(R1R2C2C1)
VOUT
FIGURE 3-10: 2nd Order Low Pass Sallen-Key Filter R2 VIN R1 R3 C2
VREF
C1 VOUT
2R 2 R 4 R4 VOUT = (V1 -V 2 ) + -------- ----- + V REF ----- 1 R 3 R G R 3 *Bypass Capacitor, 1F FIGURE 3-12: An instrumentation amplifier can be built using three operational amplifiers and seven resistors.
RG
MCP60X
VOUT VIN
=
-1/R1R3C2C1 s2C2C1 + sC1(1/R1 + 1/R2 + 1/R3) + 1/(R2R3C2C1)
R1 VREF
R2 VDD *
MCP60X
FIGURE 3-11: 2nd Order Multiple-Feedback Filter
Low
Pass
R1 R2
The MCP601/602/603/604 family of operational amplifiers are particularly well suited for these types of filters. The low input bias current, which is typically 1pA (up to 60pA at temperature), allows the designer to select higher value resistors, which in turn reduces the capacitive values. This allows the designer to select surface mount capacitors, which in turn can produce a compact layout. The rail-to-rail output operation of the MCP601/602/ 603/604 family of amplifiers make these circuits well suited for single supply operation. Additionally, the wide bandwidth allows low pass filter design up to 1/10 of the GBWP or 300kHz. These filters can be designed using the calculations provided in the Figures or with Microchip's interactive FilterLab software. FilterLab will calculate capacitor and resistor values, as well as, determine the number
V2 V1
MCP60X
VOUT
R 1 2R 1 VOUT = (V1 -V2 ) 1 + ----- + -------- + VREF R 2 RG *Bypass Capacitor, 1F FIGURE 3-13: An instrumentation amplifier can also be built using two operational amplifiers and five resistors.
DS21314D-page 14
2000 Microchip Technology Inc.
MCP601/602/603/604
An advantage of the three op amp configuration is that it is capable of unity gain operation. A disadvantage, as compared to the two op amp instrumentation amplifier, is that the common mode range reduces with higher gains. The two op amp configuration uses fewer op amps, so power consumption is also low. Disadvantages of this configuration are that the common-mode range reduces with gain and it must be configured in gains of two or higher. 3.6.3 PHOTO DETECTION In contrast, a photodiode that is configured in the photoconductive mode has a reverse bias voltage, which is applied across the photo sensing element as shown in Figure 3-14. The width of the depletion region is reduced when this voltage is applied across the photo detector, which reduces the photodiode parasitic capacitance significantly. This reduced parasitic capacitance facilitates high speed operation, however, the linearity and offset errors are not optimized. The design trade off for this action is increased diode leakage current and linearity errors. A key amplifier specification for this application is high speed digital communication. The MCP601/602/603/604 family is well suited for medium speed photoconductive applications with their wide bandwidth and rail-to-rail output swing.
The amplifiers in the MCP601/602/603/604 family of devices can be used to easily convert the signal from a sensor that produces an output current, such as a photodiode, into a voltage. This is implemented with a single resistor and an optional capacitor in the feedback loop of the amplifier as shown in Figure 3-14. Photodiode in Photovoltaic Mode C2 R2 D1 ID1
MCP60X
Light
VOUT
Photodiode in Photoconductive Mode VBIAS D1 Light ID1
MCP60X
R2
VOUT
VOUT = R2 ID1 FIGURE 3-14: Photo Sensing Circuits Using the MCP60X Amplifier A photodiode that is configured in the photovoltaic mode has no voltage potential placed across the element or is zero biased (Figure 3-14). In this mode, the light sensitivity and linearity is maximized making it best suited for precision applications. The key amplifier specifications for this application are low input bias current, low noise and rail-to-tail output swing. The MCP601/602/603/604 family is capable of meeting all three of these difficult requirements.
2000 Microchip Technology Inc.
DS21314D-page 15
MCP601/602/603/604
4.0 SPICE MACROMODEL
The Spice macromodel for the MCP601, MCP602, MCP603 and MCP604 simulates the typical amplifier performance of offset voltage, DC power supply rejection, input capacitance, DC common mode rejection ratio, open loop gain over frequency, phase margin with no capacitive load, output swing, DC power supply current, power supply current change with supply voltage, input common mode range and input voltage noise. The characteristics of the MCP601, MCP602, MCP603, and MCP604 amplifiers are similar in terms of performance and behavior. This single op amp macromodel supports all four devices with the exception of the chip select function of the MCP603, which is not modeled. The listing for this macromodel is shown on the next page. The most recent revision of the model can be downloaded from Microchip's web site at www.microchip.com.
DS21314D-page 16
2000 Microchip Technology Inc.
MCP601/602/603/604
.subckt mcp601 1 2 3 4 5 * ||||| * | | | | Output * | | | Negative supply * | | Positive Supply * | Inverting input * Non-inverting input * * Macromodel for MCP601 (single), MCP602 (dual), MCP603 (single w/CS), and MCP604 (quad) * * The characteristics of the MCP601, MCP602, MCP603, and MCP604 have the same fundamental * performance and behavior. Consequently, this single op amp macromodel supports all four * devices. However, the chip select function of the MCP603 is not modeled. * * Revision History: * REV A : 6-30-99 created BCB * REV B : 7-10-99 corrected DC Iq BCB * REV C : 11-30-99 Placed ".subckt" command as first line, added L, W to Ptype model in : listing BCB * * This macromodel models typical amplifier offset voltage, DC power supply rejection, input * capacitance, DC common mode rejection ratio, open loop gain over frequency, phase margin * with no capacitive load, output swing, power supply current, input voltage noise. * * NOTICE: THE INFORMATION PROVIDED HEREIN IS BELIEVED TO BE RELIABLE, * HOWEVER, MICROCHIP ASSUMES NO RESPONSIBILITY FOR INACCURACIES OR * OMISSIONS. MICROCHIP ASSUMES NO RESPONSIBILITY FOR THE USE OF THIS * INFORMATION, AND ALL USE OF SUCH INFORMATION SHALL BE ENTIRELY AT * THE USER'S OWN RISK. NO INTELLECTURAL PROPERTY RIGHTS OR LICENSES * TO ANY OF THE TECNOLOGY DESCRIBED HEREIN ARE IMPLIED OR GRANTED TO * ANY THIRD PARTY. MICROCHIP RESERVES THE RIGHT TO CHANGE THIS MODEL * AT ANY TIME WITHOUT NOTICE. * *Input Stage, pole at 5MHz M1 9 64 7 3 Ptype L=2 W=275 M2 8 2 7 3 Ptype L=2 W=275 CDIFF 1 2 3E-12 CCM1 1 4 6E-12 CCM2 2 4 6E-12 IDD 3 7 30e-6 RA 8 6 1.485e3 RB 9 6 1.485e3 CA 8 9 10.71e-12 *Input Stage Common-Mode Clampling VCMM 4 6 0.35 ECM 55 4 3 64 1 RCM DCMP VCMP RST DST VST GCMP2 57 56 57 58 59 58 23 56 55 4 59 55 4 4 1E3 DX 1.2 1E3 DX 1.6 POLY(2) 57 56 58 59 0 -0.5E-3 0.5E-3
*Input errors (vos, en, psr, cmr) ERR 64 1 POLY(3) (67,4) (3, 4) (1,34) 0 1 40e-6 3.2e-6 *Second GS R1 C2 Stage, pole 23 4 23 4 23 4 at 3.3Hz 8 9 0.397e9 122.8e-12
5.7e-3
2000 Microchip Technology Inc.
DS21314D-page 17
MCP601/602/603/604
VSOP VSOM DSOP DSOM *HCM 3 25 23 25 23 24 4 24 23 3 4.784 -3.48 DY DY VCMP
FS 3 4 POLY(11) VO3 VO5 VO4 VO6 VO1 VO2 VO9 VO10 VMID1 VSOP VSOM + 200E-6 -1 -1 -1 1 -1 -1 1 1 -1 -1 -1 *mid-supply reference, output swing limit RMID1 3 35 61.62E3 VMID1 35 34 0 RMID2 4 34 61.62E3 ELEVEL 34 4 23 4 -1 *output DO3 DO4 DO5 DO6 DO7 DO8 VO3 VO4 GO5 VO5 GO6 VO6 GO1 VO1 GO2 VO2 RO9 VO9 RO10 VO10 * input VN1 DN1 RN1 stage 34 43 44 34 3 45 3 46 4 45 4 46 43 5 5 44 3 47 47 5 4 48 48 5 49 4 49 45 50 4 50 46 3 51 51 5 52 4 52 5
DY DY DY DY DY DY 0.1 0.1 3 0 34 0 5 0 34 0 100 0 100 0
34 4 34 5
10E-3 10E-3 10E-3 10E-3
voltage noise 65 4 0.6 65 67 DX 67 4 13E3
.model Ptype PMOS .model DY D(IS=1e-15 BV =50) .model DX D(IS=1e-18 AF=0.6 KF=10e-17) .ENDS
DS21314D-page 18
2000 Microchip Technology Inc.
MCP601/602/603/604
MCP60X PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. MCP60X -- X /X
P SN SL ST OT = = = = = Plastic DIP (300 mil Body), 8-lead and 14-lead Plastic SOIC (150 mil Body), 8-lead Plastic SOIC (150 mil Body), 14-lead Plastic TSSOP, 8-lead and 14-lead Plastic SOT23, 5-lead
Package:
Temperature Range:
I = -40C to +85C
Device:
MCP601 MCP601T MCP602 MCP602T MCP603 MCP603T
Single Operational Amplifier Single Operational Amplifier (Tape and Reel-SOIC/TSSOP/SOT23-5) Dual Operational Amplifier Dual Operational Amplifier (Tape and Reel-SOIC/TSSOP) Single Operational Amplifier w/CS Function Single Operational Amplifier w/CS Function (Tape and Reel-SOIC/TSSOP) MCP604 = Quad Operational Amplifier MCP604T = Quad Operational Amplifier (Tape and Reel-SOIC/TSSOP)
= = = = = =
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2000 Microchip Technology Inc.
DS21314D-page 19
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-786-7200 Fax: 480-786-7277 Technical Support: 480-786-7627 Web Address: http://www.microchip.com
AMERICAS (continued)
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850
ASIA/PACIFIC
China - Beijing
Microchip Technology, Beijing Unit 915, 6 Chaoyangmen Bei Dajie Dong Erhuan Road, Dongcheng District New China Hong Kong Manhattan Building Beijing, 100027, P.R.C. Tel: 86-10-85282100 Fax: 86-10-85282104
Taiwan
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
EUROPE
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
China - Shanghai
Microchip Technology Unit B701, Far East International Plaza, No. 317, Xianxia Road Shanghai, 200051, P.R.C. Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Hong Kong
Microchip Asia Pacific Unit 2101, Tower 2 Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
France
Arizona Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Dallas
Microchip Technology Inc. 4570 Westgrove Drive, Suite 160 Addison, TX 75248 Tel: 972-818-7423 Fax: 972-818-2924
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore, 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Munchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Detroit
Microchip Technology Inc. Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5858 Fax: 44-118 921-5835
03/23/00
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
All rights reserved. (c) 2000 Microchip Technology Incorporated. Printed in the USA. 5/00
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, except as maybe explicitly expressed herein, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS21314D-page 20
2000 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X