Part Number Hot Search : 
CT100 C1100 SZ6A47 17270 05410 R4000 L6004D A3961SB
Product Description
Full Text Search
 

To Download MC141540P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MC141540/D
MC141540 Monitor On-Screen Display
CMOS
The MC141540 is a high performance HCMOS device designed to interface with a microcontroller unit to allow colored symbols or characters to be displayed on a color monitor. The on-chip PLL allows both multi-system operation and self-generation of system timing. It also minimizes the MCU's burden through its built-in 273 bytes display/control RAM. By storing a full screen of data and control information, this device has a capability to carry out `screen-refresh' without MCU supervision. Since there is no spacing between characters, special graphics-oriented characters can be generated by combining two or more character blocks. Special functions such as character bordering or shadowing, multi-level windows, double height and double width, and programmable vertical length of character can also be incorporated. Furthermore, neither massive information update nor extremely high data transmission rate are expected for normal on- screen display operation, and serial protocols are implemented in lieu of any parallel formats to achieve minimum pin count. * * * * * * * * * * * * * * * * Fixed Resolution: 320 (CGA) Dots per Line Fully Programmable Character Array of 10 Rows by 24 Columns 273 Bytes Direct Mapping Display RAM Architecture Internal PLL Generates a Wide-Ranged System Clock For High-End Monitor Application, Maximum Horizontal Frequency is 100 kHz (32 MHz Dot Clock) Programmable Vertical Height of Character to Meet Multi-Sync Requirement Programmable Vertical and Horizontal Positioning for Display Center 128 Characters and Graphic Symbols ROM 10 x 16 Dot Matrix Character Character-by-Character Color Selection A Maximum of Four Selectable Colors per Row Double Character Height and Double Character Width Character Bordering or Shadowing Three Fully Programmable Background Windows with Overlapping Capability Single Positive 5 V Supply MC141540P4 is a Replacement for XC141540P with Two Symbols Added in ROM Addresses `5C' and `5E'
P SUFFIX PLASTIC DIP CASE 648
ORDERING INFORMATION
MC141540P4 Plastic DIP
PIN ASSIGNMENT
VSS(A) VCO RP VDD(A) HFLB SS SDA(MOSI) SCL(SCK) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VSS R G B FBKG HTONE VFLB VDD
REV 1 2/97 TN97031200
(c) Motorola, Inc. 1997 MOTOROLA
MC141540 1
IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIII IIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIII IIIIIII IIII IIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIII
B R G VERD CHS MCLK 8 54 BUS ARBITRATION LOGIC DATA RECEIVER BACKGROUND GENERATOR HORIZONTAL CONTROL AND PLL WADDR VERTICAL CONTROL CIRCUIT RFG NROW SC CCLK
MC141540 2
LUMINANCE VDD(A) SDA(MOSI) SCL(SCK) VFLB HFLB VCO SS 10 6 8 7
BLOCK DIAGRAM
5
4
26
4
3
8
RA,CA,DA
DATA
5
8
MEMORY AND DATA MANAGEMENT
8
RDATA
9
CH
LP
R
Y
ADDRC
CHARACTER ROMS
6
CRADDR
SHADOW
3
5
BSEN
10
CWS
RP
4
5
2
HORD
CHAR
10-BIT SHIFT REGISTER
BLACKEDGE
1
OSD_EN
VSS(A)
VDD
VSS
16
9
WCOLOR AND CONTROL
W
15
3
15
14
COLOR ENCODER
13
ROW BUFFER
12
26
Z
11
CRS
13
15
54
13
CWS
CHS
CCOLORS AND SELECT
WCOLOR AND CONTROL
WADDR
CCOLORS AND SELECT
MOTOROLA
HTONE FBKG MCLK DHOR BSEN VERD HORD OSD_EN SHADOW
ABSOLUTE MAXIMUM RATINGS Voltage Referenced to VSS
Symbol VDD Vin Id Characteristic Supply Voltage Input Voltage Current Drain per Pin Excluding VDD and VSS Operating Temperature Range Storage Temperature Range Value - 0.3 to + 7.0 VSS - 0.3 to VDD + 0.3 25 0 to 85 - 65 to + 150 Unit V V mA C C This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid applications of any voltage higher than the maximum rated voltages to this high impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
Ta Tstg
NOTE: Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description section.
AC ELECTRICAL CHARACTERISTICS (VDD = VDD(A) = 5.0 V, VSS = VSS(A) = 0 V, TA = 25C, Voltage Referenced to VSS)
Symbol tr tf FHFLB Characteristic Output Signal (R, G, B, FBKG and HTONE) Cload = 30 pF, see Figure 1 Rise Time Fall Time HFLB Input Frequency Min -- -- -- Typ -- -- -- Max 10 10 100 Unit ns ns kHz
DC CHARACTERISTICS VDD = VDD(A) = 5.0 V 10%, VSS = VSS(A) = 0 V, TA = 25C, Voltage Referenced to VSS
Symbol VOH VOL High Level Output Voltage Iout = - 5 mA Low Level Output Voltage Iout = 5 mA Digital Input Voltage (Not Including SDA and SCL) Logic Low Logic High Input Voltage of Pin SDA and SCL in SPI Mode Logic Low Logic High High-Z Leakage Current (R, G, B and FBKG) Input Current (Not Including RP, VCO, R, G, B, FBKG and HTONE) - 10 IDD Supply Current (No Load on Any Output) -- -- 9* + 10 -- A mA Characteristic Min VDD - 0.8 -- Typ -- -- Max -- VSS + 0.4 Unit V V
VIL VIH VIL VIH III III
-- 0.7 VDD -- 0.7 VDD - 10
-- -- -- -- --
0.3 VDD -- 0.3 VDD -- + 10
V V V V A
* Not a guaranteed limit.
90% 10% tf 10% tr
90%
Figure 1. Switching Characteristics
MOTOROLA
MC141540 3
PIN DESCRIPTIONS
VSS(A) (Pin 1) This pin provides the signal ground to the PLL circuitry. Analog ground for PLL operation is separated from digital ground for optimal performance. VCO (Pin 2) Pin 2 is a control voltage input to regulate an internal oscillator frequency. See the Application Diagram for the application values used. RP (Pin 3) An external RC network is used to bias an internal VCO to resonate at the specific dot frequency. The value of the resistor for this pin should be adjusted in order to set the pin voltage to around half VDD. See the Application Diagram for the application values used. VDD(A) (Pin 4) Pin 4 is a positive 5 V supply for PLL circuitry. Analog power for PLL is separated from digital power for optimal performance. HFLB (Pin 5) This pin inputs a negative polarity horizontal synchronize signal pulse to phase lock an internal system clock generated by the on-chip VCO circuit. SS (Pin 6) This input pin is part of the SPI serial interface. An active low signal generated by the master device enables this slave device to accept data. This pin should be pulled high to terminate the SPI communication. SDA (MOSI) (Pin 7) Data and control messages are being transmitted to this chip from a host MCU via this wire, which is configured as a uni-directional data line. (Detailed description of these two protocols will be discussed in the SPI section). SCL (SCK) (Pin 8) A separate synchronizing clock input from the transmitter is required for either protocol. Data is read at the rising edge of each clock signal. VDD (Pin 9) This is the power pin for the digital logic of the chip. VFLB (Pin 10) Similar to Pin 5, this pin inputs a negative polarity vertical synchronize signal pulse. HTONE (Pin 11) This pin outputs a logic high during windowing except when graphics or characters are being displayed. It is used to lower the external R, G, and B amplifiers' gain to achieve a transparent windowing effect.
FBKG (Pin 12) This pin outputs a logic high while displaying characters or windows when the FBKGC bit in the frame control register is 0, and output a logic high only while displaying characters when the FBKGC bit is 1. It is defaulted to high-impedance state after power-on, or when there is no output. An external 10 k resistor pulled low is recommended to avoid level toggling caused by hand effect when there is no output. B,G,R (Pins 13,14,15) MOSD color output is TTL level RGB to the host monitor. These three signals are active high output pins that are in a high-impedance state when MOSD is disabled. VSS (Pin 16) This is the ground pin for the digital logic of the chip.
SYSTEM DESCRIPTION
MC141540 is a full-screen memory architecture. Refresh is performed by the built-in circuitry after a screenful of display data has been loaded through the serial bus. Only changes to the display data need to be input afterward. Serial data, which includes screen mapping address, display information, and control messages, are transmitted via the SPI bus. Figure 2 contains the SPI protocol operating procedure. Data is received from the serial port and stored by the memory management circuit. Line data is stored in a row buffer for display and refreshing. During this storing and retrieving cycle, bus arbitration logic patrols the internal traffic to make sure that no crashes occur between the slower serial bus receiver and the fast `screen-refresh' circuitry. After the full-screen display data is received through one of the serial communication interfaces, the link can be terminated if a change of the display is not required. The bottom half of the block diagram contains the hardware functions for the entire system. It performs all the MOSD functions such as programmable vertical length (from 16 lines to 63 lines), display clock generation (which is phase locked to the incoming horizontal sync signal at Pin 5 HFLB), bordering or shadowing, and multiple windowing.
COMMUNICATION PROTOCOLS
Serial Peripheral Interface (SPI) SPI is a three-wire serial communication link that requires separate clock (SCK) and data (MOSI) lines. In addition, an SS slave select pin is controlled by the master transmitter to initiate the receiver. Operating Procedure To initiate SPI transmission, the SS pin is pulled low by the master device to enable MC141540 to accept data. The SS input line must be a logic low prior to the occurrence of SCK, and remain low until and after the last (eighth) SCK cycle. After all data has been sent, the SS pin is then pulled high by the master to terminate the transmission. No slave address is needed for SPI. Hence, row and column address information and display data can be sent immediately after the SPI is initiated.
MC141540 4
MOTOROLA
SS
ADDRESS ROW 7 1 6 X 0 1 5 X
MOSI MSB LSB
Figure 2. SPI Protocol
DATA TRANSMISSION FORMATS
After the proper identification by the receiving device, a data train of arbitrary length is transmitted from the master. There are three transmission formats from (a) to (c) as stated below. The data train in each sequence consists of row address (R), column address (C), and display information (I), as shown in Figure 3. In format (a), display information data must be preceded with the corresponding row address and column address. This format is particularly suitable for updating small amounts of data between different rows. However, if the current information byte has the same row address as the one before, format (b) is recommended.
0
9 10
MOTOROLA
IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIIII
For a full-screen pattern change that requires a massive information update, or during power-up, most of the row and column addresses of either (a) or (b) formats will be consecutive. Therefore, a more efficient data transmission format (c) should be applied. This sends the RAM starting row and column addresses once only, and then treats all subsequent data as display information. The row and column addresses will be automatically incremented internally for each display information data from the starting location. Because Columns 24 through 29 are unused, it is recommended that these locations are filled with dummy data while using format (c) to transmit. The data transmission formats are: (a) R - > C - > I - > R - > C - > I - > . . . . . . . . . (b) R - > C - > I - > C - > I - > C - > I. . . . . . . (c) R - > C - > I - > I - > I - > . . . . . . . . . . . . . To differentiate the row and column addresses when transferring data from master, the MSB (most significant bit) is set, as in Figure 4: `1' to represent row, and `0' for column address. Furthermore, to distinguish the column address between formats (a), (b), and (c), the sixth bit of the column address is set to `1' which represents format (c), and `0' for format (a) or (b). However, there is some limitation on using mixed formats during a single transmission. It is permissible to change the format from (a) to (b), or from (a) to (c), or from (b) to (a), but not from (c) back to (a) or (b).
ROW
DISPLAY REGISTERS
0
23
56
89
12
WINDOW 1 WINDOW 2 WINDOW 3
FRAME CRTL REG
WINDOW AND FRAME CONTROL REGISTERS
Figure 5. Memory Map
MC141540 5
ROW CONTROL REGISTERS
RESERVED SPACE
IIIIIIIIIIII IIIIIIIIIIII
row addr
col addr
info
Figure 3. Data Packet
EE EE
EE EE
SCK
first byte
last byte
Internal RAM is addressed with row and column (coln) numbers in sequence. The spaces between Row 0 and Coln 0 to Row 9 and Coln 23 are called display registers, and each contains a character ROM address corresponding to a display location on the monitor screen. Every data row is associated with two control registers, which are located at Coln 30 and 31 of their respective rows, to control the character display format of that row. In addition, three window control registers for each of the three windows, together with three frame control registers, occupy the first 13 columns of Row 10. The user should handle the internal RAM address location with care, especially those rows with double length alphanumeric symbols. For example, if Row n is destined to be double height on the memory map, the data displayed on screen Rows n and n+1 will be represented by the data contained in the memory address of Row n only. The data of the next Row n+1 on the memory map will appear on the screen as n+2 and n+3 row space, and so on. Hence, it is not necessary to load a row of blank data to compensate for the double row. The user should minimize excessive rows of data in memory in order to avoid overrunning the limited amount of row space on the screen. For rows with double width alphanumeric symbols, only the data contained in the even numbered columns of the memory map are shown. Odd numbered columns are treated in the same manner as double height rows.
0 COLUMN 23 24... 29 30 31
IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII
3 D 2 D 1 D 0 D a, b, c a, b c COLUMN COLUMN 0 0 X X D D D D D D D D D D X: don't care D: valid data
BIT 4 X
FORMAT
Figure 4. Row & Column Address Bit Patterns
MEMORY MANAGEMENT
REGISTERS
Display Register
7
6
5
4
3
2
1
0
CCS0
CRADDR
Bit 7 CCS0 -- This bit defines a specific character color out of the two preset colors. Color 1 is selected if this bit is cleared, and Color 2 otherwise. Bit 6-0 CRADDR -- These seven bits address the 128 characters or symbols residing in the character ROM. Row Control Registers Coln 30
COLN 30
Window 1 occupies Columns 0-2 of Row 10; Window 2 occupies Columns 3-5; and Window 3 occupies Columns 6-8. Window 1 has the highest priority, and Window 3 the least. If window overlapping occurs, the higher priority window will cover the lower one, and the higher priority color will take over on the overlap window area. If the start address is greater than the end address, this window will not be displayed. Frame Control Registers Coln 9
COLN 9
7
6
5
4
3
2
1
0
R1
G1
B1
R2
G2
B2
CHS
CWS
COLN 10
Coln 31
7
6
5
4
3
2
1
0
COLN 31
R3
G3
B3
R4
G4
B4
Bit 6-0 HORD -- These bits define the horizontal starting position for character display. Five bits give a total of 32 steps and each increment represents a five-dot shift to the right on the monitor screen. The value cannot be zero anytime, and the default value is 5. Coln 11
COLN 11
Bits 7-2 -- Color 3 is determined by R3, G3, and B3; Color 4 by R4, G4, and B4. Window 1 Registers Row 10 Coln 0, 3, or 6
ROW 10 COLN 0, 3, or 6
MSB
LSB
WEN
CCS1
COLN 12 OSD_EN BSEN SHADOW
Bit 2 WEN -- This bit enables the background Window 1 generation when it is set. Bit 1 CCS1 -- This additional color select bit provides the characters residing within Window 1 with two extra color selections, making a total of four selections for that row. Row 10 Coln 2, 5, or 8
MC141540 6
IIIIIIIIIIII IIIIIIIIIIII
ROW 10 COLN 2, 5, or 8
6 5 4 COL END ADDR MSB
7
3 LSB
2 R
1 G
0 B
Bit 7 OSD_EN -- The OSD circuit is activated when this bit is set. Bit 6 BSEN -- This bit enables the character bordering or shadowing function when it is set. Bit 5 SHADOW -- Characters with black-edge shadowing are selected if this bit is set; otherwise bordering prevails. Bit 0 FBKGC -- Bit 0 determines the configuration of the FBKG output pin. When it is clear, the FBKG pin outputs high while displaying characters or windows; otherwise, the FBKG pin outputs high only while displaying characters.
IIIIIIIIIIII IIIIIIIIIIII
ROW 10 COLN 1, 4, or 7
IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIII
6 5 4 3 2 1 ROW START ADDR ROW END ADDR LSB MSB MSB
7
0
LSB
Row 10 Coln 1, 4, or 7
6 5 4 3
Bit 5-0 CH5-CH0 -- These six bits determine the displayed character height. It is possible to have a proper character height by setting a value greater than or equal to 16 on a different horizontal frequency monitor. Setting a value below 16 will not have a predictable result. Figure 6 illustrates how this chip expands the built-in character font to the desired height. Coln 12
7 6 5 4 3 2 1 0 FBKGC
7
2
1
0
COL START ADDR
IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII
Bits 7-2 -- Color 1 is determined by R1, G1, and B1; Color 2 by R2, G2, and B2. Bit 1 CHS -- This bit determines the height of a display symbol. When it is set, the symbol is displayed in double height. Bit 0 CWS -- Bit 0 is similar to Bit 1; when this bit is set, the character is displayed in double width.
Bit 7-0 VERTD -- These six bits define the vertical starting position. There are a total of 64 steps, with an increment of four horizontal lines per step for each field. The value cannot be zero anytime, and the default value is 4. Coln 10
7 6 5 4 3 2 1 0
IIIIIIIIIIIII IIIIIIIIIIIII
IIIIIIIIIIII IIIIIIIIIIII
MSB LSB MSB HORD 7 6 5 4 3 2 1 0 CH5 CH4 CH3 CH2 CH1 CH0
IIIIIIIIIIIIII IIIIIIIIIIIIII
IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII
IIIIIIIIIIIII IIIIIIIIIIIII
7
6
5
4
3 2 VERTD
1
0
LSB
MOTOROLA
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
16 lines
22 lines
Built-in font (10x16 matrix) when CH=16
Display character when CH=22
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Bordering
Figure 7. Character Bordering and Shadowing
Frame Format and Timing
34 lines
25 lines
Display character when CH=25
Display character when CH=34
Figure 6. Variable Character Height
An IBM PC program called "MOSD Font Editor" (Rev. 2.0) was written for MC141540 editing purposes. This program generates a set of S-Record or Binary record for the desired display patterns to be masked onto the character ROM of the MC141540. In order to have better character display within windows, it is suggested that the designed character font be placed in the center of the 10 x 16 matrix with equal space on all four sides. The character $00 is predefined for blank characters, and the character $7F is predefined for full-filled characters. In order to avoid submersion of displayed symbols or characters into a background of comparable colors, a feature of bordering which encircles all four sides, or shadowing which encircles only the right and bottom sides of an individual display character, are provided. Figure 7 shows how a character is jacketed differently. To make sure that a character is bordered or shadowed correctly, at least one blank dot should be reserved on each side of the character font.
Figure 8 illustrates the positions of all display characters on the screen relative to the leading edge of horizontal and vertical flyback signals. The shaded area indicates the area outside the "safe viewing area" for the display characters. Notice that there are two components in the equations stated in Figure 8 for horizontal and vertical delays: fixed delays from the leading edge of HFLB and VFLB signals, regardless of the values of HORD and VERTD (47 dots + phase detection pulse width) and one H scan line for horizontal and vertical delays, respectively; and variable delays determined by the values of HORD and VERTD. Refer to Frame Control Registers Coln 9 and 10 for the definitions of VERTD and HORD. Phase detection pulse width is a function of the external charge-up resistor, which is the 330 k resistor in a series with 2 k to VCO pin in the Application Diagram. Dot frequency is determined by the equation H freq x 320. For example, dot frequency is 10.24 MHz if H freq is 32 kHz. Hence, a dot equals 1/10.24 s. When double character width is selected for a row, only the even-numbered characters will be displayed, as shown in Row 2. Notice that the total number of horizontal scan lines in the display frame is variable, depending on the chosen character height of each row. Care should be taken while configuring each row character height so that the last horizontal scan line in the display frame always comes out before the leading edge of VFLB of the next frame, to avoid wrapping display characters of the last few rows in the current frame into the next frame. The number of display dots in a horizontal scan line is always fixed at 240, regardless of row character width.
MOTOROLA
IIIII IIIII I IIIII I I IIIII I I IIII II I II I I IIIII I IIIII III I IIII IIII II II IIIII IIII IIII IIIII IIII III I IIIII
Shadowing
IIIIII IIIIII II IIIIII II II IIIIII IIIII I II IIII II I IIIIII IIII IIII IIIII IIII III II IIIIII IIII IIII I IIII IIIIII IIII IIII III I IIIIII
IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII
IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII IIIII
MC141540 7
vertical delay = VERTD x 4 + 1 H scan lines variable number of H scan lines standard size 10x16 double height CH5-0 = 0x21 & double height
VFLB
area not interfered by display characters display character
Notice that signal HTONE is active only in the window area. Timing of the signal FBKG depends on the configuration of the FBKGC bit. The configuration of the FBKGC bit affects only the FBKG signal timing; it has no effect on the timing of HTONE. Waveform `R, G, or B', which is the actual waveform at R, G, or B pin, is the logical OR of waveform `character R, G, or B' and waveform `window R, G, or B'. `Character R, G, or B' and `window R, G, or B' are internal signals for illustration purpose only. Also notice that HTONE has exactly the same waveform as `window R, G, or B'.
Character Inside a Window Character Outside a Window Character Inside a Window FBKGC Bit = 1 FBKGC Bit = 0
10x30 dots fixed
col 12
horizontal delay = (HORD x 5 + 47) dots + phase detection pulse width COLUMN 0123 ROW 0
Display Frame Format
col 10
col 2
col 4
col 6
col 8
R, G, or B Window R, G, or B Character R, G, or B FBKG HTONE
col 0
HFLB
14
......
1
2 3 4
5
6
HFLB
Figure 9. Timing of Output Signals as a Function of Window and FBKGC Bit Features
Figure 8. Display Frame Format
Icon Combination MC141540 contains 128-character ROM. The user can create an on-screen menu based on those characters and icons. Addresses $00 and $7F are predefined characters. They cannot be modified in any MOSDs.
Figure 9 illustrates the timing of all output signals as a function of window and fast-blanking features. Line 3 of all three characters is used to illustrate the timing signals. The shaded area depicts the window area. The characters on the left and right appear identical except for the FBKGC bit. The middle character does not have a window as its background.
ROM CONTENT
Figures 10 - 13 show the ROM content of MC141540. Mask ROM is optional for custom parts.
MC141540 8
Line 3
IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII IIIIIII
FONT
3
IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIII
26 27 28 29 col 14 . . . . . . . . . . . . . . . . col 28 double width CH5-0 = 0x21 & double width
MOTOROLA
00
01
02
03
20
21
22
23
04
05
06
07
24
25
26
27
08
09
0A
0B
28
29
2A
2B
0C
0D
0E
0F
2C
2D
2E
2F
10
11
12
13
30
31
32
33
14
15
16
17
34
35
36
37
18
19
1A
1B
38
39
3A
3B
1C
1D
1E
1F
3C
3D
3E
3F
Figure 10. ROM Address ($00 - $1F)
Figure 11. ROM Address ($20 - $3F)
MOTOROLA
MC141540 9
40
41
42
43
60
61
62
63
44
45
46
47
64
65
66
67
48
49
4A
4B
68
69
6A
6B
4C
4D
4E
4F
6C
6D
6E
6F
50
51
52
53
70
71
72
73
54
55
56
57
74
75
76
77
58
59
5A
5B
78
79
7A
7B
5C
5D
5E
5F
7C
7D
7E
7F
Figure 12. ROM Address ($40 - $5F)
Figure 13. ROM Address ($60 - $7F)
MC141540 10
MOTOROLA
DESIGN CONSIDERATIONS
Distortion Motorola's MC141540 has a built-in PLL for multi-system application. Pin 2 voltage is dc-based for the internal VCO in the PLL. When the input frequency (HFLB) to Pin 5 increases, the VCO frequency will increase accordingly. This forces the PLL to a higher locked frequency output. The frequency should be equal to 320 x HFLB. This is the pixel dot clock. Display distortion is caused by noise on Pin 2. Positive noise increases the VCO frequency above normal. The corresponding scan line will be shorter accordingly. In contrast, negative noise causes the scan line to be longer. The net result will be distortion on the display, especially on the right hand side of the display window. In order to have distortion-free display, the following recommendations should be considered: * Only analog part grounds (Pin 2 to Pin 4) can be connected to Pin 1(VSS(A)). VSS and other grounds should be connected to PCB common ground. The VSS(A) and VSS grounds should be totally separated (i.e. VSS(A) is floating). Refer to the Application Diagram for the ground connections.
* * * *
The dc supply path for Pin 9 (VDD) should be separated from other switching devices. The LC filter should be connected between Pin 9 and Pin 4. Refer to the values used in the Application Diagram. Biasing and filter networks should be connected to Pin 2 and Pin 3. Refer to the recommended networks in the Application Diagram. Two small capacitors can be connected between Pins 2 and 3, and between Pins 3 and 4.
Jittering Most display jittering is caused by HFLB jittering on Pin 5. Care must be taken if the HFLB signal comes from the flyback transformer. A short path and shielded cable are recommended for a clean signal. A small capacitor can be added between Pin 5 and Pin 16 to smooth the signal. Refer to the value used in the Application Diagram. Display Dancing Most display dancing is caused by interference of the serial bus. It can be avoided by adding series resistors to the serial bus.
APPLICATION DIAGRAM
ANALOG GROUND - FLOATING
VCC 100 H
0.1 F
100 F 1 VSS(A) VCO VDD 9 VSS 16 R 15 14 13 12 10 F 1k 1k 240 1k MPS2369 FBKG FBKG HTONE ANALOG GROUND SCL(SCK) VFLB 10 VFLB DIGITAL GROUND 100
1k 3.3 k 0.047 F 330 k
0.01 F 2k 33 pF
2
0.1 VCC F
240 240
100 G
R
3 33 pF 4
RP VDD(A) HFLB MOSD SS SDA(MOSI)
100 B
G B
HFLB 330 pF 100 100 100
5 6 7 8
IIC(SPI) BUS
HTONE 11
DIGITAL GROUND - COMMON GROUND
MOTOROLA
MC141540 11
PACKAGE DIMENSIONS
P SUFFIX PLASTIC DIP CASE 648-08 -A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://www.mot.com/SPS/
MC141540 12
MC141540/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC141540P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X