Part Number Hot Search : 
ISL3283E LC8910 AH286 D6L00 CA3079 AH285 24FJ64G 53111
Product Description
Full Text Search
 

To Download MC141531T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information LCD Segment / Common Driver
CMOS
MC141531 is a CMOS LCD Driver which consists of 3 annunciator outputs and 137 high voltage LCD driving signals (17 common and 120 segment). It has parallel interface capability for operating with general MCU. Besides the general LCD driver features, it has on chip LCD bias voltage generator circuits such that limited external component is required during application. * * * * * * * * * * * * * * * * * * Single Supply Operation, 2.4 V - 3.5 V Operating Temperature Range : -30C to 85C Low Current Stand-by Mode (<500nA) On Chip Bias DC/DC Converter 8 bit Parallel Interface Graphic Mode Operation On Chip 120x17 Graphic Display Data RAM Master clear RAM 120 Segment Drivers, 17 Common Drivers 1/16, 1/17 Multiplex Ratio 1:5 bias ratio Re-mapping of Row and Column Drivers Three Stand Alone Annunciator (Static Icon) Driver Circuits Low Power Icon Mode Driven by Com16 in Special Driving Scheme Selectable LCD Drive Voltage Temperature Coefficients 16 level Internal Contrast Control External Contrast Control Standard TAB (Tape Automated Bonding) Package, Gold Bump Die
MC141531
MC141531T TAB
MCC141531Z Gold Bump Die ORDERING INFORMATION
MC141531T TAB MCC141531Z Gold Bump Die
This document contains information on a new product. Specifications and information herein are subject to change without notice. REV 4 3/97
MOTOROLA
MC141531 3-139
Block Diagram
BP
Annun0 to Annun2
Com0 to Com16
Seg0~Seg119
Annunciator Control Circuit
HV Buffer Cell Level Shifter
Level Selector
VLL6 17 Bit Latch OSC1 OSC2 Display Timing Generator VLL2 VCC VR VF LCD Driving DC/DC Converter Tripler, Doubler, Voltage Regulator, Voltage Divider, Contrast Control, Temperature Compensation C2P C2N C1P C1N
120 Bit Latch
GDDRAM 17 x 120Bits
C+ CAVDD AVSS
Command Decoder
DVSS DVDD Command Interface Parallel Interface
RES
D/C
CS (CLK)
R/W
D0~D7
MC141531 3-140
MOTOROLA
MOTOROLA
DUMMY DUMMY
MC141531T PIN ASSIGNMENT
DUMMY
(COPPER VIEW)
OSC2 AVSS VR VF VCC CC+ VLL6 VLL5 VLL4 OSC1 VLL3 VLL2 C1N C1P C2N C2P AVDD D7 D6 D5 D4 D3 D2 D1 D0 DVSS CS (CLK) R/W D/C RES DVDD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
174 173 172 171 170 169 . . . . . . . 160 159 158 157 156 155 154 153 152 . . . . . . . . . . . . . . . . . . . . . . . . 39 38 37 36 35 34 33 COM16 COM0 COM1 COM2 COM3 COM4 . . . . . . . COM13 COM14 COM15 COM16 SEG0 SEG1 SEG2 SEG3 SEG4 . . . . . . . . . . . . . . . . . . . . . . . . SEG117 SEG118 SEG119 ANNUN0 ANNUN1 ANNUN2 BP DUMMY
MC141531 3-141
MC141531 Die Pin Assignment
COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 COM0 COM16
191
180 179
1 OSC2 AVSS VR VF VCC CC+ VLL6 VLL5 VLL4 OSC1 VLL3 VLL2 C1N C1P C2N C2P AVDD AVDD DVSS DVSS DVSS D7 DVSS D6 DVSS D5 DVSS D4 DVSS D3 DVSS D2 DVSS D1 DVSS D0 DVSS CS DVSS R/W DVSS D/C RES DVDD BP DVSS ANNUN2 DVSS ANNUN1 DVSS ANNUN0 DVSS 53 66 54
SEG108 SEG109 SEG110 SEG111 SEG112 SEG113 SEG114 SEG115 SEG116 SEG117 SEG118 SEG119
Y
X
COM11 COM12 COM13 COM14 COM15 COM16 SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG33 SEG34 SEG35 SEG36 SEG37 SEG38 SEG39 SEG40 SEG41 SEG42 SEG43 SEG44 SEG45 SEG46 SEG47 SEG48 SEG49 SEG50 SEG51 SEG52 SEG53 SEG54 SEG55 SEG56 SEG57 SEG58 SEG59 SEG60 SEG61 SEG62 SEG63 SEG64 SEG65 SEG66 SEG67 SEG68 SEG69 SEG70 SEG71 SEG72 SEG73 SEG74 SEG75 SEG76 SEG77 SEG78 SEG79 SEG80 SEG81 SEG82 SEG83 SEG84 SEG85 SEG86 SEG87 SEG88 SEG89 SEG90 SEG91 SEG92 SEG93 SEG94 SEG95 SEG96 SEG97 SEG98 SEG99 SEG100 SEG101 SEG102 SEG103 SEG104 SEG105 SEG106 SEG107
M 65
MC141531 3-142
MOTOROLA
MAXIMUM RATINGS* (Voltages Referenced to VSS, TA=25C)
Symbol AVDD,DVDD VCC Vin I TA Tstg Input Voltage Current Drain Per Pin Excluding VDD and VSS Operating Temperature Storage Temperature Range Supply Voltage Parameter Value -0.3 to +4.0 VSS-0.3 to VSS+10.5 VSS-0.3 to VDD+0.3 25 -30 to +85 -65 to +150 Unit V V V mA C C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description section. VSS = AVSS = DVSS (DVSS = VSS of Digital circuit, AVSS = VSS of Analogue Circuit) VDD = AVDD = DVDD (DVDD = VDD of Digital circuit, AVDD = VDD of Analogue Circuit)
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions to be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS < or = (Vin or Vout) < or = VDD. Reliability of operation is enhanced if unused input are connected to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source during normal operation. This device is not radiation protected.
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25C)
Symbol DVDD AVDD IAC Parameter Logic Circuit Supply Voltage Range DC/DC Converter Circuit Supply Voltage Range Access Mode Supply Current Drain (AVDD + DVDD Pins) Test Condition (Absolute value referenced to VSS) VDD=3.0V, Internal DC/DC Converter On, Tripler Enabled, Annunciator On/Off, R/W accessing, Tcyc=1MHz, Osc. Freq.=38.4kHz, Display On, 1/7 Mux Ratio VDD=3.0V, Internal DC/DC Converter On, Tripler Enabled, Annunciator On/Off, R/W halt, Osc. Freq.=38.4kHz, Display On, 1/17Mux Ratio VDD=3.0V, Display off, Oscillator Disabled, R/W halt. 0 VDD=3.0V, Annunciator Mode, Internal Oscillator, Oscillator Enabled, Display Off, R/W halt, Int Osc. Freq.=38.4kHz. 0 VDD=3.0V, Icon Mode, Internal Oscillator, Oscillator Enabled, Display Off, R/W halt, Ext Osc. Freq.=38.4kHz. Display On, Internal DC/DC Converter Enabled, Tripler Enabled, Osc. Freq.=38.4KHz, Regulator Enabled, Divider Enabled. Display On, Internal DC/DC Converter Enabled, Doubler Enabled, Osc. Freq.=38.4KHz, Regulator Enabled, Divider Enabled. Internal DC/DC Converter Disabled. 3*AVDD 10.5 V 25 A 5 10 A Min 2.4 2.4 0 Typ 3.0 200 Max 3.5 3.5 300 Unit V V A
IDP
Display Mode Supply Current Drain (AVDD + DVDD Pins)
0
75
165
A
ISB1
Standby Mode Supply Current Drain (AVDD + DVDD Pins) Annunciator Mode Supply Current Drain (AVDD + DVDD Pins)
0
300
500
nA
ISB2
ISB3
Icon Mode Supply Current Drain (AVDD + DVDD Pins)
VCC1
LCD Driving DC/DC Converter Output (VCC Pin)
VCC2
LCD Driving DC/DC Converter Output (VCC Pin)
-
2*AVDD
7
V
VLCD
LCD Driving Voltage Input (VCC Pin)
5
-
10.5
V
MOTOROLA
MC141531 3-143
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25C)
Symbol VIH1 Parameter Input high voltage (RES, OSC2, CS, D0-D7, R/W, D/C, OSC1) Input Low voltage (RES, OSC2, CS, D0-D7, R/W, D/C, OSC1) LCD Display Voltage Output (VLL6, VLL5, VLL4, VLL3, VLL2 Pins) Voltage Divider Enabled Test Condition Min 0.8*VDD Typ Max VDD Unit V
VIL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL6 VLL5 VLL4 VLL3 VLL2 IOH
0 5 0 0 0 0 50
VR 0.8*VR 0.6*VR 0.4*VR 0.2*VR -
0.2*VDD VCC VLL6 VLL5 VLL4 VLL3 -
V V V V V V V V V V V A A A A k
LCD Display Voltage Input (VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
External DC/DC Converter, Voltage Divider Disable
Output High Current Source (D0-D7, Annun0-2, BP, OSC2) Output Low Current Drain (D0-D7, Annun0-2, BP, OSC2) Output Tri-state Current Drain Source (D0-D7, OSC2) Input Current (RES, OSC2, CS, D0-D7, R/W, D/C , OSC1) Channel resistance between LCD driving signal pins (SEG and COM) and driving voltage input pins (VLL2 to VLL6) Memory Retention Voltage (DVDD) Input Capacitance (OSC1, OSC2, all logic pins) Temperature Coefficient Compensation* Flat Temperature Coefficient Temperature Coefficient 1* Temperature Coefficient 2* Temperature Coefficient 3* Internal Contrast Control (VR Output Voltage)
Vout=VDD-0.4V
IOL
Vout=0.4V
-
-
-50
IOZ IIL/IIH Ron
-1 -1 During Display on, 0.1V apply between two terminals, VCC within operating voltage range Standby mode, retain all internal configuration and RAM data -
-
1 1 10
VSB CIN
2 -
5
7.5
V pF
PTC0 PTC1 PTC2 PTC3 VCN
TC1=0, TC2=0, Voltage Regulator Disabled TC1=0, TC2=1, Voltage Regulator Enabled TC1=1, TC2=0, Voltage Regulator Enabled TC1=1, TC2=1, Voltage Regulator Enabled Regulator Enabled, Internal Contrast control Enabled. (16 Voltage Levels Controlled by Software. Each level is typically 2.25% of the Regulator Output Voltage. )
-
0.0 -0.18 -0.22 -0.35 18
-
% % % % %
*The formula for the temperature coefficient (TC) is:
TC(%)= VR at 50C - VR at 0C 50C - 0C X 1 X100% VR at 25C
MC141531 3-144
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (TA=25C, Voltage referenced to VSS, AVDD=DVDD=3V)
Symbol FOSC Parameter Oscillation Frequency of Display timing generator Test Condition 60Hz Frame Frequency Either External Clock Input or Internal Oscillator Enabled 50% duty cycle Annunciator on, Fosc=38.4KHz Graphic Display Mode, Timing generator freq. = 38.4kHz Icon Mode, Timing generator freq. = 38.4kHz OSC Internal Oscillation Frequency with different value of feedback resistor Internal Oscillator Enabled, VDD within operation range Min Typ 38.4 Max Unit kHz
FANN FFRM
Backplane Frequency of Annunciator (Annun0-3, BP) Frame Frequency
-
30 60
-
Hz Hz
TBD See Figure 1 for the relationship
Note: FFRM = FOSC / 640 FANN = FOSC / 1280
280k 260k 90k 70k Oscillation Frequency (Hz) 50k 30k 10k 100k 500k 1.0M 1.5M 2.0M Resistor Value between OSC1 and OSC2 () Figure 1. Internal Oscillator Frequency Relationship with External Resistor Value
MOTOROLA
MC141531 3-145
TABLE 2a. Parallel Timing Characteristics (Write Cycle) (TA=-30 to 85C, DVDD=2.4 to 3.5V, VSS=0V)
Symbol tcycle tEH tAS tDS tDH tAH Enable Cycle Time Enable Pulse Width Address Setup Time Data Setup Time Data Hold Time Address Hold Time Parameter Min 600 290 5 290 20 20 Typ Max Unit ns ns ns ns ns ns
tcycle
CS tEH
R/W tAS D/C tDS D0-D7 Valid Data tDH tAH
Figure 3. Timing Characteristics (Write Cycle)
MC141531 3-146
MOTOROLA
TABLE 2b. Parallel Timing Characteristics (Read Cycle) (TA=-30 to 85C, DVDD=2.4 to 3.5V, VSS=0V)
Symbol tcycle tEH tAS tDS tDH tAH Enable Cycle Time Enable Pulse Width Address Setup Time Data Setup Time Data Hold Time Address Hold Time Parameter Min 600 290 5 5 20 Typ Max 290 Unit ns ns ns ns ns ns
tcycle
CS tEH
R/W tAS D/C tDS D0-D7 tDH Valid Data tAH
Figure 4. Timing Characteristics (Read Cycle)
MOTOROLA
MC141531 3-147
PIN DESCRIPTIONS
D/C (Data / Command) This input pin tell the LCD driver the input at D0-D7 is data or command. Input High for data while input Low for command. CS (CLK) (Input Clock) This pin is normal Low clock input. Data on D0-D7 are latched at the falling edge of CS. RES (Reset) An active Low pulse to this pin reset the internal status of the driver (same as power on reset). The minimum pulse width is 10 s. D0-D7 (Data) This bi-directional bus is used for data / command transferring. R/W (Read / Write) This is an input pin. To read the display data RAM or the internal status (Busy / Idle), pull this pin High. The R/W input Low indicates a write operation to the display data RAM or to the internal setup registers. OSC1 (Oscillator Input) For internal oscillator mode, this is an input for the internal low power RC oscillator circuit. In this mode, an external resistor of certain value should be connected between the OSC1 and OSC2 pins for a range of internal operating frequencies (refer to Figure 1). For external oscillator mode, OSC1 should be left open. OSC2 (Oscillator Output / External Oscillator Input) For internal oscillator mode, this is an output for the internal low power RC oscillator circuit. For external oscillator mode, OSC2 will be an input pin for external clock and no external resistor is needed. VLL6 - VLL2 Group of voltage level pins for driving the LCD panel. They can either be connected to external driving circuit for external bias supply or connected internally to built-in divider circuit if internal divider is enable. For Internal DC/DC Converter enabled, a 0.1 F capacitor to AVSS is required on each pin. C1N and C1P If Internal DC/DC Converter is enabled, a 0.1 F capacitor is required to connect these two pins. C2N and C2P If Internal DC/DC Converter and Tripler are enabled, a 0.1 F capacitor is required between these two pins. Otherwise, leave these pins open.
C+ and CIf internal divider circuit is enabled, a 0.1 F capacitor is required to connect between these two pins. VR and VF This is a feedback path for the gain control (external contrast control) of VLL1 to VLL6. For adjusting the LCD driving voltage, it requires a feedback resistor placed between VR and VF, a gain control resistor placed between VF and AVSS, a 10 F capacitor placed between VR and AVSS. (Refer to the Application Circuit) COM0-COM16 (Row Drivers) These pins provide the row driving signal to LCD panel. Output is 0V during display off. COM16 also serves as the common driving signal in the icon mode. SEG0-SEG119 (Column Drivers) These 120 pins provide LCD column driving signal to LCD panel. They output 0V during display off. BP (Annunciator Backplane) This pin combines with Annun0-Annun2 pins to form annunciator driving part. When the annunciator circuit is enabled, it will output square wave of 30 Hz. It outputs low when oscillator is disabled. Annun0 - Annun2 (Annunciator Frontplanes) These pins are three independent annunciator driving outputs. The enabled annunciator outputs from its corresponding pin a 30Hz square wave which is 180 degrees out of phase with BP. Disabled annunciator output from its corresponding pin an square wave inphase with BP. When all annunciators are disabled, all these pins output 0V. AVDD and AVSS AVDD is the positive supply to the LCD bias Internal DC/DC Converter. AVSS is ground. VCC For using the Internal DC/DC Converter, a 0.1 F capacitor from this pin to AVSS is required. It can also be an external bias input pin if Internal DC/DC Converter is not used. Power is supplied to the LCD Driving Level Selector and HV Buffer Cell with this pin. Normally, this pin is not intended to be a power supply to other component. DVDD and DVSS Power is supplied to the digital control circuit of the driver using these two pins. DVDD is power and DVSS is ground.
MC141531 3-148
MOTOROLA
OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER Description of Block Diagram Module
Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/C pin. If D/C high, data is written to Graphic Display Data RAM (GDDRAM). D/C low indicates that the input at D0-D7 is interpreted as a Command. Reset is of same function as Power ON Reset (POR). Once RES received the reset pulse, all internal circuitry will back to its initial status. Refer to Command Description section for more information. MPU Parallel Interface The parallel interface consists of 8 bi-directional data lines (D0D7), R/W, and the CS. The R/W input High indicates a read operation from the Graphic Display Data RAM (GDDRAM). R/W input Low indicates a write operation to Display Data RAM or Internal Command Registers depending on the status of D/C input. The CS input serves as data latch signal (clock). Refer to AC operation conditions and characteristics section for Parallel Interface Timing Description. Graphic Display Data RAM (GDDRAM) The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is determined by number of row times the number of column (120x17 = 2040 bits). Figure 5 is a description of the GDDRAM address map. For mechanical flexibility, re-mapping on both Segment and Common outputs are provided.
Column address 00H (or column address 77H)
Column address 77H (or column address 00H)
Row 0
LSB
Com0 (Com15)
Page 1
MSB LSB
Page 2 MSB
Row 15 Row 16 LSB Page 3
Com15 (Com0) Com16 Seg119
Seg0 Note : The configuration in parentheses represent the remapping of Rows and Columns
Figure 5. Graphic Display Data RAM (GDDRAM) Address Map
MOTOROLA
MC141531 3-149
Display Timing Generator This module is an on chip low power RC oscillator circuitry (Figure 6). The oscillator frequency can be selected in the range of 15kHz to 50kHz by external resistor. One can enable the circuitry by software command. For external clock provided, feed the clock to OSC2 and leave OSC1 open. Internal Oscillator selected enable1 enable2 Oscillation Circuit
Annunciator Control Circuit The LCD waveform of the 3 annunciators and BP are generated by this module. The 3 independent annunciators are enabled by software command. Annunciator is also controlled by oscillator circuit. Before turning the annunciators on, the oscillator must be on in advance. Annunciator output waveform shown in Figure 7. Oscillator enable enable Buffer MC141531
OSC1
OSC2
External component
Feedback for internal oscillator For external CLK input
Figure 6. Oscillator Circuitry
DVDD BP DVSS DVDD ANNUN1 DVSS DVDD ANNUN2 DVSS
ON / OFF ON / OFF DISABLE ON OFF ENABLE ON ON ENABLE ON ON ENABLE ON OFF ENABLE ON / OFF ON / OFF DISABLE
ANNUN1 ANNUN2 OSC
Figure 7. Annunciators and BP Display Waveform
LCD Driving Internal DC/DC Converter and Regulator This module generates the LCD voltage needed for display output. It takes a single supply input and generate necessary bias voltages. It consists of : 1. Voltage Doubler and Voltage Tripler To generate the Vcc voltage. Either Doubler or Tripler can be enabled. 2. Voltage Regulator Feedback gain control for initial LCD voltage. It can also be used with external contrast control. 3. Voltage Divider Divide the LCD display voltage (VLL2-VLL6) from the regulator output. This is a low power consumption circuit which can save the most display current compare with traditional resistor ladder method. 4. Self adjust temperature compensation circuitry Provide 4 different compensation grade selections to satisfy the various liquid crystal temperature grades. The grading can be selected by software control. 5. Contrast Control Block Software control of 16 voltage levels of LCD voltage. All blocks can be individually turned off if external DC/DC Converter is employed. 17 Bit Latch / 120 Bit Latch A 137 bit long register which carry the display signal information. First 17 bits are Common driving signals and other 120 bits are Segment driving signals. Data will be input to the HV-buffer Cell for bumping up to the required level. Level Selector Level Selector is a control of the display synchronization. Display voltage can be separated into two sets and used with different cycles. Synchronization is important since it selects the required LCD voltage level to the HV Buffer Cell for output signal voltage pump. HV Buffer Cell (Level Shifter) HV Buffer Cell works as a level shifter which translates the low voltage output signal to the required driving voltage. The output is shifted out with an internal FRM clock which comes from the Display Timing Generator. The voltage levels are given by the level selector which is synchronized with the internal M signal.
MC141531 3-150
MOTOROLA
LCD Panel Driving Waveform
The following is an example of how the Common and Segment drivers may be connected to a LCD panel. The waveforms shown in Figure 8a, 8b and 8c illustrate the desired multiplex scheme. COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 SEG0 SEG1 SEG2 SEG3 SEG4
Figure 8a. LCD Display Example "0"
MOTOROLA
MC141531 3-151
TIME SLOT
1
2
3
4
1
2
3
4
VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1
COM0
COM1
SEG0
SEG1
Figure 8b. LCD Driving Signal from MC141531
TIME SLOT
1
2
3
4
1
2
3
4
VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 -VLL2 -VLL3 -VLL4 -VLL5 -VLL6
Seg0-Com0 "OFF" Pixel
Seg0-Com1 "On" Pixel
VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 -VLL2 -VLL3 -VLL4 -VLL5 -VLL6
Figure 8c. Effective LCD waveform on LCD pixel
MC141531 3-152
MOTOROLA
Command Description
Set Display On/Off (Display Mode / Stand-by Mode) The Display On command turns the LCD Common and Segment outputs on and has no effect to the annunciator output. This command starts the conversion of data in GDDRAM to necessary waveforms on the Common and Segment driving outputs. The on-chip bias generator is also turned on by this command. (Note: "Set Oscillator On" command should be sent before "Set Display On") The Display Off command turn the display off and the states of the LCD driver are as follow during display off: 1. The Common and Segment outputs are fixed at VLL1 (VSS). 2. The bias Internal DC/DC Converter is turned off. 3. The RAM and content of all registers are retained. 4. IC will accept new commands and data. The status of the Annunciators and Oscillator are not affected by this command. Note: DON'T USE ICON DISPLAY MODE DURING DISPLAY OFF. Set GDDRAM Column Address This command positions the address pointer on a column location. The address can be set to location 00H-77H (120 columns). The column address will be increased automatically after a read or write operation. Refer to "Address Increment Table" and command "Set GDDRAM Page Address" for further information. Set GDDRAM Page Address This command positions the row address to 1 of 3 possible positions in GDDRAM. Refer to figure 5. Master Clear GDDRAM This command is to clear the content of page 1 and 2 of the Display Data RAM to zero. Issue this command followed by a dummy write command. Master Clear Icons This command is used to clear the data in page 3 of GDDRAM which stores the icon line data. Before using this command, set the page address to Page 3 by the command "Set GDDRAM Page Address". A dummy write data is also needed after this "Master Clear Icons" command to make the clear icon action effective. Set Display Mode This command switch the driver to full display mode or low power icon mode. In low power icon mode, only icons (driven by COM16) and annunciators are displayed, and the DC-DC converter, the Internal DC/DC Converter and the regulator are disabled. Do select 1/17 Mux ratio before using the low power icon mode. Note: DON'T USE ICON DISPLAY MODE DURING DISPLAY OFF. Set Multiplex Ratio In normal display mode, the multiplex ratio could be set to be 1/16 or 1/17. For 1/16 Mux Ratio, COM16 signal should not be connected to the panel. Set Icon Mode A/B In Icon mode A, on-pixels are stressed by a voltage with rootmean-square value of 0.87xVDD, whereas off-pixels by 0.5xVDD. In icon mode B, on-pixels are stressed by a voltage with root-meansquare value of 0.71xVDD, whereas off-pixels by 0.41xVDD. This command is used to control the contrast of the icon line (Com16) under icon mode Set Vertical Scroll Value This command maps the selected GDDRAM row (00H-0FH) to Com0. With scroll value equals to 0, Row 0 of GDDRAM is mapped to Com0 and Row 1 through Row 15 are mapped to Com1 through Com15 respectively. With scroll value equal to 1, Row 1 of GDDRAM is mapped to Com0, then Row 2 through Row 15 will be mapped to Com1 through Com14 respectively and Row 0 will be mapped to Com15. Save / Restore Column Address With bit option = 1 in this command, the Save / Restore Column Address command saves a copy of the Column Address of GDDRAM. With a bit option = 0, this command restores the copy obtained from the previous execution of saving column address. This instruction is very useful for writing full graphics characters that are larger than 8 pixels vertically. Set Column Mapping This instruction selects the mapping of GDDRAM to Segment drivers for mechanical flexibility. There are 2 mappings to select: 1. Column 0 - Column 119 of GDDRAM mapped to Seg0-Seg119 respectively; 2. Column 0 - Column 119 of GDDRAM mapped to Seg119-Seg0 respectively. Detail information please refer to section "Display Output Description". Set Row Mapping This command selects the mapping of GDDRAM to Common Drivers for mechanical flexibility. There are 2 mappings to select: 1. Row 0 - Row 15 of GDDRAM to Com0 - Com15 respectively; 2. Row 0 - Row 15 of GDDRAM to Com15 - Com0 respectively. Output of Row 16 (Com16) will not be changed by this command. See section "Display Output Description" for related information. Set Annunciator Control Signals This command is used to control the active states of the 3 stand alone annunciator drivers. Set Oscillator Enable / Disable This command is used to either turn on or off the oscillator. For using internal or external oscillator, this command should be executed. The setting for this command is not affected by command "Set Display On/Off" and "Set Annunciator Control Signal". See command "Set Internal / External Oscillator" for more information Set Internal / External Oscillator This command is used to select either internal or external oscillator. When internal oscillator is selected, feedback resistor between OSC1 and OSC2 is needed. For external oscillation circuit, feed clock input signal to OSC2 and leave OSC1 open. Set Internal DC/DC Converter On/Off Use this command to select the Internal DC/DC Converter to generate the VCC from AVDD. Disable the Internal DC/DC Converter if external Vcc is provided. Set Voltage Doubler / Tripler Use this command to choose Doubler or Tripler when the Internal DC/DC Converter is enabled.
MOTOROLA
MC141531 3-153
Set Internal Regulator On/Off Choose bit option 0 to disable the Internal Regulator. Choose bit option 1 to enable Internal Regulator which consists of the internal contrast control and temperature compensation circuits. Set Internal Voltage Divider On/Off If the Internal Voltage Divider is disabled, external bias can be used for VLL6 to VLL2. If the Internal Voltage Divider is enabled, the internal circuit will generated the 1:5 bias driving voltage. Set Internal Contrast Control On/Off This command is used to turn on or off the internal control of delta voltage of the bias voltages. With bit option = 1, the software selection for delta bias voltage control is enabled. With bit option = 0, internal contrast control is disabled.
Increase / Decrease Contrast Level If the internal contrast control is enabled, this command is used to increase or decrease the contrast level within the 16 contrast levels. The contrast level starts from lowest value after POR. Set Contrast Level This command is to select one of the 16 contrast levels when internal contrast control circuitry is in use. After power-on reset, the contrast level is the lowest. Set Temperature Coefficient This command can select 4 different LCD driving voltage temperature coefficients to match various liquid crystal temperature grades. Those temperature coefficients are specified in Electrical Characteristics Tables.
COMMAND TABLE
Bit Pattern 000000X1X0 Command Set GDDRAM Page Address Comment Set GDDRAM Page Address using X1X0 as address bits. X1X0=00 : page 1 (POR) X1X0=01 : page 2 X1X0=10 : page 3 With R/W pin input low, set one of the 16 available values to the internal contrast register, using X3X2X1X0 as data bits. The contrast register is reset to 0000 during POR. X0=0 : Set Voltage Tripler (POR) X0=1 : Set Voltage Doubler X0=0 : Col0 to Seg0 (POR) X0=1 : Col0 to Seg119 X0=0 : Row0 to Com0 X0=1 : Row0 to Com15 X0=0 : display off (POR) X0=1 : display on X0=0 : Internal DC/DC Converter off(POR) X0=1 : Internal DC/DC Converter on X0=0 : Internal Regulator off(POR) X0=1 : Internal Regulator on When application uses a supply with built-in temperature compensation, the regulator should be disabled. X0=0 : Internal Voltage Divider off (POR) X0=1 : Internal Voltage Divider on When an external bias network is preferred, the voltage divider should be disabled. X0=0 : Internal Contrast Control off (POR) X0=1 : Internal Contrast Control on Internal contrast circuits can be disabled if external contrast circuits is preferred. X0=0 : normal display mode (1/16 or 1/17 mux) (POR) X0=1 : low power icon display mode X0=0 : restore address X0=1 : save address Master clear page 1 and 2 of GDDRAM Master Clear of icon line (Com16) X0=0: normal operation (POR) X0=1: test mode (Note: Make sure to set X0=0 during application)
0001X3X2X1X0
Set Contrast Level
0010000X0 0010001X0 0010010X0 0010100X0 0010101X0 0010110X0
Set Voltage Doubler / Tripler Set Column Mapping Set Row Mapping Set Display On/Off Set Internal DC/DC Converter On/Off Set Internal Regulator On/Off
0010111X0
Set Internal Voltage Divider On/Off
0011000X0
Set Internal Contrast Control On/Off
0011001X0 0011010X0 00110110 00110111 0011101X0
Set Display Mode Save/Restore GDDRAM Column Address Master Clear GDDRAM Master Clear of Icons Reserved.
MC141531 3-154
MOTOROLA
Bit Pattern 0011110X0 0011111X0 0100X3X2X1X0 01100A1A0X0
Command Set Multiplex Ratio Set Icon Mode A/B Set Vertical Scroll Value Set Annunciator Control Signals
Comment X0=0 : 1/16 Mux ratio (POR) X0=1 : 1/17 Mux ratio X0=0 : icon mode A (POR) X0=1 : icon mode B Use X3X2X1X0 as number of lines to scroll. Scroll value = 0 upon POR A1A0=00 : select annunciator 1 (POR) A1A0=01 : select annunciator 2 A1A0=10 : select annunciator 3 X0=0 : turn selected annunciator off (POR) X0=1 : turn selected annunciator on X1X0= 00 : 0.00% (POR) X1X0= 01 : -0.18% X1X0= 10 : -0.22% X1X0= 11 : -0.35% X0=0 : Decrease by one X0=1 : Increase by one (Note: increment/decrement wraps round among the 16 contrast levels. Start at the lowest level when POR.) X0=0: normal operation (POR) X0=1: test mode select (Note: Make sure to set X0=0 during application) X0=0: External oscillator (POR) X0=1: Internal oscillator. For internal oscillator place a resistor between OSC1 and OSC2. For external oscillator mode, feed clock input to OSC2. X0=0: oscillator master disable (POR) X0=1: oscillator master enable. This is the master control for oscillator circuitry. This command should be issued after the "External / Internal Oscillator" command. Set GDDRAM Column Address. Use X6X5X4X3X2X1X0 as address bits.
01101000 011011X1X0
Reserved Set Temperature Coefficient
0111000X0
Increase / Decrease Contrast Value
0111011X0
Reserved
0111101X0
Set External / Internal Oscillator
0111111X0
Set Oscillator Disable / Enable
1X6X5X4X3X2X1X0
Set GDDRAM Column Address
Data Read / Write
To read data from the GDDRAM, input High to R/W pin and D/C pin. Data is valid at the falling edge of CS. And the GDDRAM column address pointer will be increased by one automatically. To write data to the GDDRAM, input Low to R/W pin and High to D/C pin. Data is latched at the falling edge of CS. And the GDDRAM column address pointer will be increased by one automatically. No auto address pointer increment will be performed for the Dummy Write Data after Master Clear GDDRAM. (Refer to the "Commands Required for R/W Actions on RAM" Table)
MOTOROLA
MC141531 3-155
Address Increment Table (Automatic)
D/C 0 0 1 1 R/W 0 1 0 1 Comment Write Command Read Command Write Data Read Data Address Increment No No (invalid mode) Yes Yes *1 *2 Remarks
Address Increment is done automatically data read write. The column address pointer of GDDRAM*3 is affected. Remarks : *1. Only data is read from RAM. *2. If write data is issued after Command Clear RAM, Address increase is not applied. *3. Column Address will be wrapped round when overflow.
Power Up Sequence (Commands Required)
Command Required Set External / Internal Oscillator Set Voltage Tripler / Doubler Internal DC/DC Converter On Set Internal Regulator On Set Temperature Coefficient Set Internal Contrast On Set Contrast Level Set Internal Voltage Divider On Set Column Mapping Set Row Mapping Set Vertical Scroll Value Set Oscillator Enable Set Annunciator Control Signals Master Clear GDDRAM Dummy Write Data Set Display On POR Status External Tripler Off Off TC=0% Off Contrast Level = 0 Off Seg. 0 = Col. 0 Com. 0 = Row 0 Scroll Value = 0 Disable Annunciators all off Random Off Remarks *1 *1 *1 *1 *1, *3 *1, *3 *1, *2, *3 *1 *1 *1 *1 *1 Remarks : *1 -- Required only if desired status differ from POR. *2 -- Effective only if Internal Contrast Control is enabled. *3 -- Effective only if Regulator is enabled.
MC141531 3-156
MOTOROLA
Commands Required for Display Mode Setup
Display Mode Normal Display Mode Commands Required Set External / Internal Oscillator Set Oscillator Enable, Set Display On. Set Internal Oscillator Set Oscillator Enable, Set Display Mode to Icon Display Mode Set Display On. Set External / Internal Oscillator Set Oscillator Enable, Set Annunciator On/Off. Set Display Off, Set Oscillator Disable. (0111101X0)* (01111111)* (00101001)* (01111011)* (01111111)* (00110011)* (00101001)* (0111101X0)* (01111111)* (01100A1A0X0)* (00101000)* (01111110)*
Icon Display Mode
Annunciator Display
Standby Mode
Other Related Command with Display Mode: Set Column Mapping, Set Row Mapping, Set Vertical Scroll Value. Commands Related to Internal DC/DC Converter: Set Oscillator Disable / Enable, Set Internal Regulator On/Off, Set Temperature Coefficient, Set Internal Contrast Control On/Off, Increase / Decrease Contrast Level, Set Internal Voltage Divider On/Off, Set Display On/Off, Set Internal / External Oscillator, Set Contrast Level, Set Voltage Doubler / Tripler * No need to resend the command again if it is set previously.
Commands Required for R/W Actions on RAM
R/W Actions on RAMs Read/Write Data from/to GDDRAM. Commands Required Set GDDRAM Page Address Set GDDRAM Column Address Read/Write Data Save/Restore GDDRAM Column Address. Dummy Read Data Master Clear GDDRAM Dummy Write Data (000000X1X0)* (1X6X5X4X3X2X1X0)* (X7X6X5X4X3X2X1X0) (0011010X0) (X7X6X5X4X3X2X1X0) (00110110) (X7X6X5X4X3X2X1X0)
Save/Restore GDDRAM Column Address. Increase GDDRAM Column Address by One Master Clear GDDRAM
* No need to resend the command again if it is set previously. The read / write action to the Display Data RAM does not depend on the display mode. This means the user can change the RAM content whether the target RAM content is being displayed.
MOTOROLA
MC141531 3-157
Display Output Description This is an example of output pattern on the LCD panel. The following table is a description of what is inside the CDDRAM, CGRAM and GDDRAM. Figure 9b and 9c are the output pattern on the LCD display with different command enabled. (Display Mode, Page Swapping, Scrolling, Column Re-map and Row Re-map)
COM0
COM16 SEG0 SEG119
Figure 9a
Content of GDDRAM PAGE 1 PAGE 2 5A5A5A5A-----------------00000000 5A5A5A5A-----------------00000000 33CC33CC-----------------33CC33CC 33CC33CC-----------------33CC33CC
Figure 9b
Column remap disable Row re-map disable
Column remap enable Row re-map disable
Column remap disable Row re-map enable
Column remap disable Row re-map disable Scroll Value = 0Fh
Figure 9c. Examples of LCD display with different command enabled
MC141531 3-158
MOTOROLA
PACKAGE DIMENSIONS
MC141531T TAB PACKAGE DIMENSION - 1 98ASL00247A ISSUE0
COPPER SIDE
MOTOROLA
MC141531 3-159
PACKAGE DIMENSIONS
MC141531T TAB PACKAGE DIMENSION - 2 98ASL00247A ISSUE0
MC141531 3-160
MOTOROLA
Application Circuit
16/17 MUX Display with Analog Circuitry enabled, Tripler enabled and 1:5 bias DVDD 0.1F AVDD 0.1F 0.1F 0.1F 0.1F 0.1F 0.1F 0.1F
DVSS
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC
RES D/C CMOS MPU/ MCU with Parallel Interface CS MC141531
COM0 to COM16
SEG0 to SEG119
To LCD Panel
R/W D0~D7 OSC2 OSC1 C+ C- VF
Annun 0-2 and BP
VR C2P C2N C1P
C1N
EPROM
RAM 1M 0.1F
760k 0.1F 4.7F 0.1F
560pF 200k
Remark : 1. Capacitor between C2N and C2P can be omitted only if doubler is enable. 2. Resistor across OSC1 and OSC2 can be omitted if external oscillator is used. 3. VR and VF can be left open for Regulator disable, TC = 0% and Contrast Disable. 4. RES, CS, R/W and D/C should be at a known state. 5. CS line low at Standby Mode.
MOTOROLA
MC141531 3-161
Application Circuit
16/17 MUX Display with Analog Circuit disabled, External Bias DVDD 0.1F AVDD 0.1F
VCC
DVSS
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC
RES D/C CMOS MPU/ MCU with Parallel Interface CS MC141531
COM0 to COM16
SEG0 to SEG119
To LCD Panel
R/W D0~D7 OSC2 OSC1 C+ CVF VR C2P C2N
Annun 0-2 and BP
C1P
C1N
EPROM
RAM External Clock
Remark : 1. Value of the resistors depends on the LCD panel characteristic. 2. RES, CS, R/W and D/C should be at a known state. 3. CS line low at Standby Mode.
MC141531 3-162
MOTOROLA
Die Pad Coordinate of MC141531
Pad 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 Pin Name OSC2 AVSS VR VF VCC CC+ VLL6 VLL5 VLL4 OSC1 VLL3 VLL2 C1N C1P C2N C2P AVDD AVDD DVSS DVSS DVSS D7 DVSS D6 DVSS D5 DVSS D4 DVSS D3 DVSS D2 DVSS D1 DVSS D0 DVSS CS DVSS R/W DVSS D/C RES DVDD BP DVSS ANNUN2 DVSS ANNUN1 DVSS ANNUN0 DVSS SEG119 SEG118 SEG117 SEG116 SEG115 SEG114 SEG113 SEG112 SEG111 SEG110 SEG109 SEG108 SEG107 SEG106 SEG105 SEG104 SEG103 X (um) -3685 -3487 -3290 -3183 -2985 -2787 -2590 -2392 -2194 -1997 -1789 -1682 -1485 -1287 -1089 -891.6 -693.9 -496.2 -298.5 -99 18 124.8 241.8 348.6 465.6 572.4 689.4 796.2 913.2 1020 1137 1244 1361 1468 1585 1691 1808 1915 2032 2139 2256 2363 2480 2587 2794 2901 3018 3125 3242 3348 3465 3572 3689 4254 4254 4254 4254 4254 4254 4254 4254 4254 4254 4254 4254 4306 4230 4154 4078 4001 Y(um) -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -763.2 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -762.9 -697.2 -621 -544.8 -468.6 -392.4 -316.2 -240 -163.8 -87.6 -11.4 64.8 141 631.5 631.5 631.5 631.5 631.5 Bump Pad Size (um) 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 76x76 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 50x108 50x108 50x108 50x108 50x108 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 Pin Name SEG102 SEG101 SEG100 SEG99 SEG98 SEG97 SEG96 SEG95 SEG94 SEG93 SEG92 SEG91 SEG90 SEG89 SEG88 SEG87 SEG86 SEG85 SEG84 SEG83 SEG82 SEG81 SEG80 SEG79 SEG78 SEG77 SEG76 SEG75 SEG74 SEG73 SEG72 SEG71 SEG70 SEG69 SEG68 SEG67 SEG66 SEG65 SEG64 SEG63 SEG62 SEG61 SEG60 SEG59 SEG58 SEG57 SEG56 SEG55 SEG54 SEG53 SEG52 SEG51 SEG50 SEG49 SEG48 SEG47 SEG46 SEG45 SEG44 SEG43 SEG42 SEG41 SEG40 SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 X (um) 3925 3849 3773 3697 3620 3544 3468 3392 3316 3239 3163 3087 3011 2935 2858 2782 2706 2630 2554 2477 2401 2325 2249 2173 2096 2020 1944 1868 1792 1715 1639 1563 1487 1411 1334 1258 1182 1106 1030 953.4 877.2 801 724.8 648.6 572.4 496.2 420 343.8 267.6 191.4 115.2 39 -37.2 -113.4 -189.6 -265.8 -342 -418.2 -494.4 -570.6 -646.8 -723 -799.2 -875.4 -951.6 -1028 -1104 -1180 -1256 -1333 Y(um) 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 Bump Pad Size (um) 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 Pin Name SEG32 SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24 SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16 SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9 SEG8 SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG1 SEG0 COM16 COM15 COM14 COM13 COM12 COM11 COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 COM0 COM16 X (um) -1409 -1485 -1561 -1637 -1714 -1790 -1866 -1942 -2018 -2095 -2171 -2247 -2323 -2399 -2476 -2552 -2628 -2704 -2780 -2857 -2933 -3009 -3085 -3161 -3238 -3314 -3390 -3466 -3542 -3619 -3695 -3771 -3847 -3930 -4006 -4082 -4159 -4235 -4311 -4254 -4254 -4254 -4254 -4254 -4254 -4254 -4254 -4254 -4254 -4254 -4254 Y(um) 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 631.5 140.1 63.9 -12.3 -88.5 -164.7 -240.9 -317.1 -393.3 -469.5 -545.7 -621.9 -698.1 Bump Size (um) 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 50x108 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50 108x50
Die Size : 358.5 X 78 mil
MOTOROLA
MC141531 3-163


▲Up To Search▲   

 
Price & Availability of MC141531T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X