Part Number Hot Search : 
2FB240M PCF851 SK102 MB84V BBXXXXX SS6625 PT150N16 PCH308
Product Description
Full Text Search
 

To Download MC14094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14094B 8-Stage Shift/Store Register with Three-State Outputs
The MC14094B combines an 8-stage shift register with a data latch for each stage and a three-state output from each latch. Data is shifted on the positive clock transition and is shifted from the seventh stage to two serial outputs. The QS output data is for use in high-speed cascaded systems. The QS output data is shifted on the following negative clock transition for use in low-speed cascaded systems. Data from each stage of the shift register is latched on the negative transition of the strobe input. Data propagates through the latch while strobe is high. Outputs of the eight data latches are controlled by three-state buffers which are placed in the high-impedance state by a logic Low on Output Enable.
http://onsemi.com MARKING DIAGRAMS
16 PDIP-16 P SUFFIX CASE 648 MC14094BCP AWLYYWW 1 16 SOIC-16 D SUFFIX CASE 751B 1 16 TSSOP-16 DT SUFFIX CASE 948F 1 16 SOEIAJ-16 F SUFFIX CASE 966 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week MC14094B AWLYWW 14 094B ALYW 14094B AWLYWW
* Three-State Outputs * Capable of Driving Two Low-Power TTL Loads or One Low-Power * Input Diode Protection * Data Latch * Dual Outputs for Data Out on Both Positive and * *
Negative Clock Transitions Useful for Serial-to-Parallel Data Conversion Pin-for-Pin Compatible with CD4094B Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5 10 500 - 55 to +125 - 65 to +150 260 Unit V V mA mW
ORDERING INFORMATION
C C C Device MC14094BCP MC14094BD MC14094BDR2 MC14094BDT MC14094BDTR2 MC14094BF Package PDIP-16 SOIC-16 SOIC-16 TSSOP-16 TSSOP-16 SOEIAJ-16 Shipping 2000/Box 48/Rail 2500/Tape & Reel 96/Rail 2500/Tape & Reel See Note 1.
2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
v
v
1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative.
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 3
Publication Order Number: MC14094B/D
MC14094B
PIN ASSIGNMENT
STROBE DATA CLOCK Q1 Q2 Q3 Q4 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD OUTPUT ENABLE Q5 Q6 Q7 Q8 QS QS
Clock
Output Enable 0 0 1 1 1 1
Parallel Outputs Strobe X X 0 1 1 1 Data X X X 0 1 1 Q1 Z Z No Chg. 0 1 No Chg. QN Z Z No Chg. QN-1 QN-1 No Chg.
Serial Outputs QS * Q7 No Chg. Q7 Q7 Q7 No Chg. QS No Chg. Q7 No Chg. No Chg. No Chg. Q7
Z = High Impedance
X = Don't Care
* At the positive clock edge, information in the 7th shift register stage is transferred to Q8 and QS.
http://onsemi.com
2
II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I II II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIII I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C. 6. To calculate total supply current at loads other than 50 pF:
where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
3-State Output Leakage Current
Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching)
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc)
Output Voltage Vin = VDD or 0
(VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc)
Vin = 0 or VDD
Characteristic
IT(CL) = IT(50 pF) + (CL - 50) Vfk
"1" Level
"1" Level
"0" Level
Source
Sink
Symbol
VOH
VOL
IOH
VIH
IDD
Cin
IOL
VIL
ITL
Iin
IT
VDD Vdc
5.0 10 15
5.0 10 15
5.0 10 15
5.0 5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
15
15
--
http://onsemi.com
- 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- --
MC14094B
- 55_C
3 0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 3.5 7.0 11 IT = (4.1 A/kHz) f + IDD IT = (14 A/kHz) f + IDD IT = (140 A/kHz) f + IDD -- -- -- -- -- -- -- -- -- -- -- -- 0.00001 0.0001 Typ (4.) - 4.2 - 0.88 - 2.25 - 8.8 0.005 0.010 0.015 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 7.5 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- -- 125_C 3.0 1.0 0.05 0.05 0.05 150 300 600 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- Unit MaxIII mAdc mAdc Adc Adc Adc Vdc Vdc Vdc Vdc A pF
III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I II I I I I I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
7. The formulas given are for the typical characteristics only at 25_C. 8. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Strobe Pulse Width
Clock Pulse Frequency
Clock Rise and Fall Time
Clock Pulse Width, High
Hold Time Clock to Data
Setup Time Data in to Clock
Propagation Delay Time Clock to Serial out QS tPLH, tPHL = (0.90 ns/pF) CL + 305 ns tPLH, tPHL = (0.36 ns/pF) CL + 107 ns tPLH, tPHL = (0.26 ns/pF) C L + 82 ns
Output Rise and Fall Time tTLH, tTHL = (1.35 ns/pF) CL + 33 ns tTLH, tTHL = (0.6 ns/pF) CL + 20 ns tTLH, tTHL = (0.4 ns/pF) CL + 20 ns
Output Enable to Output tPHZ, tPZL = (0.90 ns/pF) CL + 95 ns tPHZ, tPZL = (0.36 ns/PF) CL + 57 ns tPHZ, tPZL = (0.26 ns/pF) CL + 42 ns
Strobe to Parallel out tPLH, tPHL = (0.90 ns/pF) CL + 245 ns tPLH, tPHL = (0.36 ns/pF) C L + 127 ns tPLH, tPHL = (0.26 ns/pF) CL + 87 ns
Clock to Parallel out tPLH, tPHL = (0.90 ns/pF) CL + 375 ns tPLH, tPHL = (0.35 ns/pF) CL + 177 ns tPLH, tPHL = (0.26 ns/pF) CL + 122 ns
Clock to Serial out Q'S tPLH, tPHL = (0.90 ns/pF) CL + 350 ns tPLH, tPHL = (0.36 ns/pF) CL + 149 ns tPLH, tPHL = (0.26 ns/pF) CL + 62 ns
tPLZ, tPZH = (0.90 ns/pF) CL + 180 ns tPLZ, tPZH = (0.36 ns/pF) CL + 77 ns tPLZ, tPZH = (0.26 ns/pF) CL + 57 ns
Characteristic
http://onsemi.com
Symbol
MC14094B
tPHZ, tPZL
tPLH, tPHL
tTLH, tTHL
tPLZ, tPZH
tr(cl) tf(cl)
tWH
tWL
tsu
fcl
th
4 VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5 10 15 Min 200 80 70 200 100 83 125 55 35 0 20 20 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ (8.) - 40 - 10 0 100 40 35 100 50 40 225 95 70 140 75 55 290 145 100 420 195 135 230 110 75 350 125 95 100 50 40 2.5 5.0 6.0 60 30 20 -- -- -- 1.25 2.5 3.0 Max 450 190 140 280 150 110 580 290 200 840 390 270 460 220 150 600 250 190 200 100 80 15 5.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- MHz Unit s ns ns ns ns ns ns
MC14094B
3-STATE TEST CIRCUIT
FOR tPHZ AND tPZH VSS FOR tPLZ AND tPZL VDD
O.E. DATA ST CLOCK
1k OUTPUT 50 pF
BLOCK DIAGRAM
REGISTER STAGE 1 CLOCK 2 CLOCK LATCH 1 STROBE 3-STATE BUFFER 1 VDD
*
SERIAL DATA IN CLOCK CLOCK STROBE STROBE 4 Q1
CLOCK 15
CLOCK
STROBE
*
2 OUTPUT ENABLE 3 4 5 6 7 REGISTER STAGE 2 REGISTER STAGE 3 REGISTER STAGE 4 REGISTER STAGE 5 REGISTER STAGE 6 REGISTER STAGE 7 LATCH 2 LATCH 3 LATCH 4 LATCH 5 LATCH 6 LATCH 7 3-STATE BUFFER 2 3-STATE BUFFER 3 3-STATE BUFFER 4 3-STATE BUFFER 5 3-STATE BUFFER 6 3-STATE BUFFER 7 5 6 7 14 13 12 Q2 Q3 Q4 Q5 Q6 Q7
8
REGISTER STAGE 8 CLOCK CLOCK
LATCH 8 STROBE STROBE CLOCK
3-STATE BUFFER 8
11
Q8
10 3
QS
*
CLOCK
CLOCK CLOCK
CLOCK
CLOCK
1
*
STROBE
STROBE STROBE
*Input Protection Diodes
CLOCK 9 QS
http://onsemi.com
5
MC14094B
DYNAMIC TIMING DIAGRAM
tWH tr 50% th 50% 90% 10% tsu
2
tf
3
CLOCK
DATA IN tWL
1
STROBE
15
OUTPUT ENABLE tPLH tPHL 90% 10% tTHL tPLH 50% tPLH
50% tPHZ 90% 10% tPHL 50% tPLH tPZH tPLZ
50% tPZL 90% 10%
N
Q1
Q7
tTLH
90% 10%
9
QS
tPHL 50%
10 QS
50%
PACKAGE DIMENSIONS
-A-
16 9
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
http://onsemi.com
6
MC14094B
PACKAGE DIMENSIONS
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
-A-
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
TSSOP-16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE O
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K K1
16 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
2X
L/2
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
7
CCC EE CCC EE
M
9
-W-
MC14094B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
LE Q1 E HE
1 8
16
9
M_ L DETAIL P
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14094B/D


▲Up To Search▲   

 
Price & Availability of MC14094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X