Part Number Hot Search : 
TA1101 87833 0412M 0T100I HCF45 RT1454B6 FARM2CS3 CS51023
Product Description
Full Text Search
 

To Download MC14093BCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14077B See Page 6-160 MC14078B, MC14081B, MC14082B See Page 6-5
MC14093B Quad 2-Input NAND" Schmitt Trigger
The MC14093B Schmitt trigger is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. These devices find primary use where low power dissipation and/or high noise immunity is desired. The MC14093B may be used in place of the MC14011B quad 2-input NAND gate for enhanced noise immunity or to "square up" slowly changing waveforms. * Supply Voltage Range = 3.0 Vdc to 18 Vdc * Capable of Driving Two Low-Power TTL Loads or One Low-Power Schottky TTL Load Over the Rated Temperature Range * Triple Diode Protection on All Inputs * Pin-for-Pin Compatible with CD4093 * Can be Used to Replace MC14011B * Independent Schmitt-Trigger at each Input MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol VDD Parameter DC Supply Voltage L SUFFIX CERAMIC CASE 632
P SUFFIX PLASTIC CASE 646
D SUFFIX SOIC CASE 751A
ORDERING INFORMATION
MC14XXXBCP MC14XXXBCL MC14XXXBD Plastic Ceramic SOIC
IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII
Value Unit V V - 0.5 to + 18.0 Vin, Vout Iin, Iout PD Input or Output Voltage (DC or Transient) - 0.5 to VDD + 0.5 10 500 Input or Output Current (DC or Transient), per Pin Power Dissipation, per Package Storage Temperature mA mW Tstg TL - 65 to + 150 260
TA = - 55 to 125C for all packages.
LOGIC DIAGRAM
1 2 5 6 8 9 12 13 VDD = PIN 14 VSS = PIN 7 3
_C _C
4
Lead Temperature (8-Second Soldering)
* Maximum Ratings are those values beyond which damage to the device may occur. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C Ceramic "L" Packages: - 12 mW/_C From 100_C To 125_C
10
11
EQUIVALENT CIRCUIT SCHEMATIC (1/4 OF CIRCUIT SHOWN)
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
REV 3 1/94
(c)MOTOROLA CMOS LOGIC DATA Motorola, Inc. 1995
MC14093B 1
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I IIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I I I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III IIII I III IIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIII IIIIII IIII I I I II II II III I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
** The formulas given are for the typical characteristics only at 25_C. To calculate total supply current at loads other than 50 pF: #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.004.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Threshold Voltage Positive-Going
Hysteresis Voltage
Total Supply Current** (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching)
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Output Voltage Vin = VDD or 0
MC14093B 2
Vin = 0 or VDD Negative-Going (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Characteristic "1" Level "0" Level Source Sink Symbol VOH VOL VH VT+ VT- IOH IDD IOL Cin Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 15 -- - 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 -- -- -- -- -- -- -- -- - 55_C 0.1 3.6 7.1 10.8 0.25 0.5 1.0 0.05 0.05 0.05 Max 2.8 5.2 7.4 2.0 3.4 5.0 -- -- -- -- -- -- -- -- -- -- -- - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 -- -- -- -- -- -- -- -- 0.00001 0.0005 0.0010 0.0015 - 4.2 - 0.88 - 2.25 - 8.8 Typ # 25_C 0.88 2.25 8.8 1.9 3.9 5.8 2.9 5.9 8.8 1.1 1.7 2.1 5.0 5.0 10 15 0 0 0
IT = (1.2 A/kHz) f + IDD IT = (2.4 A/kHz) f + IDD IT = (3.6 A/kHz) f + IDD
MOTOROLA CMOS LOGIC DATA
0.1 3.6 7.1 10.8 Max 2.0 3.4 5.0 7.5 -- -- -- -- -- -- -- -- -- -- 0.25 0.5 1.0 0.05 0.05 0.05 2.8 5.2 7.4 - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 -- -- -- -- -- -- -- -- 125_C 1.0 3.6 7.1 10.8 Max 2.0 3.4 5.0 7.5 15 30 -- -- -- -- -- -- -- -- -- -- -- 0.05 0.05 0.05 2.8 5.2 7.4 mAdc mAdc Adc Adc Adc Unit Vdc Vdc Vdc Vdc Vdc pF
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
#Data labeled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Propagation Delay Time
Output Fall Time
Output Rise Time
MOTOROLA CMOS LOGIC DATA
Vout Vin PULSE GENERATOR
(a) Schmitt Triggers will square up (a) inputs with slow rise and fall times.
VH
Characteristic
INPUT
7
VDD
14
VSS
Figure 1. Switching Time Test Circuit and Waveforms
Figure 2. Typical Schmitt Trigger Applications
CL
VSS
VDD
VSS
VDD
OUTPUT
tPLH, tPHL
Symbol
tTHL
tTLH
Vout
Vin
VH
VDD Vdc
(b) A Schmitt trigger offers maximum (b) noise immunity in gate applications.
5.0 10 15
5.0 10 15
5.0 10 15
OUTPUT
INPUT
20 ns
tPHL
Min
-- -- --
-- -- --
-- -- --
90% 50% 10%
tTHL
90% 50% 10%
Typ #
125 50 40
100 50 40
100 50 40
tTLH
20 ns
tPLH
Max
250 100 80
200 100 80
200 100 80
VOL
VOH
VSS
VDD
MC14093B 3
VSS VDD VSS VDD Unit ns ns ns
14
IOH Vout
14 VGS 7 All unused inputs connected to ground. 10 IOL , DRAIN CURRENT (mAdc) a bc a b 6.0 c 15 Vdc VGS = 10 Vdc
IOL Vout
All unused inputs connected to ground. 0 IOH, DRAIN CURRENT (mAdc) VGS = - 5.0 Vdc a b b TA = - 55C TA = + 25C TA = + 125C c - 10 Vdc - 8.0 b
7 VGS c b a
- 2.0
8.0
- 4.0
- 6.0
4.0 a b c 5.0 Vdc
a b c
TA = - 55C TA = + 25C TA = + 125C
c
b
- 15 Vdc
2.0
- 10 - 10
a - 8.0 - 6.0 - 4.0 VDS, DRAIN VOLTAGE (Vdc)
a - 2.0 0
0
0
2.0
4.0 6.0 VDS, DRAIN VOLTAGE (Vdc)
8.0
10
Figure 3. Typical Output Source Characteristics Test Circuit
Figure 4. Typical Output Sink Characteristics Test Circuit
VDD Vout , OUTPUT VOLTAGE (Vdc)
PIN ASSIGNMENT
IN 1A IN 2A OUTA OUTB IN 1B IN 2B VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD IN 2D IN 1D OUTD OUTC IN 2C IN 1C
0
0
VT+ VH Vin, INPUT VOLTAGE (Vdc)
VT-
VDD
Figure 5. Typical Transfer Characteristics
MC14093B 4
MOTOROLA CMOS LOGIC DATA
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 632-08 ISSUE Y
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.245 0.280 0.155 0.200 0.015 0.020 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15_ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.94 6.23 7.11 3.94 5.08 0.39 0.50 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15_ 0.51 1.01
-A-
14 9
-B-
1 7
C
L
-T-
SEATING PLANE
K F D
14 PL
G 0.25 (0.010)
M
N J TA
S 14 PL
M 0.25 (0.010)
M
TB
S
DIM A B C D F G J K L M N
P SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE L
14 8
B
1 7
NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
A F C N H G D
SEATING PLANE
L
J K M
MOTOROLA CMOS LOGIC DATA
MC14093B 5
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F
-A-
14 8
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MC14093B 6
*MC14093B/D*
MOTOROLA CMOS LOGIC DATA MC14093B/D


▲Up To Search▲   

 
Price & Availability of MC14093BCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X