Part Number Hot Search : 
16CTQ060 S12GB7C XT334Q 2SD1317Q 10A01 VDC1093 FDB8442 VF040
Product Description
Full Text Search
 

To Download MC10116FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Triple Line Receiver
The MC10116 is a triple differential amplifier designed for use in sensing differential signals over long lines. The base bias supply (VBB) is made available at pin 11 to make the device useful as a Schmitt trigger, or in other applications where a stable reference voltage is necessary. Active current sources provide the MC10116 with excellent common mode noise rejection. If any amplifier in a package is not used, one input of that amplifier must be connected to VBB (pin 11) to prevent upsetting the current source bias network. Complementary outputs are provided to allow driving twisted pair lines, to enable cascading of several amplifiers in a chain, or simply to provide complement outputs of the input logic function.
MC10116
L SUFFIX CERAMIC PACKAGE CASE 620-10 P SUFFIX PLASTIC PACKAGE CASE 648-08 FN SUFFIX PLCC CASE 775-02
PD = 85 mW typ/pkg (No Load) tpd = 2.0 ns typ tr, tf = 2.0 ns typ (20%-80%)
DIP PIN ASSIGNMENT LOGIC DIAGRAM
4 5 9 10 12 13 VBB* 2 3 6 7 14 15 11 VCC1 AOUT AOUT AIN AIN BOUT BOUT VEE 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC2 COUT COUT CIN CIN VBB BIN BIN
VCC1 = PIN 1 VCC2 = PIN 16 VEE = PIN 8
Pin assignment is for Dual-in-Line Package. For PLCC pin assignment, see the Pin Conversion Tables on page 6-11 of the Motorola MECL Data Book (DL122/D).
*VBB to be used to supply bias to the MC10116 only and bypassed (when used) with 0.01 F to 0.1 F capacitor to ground (0 V). VBB can source < 1.0 mA. When the input pin with the bubble goes positive, the output pin with the bubble goes positive.
3/93
(c) Motorola, Inc. 1996
3-63
REV 5
MC10116
ELECTRICAL CHARACTERISTICS
Test Limits Pin Pi Under Test 8 4 4 2 3 2 3 2 3 2 3 11 -1.420 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.655 -1.655 -1.280 -1.350 -30C Min Max 23 150 1.5 -0.890 -0.890 -1.675 -1.675 -0.960 -0.960 -1.850 -1.850 -0.980 -0.980 -1.630 -1.630 -1.230 -1.295 Min +25C Typ 17 Max 21 95 1.0 -0.810 -0.810 -1.650 -1.650 -0.890 -0.890 -1.825 -1.825 -0.910 -0.910 -1.595 -1.595 -1.150 Min +85C Max 23 95 1.0 -0.700 -0.700 -1.615 -1.615 Unit mAdc Adc Adc Vdc Vdc Vdc Vdc Vdc ns t4+2+ t4-2- t4+3- t4-3+ t2+ t3+ t2- t3- 2 2 3 3 2 3 2 3 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 3.1 3.1 3.1 3.1 3.6 3.6 3.6 3.6 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.9 2.9 2.9 2.9 3.3 3.3 3.3 3.3 1.0 1.0 1.0 1.0 1.1 1.1 1.1 1.1 3.3 3.3 3.3 3.3 3.7 3.7 3.7 3.7
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH ICBO
Output Voltage Output Voltage Threshold Voltage Threshold Voltage Reference Voltage Switching Times Propagation Delay
Logic 1 Logic 0 Logic 1 Logic 0
VOH VOL VOHA VOLA VBB
(50 Load)
Rise Time Fall Time
(20 to 80%) (20 to 80%)
MOTOROLA
3-64
MECL Data DL122 -- Rev 6
MC10116
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts) @ Test Temperature -30C +25C +85C Pin Under Test 8 4 4 2 3 2 3 2 3 2 3 11 Pulse In t4+2+ t4-2- t4+3- t4-3+ (20 to 80%) (20 to 80%) t2+ t3+ t2- t3- 2 2 3 3 2 3 2 3 4 4 4 4 4 4 4 4
Pulse Out
VIHmax -0.890 -0.810 -0.700
VILmin -1.890 -1.850 -1.825
VIHAmin -1.205 -1.105 -1.035
VILAmax -1.500 -1.475 -1.440
VBB From Pin 11
VEE -5.2 -5.2 -5.2 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 +2.0 V 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
TEST VOLTAGE APPLIED TO PINS LISTED BELOW VIHmax VILmin 4, 9, 12 4 9, 12 9, 12 4 9, 12 9, 12 4 9, 12 9, 12 9, 12 4 9, 12 4 4 9, 12 9, 12 4 4 4 VIHAmin VILAmax VBB 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 VEE 8 8 8,4 8 8 8 8 8 8 8 8 8 -3.2 V 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 5, 10, 13 8 8 8 8 8 8 8 8
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH ICBO
Output Voltage Output Voltage Threshold Voltage Threshold Voltage Reference Voltage Switching Times Propagation Delay
Logic 1 Logic 0 Logic 1 Logic 0
VOH VOL VOHA VOLA VBB
(50 Load)
2 2 3 3 2 3 2 3
Rise Time Fall Time
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50-ohm resistor to -2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner.
MECL Data DL122 -- Rev 6
3-65
MOTOROLA
MC10116
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 775-02 ISSUE C
B -N- Y BRK D -L- -M- W D Z
0.007 (0.180) M T L-M U
S
N
S S
0.007 (0.180) M T L-M
N
S
20
1
X V VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R
0.007 (0.180) M T L-M 0.007 (0.180) M T L-M
S
N N
S
S
S
H
0.007 (0.180) M T L-M
S
N
S
C
E 0.004 (0.100) G G1 0.010 (0.250) S T L-M J -T-
SEATING PLANE
K1 K F VIEW S 0.007 (0.180)
M
VIEW S
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10 _ 7.88 8.38 1.02 ---
MOTOROLA
3-66
MECL Data DL122 -- Rev 6
MC10116
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE V
9
-A-
16
-B-
1 8
C
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
-A-
16 9
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MECL Data DL122 -- Rev 6 3-67
*MC10116/D*
MC10116/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC10116FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X