Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download MBRD1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRD1040CT
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER Features
NEW PRODUCT
* * * * * *
Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability Very Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, OR'ing, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
1
DPAK Dim Min 6.3 3/4 0.3 2.1 0.4 1.2 5.3 1.3 1.0 5.1 Max 6.7 10 0.8 2.5 0.6 1.6 5.7 1.8 3/4 5.5
A P
4
E G H J
A B C D E G H J K
2.3 Nominal
B
2 3
Mechanical Data
* * * * * * Case: DPAK Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: See Sheet 2 Weight: 0.4 grams (approx.) Ordering Information, See Below
M D C
PIN 1 PIN 3
0.5 Nominal
K L
PIN 4, BOTTOMSIDE HEAT SINK
L M P
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (See Figure 4) Per Element Per Package Symbol VRRM VRWM VR VR(RMS) IO IFSM RqJC dv/dt Tj TSTG 14mm2 (.013mm thick) copper pad areas. Value 40 28 5 10 75 2.43 10,000 -55 to +125 -55 to +150 Unit V V A A C/W V/ms C C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Per Package (JEDEC Method) Typical Thermal Resistance Junction to Case Per Element (Note 1) Voltage Rate of Change @ VR = 35V, Tj = 25C Operating Temperature Range Storage Temperature Range Notes: 1. Device mounted on PC board with
Ordering Information (Note 2)
Device MBRD1040CT-T Notes: Packaging DPAK Shipping 2500/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30285 Rev. C-2
1 of 3
MBRD1040CT
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 40 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ 3/4 0.46 3/4 0.53 3/4 60 3/4 15 3/4 500 Max 3/4 0.48 0.41 0.57 0.55 150 10 80 3 3/4 Unit V V mA mA mA mA pF Test Condition IR = 500mA IF = 5A, TS = 25C IF = 5A, TS = 100C IF = 10A, TS = 25C IF = 10A, TS = 100C VR = 35V, Tj = 25C VR = 35V, Tj = 100C VR = 17.5V, Tj = 25C VR = 17.5V, Tj = 100C f = 1.0MHz, VR = 4.0V DC
NEW PRODUCT
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2)
Peak Reverse Current (Note 2) Typical Junction Capacitance Notes:
IRM Cj
1. Device mounted on PC board with 14mm2 (.013mm thick) copper pad areas. 2. Short duration test pulse used to minimize self-heating effect.
Marking Information
YWW MBRD1040CT
MBRD1040CT = Product type marking code = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
100
IR, INSTANTANEOUS REVERSE CURRENT (mA)
IF, INSTANTANEOUS FORWARD CURRENT (A)
100
Tj = +125C
10
Tj = 100C
10
Tj = +100C
1
Tj = 125C
1
0.1
Tj = +25C
0.1
Tj = +25C
0.01
Tj = -25C
0.01
0.001
0.001 0 5 10 15 20 25 30 35 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics (Per Element)
0.0001 0 100 200 300 400 500 600 VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 1 Typical Forward Characteristics (per element)
DS30285 Rev. C-2
2 of 3
MBRD1040CT
Cj, JUNCTION CAPACITANCE (pF)
f = 1MHz
IF(AV), AVERAGE FORWARD CURRENT (A)
10,000
7 6 Note 1 5 4 3 2 1 0 -25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 4 DC Forward Current Derating (Per Element) Note 3 Note 2
NEW PRODUCT
1000
100 0 5 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Junction Capacitance vs. Reverse Voltage
PF(AV), AVERAGE FORWARD POWER DISSIPATION (W)
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 8 5 7 9 10 3 6 1 2 4 IF(AV), AVERAGE FORWARD CURRENT (A) Fig. 5 Forward Power Dissipation (Per Element) Tj = 125C
2
3
Notes:
1. TA = TSOLDERING POINT, RqJC = 2.43C/W, RqCA = 0C/W. 2. Device mounted on GETEK substrate, 2"x2", 2 oz. copper, double-sided, cathode pad dimensions 0.75" x 1.0", anode pad dimensions 0.25" x 1.0". RqJA in range of 15-30C/W. 3. Device mounted on FR-4 substrate, 2"x2", 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of 60-75C/W.
DS30285 Rev. C-2
3 of 3
MBRD1040CT


▲Up To Search▲   

 
Price & Availability of MBRD1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X