Part Number Hot Search : 
89C450 AD7856KR DG528DN 1109342 SD213 DCR15 6KE40 DCR15
Product Description
Full Text Search
 

To Download IRF5806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93997
IRF5806
HEXFET(R) Power MOSFET
q q q q
Trench Technology Ultra Low On-Resistance P-Channel MOSFET Available in Tape & Reel
VDSS
-20V
RDS(on) max
86m@VGS = -4.5V 147m@VGS = -2.5V
ID
-4.0A -3.0A
Description
New trench HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management applications.
D
1 6
A D
D
2
5
D
G
3
4
S
T o p V ie w
Micro6TM TM
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ , TSTG Drain-Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 -4.0 -3.3 -16.5 2.0 1.3 0.02 20 -55 to + 150
Units
V A W W W/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
62.5
Units
C/W
www.irf.com
1
10/04/00
IRF5806
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -20 --- --- --- -0.45 6.4 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.011 47.1 67.5 --- --- --- --- --- --- 8.3 1.2 2.6 6.2 27 94 126 594 114 87
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 86 VGS = -4.5V, ID = -4.0A m 147 VGS = -2.5V, ID = -3.0A -1.2 V VDS = VGS, ID = -250A --- S VDS = -10V, ID = -4.0A -15 VDS = -16V, VGS = 0V A -25 VDS = -16V, VGS = 0V, TJ = 70C -100 VGS = -12V nA 100 VGS = 12V 11.4 ID = -4.0A --- nC VDS = -16V --- VGS = -4.5V 9.3 VDD = -10V, VGS = -4.5V 41 ID = -1.0A ns 140 RG = 6.0 190 RD = 10 --- VGS = 0V --- pF VDS = -15V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 116 90 -2.0 A -16.5 -1.2 174 135 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.0A, VGS = 0V TJ = 25C, I F = -2.0A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
When mounted on 1 inch square Copper board, t 10sec.
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRF5806
100
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.5V -5.0V -4.5V -3.5V -3.0V -2.7V -2.0V BOTTOM -1.5V TOP
VGS -7.5V -5.0V -4.5V -3.5V -3.0V -2.7V -2.0V BOTTOM -1.5V TOP
10
10
-1.50V
-1.50V
1
1
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
ID = -4.0A
R DS(on) , Drain-to-Source On Resistance (Normalized)
-I D , Drain-to-Source Current (A)
1.5
TJ = 25 C
10
1.0
TJ = 150 C
0.5
1 1.0
V DS = -15V 20s PULSE WIDTH 1.5 2.0 2.5 3.0
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF5806
1000
-VGS , Gate-to-Source Voltage (V)
800
VGS Ciss Crss Coss
= 0V, f = 1MHz = Cgs + Cgd , Cds SHORTED = Cgd = Cds + Cgd
10
ID = -4.0A
VDS = -16V
8
C, Capacitance (pF)
600
Ciss
6
400
4
200
Coss Crss
1 10 100
2
0
0 0 4 8 12 16
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ISD , Reverse Drain Current (A)
-ID , Drain Current (A) I
10us 10 100us
10
TJ = 150 C
1ms 1 10ms
1
TJ = 25 C
0.1 0.2
V GS = 0 V
0.6 1.0 1.4
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF5806
5.0
VDS
4.0
RD
VGS RG
D.U.T.
+
-ID , Drain Current (A)
3.0
VGS
2.0
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
1.0
td(on) tr t d(off) tf
VGS
0.0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90% VDS
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE)
P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF5806
R DS ( on ) , Drain-to-Source On Resistance ( )
R DS(on) , Drain-to -Source On Resistance ( )
0.20
0.20
0.16
0.15
0.12
VGS = -2.5V
0.10
ID = -4.0A
0.08 VGS = -4.5V 0.04
0.05
0.00 1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5
0.00 0 5 10 15 20 -I D , Drain Current ( A )
-V GS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
QGS VG
QGD
VGS
-3mA
IG
ID
Current Sampling Resistors
Charge
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
10 V
D.U.T.
-
VDS
IRF5806
Package Outline
Micro6TM TM
3 .0 0 (.1 1 8 ) 2 .8 0 (.1 1 1 )
LE AD A SS IG N MEN T S
-B D D S
R EC O MME N D E D FO O T PR IN T
2 X 0. 9 5 (.0 3 7 5 ) 6 X (1 .06 (.0 4 2 )
1 .7 5 (.0 6 8 ) 1 .5 0 (.0 6 0 ) -A -
6 1
5 2
4 3
3 .00 (.1 1 8 ) 2 .60 (.1 0 3 )
6 1
5 2
4 3 2 .20 (.0 8 7 )
0.9 5 ( .0 3 7 5 ) 2X 0 .1 5 6X
D 0 .5 0 (.0 19 ) 0 .3 5 (.0 14 )
D
G 6 X 0 .6 5 (. 02 5 )
(.0 06 ) M C A S B S
0 -1 0 1 .30 (.0 5 1 ) 0 .90 (.0 3 6 ) -C 0 .1 5 (.0 0 6 ) M A X. 1 .45 (.0 5 7 ) 0 .90 (.0 3 6 ) 0 .1 0 (.0 0 4 ) 6 SU R F A C E S
O
O
6X
0 .2 0 (.0 0 7 ) 0 .0 9 (.0 0 4 )
0 .6 0 (.0 2 3 ) 0 .1 0 (.0 0 4 )
NO TES : 1 . D IM E NS IO N IN G & T O L E R A N C IN G P E R A NS I Y 1 4 .5 M -1 98 2 . 2 . C O NT R O L L IN G D IM E NS IO N : M IL L IM E T E R . 3 . D IM E NS IO N S A R E S HO W N IN M IL L IM E T E R S (IN C H E S ).
Part Marking Information
Micro6TM TM
E X A M P L E : T H IS IS A N IR L M S 6 7 0 2 PA RT N U MBE R DATE CODE WORK W EEK 01 02 03 04 Y EA R 2001 2002 2003 2004 2005 1996 1997 1998 1999 2000 Y A B C D E F G H J K W O RK W E EK 27 28 29 30 W A B C D
YEAR 2 001 2 002 2 003 2 004 2 005 1 996 1 997 1 998 1 999 2 000
Y 1 2 3 4 5 6 7 8 9 0
W A B C D
TOP W AFE R LO T NUMBER CO DE
B OT TO M
P A R T N U M B E R E X AM P L E S : 2 A = IR L M S 1 9 0 2 2 B = IR L M S 1 5 0 3 2 C = IR L M S 6 7 0 2 2 D = IR L M S 5 7 0 3 D ATE C O DE EXA M PLES: YW W = 9 6 03 = 6 C YW W = 9 6 32 = F F
24 25 26
X Y Z
50 51 52
X Y Z
W O R K W E EK = (1 -2 6 ) IF P R E C E D ED B Y L AS T D IG IT O F C A LE N D E R Y EA R W O R K W E E K = ( 2 7 -5 2 ) IF P R E C E D E D B Y A L E T T E R
www.irf.com
7
IRF5806
Tape & Reel Information
Micro6TM TM
8mm
4mm
F E E D D IR E C T IO N
N O TE S : 1 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
17 8.00 ( 7 .0 08 ) MAX.
9.9 0 ( .39 0 ) 8.4 0 ( .33 1 ) NO TES: 1. C O N T R O L LIN G D IM E N S IO N : M ILLIM ET E R . 2. O U T L IN E C O N F O R M S TO E IA -4 81 & E IA -541 .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice.10/00
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF5806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X