Part Number Hot Search : 
SN750 2N2993 TOP9090 HTE76 MAX31 T02AP TC2309 MS3400
Product Description
Full Text Search
 

To Download IR2130J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60019 Rev.P
IR2130/IR2132(J)(S) & (PbF)
3-PHASE BRIDGE DRIVER
Features
* Floating channel designed for bootstrap operation * * * * * * * * *
Fully operational to +600V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 10 to 20V Undervoltage lockout for all channels Over-current shutdown turns off all six drivers Independent half-bridge drivers Matched propagation delay for all channels 2.5V logic compatible Outputs out of phase with inputs Cross-conduction prevention logic Also available LEAD-FREE
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) Deadtime (typ.) 600V max. 200 mA / 420 mA 10 - 20V 675 & 425 ns 2.5 s (IR2130) 0.8 s (IR2132)
Description
Packages
The IR2130/IR2132(J)(S) is a high voltage, high speed power MOSFET and IGBT driver with three independent high and low side referenced output channels. Proprietary HVIC technology enables ruggedized 28-Lead SOIC monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 2.5V logic. A 28-Lead PDIP ground-referenced operational amplifier provides analog feedback of bridge current via an external current sense resistor. A current trip function which termi44-Lead PLCC w/o 12 Leads nates all six outputs is also derived from this resistor. An open drain FAULT signal indicates if an over-current or undervoltage shutdown has occurred. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use at high frequencies. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which operate up to 600 volts.
Typical Connection
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
www.irf.com
1
IR2130/IR2132(J)(S) & (PbF)
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to VS0. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Additional information is shown in Figures 50 through 53.
Symbol
VB1,2,3 VS1,2,3 VHO1,2,3 VCC VSS VLO1,2,3 VIN
Definition
High Side Floating Supply Voltage High Side Floating Offset Voltage High Side Floating Output Voltage Low Side and Logic Fixed Supply Voltage Logic Ground Low Side Output Voltage Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP)
Min.
-0.3 VB1,2,3 - 25 VS1,2,3 - 0.3 -0.3 VCC - 25 -0.3 VSS - 0.3
Max.
625 VB1,2,3 + 0.3 VB1,2,3 + 0.3 25 VCC + 0.3 VCC + 0.3 (V SS + 15) or (VCC + 0.3) whichever is lower VCC + 0.3 VCC + 0.3 VCC + 0.3 50 1.5 1.6 2.0 83 78 63 150 150 300
Units
V
VFLT VCAO VCAdVS/dt PD
FAULT Output Voltage Operational Amplifier Output Voltage Operational Amplifier Inverting Input Voltage Allowable Offset Supply Voltage Transient Package Power Dissipation @ TA +25C
RthJA
Thermal Resistance, Junction to Ambient
(28 Lead DIP) (28 Lead SOIC) (44 Lead PLCC) (28 Lead DIP) (28 Lead SOIC) (44 Lead PLCC)
TJ TS TL
Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds)
VSS - 0.3 VSS - 0.3 VSS - 0.3 -- -- -- -- -- -- -- -- -55 --
V/ns W
C/W
C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. All voltage parameters are absolute voltages referenced to VS0. The VS offset rating is tested with all supplies biased at 15V differential. Typical ratings at other bias conditions are shown in Figure 54.
Symbol
Definition
Min.
Max.
Units
VB1,2,3 High Side Floating Supply Voltage VS1,2,3 + 10 VS1,2,3 + 20 VS1,2,3 High Side Floating Offset Voltage Note 1 600 VHO1,2,3 High Side Floating Output Voltage VS1,2,3 VB1,2,3 VCC Low Side and Logic Fixed Supply Voltage 10 20 VSS Logic Ground -5 5 VLO1,2,3 Low Side Output Voltage 0 VCC V VIN Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP) VSS VSS + 5 VFLT VSS VCC FAULT Output Voltage VCAO Operational Amplifier Output Voltage VSS VSS + 5 VCAOperational Amplifier Inverting Input Voltage VSS VSS + 5 TA Ambient Temperature -40 125 C Note 1: Logic operational for VS of (VS0 - 5V) to (VS0 + 600V). Logic state held for VS of (VS0 - 5V) to (VS0 - VBS). (Please refer to the Design Tip DT97-3 for more details). Note 2: All input pins, CA- and CAO pins are internally clamped with a 5.2V zener diode.
2
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS, CL = 1000 pF and TA = 25C unless otherwise specified. The dynamic electrical characteristics are defined in Figures 3 through 5.
Symbol
ton toff tr tf titrip tbl tflt tflt,in tfltclr DT SR+ SR-
Definition
Turn-On Propagation Delay Turn-Off Propagation Delay Turn-On Rise Time Turn-Off Fall Time ITRIP to Output Shutdown Prop. Delay ITRIP Blanking Time ITRIP to FAULT Indication Delay Input Filter Time (All Six Inputs) LIN1,2,3 to FAULT Clear Time Deadtime (IR2130) (IR2132) Operational Amplifier Slew Rate (+) Operational Amplifier Slew Rate (-)
Figure Min. Typ. Max. Units Test Conditions
11 12 13 14 15 -- 16 -- 17 18 18 19 20 500 300 -- -- 400 -- 335 -- 6.0 1.3 0.4 4.4 2.4 675 425 80 35 660 400 590 310 9.0 2.5 0.8 6.2 3.2 850 550 125 55 920 -- 845 -- 12.0 3.7 1.2 -- -- VIN = 0 & 5V VS1,2,3 = 0 to 600V VIN, VITRIP = 0 & 5V VITRIP = 1V VIN, VITRIP = 0 & 5V VIN = 0 & 5V VIN, VITRIP = 0 & 5V VIN = 0 & 5V
ns
s V/s
NOTE: For high side PWM, HIN pulse width must be 1.5sec
Static Electrical Characteristics
VBIAS (VCC, V BS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
VIH VIL VIT,TH+ VOH VOL ILK IQBS IQCC IIN+ IINIITRIP+ IITRIPVBSUV+ VBSUVVCCUV+ VCCUVRon,FLT
Definition
Logic "0" Input Voltage (OUT = LO) Logic "1" Input Voltage (OUT = HI) ITRIP Input Positive Going Threshold High Level Output Voltage, VBIAS - VO Low Level Output Voltage, VO Offset Supply Leakage Current Quiescent VBS Supply Current Quiescent VCC Supply Current Logic "1" Input Bias Current (OUT = HI) Logic "0" Input Bias Current (OUT = LO) "High" ITRIP Bias Current "Low" ITRIP Bias Current VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold FAULT Low On-Resistance
Figure Min. Typ. Max. Units Test Conditions
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 2.2 -- 400 -- -- -- -- -- -- -- -- -- 7.5 7.1 8.3 8.0 -- -- -- 490 -- -- -- 15 3.0 450 225 75 -- 8.35 7.95 9.0 8.7 55 -- 0.8 580 100 100 50 30 4.0 650 400 150 100 9.2 8.8 9.7 9.4 75 V V
mV A mA A nA
VIN = 0V, IO = 0A VIN = 5V, IO = 0A VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V VIN = 0V VIN = 5V ITRIP = 5V ITRIP = 0V
www.irf.com
3
IR2130/IR2132(J)(S) & (PbF)
Static Electrical Characteristics -- Continued
VBIAS (VCC , VBS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
IO+ IOVOS ICACMRR PSRR VOH,AMP VOL,AMP ISRC,AMP ISRC,AMP IO+,AMP IO-,AMP
Definition
Output High Short Circuit Pulsed Current Output Low Short Circuit Pulsed Current Operational Amplifer Input Offset Voltage CA- Input Bais Current Op. Amp. Common Mode Rejection Ratio Op. Amp. Power Supply Rejection Ratio Op. Amp. High Level Output Voltage Op. Amp. Low Level Output Voltage Op. Amp. Output Source Current Op. Amp. Output Sink Current Operational Amplifier Output High Short Circuit Current Operational Amplifier Output Low Short Circuit Current
Figure Min. Typ. Max. Units Test Conditions
38 39 40 41 42 43 44 45 46 47 48 49 200 420 -- -- 60 55 5.0 -- 2.3 1.0 -- -- 250 500 -- -- 80 75 5.2 -- 4.0 2.1 4.5 3.2 -- -- 30 4.0 -- -- 5.4 20 -- -- mA 6.5 5.2 mA mV nA dB V mV VO = 0V, VIN = 0V PW 10 s VO = 15V, VIN = 5V PW 10 s VS0 = VCA- = 0.2V VCA- = 2.5V VS0=VCA-=0.1V & 5V VS0 = VCA- = 0.2V VCC = 10V & 20V VCA- = 0V, VS0 = 1V VCA- = 1V, VS0 = 0V VCA- = 0V, VS0 = 1V VCAO = 4V VCA- = 1V, VS0 = 0V VCAO = 2V VCA- = 0V, VS0 = 5V VCAO = 0V VCA- = 5V, VS0 = 0V VCAO = 5V
Lead Assignments
28 Lead PDIP
44 Lead PLCC w/o 12 Leads
28 Lead SOIC (Wide Body)
IR2130 / IR2132
IR2130J / IR2132J Part Number
IR2130S / IR2132S
4
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
Functional Block Diagram
Lead Definitions
Symbol
HIN1,2,3 LIN1,2,3 FAULT VCC ITRIP CAO CAVSS VB1,2,3 HO1,2,3 VS1,2,3 LO1,2,3 VS0 www.irf.com
Description
Logic inputs for high side gate driver outputs (HO1,2,3), out of phase Logic inputs for low side gate driver output (LO1,2,3), out of phase Indicates over-current or undervoltage lockout (low side) has occurred, negative logic Low side and logic fixed supply Input for over-current shutdown Output of current amplifier Negative input of current amplifier Logic ground High side floating supplies High side gate drive outputs High side floating supply returns Low side gate drive outputs Low side return and positive input of current amplifier 5
IR2130/IR2132(J)(S) & (PbF)
HIN1,2,3
LIN1,2,3
ITRIP
FAULT
<50 V/ns
HO1,2,3 LO1,2,3
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
HIN1,2,3
HIN1,2,3 LIN1,2,3
50% 50% 50% 50%
LIN1,2,3
ton tr 90% 50% 50% toff 90% tf
LO1,2,3
HO1,2,3
DT DT
HO1,2,3 LO1,2,3
10%
10%
Figure 3. Deadtime Waveform Definitions
Figure 4. Input/Output Switching Time Waveform Definitions
6
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
50%
LIN1,2,3
50%
ITRIP
FAULT
50%
50%
LO1,2,3
50%
tflt t itrip
tfltclr
Figure 5. Overcurrent Shutdown Switching Time Waveform Definitions
HIN/LIN
on off high
on
off
on off
HO/LO
low
Figure 5.5 Input Filter Function
VS0 CA-
+ VSS CAO
VSS
Figure 6. Diagnostic Feedback Operational Amplifier Circuit
www.irf.com
U
t in,fil
t in,fil
VCC
7
IR2130/IR2132(J)(S) & (PbF)
3V CA0V VS0
15V VCC + CAO VSS 50 pF VS0 CA+ -
15V VCC CAO VSS
+
20k 1k
T1 3V V 0V 10% 90%
T2
0.2V
SR+ =
V T1
SR- =
V T2
VOS =
VCAO 21
- 0.2V
Figure 7. Operational Amplifier Slew Rate Measurement
Figure 8. Operational Amplifier Input Offset Voltage Measurement
VCC 15V VCC CAVS0 CAO + VSS 0.2V 1k
+
VS0 CA-
+ VSS 20k CAO
Measure VCAO1 at VS0 = 0.1V VCAO2 at V S0 = 5V (VCAO1-0.1V) - (VCAO2 -5V) (dB) CMRR = -20 *LOG 4.9V
Measure VCAO1 at VCC = 10V VCAO2 at V CC = 20V VCAO1 - VCAO2 PSRR = -20*LOG (10V) (21) Figure 10. Operational Amplifier Power Supply Rejection Ratio Measurements
Figure 9. Operational Amplifier Common Mode Rejection Ratio Measurements
8
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
1.50 1.50
1.20 Turn-On Delay Time (s)
Max.
1.20 Turn-On Delay Time (s)
0.90
Typ.
0.90
Max.
Typ.
0.60
Min.
0.60
Min.
0.30
0.30
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 11A. Turn-On Time vs. Temperature
Figure 11B. Turn-On Time vs. Supply Voltage
1.50 Max 1.20
Turn-On Time (s)
1.00
0.80 Turn-Off Delay Time (s)
Typ. 0.90 0.60 0.30 0.00 0 1 2 3 4 5 6
Input Voltage (V)
0.60
Max.
0.40
Typ.
Min.
0.20
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 11C. Turn-On Time vs. Voltage
1.00
Figure 12A. Turn-Off Time vs. Temperature
1.50 1.20
0.80 Turn-Off Delay Time (s)
0.60
Max.
Turn-Off Time (s)
0.90 Max 0.60 Typ 0.30 0.00 Min.
Typ.
0.40
Min.
0.20
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
0
1
2
3
4
5
6
Input Voltage (V)
Figure 12B. Turn-Off Time vs. Supply Voltage
Figure 12C. Turn-Off Time vs. Input Voltage
www.irf.com
9
IR2130/IR2132(J)(S) & (PbF)
250 250
200 Turn-On Rise Time (ns) Turn-On Rise Time (ns)
200
Max.
150
150
100
Max.
100
Typ.
Typ.
50
50
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 13A. Turn-On Rise Time vs. Temperature
Figure 13B. Turn-On Rise Time vs. Voltage
125
125
100 Turn-Off Fall Time (ns) Turn-Off Fall Time (ns)
100
75
75
Max.
50
Max. Typ.
50
Typ.
25
25
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 14A. Turn-Off Fall Time vs. Temperature
Figure 14B. Turn-Off Fall Time vs. Voltage
1.50
1.50
ITRIP to Output Shutdown Delay Time (s)
1.20
Max.
ITRIP to Output Shutdown Delay Time (s)
1.20
Max.
0.90
Typ.
0.90
Typ.
0.60
Min.
0.60
Min.
0.30
0.30
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 15A. ITRIP to Output Shutdown Time vs. Temperature
Figure 15B. ITRIP to Output Shutdown Time vs. Voltage
10
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
1.50 1.50
ITRIP to FAULT Indication Delay Time (s)
1.20
Max.
ITRIP to FAULT Indication Delay Time (s)
1.20
0.90
Typ.
0.90
Max.
0.60
Min.
0.60
Typ.
Min.
0.30
0.30
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 16A. ITRIP to FAULT Indication Time vs. Temperature
25.0
Figure 16B. ITRIP to FAULT Indication Time vs. Voltage
25.0
LIN1,2,3 to FAULT Clear Time (s)
15.0
Max.
LIN1,2,3 to FAULT Clear Time (s)
20.0
20.0
15.0
Max.
10.0
Typ. Min.
10.0
Typ. Min.
5.0
5.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 17A. LIN1,2,3 to FAULT Clear Time vs. Temperature
7.50
Figure 17B. LIN1,2,3 to FAULT Clear Time vs. Voltage
7.50
6.00
6.00
Deadtime (s)
Deadtime (s)
4.50
Max.
4.50
Max.
3.00
Typ.
3.00
Typ.
1.50
Min.
1.50
Min.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 18A. Deadtime vs. Temperature (IR2130)
Figure 18B. Deadtime vs. Voltage (IR2130)
www.irf.com
11
IR2130/IR2132(J)(S) & (PbF)
2.50 2.50
2.00
2.00
Deadtime (s)
Max.
Deadtime (s)
1.50
1.50
Max.
1.00
Typ.
1.00
Typ.
0.50
Min.
0.50
Min.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 18C. Deadtime vs. Temperature (IR2132)
Figure 18D. Deadtime vs. Voltage (IR2132)
10.0
10.0
8.0 Amplifier Slew Rate + (V/s)
Typ.
8.0 Amplifier Slew Rate + (V/s)
Typ.
6.0
Min.
6.0
Min.
4.0
4.0
2.0
2.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 19A. Amplifier Slew Rate (+) vs. Temperature
5.00
Figure 19B. Amplifier Slew Rate (+) vs. Voltage
5.00
4.00 Amplifier Slew Rate - (V/s) Amplifier Slew Rate - (V/s)
Typ.
4.00
Typ.
3.00
Min.
3.00
Min.
2.00
2.00
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 20A. Amplifier Slew Rate (-) vs. Temperature
Figure 20B. Amplifier Slew Rate (-) vs. Voltage
12
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
5.00 5.00
4.00 Logic "0" Input Threshold (V) Logic "0" Input Threshold (V)
4.00
3.00
Min.
3.00
Min.
2.00
2.00
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 21A. Logic "0" Input Threshold vs. Temperature
5.00
Figure 20B. Logic "0" Input Threshold vs. Voltage
5.00
4.00 Logic "1" Input Threshold (V) Logic "1" Input Threshold (V)
Max.
4.00
3.00
3.00
2.00
2.00
1.00
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 22A. Logic "1" Input Threshold vs. Temperature
750
Figure 22B. Logic "1" Input Threshold vs. Voltage
750
ITRIP Input Positive Going Threshold (mV)
600
Max.
ITRIP Input Positive Going Threshold (mV)
600
Max. Typ.
Typ.
450
Min.
450
Min.
300
300
150
150
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 23A. ITRIP Input Positive Going Threshold vs. Temperature
Figure 23B. ITRIP Input Positive Going Threshold vs. Voltage
www.irf.com
13
IR2130/IR2132(J)(S) & (PbF)
1.00 1.00
0.80 High Level Output Voltage (V) High Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 24A. High Level Output vs. Temperature
1.00
Figure 24B. High Level Output vs. Voltage
1.00
0.80 Low Level Output Voltage (V) Low Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 25A. Low Level Output vs. Temperature
Figure 25B. Low Level Output vs. Voltage
500
500
Offset Supply Leakage Current (A)
Offset Supply Leakage Current (A)
400
400
300
300
200
200
100
Max.
100
Max.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 0 100 200 300 400 500 600 VB Boost Voltage (V)
Figure 26A. Offset Supply Leakage Current vs. Temperature
Figure 26B. Offset Supply Leakage Current vs. Voltage
14
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
100 100
80 VBS Supply Current (A) VBS Supply Current (A)
Max.
80
60
60
40
40
20
Typ.
20
Max.
Typ.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 27A. VBS Supply Current vs. Temperature
10.0
Figure 27B. VBS Supply Current vs. Voltage
10.0
8.0 VCC Supply Current (mA) VCC Supply Current (mA)
8.0
6.0
6.0
4.0
Max. Typ.
4.0
Max.
2.0
2.0
Typ.
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 28A. VCC Supply Current vs. Temperature
Figure 28B. VCC Supply Current vs. Voltage
1.25
1.25
1.00 Logic "1" Input Bias Current (mA) Logic "1" Input Bias Current (mA)
1.00
0.75
0.75
0.50
Max. Typ.
0.50
Max. Typ.
0.25
0.25
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 29A. Logic "1" Input Current vs. Temperature
Figure 29A. Logic "1" Input Current vs. Voltage
www.irf.com
15
IR2130/IR2132(J)(S) & (PbF)
1.25 1.25
1.00 Logic "0" Input Bias Current (mA) Logic "0" Input Bias Current (mA)
1.00
0.75
0.75
0.50
Max.
0.50
0.25
Typ.
0.25
Max. Typ.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 30A. Logic "0" Input Current vs. Temperature
Figure 30B. Logic "0" Input Current vs. Voltage
500
500
400 "High" ITRIP Bias Current (A) "High" ITRIP Bias Current (A)
400
300
300
200
Max.
200
Max.
100
Typ.
100
Typ.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 31A. "High" ITRIP Current vs. Temperature
250
Figure 31B. "High" ITRIP Current vs. Voltage
500
200 "Low" ITRIP Bias Current (A) "Low" ITRIP Bias Current (nA)
400
150
300
100
Max.
200
50
100
Max.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 32A. "Low" ITRIP Current vs. Temperature
Figure 32B. "Low" ITRIP Current vs. Voltage
16
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
11.0 11.0
10.0 VBS Undervoltage Lockout + (V) VBS Undervoltage Lockout - (V)
10.0
9.0
Max.
9.0
Max.
Typ.
8.0
Min.
8.0
Typ.
7.0
7.0
Min.
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 33. VBS Undervoltage (+) vs. Temperature
11.0
Figure 34. VBS Undervoltage (-) vs. Temperature
11.0
10.0 VCC Undervoltage Lockout + (V) VCC Undervoltage Lockout - (V)
Max.
10.0
Max.
9.0
Typ.
9.0
Typ.
Min.
8.0
8.0
Min.
7.0
7.0
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 35. VCC Undervoltage (+) vs. Temperature
250
Figure 36. VCC Undervoltage (-) vs. Temperature
250
FAULT- Low On Resistance (ohms)
150
FAULT- Low On Resistance (ohms)
200
200
150
100
100
Max. Typ.
Max.
50
Typ.
50
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 37A. FAULT Low On Resistance vs. Temperature
Figure 37B. FAULT Low On Resistance vs. Voltage
www.irf.com
17
IR2130/IR2132(J)(S) & (PbF)
500 500
400 Output Source Current (mA) Output Source Current (mA)
400
300
Typ. Min.
300
200
200
Typ.
100
100
Min.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 38A. Output Source Current vs. Temperature
750
Figure 38B. Output Source Current vs. Voltage
750
600 Output Sink Current (mA)
Typ.
625 Output Sink Current (mA)
Min.
500
450
375
Typ.
300
250
Min.
150
125
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 39A. Output Sink Current vs. Temperature
Figure 39B. Output Sink Current vs. Voltage
50
50
Amplifier Input Offset Voltage (mV)
Max.
Amplifier Input Offset Voltage (mV)
40
40
30
30
Max.
20
20
10
10
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 40A. Amplifier Input Offset vs. Temperature
Figure 40B. Amplifier Input Offset vs. Voltage
18
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
10.0 10.0
8.0 CA- Input Bias Current (nA) CA- Input Bias Current (nA)
8.0
6.0
6.0
4.0
Max.
4.0
Max.
2.0
2.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 41A. CA- Input Current vs. Temperature
100 100
Figure 41B. CA- Input Current vs. Voltage
80 Amplifier CMRR (dB)
Typ.
80 Amplifier CMRR (dB)
Typ.
60
Min.
60
Min.
40
40
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 42A. Amplifier CMRR vs. Temperature
Figure 42B. Amplifier CMRR vs. Voltage
100
100
80
Typ.
80 Amplifier PSRR (dB)
Typ.
Amplifier PSRR (dB)
60
Min.
60
Min.
40
40
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 43A. Amplifier PSRR vs. Temperature
Figure 43B. Amplifier PSRR vs. Voltage
www.irf.com
19
IR2130/IR2132(J)(S) & (PbF)
6.00 6.00
Amplifier High Level Output Voltage (V)
5.40
Amplifier High Level Output Voltage (V)
5.70
5.70
Max.
5.40
Max.
Typ.
Typ.
5.10
Min.
5.10
Min.
4.80
4.80
4.50 -50 -25 0 25 50 75 100 125 Temperature (C)
4.50 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 44A. Amplifier High Level Output vs. Temperature
100
Figure 44B. Amplifier High Level Output vs. Voltage
100
Amplifier Low Level Output Voltage (mV)
80
Amplifier Low Level Output Voltage (mV)
80
60
60
40
40
20
Max.
20
Max.
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 45A. Amplifier Low Level Output vs. Temperature
10.0
Figure 45B. Amplifier Low Level Output vs. Voltage
10.0
Amplifier Output Source Current (mA)
6.0
Typ.
Amplifier Output Source Current (mA)
8.0
8.0
6.0
4.0
Min.
4.0
2.0
Typ.
2.0
Min.
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 46A. Amplifier Output Source Current vs. Temperature
Figure 46B. Amplifier Output Source Current vs. Voltage
20
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
5.00 5.00
Amplifier Output Sink Current (mA)
3.00
Typ.
Amplifier Output Sink Current (mA)
4.00
4.00
3.00
2.00
Min.
2.00
Typ. Min.
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 47A. Amplifier Output Sink Current vs. Temperature
15.0
Figure 47B. Amplifier Output Sink Current vs. Voltage
15.0
Output High Short Circuit Current (mA)
9.0
Max.
Output High Short Circuit Current (mA)
12.0
12.0
9.0
6.0
Typ.
6.0
Max.
3.0
3.0
Typ.
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 48A. Amplifier Output High Short Circuit Current vs. Temperature
15.0
Figure 48B. Amplifier Output High Short Circuit Current vs. Voltage
15.0
Output Low Short Circuit Current (mA)
9.0
Output Low Short Circuit Current (mA)
12.0
12.0
9.0
6.0
Max.
6.0
Max.
Typ.
3.0
3.0
Typ.
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 49A. Amplifier Output Low Short Circuit Current vs. Temperature
Figure 49B. Amplifier Output Low Short Circuit Current vs. Voltage
www.irf.com
21
IR2130/IR2132(J)(S) & (PbF)
0.0
-3.0 VS Offset Supply Voltage (V)
Typ.
-6.0
-9.0
-12.0
-15.0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 50. Maximum VS Negative Offset vs. VBS Supply Voltage
50
480V
50
480V
45 Junction Temperature (C) Junction Temperature (C)
45
40
320V
40
320V
35
160V
35
160V
30
0V
30
0V
25
25
20 1E+2
1E+3 Frequency (Hz)
1E+4
1E+5
20 1E+2
1E+3 Frequency (Hz)
1E+4
1E+5
Figure 51. IR2130/IR2132 TJ vs. Frequency (IRF820) RGATE = 33, VCC = 15V
100
Figure 52. IR2130/IR2132 TJ vs. Frequency (IRF830) RGATE = 20, VCC = 15V
140
480V
120 80 Junction Temperature (C) Junction Temperature (C) 100
320V
60
480V 320V
80
160V
60
0V
40
160V
40
0V
20 1E+2
1E+3 Frequency (Hz)
1E+4
1E+5
20 1E+2
1E+3 Frequency (Hz)
1E+4
1E+5
Figure 53. IR2130/IR2132 TJ vs. Frequency (IRF840) RGATE = 15, VCC = 15V
Figure 54. IR2130/IR2132 TJ vs. Frequency (IRF450) RGATE = 10, VCC = 15V
22
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
120 110 100 90 80 70 60 50 40 30 20 1E+2
480V 320V 160V 0V 1E+3 1E+4
Frequency (Hz)
1E+5
1 20 1 10 1 00 90 80 70 60 50 40 30 20 1 E+ 2
Juncti Tem perature (C ) on
Jun c ti n T em p era ture (C ) o
4 80 V 3 20 V 1 60 0V 1 E+ 3 1 E+ 4 1 E+ 5
Frequency (Hz)
Figure 55. IR2130J/IR2132J TJ vs. Frequency (IRGPC20KD2) RGATE = 33, VCC = 15V
Figure 56. IR2130J/IR2132J TJ vs. Frequency (IRGPC30KD2) RGATE = 20, VCC = 15V
120 110 100 90 80 70 60 50 40 30 20 1E+2
480V 320V 160V 0V 1E+3 1E+4 1E+5
120 110 100 90 80 70 60 50 40 30 20 1E+2
480V
Juncti Tem perature (C ) on
Ju ncti Tem p erature (C ) on
320V 160V 0V
1E+3
1E+4
1E+5
Frequency (Hz)
Frequency (Hz)
Figure 57. IR2130J/IR2132J TJ vs. Frequency (IRGPC40KD2) RGATE = 15, VCC = 15V
Figure 58. IR2130J/IR2132J TJ vs. Frequency (IRGPC50KD2) RGATE = 10, VCC = 15V
www.irf.com
23
IR2130/IR2132(J)(S) & (PbF)
Case outlines
28-Lead PDIP (wide body)
01-6011 01-3024 02 (MS-011AB)
28-Lead SOIC (wide body)
24
01-6013 01-304002
(MS-013AE)
www.irf.com
IR2130/IR2132(J)(S) & (PbF)
Case outline
NOTES
44-Lead PLCC w/o 12 leads
01-6009 00 01-3004 02(mod.) (MS-018AC)
www.irf.com
25
IR2130/IR2132(J)(S) & (PbF)
LEADFREE PART MARKING INFORMATION
Part number
IRxxxxxx YWW? ?XXXX
Lot Code (Prod mode - 4 digit SPN code) IR logo
Date code
Pin 1 Identifier ? P MARKING CODE Lead Free Released Non-Lead Free Released
Assembly site code Per SCOP 200-002
ORDER INFORMATION
Basic Part (Non-Lead Free) 28-Lead PDIP IR2130 order IR2130 28-Lead SOIC IR2130S order IR2130S 28-Lead PDIP IR2132 order IR2132 28-Lead SOIC IR2132S order IR2132S 44-Lead PLCC IR2130J order IR2130J 44-Lead PLCC IR2132J order IR2132J Leadfree Part 28-Lead PDIP IR2130 order IR2130PbF 28-Lead SOIC IR2130S order IR2130SPbF 28-Lead PDIP IR2132 order IR2132PbF 28-Lead SOIC IR2132S order IR2132SPbF 44-Lead PLCC IR2130J order IR2130JPbF 44-Lead PLCC IR2132J order IR2132JPbF
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 This product has been qualified per industrial level Data and specifications subject to change without notice. 4/2/2004
26
www.irf.com


▲Up To Search▲   

 
Price & Availability of IR2130J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X