Part Number Hot Search : 
DT46N12 07910 S175N 07910 2SD180 2SD180 C1600 C1600
Product Description
Full Text Search
 

To Download HCF4094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4094B
8-STAGE SHIFT-AND-STORE BUS REGISTER
.3.SEPARATE .MEDI .STANDARDI .QUI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
DESCRIPTION
STATE PARALLEL OUTPUTS FOR CONNECTION TO COMMON BUS SERIAL OUTPUTS SYNCHRONOUS TO BOTH POSITIVE AND NEGATIVE CLOCK EDGES FOR CASCADING UM SPEED OPERATION 5MHz AT 10V ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4094BF HCF4094BM1 HCF4094BEY HCF4094BC1
PIN CONNECTIONS
The HCC4094B (extended temperature range) and HCF4094B (intermediate temperature range) are monolithic integrated circuits available in 16-lead dual in-line plastic or ceramic packageand plastic micropackage. The HCC/HCF4094B is an 8-stage serial shift register having a storage latch associated with each stage for strobing data from the serial input to parallel buffered 3-state outputs. The parallel outputs may be connected directly to common bus lines. Data is shifted on positive clock transitions. The data in each shift register stage is transferred to the storage register when the STROBE input is high. Data in the storage register appears at the outputs whenever the OUTPUT-ENABLE signal is high. Two serial outputs are available for cascading a number of HCC/HCF4094B devices. Data is available at the QS serial output terminal on positive clock edges to allow for high-speed operation in cascaded systems in which the clock rise time is fast. The same serial information, available at the Q'S terminal on the next negative clock edge, provides a means for cascading HCC/HCF4094B devices when the clock rise time is slow.
June 1989 1/14
HCC/HCF4094B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD * Vi II Pt o t Parameter Supply Voltage : H CC Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top T st g
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HC C Types H CF Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/14
HCC/HCF4094B
LOGIC DIAGRAMS
TIMING DIAGRAM
3/14
HCC/HCF4094B
TRUTH TABLE TRUTH TABLE
CL - -/ -\ - /- - - -/ - -/ -\ - Outputs Enable 0 0 1 1 1 1 Strobe X X 0 1 1 1 D ata X X X 0 1 1 Parallel Outputs Q1 OC OC NC 0 1 NC QN OC OC NC Q N-1 Q N-1 NC Serial Outputs QS* Q7 NC Q7 Q7 Q7 NC Q'S NC Q7 NC NC NC Q7
v = Level Change Logic 1 High X = Don't Care Logic 0 Low NC = No Change OC = Open Circuit * At the positive clock edge information in the 7th shift register stage is transferred to the 8th register stage and the QS output.
4/14
HCC/HCF4094B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Current Test Conditions VO |I O | V D D VI (V) (V) (A) (V) 0/ 5 5 0/10 10 0/15 15 0/20 20 0/ 5 5 0/10 10 0/15 15 0/ 5 <1 5 0/10 <1 10 0/15 <1 15 5/0 <1 5 10/0 <1 10 15/0 <1 15 0.5/4.5 < 1 5 1/9 <1 10 1.5/13.5 < 1 15 4.5/0.5 < 1 5 9/1 <1 10 13.5/1.5 < 1 15 0/ 5 2.5 5 0/ 5 4.6 5 0/10 9.5 10 0/15 13.5 15 0/ 5 2.5 5 0/ 5 4.6 5 0/10 9.5 10 0/15 13.5 15 0/ 5 0.4 5 0/10 0.5 10 0/15 1.5 15 0/ 5 0.4 5 0/10 0.5 10 0/15 1.5 15 0/18 Any Input 0/15 0/18 0/15 0/18 0/15 Any Input 15 18 15 0.3 0.4 1.0 10 - 5 0.3 10-4 0.4 10- 4 1.0 5 7.5 1 12 7.5 A pF 18 T L o w* Min. Max. 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 Value 25 C Min. Typ. Max. 0.04 5 0.04 10 0.04 20 0.08 100 0.04 20 0.04 40 0.04 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1 1.3 2.6 3.4 6.8 0.44 1 1.1 2.6 3.0 6.8 10 - 5 0.1 T Hi g h * Min. Max. 150 300 600 3000 150 300 600 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 A Unit
HCC Types
A
HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current
V
V OL
V
V IH
V
V IL
V
I OH
HCC Types
mA
HCF Types I OL Output Sink Current
HCC Types HCF Types
mA
I IH , I IL
Input Leakage Current
I OH , I O L
CI
HCC Types HCF Types 3-state HCC Output Types Leakage HCF Current Types Input Capacitance
* TLow = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
5/14
HCC/HCF4094B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, CL = 50pF, R L = 200k, typical temperature coefficient for all V DD = 0.3%/C values , all input rise and fall time = 20ns)
Symbol Parameter Test Conditions V D D (V) Min. 5 10 15 t P L H , t P HL Propagation Delay Time Clock to Serial Output Q'S 5 10 15 t P L H , t P HL Propagation Delay Time Clock to Parallel Output 5 10 15 t P L H , t P HL Propagation Delay Time Strobe to Parallel Output 5 10 15 t P HZ Propagation Delay Time Output Enable to Parallel Output : Output High to High Impedance Out Low to High Impedance 5 10 15 5 10 15 tW Strobe Pulse Width 5 10 15 tW Clock Pulse Width 5 10 15 t se t u p Data Setup Time 5 10 15 t TL H, t T HL Transition Time 5 10 15 t r, tf Clock Input Rise or Fall Time 5 10 15 f max Maximum Clock Input Frequency 5 10 15 15 5 5 1.25 2.5 3 2.5 5 6 MHz s 200 80 70 200 100 83 125 55 35 Value Typ. 300 125 95 230 110 75 420 195 135 290 145 100 140 75 55 225 95 70 100 40 35 100 50 40 60 30 20 100 50 40 200 100 80 ns ns ns ns Max. 600 250 190 460 220 150 840 390 270 580 290 200 280 150 110 450 190 140 ns ns ns ns ns ns Unit
t P L H , t P HL Propagation Delay Time Clock to Serial Output Q S
t PL Z
6/14
HCC/HCF4094B
Typical Output Low (sink) Current Characteristics. Minimum Output Low (sink) Current Characteristics.
Typical Output High (source) Current Charateristics.
Minimum Output High (source) Current Characteristics.
Clock-to-serial Output Q S Propagation Delay vs. CL.
Clock-to-serial Output Q'S Propagation Delay vs. CL.
7/14
HCC/HCF4094B
Clock-to-parallel Output Propagation Delay vs. CL. Strobe-to-parallel Output Propagation Delay vs. CL.
Output Enable-to-parallel Output Propagation Delay vs.
Typical Transition Time vs. Load Capacitance.
Typical Maximum-clock Frequency vs. Supply Voltage.
Dynamic Power Dissipation vs. Input Clock Frequency.
8/14
HCC/HCF4094B
TYPICAL APPLICATION REMOTE CONTROL HOLDING REGISTER
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
9/14
HCC/HCF4094B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
10/14
HCC/HCF4094B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
11/14
HCC/HCF4094B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
12/14
HCC/HCF4094B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
13/14
HCC/HCF4094B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
14/14


▲Up To Search▲   

 
Price & Availability of HCF4094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X