Part Number Hot Search : 
45DCB TLE8264E 12018 2812T BD5351G L6348 FR202 SVC222
Product Description
Full Text Search
 

To Download HCF4093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4093B
QUAD 2-INPUT NAND SCHMIDT TRIGGERS
.SCHMI .HYSTERESI .NOI .NOLI .STANDARDI .QUI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
TT-TRIGGER ACTION ON EACH INPUT WITH NO EXTERNAL COMPONENTS S VOLTAGE TYPICALLY 0.9V AT VDD = 5V AND 2.3V AT VDD = 10V SE IMMUNITY GREATER THAN 50% OF VDD (typ.) MIT ON INPUT RISE AND FALL TIMES ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4093BF HCF4093BM1 HCF4093BEY HCF4093BC1
PIN CONNECTIONS
DESCRIPTION The HCC4093B (extended temperature range) and HCF4093B (intermediate temperature range) are available in 14-lead dual in-line plastic or ceramic package and plastic micropackage. The HCC/HCF4093B consists of four Schmitt-trigger circuits. Each circuit functions as a two-input NAND gate with Schmitt-trigger action on both inputs. The gate switches at different points for positive and negative-going signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis voltage (VH) (see fig. 1).
June 1989 1/13
HCC/HCF4093B
FUNCTIONAL DIAGRAM 1 of 4 Schmitt triggers
ABSOLUTE MAXIMUM RATINGS
Symbol V DD * VI II Pto t Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
T op T stg
Stresses above those listed under "Absolute Maximum Ratings "may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HC C Types H CF Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/13
HCC/HCF4093B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Current Test Conditions VO |I O | V D D VI (V) (V) (A) (V) 0/ 5 5 0/10 10 0/15 15 0/20 20 0/ 5 5 0/10 10 0/15 15 a 5 a 10 a 15 b 5 b 10 b 15 a 5 a 10 a 15 b 5 b 10 b 15 a 5 a 10 a 15 b 5 b 10 b 15 0/ 5 <1 5 0/10 <1 10 0/15 <1 15 5/0 <1 5 10/0 <1 10 15/0 <1 15 0/ 5 2.5 5 0/ 5 4.6 5 0/10 9.5 10 0/15 13.5 15 0/ 5 2.5 5 0/ 5 4.6 5 0/10 9.5 10 0/15 13.5 15 T L o w* Min. Max. 1 2 4 20 4 8 16 2.2 3.6 4.6 7.1 6.8 10.8 2.6 4 5.6 8.2 6.3 12.7 0.9 2.8 2.5 5.2 4 7.4 1.4 3.2 3.4 6.6 4.8 9.6 0.3 1.6 1.2 3.4 1.6 5 0.3 1.6 1.2 3.4 1.6 5 4.95 9.95 14.95 0.05 0.05 0.05 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 Value 25 C T Hi g h * Min. Typ. Max. Min. Max. 0.02 1 30 0.02 2 60 0.02 4 120 0.04 20 600 0.02 4 30 0.02 8 60 0.02 16 120 2.2 2.9 3.6 2.2 3.6 4.6 5.9 7.1 4.6 7.1 6.8 8.8 10.8 6.8 10.8 2.6 3.3 4 2.6 4 5.6 7 8.2 5.6 8.2 6.3 9.4 12.7 6.3 12.7 0.9 1.9 2.8 0.9 2.8 2.5 3.9 5.2 2.5 5.2 4 5.8 7.4 4 7.4 1.4 2.3 3.2 1.4 3.2 3.4 5.1 6.6 3.4 6.6 4.8 7.3 9.6 4.8 9.6 0.3 0.9 1.6 0.3 1.6 1.2 2.3 3.4 1.2 3.4 1.6 3.5 5 1.6 5 0.3 0.9 1.6 0.3 1.6 1.2 2.3 3.4 1.2 3.4 1.6 3.5 5 1.6 5 4.95 4.95 9.95 9.95 14.95 14.95 0.05 0.05 0.05 0.05 0.05 0.05 - 1.6 - 3.2 - 1.15 - 0.51 - 1 - 0.36 - 1.3 - 2.6 - 0.9 - 3.4 - 6.8 - 2.4 - 1.36 - 3.2 - 1.1 - 0.44 - 1 - 0.36 - 1.1 - 2.6 - 0.9 - 3.0 - 6.8 - 2.4 Unit
HCC Types
A
HCF Types VP Positive Trigger Threshold Voltage
V
VN
Negative Trigger Threshold Voltage
V
VH
Hysteresis Voltage
V
V OH
Output High Voltage Output Low Voltage Output Drive Current
V
V OL
V
I OH
HCC Types
mA
HCF Types
a b * *
: input on terminals 1, 5, 8, 12 or 2, 6, 9, 13 ; other inputs to VDD. : input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13 ; other inputs to VDD . TLo w = -55C for HCC device : -40C for HCF device. THigh = +125C for HCC device : +85C for HCF device.
3/13
HCC/HCF4093B
STATIC ELECTRICAL CHARACTERISTICS ( continued)
Test Conditions Symbol Parameter VI (V) 0/ 5 0/10 0/15 0/ 5 0/10 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF 0/15 Types VO (V) 0.4 0.5 1.5 0.4 0.5 1.5 Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 5 10 15 18 Any Input 15 Any Input 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10- 5 0.1 10 5
-5
I OL
Output Sink Current
0.36 0.9 2.4 0.36 0.9 2.4 1 1 pF A mA
0.3 7.5
CI
Input Capacitance
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, R L = 200k, typical temperature coefficient for all V DD = 0.3%/C values , all input rise and fall time = 20ns)
Symbol Parameter Test Conditions V D D (V) Min. 5 10 15 t TL H, t T HL Transition Time 5 10 15 Value Typ. 190 90 65 100 50 40 Max. 380 180 130 200 100 80 ns ns Unit
t P L H , t P HL Propagation Delay Time
Figure1 : Hysteresis Definition, Characteristics and Test Setup. (a) Definition of VP, VN and VH (b) Transfer characteristics of 1 of 4 gates
4/13
HCC/HCF4093B
(c) Test setup Figure 2 : Input and Output Characteristics.
Figure 3 : Typical Current and Voltage Transfer Characteristics.
Figure 4 : Typical Voltage Transfer Characteristics as a Function of Temperature, and Test Circuit.
5/13
HCC/HCF4093B
Figure 5 : Typical Output Low (sink) Current Characteristics. Figure 6 : Minimum Output Low (sink) Current Characteristics.
Figure 7 : Typical Output High (source) Current Characteristic.
Figure 8 : Minimum Output High Current Characteristics.
Figure 9 : Typical Propagation Delay Time vs. Supply Voltage.
Figure 10 : Typical Transition Time vs. Load Capacitance.
6/13
HCC/HCF4093B
Figure 11 : Typical Trigger Threshold Voltage vs.VDD Figure 12 : Typical per cent Hysteresis vs. Supply Voltage.
Figure 13 : Typical Dissipation Characteristics.
Figure 14 : Power Dissipation vs. Rise and Fall Times.
7/13
HCC/HCF4093B
APPLICATIONS Figure 15 : Wave Shaper. Figure 16 : Monostable Multivibrator.
Figure17 : Astable Multivibrator.
TEST CIRCUITS Figure18 : Quiescent Device Current. Figure 19 : Input Leakage Current.
8/13
HCC/HCF4093B
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
9/13
HCC/HCF4093B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
10/13
HCC/HCF4093B
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
11/13
HCC/HCF4093B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
HCC/HCF4093B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of HCF4093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X