Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download HCF40110BEY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC40110B HCF40110B
DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
.SEPARATE .CAPABLEOFDRI .ALLOWS .MAXI .QUI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
LINES
CLOCK-UP AND CLOCK-DOWN
VING COMMON CATHODE LEDS AND OTHER DISPLAYS DIRECTLY CASCADING WITHOUT ANY EXTERNAL CIRCUITRY MUM INPUT CURRENT OF 1 A AT 18 V (full package-temperature range) ESCENT CURRENT AT 20 V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100 nA AT 18 V AND 25 C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No. 13 A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Package)
C1 (Chip Carrier) ORDER CODES : HCC40110BF HCF40110BEY HCF40110BC1
DESCRIPTION The HCC 40110B (extended temperature range) and HCF 40110B (intermediate temperature range) are monolithic integrated circuits, available in 16lead dual in-line plastic or ceramic package. The HCC/HCF 40110B is a dual-clocked up/down counter with a special preconditioning circuit that allows the counter to be clocked, via positive going inputs, up or down regardless of that state or timing (within 100 ns typ.) of the other clock line. The clock signal is fed into the control logic and Johnson counter after is preconditioned. The outputs of the Johnson counter (which include antilock gating to avoid being locked at an illegal state) are fed into a latch. This data can be fed directly to the decoder through the latch or can be strobed to hold a particular count while the Johnson counter continues to be clocked. The decoder feeds a seven-segment bipolar output driver which can source up to 25 mA to drive LEDs and other displays such as low-voltage fluorescent and incandescent lamps. A short duration negative-going pulse appears on the BORROW output when the count changes from 0 to 9 or the CARRY output when the count changes from 9 to 0. At the other times the BORROW and CARRY output are a logic 1. The CARRY and BORROW outputs can be tied directly to the clock-up and clock-down lines respectively of another HCC/HCF 40110B for easy cascading of several counters.
September 1988
PIN CONNECTIONS
1/11
HCC/HCF40110B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW
o o
Top Tstg
C C o C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
2/11
HCC/HCF40110
LOGIC DIAGRAMS
3/11
HCC/HCF40110B
LOGIC DIAGRAM (continued) DISPLAY SEGMENTS
Ouptut Low (sink) Current Characterisitcs.
TRUTH TABLE
CLOCK UP* CLOCK DOWN* X X LATCH ENABLE 0 0 X X X X X X X X X 1 1 TOGGLE ENABLE 0 0 X X 1 0 0 RESET 0 0 0 1 0 0 0 COUNTER DISPLAY
Increments by 1 Follows Counter Decrement by 1 Follows Counter No Change Goes to 00000 Inhibited Increments by 1 Decrement by 1 No Change Follows Counter (Display = 0 ) Remains Fixed Remains Fixed Remains Fixed
x = Don't care 1 = High State 2 = Low State * Typically 100 ns between clock-up and clock-down positive transitions are required to ensure proper counting
4/11
HCC/HCF40110
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditios Symbol IL Parameter Quiescent Current VI (V) 0/5 HCC Types 0/10 0/15 0/20 HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Voltage (for HCC/HCF) 0/5 0/10 0/15 0/5 0/10 0/15 5/0 10/0 15/0 VIH 0.5/3.8 1/8.8 1.5/3.8 0.5/3.8 1/8.8 1.5/3.8 VOL 0 10 25 0 10 25 0 10 25 IOL Output Sink Current HCC Types HCF Types IIH, IIL Input Leakage Current HCC Types HCF Types 0/5 0/10 0/15 0/5 0/10 0/15 0/18 Any Input 0/15 Any Input 15 0.3 10-5 5 0.3 7.5 1 pF 0.4 0.5 1.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 5 10 10 10 15 15 15 5 10 15 5 10 15 18 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.51 1.3 3.4 0.44 1.1 3.0 3.5 7 11 1.5 3 4 4.55 4.13 3.64 9.55 9.25 8.85 14.55 14.21 13.9 1 2.6 6.8 1 2.6 6.8 10-5 0.1 0.36 0.9 2.4 0.36 0.9 2.4 1 A mA 0.05 0.05 0.05 3.5 7 11 1.5 3 4 TLOW * Min. Max. 5 10 15 20 5 10 15 Value 25 oC Min. Typ. Max. 0.04 0.04 0.04 0.48 0.04 0.04 0.04 4.95 9.55 14.55 0 0.05 0 0 0.05 0.05 3.5 7 11 1.5 3 4 V V 0.05 0.05 0.05 V 5 10 20 100 20 40 80 THIGH * Min. Max. 150 300 600 3000 150 300 600 V A Unit
VOL
V IL
V
CI
Input Capacitance
* TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
5/11
HCC/HCF40110B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol Parameter Test Conditions VDD (V) 5 10 15 fCL Maximum Frequency 5 10 15 tWC Carry Pulse Width 5 10 15 tWB Borrow Pulse Width 5 10 15 RESET tPLH tPHL Propagation Delay Time Reset to Clock Delay from Reset to First Allowable Clock 5 10 15 5 10 15 tW Pulse Width 5 10 15 750 285 200 300 125 75 150 60 40 ns Min. Value Typ. 85 35 15 2.5 5 8 225 100 70 260 110 80 ns MHz Max. Unit
CLOCK UP/CLOCK DOWN tW Pulse Width ns
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
6/11
HCC/HCF40110
TEST CIRCUITS Input Leakage Current.
7/11
HCC/HCF40110B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/11
HCC/HCF40110
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/11
HCC/HCF40110B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
HCC/HCF40110
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of HCF40110BEY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X