Part Number Hot Search : 
HI7188 SC147 EQW025 KSA1220 AD641Q STZ8082 ASJ15 USD3045C
Product Description
Full Text Search
 

To Download FMMT555 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 3 JANUARY 1996 FEATURES * 150 Volt VCEO * 1 Amp continuous current COMPLEMENTARY TYPE PARTMARKING DETAIL FMMT455 555
FMMT555
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb = 25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg VALUE -160 -150 -5 -2 -1 -200 500
SOT23 UNIT V V V A A mA mW C
-55 to +150
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-on Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) VBE(on) hFE fT Cobo 50 50 100 10 MIN. -160 -150 -5 -0.1 -10 -0.1 -0.3 -1 -1 300 MHz pF MAX UNIT V V V
A A A
CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB =-140V VCB =-140V, Tamb=100C VEB=-4V IC=-100mA, IB=-10mA* IC=-100mA, IB=-10mA* IC=-100mA, VCE =-10V* IC=-10mA, VCE =-10V* IC=-300mA, VCE =-10V* IC=-50mA, VCE =-10V f=100MHz VCB =-10V, f=1MHz
V V V
* Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device 3 - 131
FMMT555
TYPICAL CHARACTERISTICS
ZTX5 5 4 /5 5 -2
-0.8 IC/IB=10 -0.6
tr ns 500 ts s 5 ts tf ns 1000
IB1=IB2=IC/10
- (Volts)
Switching time
400
4
800
-0.4
300
3
tf
600
td ns
-0.2
200
2 td
400
100
V
100
1 tr -0.1 -1
200
50
0
-0.0001
-0.001
-0.01
-0.1
-1
0
0 -0.01
0
0
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
Switching Speeds
100
-1.4
- Normalised Gain (%)
80 VCE=-10V
-1.2
IC/IB=10
60
- (Volts) V
-1.0
40
-0.8 20
-0.6
h
0
-0.0001
-0.001
-0.01
-0.1
1
-0.0001
-0.001
-0.01
-0.1
-1
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
10 1 0.1 0.01 0.001 0.1V
VBE(sat) v IC
Single Pulse Test at Tamb=25C
-1.4
-1.2
VCE=-10V
- (Volts)
-1.0
V
-0.8
DC 1s 100ms 10ms 1ms 100s
-0.6 -0.0001 -0.001
-0.01
-0.1
-1
1V
10V
100V
1000V
IC - Collector Current (Amps)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 132


▲Up To Search▲   

 
Price & Availability of FMMT555

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X