Part Number Hot Search : 
KRA226 PE43713 EMR22D C4050 IRF451 HJ1109 SM350 55C12
Product Description
Full Text Search
 

To Download FMMT551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 3 - OCTOBER 1995 FEATURES * 60 Volt VCEO * 1 Amp continuous current
FMMT551
C E
COMPLEMENTARY TYPE PARTMARKING DETAIL
FMMT451 551
B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Sustaining Voltage SYMBOL V(BR)CBO VCEO(sus) MIN. -80 -60 -5 -0.1 -0.1 -0.35 -1.1 50 10 150 25 150 MHz pF MAX. SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg UNIT V V V
A A
VALUE -80 -60 -5 -2 -1 -200 500 -55 to +200 CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-60V VEB=-4V
UNIT V V V A A mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
Emitter-Base Breakdown V(BR)EBO Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance ICBO IEBO VCE(sat) VBE(sat) hFE fT Cobo
V V
IC=-150mA, IB=-15mA* IC=-150mA, IB=-15mA* IC=-150mA, VCE=-10V* IC=-1A, VCE=-10V* IC=-50mA, VCE=-10V f=100MHz VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device
3 - 129
FMMT551
TYPICAL CHARACTERISTICS
100
- Normalised Gain (%)
-0.1 -1 -10
-0.8
80
- (Volts)
-0.6
60
-0.4 I+/I*=10 -0.2
40
V
20
0
-0.01
h
-0.001
-0.01
-0.1
-1
-10
I+ - Collector Current (Amps)
I+ - Collector Current (Amps)
VCE(sat) v IC
hFE v IC
-1.4
-1.0
- (Volts)
- (Volts) V
-1.2
-0.9
-1.0
-0.8
V
-0.8
-0.7
-0.6
-0.01
-0.1
-1
-10
-0.6
-0.01
-0.1
-1
-10
I+ - Collector Current (Amps)
I+ - Collector Current (Amps)
VBE(on) v IC
10
VBE(sat) v IC
1
DC 1s 100ms 10ms 1ms 100s
0.1
0.01
0.1V
1V
10V
100V
VCE - Collector Emitter Voltage (V)
Safe Operating Area
3 - 130


▲Up To Search▲   

 
Price & Availability of FMMT551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X