Part Number Hot Search : 
92315 P6KE100G CD4020B EL2020C 2SC13 DTB723YE MIC2779 CA12064
Product Description
Full Text Search
 

To Download FAN5093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN5093
Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Features
* Programmable output from 1.10V to 1.85V in 25mV steps using an integrated 5-bit DAC * Two interleaved synchronous phases for maximum performance * 100nsec transient response time * Built-in current sharing between phases * Remote sense * Programmable Active Droop (Voltage Positioning) * Programmable switching frequency from 100KHz to 1MHz per phase * Adaptive delay gate switching * Integrated high-current gate drivers * Integrated Power Good, OV, UV, Enable/Soft Start functions * Drives N-channel MOSFETs * Operation optimized for 12V operation * High efficiency mode (E*) at light load * Overcurrent protection using MOSFET sensing * 24 pin TSSOP package
Description
The FAN5093 is a synchronous two-phase DC-DC controller IC which provides a highly accurate, programmable output voltage for VRM 9.x processors. Two interleaved synchronous buck regulator phases with built-in current sharing operate 180 out of phase to provide the fast transient response needed to satisfy high current applications while minimizing external components. The FAN5093 features Programmable Active Droop for transient response with minimum output capacitance. It has integrated high-current gate drivers, with adaptive delay gate switching, eliminating the need for external drive devices. The FAN5093 uses a 5-bit D/A converter to program the output voltage from 1.10V to 1.85V in 25mV steps with an accuracy of 1%. The FAN5093 uses a high level of integration to deliver load currents in excess of 50A from a 12V source with minimal external circuitry. The FAN5093 also offers integrated functions including Power Good, Output Enable/Soft Start, under-voltage lockout, over-voltage protection, and adjustable current limiting with independent current sense on each phase. It is available in a 24 pin TSSOP package.
Applications
* * * * Power supply for Pentium IV Power supply for Athlon VRM for Pentium IV processor Programmable step-down power supply
Block Diagram
BYPASS 6 23 RT +12V 18 5V Reg UVL O BOOT A 13 +12V
OSC
14
+ -
Digital Control
15 +12V 17 16 BOOT B VO +12V
+
GNDA
Current Limit
+ + +
12 11
Digital Control
10 +12V 8 9
5-Bit DAC
1 23 4 5 VID0 VID2 VID4 VID1 VID3 24
Power Good
19 PWRGD 21 7 22 ENABLE/SS 20 ILIM
DROOP/E* AGND
Pentium is a registered trademark of Intel Corporation. Athlon is a registered trademark of AMD. Programmable Active Droop is a trademark of Fairchild Semiconductor.
REV. 1.1.0 3/27/03
FAN5093
PRODUCT SPECIFICATION
Pin Assignments
VID0 VID1 VID2 VID3 VID4 BYPASS AGND LDRVB PGNDB SWB HDRVB BOOTB 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VFB RT ENABLE/SS DROOP/E* ILIM PWRGD VCC LDRVA PGNDA SWA HDRVA BOOTA
FAN5093
Pin Definitions
Pin Number 1-5 Pin Name VID0-4 Pin Function Description Voltage Identification Code Inputs. Open collector/TTL compatible inputs will program the output voltage over the ranges specified in Table 1. Internally PulledUp. 5V Rail. Bypass this pin with a 0.1F ceramic capacitor to AGND. Analog Ground. Return path for low power analog circuitry. This pin should be connected to a low impedance system ground plane to minimize ground loops. Low Side FET Driver for B. Connect this pin to the gate of an N-channel MOSFET for synchronous operation. The trace from this pin to the MOSFET gate should optimally be <0.5". Power Ground B. Return pin for high currents flowing in low-side MOSFET. Connect directly to low-side MOSFET source. High side driver source and low side driver drain switching node B. Gate drive return for high side MOSFET, and negative input for low-side MOSFET current sense. High Side FET Driver B. Connect this pin to the gate of an N-channel MOSFET. The trace from this pin to the MOSFET gate should optimally be <0.5". Bootstrap B. Input supply for high-side MOSFET. Bootstrap A. Input supply for high-side MOSFET. High Side FET Driver A. Connect this pin to the gate of an N-channel MOSFET. The trace from this pin to the MOSFET gate should optimally be <0.5". High side driver source and low side driver drain switching node A. Gate drive return for high side MOSFET, and negative input for low-side MOSFET current sense. Power Ground A. Return pin for high currents flowing in low-side MOSFET. Connect directly to low-side MOSFET source. Low Side FET Driver for A. Connect this pin to the gate of an N-channel MOSFET for synchronous operation. The trace from this pin to the MOSFET gate should optimally be <0.5". VCC. Internal IC supply. Connect to system 12V supply, and decouple with a 10 resistor and 1F ceramic capacitor. Power Good Flag. An open collector output that will be logic LOW if the output voltage is less than 350mV less than the nominal output voltage setpoint. Power Good is prevented from going low until the output voltage is out of spec for 500sec.
6 7 8
BYPASS AGND LDRVB
9 10
PGNDB SWB
11 12 13 14 15
HDRVB BOOTB BOOTA HDRVA SWA
16 17
PGNDA LDRVA
18 19
VCC PWRGD
2
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
Pin Number 20 21
Pin Name ILIM DROOP/E*
Pin Function Description Current Limit. A resistor from this pin to ground sets the over current trip level. Droop Control/Energy Star Mode Control. A resistor from this pin to ground sets the amount of droop by controlling the gain of the current sense amplifier. When this pin is pulled high to BYPASS, the phase A drivers are turned off for Energy-star operation. Output Enable/Softstart. A logic LOW on this pin will disable the output. An 10A internal current source allows for open collector control. This pin also doubles as soft start. Frequency Set. A resistor from this pin to ground sets the switching frequency. Voltage Feedback. Connect to the desired regulation point at the output of the converter.
22
ENABLE/SS
23 24
RT VFB
Absolute Maximum Ratings (Absolute Maximum Ratings are the values beyond which the device
may be damaged or have it's useful life impaired. Functional operation under these conditions is not implied.) Parameter Supply Voltage VCC Supply Voltages BOOT to PGND BOOT to SW Voltage Identification Code Inputs, VID0-VID4 VFB, ENABLE/SS, PWRGD, DROOP/E* SWA, SWB to AGND (<1s) PGNDA, PGNDB to AGND Gate Drive Current, peak pulse Junction Temperature, TJ Storage Temperature -55 -65 -3 -0.5 Min. Max. 15 24 24 6 6 15 0.5 3 150 150 Unit V V V V V V V A C C
Thermal Ratings
Parameter Lead Soldering Temperature, 10 seconds Power Dissipation, PD Thermal Resistance Junction-to-Case, JC Thremal Resistance Junction-to-Ambient, JA 16 84 Min. Typ. Max. 300 650 Unit C mW C/W C/W
Recommended Operating Conditions (See Figure 2)
Parameter Output Driver Supply, BOOTA, B Ambient Operating Temperature Supply Voltage VCC Conditions Min. 16 0 10.8 Max. 22 70 13.2 Units V C V
REV. 1.1.0 3/27/03
3
FAN5093
PRODUCT SPECIFICATION
Electrical Specifications
(VCC = 12V, VID = [01111] = 1.475V, and TA = +25C using circuit in Figure 2, unless otherwise noted.) The * denotes specifications which apply over the full operating temperature range. Parameter Input Supply UVLO Hysteresis 12V UVLO 12V Supply Current Internal Voltage Regulator BYPASS Voltage BYPASS Capacitor VREF and DAC Output Voltage Initial Voltage Setpoint1 Output Temperature Drift Line Regulation Droop2 Programmable Droop Range Response Time Current Mismatch VID Inputs Input LOW current, VID pins VID VIH VID VIL Oscillator Oscillator Frequency Oscillator Range Maximum Duty Cycle Minimum LDRV on-time Gate Drive Gate Drive On-Resistance Output Driver Rise & Fall Time Enable/Soft Start Soft Start Current Enable Threshold Power Good PWRGD Threshold PWRGD Output Voltage PWRGD Delay OVP and OTP Output Overvoltage Detect Over Temperature Shutdown Over Temperature Hysteresis Conditions Min. Typ. 0.5 9.5 20 5 Max. Units V V mA V nF V V mV V mV m nsec %
Rising Edge PWM Output Open
*
8.5
10.3
4.75 100 See Table 1 ILOAD = 0A, VID = [01111] TA = 0 to 70C VCC = 11.4V to 12.6V ILOAD = 69A, RDROOP = 13.3k Vout = 10mV RDS,on (A) = RDS,on (B), ILOAD = 69A, Droop = 1m VVID = 0.4V -60 2.0 * 1.100 1.460
5.25
* 0
1.475 5 130 56 100
1.850 1.490
1.25 5
0.8 RT = 54.9k RT = 137.5k to 13.75 k RT = 137.5k RT = 13.75k Sink & Source See Figure 1, CL = 3000pF * 440 200 500 90 330 1.0 20 10 ON OFF Logic LOW, VVID - VPWRGD Isink = 4mA High Low * 1.0 0.4 85 88 500 * 2.1 130 2.2 140 40 2.3 150 92 0.4 560 2000
A V V kHz kHz % nsec nsec A V
%VOUT V sec V C C
Notes: 1. As measured at the converter's VFB sense point. For motherboard applications, the PCB layout should exhibit no more than 0.5m trace resistance between the converter's output capacitors and the CPU. Remote sensing should be used for optimal performance. 2. Using the VFB pin for remote sensing of the converter's output at the load, the converter will be in compliance with VRM 9.x specification.
4
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
Gate Drive Test Circuit
tR 90% VOUT 3000pF tDT 2V tDT 2V 10% 2V 90% 2.5V 10% tF HDRV
LDRV
Figure 1. Output Drive Timing Diagram
Table 1. Output Voltage Programming Codes
VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 VOUT to CPU OFF 1.100V 1.125V 1.150V 1.175V 1.200V 1.225V 1.250V 1.275V 1.300V 1.325V 1.350V 1.375V 1.400V 1.425V 1.450V 1.475V 1.500V 1.525V 1.550V 1.575V 1.600V 1.625V 1.650V 1.675V 1.700V 1.725V 1.750V 1.775V 1.800V 1.825V 1.850V
Note: 1. 0 = VID pin is tied to GND. 1 = VID pin is pulled up to 5V. REV. 1.1.0 3/27/03
5
FAN5093
PRODUCT SPECIFICATION
Typical Operating Characteristics
(VCC = 12V, VOUT = 1.475V, and TA = +25C using circuit in Figure 2, unless otherwise noted.)
ADAPTIVE GATE DELAY EFFICIENCY VS. OUTPUT CURRENT
90
E* Mode
CH1: HDRVB CH2: LDRVB 40A Load
EFFICIENCY (%)
85
2 Phase Mode
80
75
70
0
10
20
30
40
50
60
70
80
LOAD CURRENT (A)
HIGH-SIDE GATE DRIVES, NORMAL OPERATION
CH1: HDRVB CH2: HDRVA 40A Load
HIGH-SIDE GATE DRIVES, E*-MODE
CH1: HDRVB CH2: HDRVA 10A Load
HIGH-SIDE GATE DRIVES, RISE / FALL TIME
CH1: HDRVB 40A Load
LOW-SIDE GATE DRIVES, RISE / FALL TIME
CH1: LDRVB 40A Load
6
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
Typical Operating Characteristics (Continued)
DYNAMIC VID CHANGE
CH1: VOUT (1.475V-1.575V) CH2: VID2 40A Load
OUTPUT RIPPLE, 70A LOAD
CURRENT SHARING, 30A LOAD
CH1: IL1 (5A/div) CH2: IL2 (5A/div)
CURRENT SHARING, 70A LOAD
CH1: IL1 (5A/div) CH2: IL2 (5A/div)
CURRENT LIMIT
CH1: Iin CH2: Vout
DROOP VS. RDROOP
3.00 2.50
RT = 49.9K
Droop (mV/A) (m)
2.00 1.50 1.00 0.50 0.00 0 5 10 15 20 25 30 35 40 Rdroop (K)
RT = 61.9K
REV. 1.1.0 3/27/03
7
FAN5093
PRODUCT SPECIFICATION
Typical Operating Characteristics (Continued)
START-UP, 40A LOAD
CH1: Vout CH2: Vin CH1: Vout CH2: Vin
POWER-DOWN, 40A LOAD
LOAD TRANSIENT, 0-40A
CH1: Iout (20A/div) CH2: Vout
LOAD TRANSIENT, 12-52A
CH1: Iout (20A/div) CH2: Vout
CLOSED LOOP RESPONSE, 40A LOAD
50 40 Phase Margin 30 20 Gain 10 0 -10 100 60 30 0 100000 180 150 120 90 1.501
VOUT TEMPERATURE VARIATION
1.500 1.499
PHASE MARGIN (DEG.)
GAIN (dB)
VOUT (V)
1.498 1.497 1.496 1.495 1.494 0 25 70 100
1000
10000
FREQUENCY (HZ)
TEMPERATURE (C)
8
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
Application Circuit
L3 +12V D3 D1 +5V U1 FAN5093 18 C6 C7 HDRVB SWB PWRGD VID4 VID3 VID2 VID1 VID0 RT HDRVA ENABLE/SS SWA DROOP/E* R7 IL IM BYPASS LDRVA PGNDA 7 AGND VFB 17 16 24 R9 R8 Q8 Q7 + Cout LDRVB PGND B BOOTA 8 Vi n 9 13 14 15 C3 R5 R6 Q5 Q6 L2 C4 BOOTB VCC 11 10 R3 R4 Q3 Q4 12 C8 D2 C5 R1 R2 Q1 Q2 L1 VCore R11 R10 C1 C2 + Cin Vi n
19 VID4 VID3 VID2 VID1 VID0 5 4 3 2 1 23 22 21 20 R14 C10 R12 R13 C9 6
Figure 2. Application Circuit for 70A VRM 9.x Desktop Application
Table 2. FAN5093 Application Bill of Materials for Figure 2
Reference U1 Q1-8 D1, 2, 3 L1, 2 L3 R1-4, 9 R5-8 R10 R11 R12 R13 R14 C1-6 C7-10 Cin Cout QTY 1 8 3 2 opt 5 4 1 1 1 1 1 6 4 4 8 Description IC, PWM, FAN5093 NFET, 30V, 50A, 9m DIOS, 40V, 500mA IND, 850nH, 30A, 0.9m IND, 750nH, 20A, 3.5m 4.7, 5% 2.2, 5% 10, 5% 10K, 5% 75.0K, 1% 13.3K, 1% 56.2K, 1% 1.0f, 25V, 10%, X7R 0.1f, 16V, 10%, X7R 1500f, 16V, 20%,12m, Aluminum Electrolytic 2200f, 6.3V, 20%, 12m, Aluminum Electrolytic Rubycon 16MBZ1500M Rubycon 6.3MBZ2200M Manufacturer / Number Fairchild FAN5093 Fairchild FDD6696 Fairchild MBR0540 Inter-Technical SCTA5022A-R85M Inter-Technical SC4015-R75M
REV. 1.1.0 3/27/03
9
FAN5093
PRODUCT SPECIFICATION
Application Information Operation
The FAN5093 Controller
The FAN5093 is a programmable synchronous two-phase DC-DC controller IC. When designed with the appropriate external components, the FAN5093 can be configured to deliver more than 50A of output current, for VRM 9.x applications. The FAN5093 functions as a fixed frequency PWM step down regulator, with a high efficiency mode (E*) at light load.
output pins for each phase. These outputs control the external power MOSFETs.
Response Time
The FAN5093 utilizes leading-edge, not trailing-edge control. Conventional trailing-edge control turns on the high-side MOSFET at a clock signal, and then turns it off when the error amplifier output voltage is equal to the ramp voltage. As a result, the response time of a trailing-edge converter can be as long as the off-time of the high-side driver, nearly an entire switching period. The FAN5093's leading-edge control turns the high-side MOSFET on when the error amplifier output voltage is equal to the ramp voltage, and turns it off at the clock signal. As a result, when a transient occurs, the FAN5093 responds immediately by turning on the high-side MOSFET. Response time is set by the internal propagation delays, typically 100nsec. In worst case, the response time is set by the minimum on-time of the low-side MOSFET, 330nsec.
Main Control Loop
Refer to the FAN5093 Block Diagram on page 1. The FAN5093 consists of two interleaved synchronous buck converters, implemented with summing-mode control. Each phase has its own current feedback, and there is a common voltage feedback. The two buck converters controlled by the FAN5093 are interleaved, that is, they run 180 out of phase. This minimizes the RMS input ripple current, minimizing the number of input capacitors required. It also doubles the effective switching frequency, improving transient response. The FAN5093 implements "summing mode control", which is different from both classical voltage-mode and currentmode control. It provides superior performance to either by allowing a large converter bandwidth over a wide range of output loads and external components. No external compensation is required. The control loop of the regulator contains two main sections: the analog control block and the digital control block. The analog section consists of signal conditioning amplifiers feeding into a comparator which provides the input to the digital control block. The signal conditioning section accepts inputs from a current sensor and a voltage sensor, with the voltage sensor being common to both phases, and the current sensor separate for each. The voltage sensor amplifies the difference between the VFB signal and the reference voltage from the DAC and presents the output to each of the two comparators. The current control path for each phase takes the difference between its PGND and SW pins when the lowside MOSFET is on, reproducing the voltage across the MOSFET and thus the input current; it presents the resulting signal to the same input of its summing amplifier, adding its signal to the voltage amplifier's with a certain gain. These two signals are thus summed together. This sum is then presented to a comparator looking at the oscillator ramp, which provides the main PWM control signal to the digital control block. The oscillator ramps are 180 out of phase with each other, so that the two phases are on alternately. The digital control block takes the analog comparator input to provide the appropriate pulses to the HDRV and LDRV
Oscillator
The FAN5093 oscillator section runs at a frequency determined by a resistor from the RT pin to ground according to the formula 27.5E9 R T ( ) = -----------------f ( Hz ) The oscillator generates two internal sawtooth ramps, each at one-half the oscillator frequency, and running 180 out of phase with each other. These ramps cause the turn-on time of the two phases to be phased apart. The oscillator frequency of the FAN5093 can be programmed from 200KHz to 2MHz with each phase running at 100KHz to 1MHz, respectively. Selection of a frequency will depend on various system performance criteria, with higher frequency resulting in smaller components but typically lower efficiency.
Remote Voltage Sense
The FAN5093 has true remote voltage sense capability, eliminating errors due to trace resistance. To utilize remote sense, the VFB and AGND pins should be connected as a Kelvin trace pair to the point of regulation, such as the processor pins. The converter will maintain the voltage in regulation at that point. Care is required in layout of these grounds; see the layout guidelines in this datasheet.
High Current Output Drivers
The FAN5093 contains four high current output drivers that utilize MOSFETs in a push-pull configuration. The drivers for the high-side MOSFETs use the BOOT pin for input power and the SW pin for return. The drivers for the low-side MOSFETs use the VCC pin for input power and the PGND pin for return. Typically, the BOOT pin will use a charge pump as shown in Figure 2. Note that the BOOT and VCC pins are separated from the chip's internal power and ground, BYPASS and AGND, for switching noise immunity.
10
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
Adaptive Delay Gate Drive
The FAN5093 embodies an advanced design that ensures minimum MOSFET transition times while eliminating shoot-through current. It senses the state of the MOSFETs and adjusts the gate drive adaptively to ensure that they are never on simultaneously. When the high-side MOSFET turns off, the voltage on its source begins to fall. When the voltage there reaches approximately 2.5V, the low-side MOSFETs gate drive is applied. When the low-side MOSFET turns off, the voltage at the LDRV pin is sensed. When it drops below approximately 2V, the high-side MOSFET's gate drive is applied.
Short Circuit Current Characteristics (ILIM Pin)
The FAN5093 short circuit current characteristic includes a function that protects the DC-DC converter from damage in the event of a short circuit. The short circuit limit is set with the RS resistor, as given by the formula R S ( ) = I SC * R DS, on * R T * 3.33 with ISC the desired output current limit, RT the oscillator resistor and RDS,on one phase's low-side MOSFET's on resistance. Remember to make the RS large enough to include the effects of initial tolerance and temperature variation on the MOSFETs' RDS,on. Important Note! The oscillator frequency must be selected before selecting the current limit resistor, because the value of RT is used in the calculation of RS. When an overcurrent is detected, the high-side MOSFETs are turned off, and the low-side MOSFETs are turned on, and they remain in this state until the measured current through the low-side MOSFET has returned to zero amps. After reaching zero, the FAN5093 re-soft-starts, ensuring that it can also safely turn on into a short. A limitation on the current sense circuit is that ISC * RDS,on must be less that 375mV. To ensure correct operation, use ISC * RDS,on 300mV; between 300mV and 375mV, there will be some non-linearity in the short-circuit current not accounted for in the equation. As an example, consider the typical characteristic of the DC-DC converter circuit with two FDP6670AL low-side MOSFETs (RDS = 6.5m maximum at 25C * 1.2 at 75C = 7.8m each, or 3.9m total) in each phase, RT = 42.1K (600KHz oscillator) and a 50K RS. The converter exhibits a normal load regulation characteristic until the voltage across the MOSFETs exceeds the internal short circuit threshold of 50K/(3.9m * 41.2K * 6.66) = 47A. [Note that this current limit level can be as high as 50K/(3.5m * 41.2K * 6.66) = 52A, if the MOSFETs have typical RDS,on rather than maximum, and are at 25C.] At this point, the internal comparator trips and signals the controller to leave on the low-side MOSFETs and keep off the high-side MOSFETs. The inductor current decreases, and power is not applied again until the inductor current reaches 0A and the converter attempts to re-softstart.
Maximum Duty Cycle
In order to ensure that the current-sensing and chargepumping work, the FAN5093 guarantees that the low-side MOSFET will be on a certain portion of each period. For low frequencies, this occurs as a maximum duty cycle of approximately 90%. Thus at 250KHz, with a period of 4sec, the low-side will be on at least 4sec * 10% = 400nsec. At higher frequencies, this time might fall so low as to be ineffective. The FAN5093 guarantees a minimum low-side on-time of approximately 330nsec, regardless of duty cycle.
Current Sensing
The FAN5093 has two independent current sensors, one for each phase. Current sensing is accomplished by measuring the source-to-drain voltage of the low-side MOSFET during its on-time. Each phase has its own power ground pin, to permit the phases to be placed in different locations without affecting measurement accuracy. For best results, it is important to connect the PGND and SW pins for each phase as a Kelvin trace pair directly to the source and drain, respectively, of the appropriate low-side MOSFET. Care is required in the layout of these grounds; see the layout guidelines in this datasheet.
Current Sharing
The two independent current sensors of the FAN5093 operate with their independent current control loops to guarantee that the two phases each deliver half of the total output current. The only mismatch between the two phases occurs if there is a mismatch between the RDS,on of the low-side MOSFETs.
Light Load Efficiency
At light load, the FAN5093 uses a number of techniques to improve efficiency. Because a synchronous buck converter is two quadrant, able to both source and sink current, during light load the inductor current will flow away from the output and towards the input during a portion of the switching cycle. This reverse current flow is detected by the FAN5093 as a positive voltage appearing on the low-side MOSFET during its on-time. When reverse current flow is detected, the low-side MOSFET is turned off for the rest of the cycle, and the current instead flows through the body diode of the high-side MOSFET, returning the power to the source. This technique substantially enhances light load efficiency.
REV. 1.1.0 3/27/03
E*-mode
In addition, further enhancement in efficiency can be obtained by putting the FAN5093 into E*-mode. When the Droop pin is pulled to the 5V BYPASS voltage, the "A" phase of the FAN5093 is completly turned off, reducing in half the amount of gate charge power being consumed. E*-mode can be implemented with the circuit shown in Figure 3.
11
FAN5093
PRODUCT SPECIFICATION
FAN5098, Pin 6 (Bypass) 10K 2N3906
Output Enable/Soft Start (ENABLE/SS)
The FAN5093 will accept an open collector/TTL signal for controlling the output voltage. The low state disables the output voltage. When disabled, the PWRGD output is in the low state. Even if an enable is not required in the circuit, this pin should have attached a capacitor (typically 100nF) to softstart the switching. A softstart capacitor may be approximately chosen by the formula:
C SS ( 1.7 + 0.9074 * VOUT ) t D = -------------- * --------------------------------------------------------2.5 10A
1K 10K HI=E*MODE 10K 2N3904 RDROOP
FAN5098, Pin 21 (Droop, E*)
Figure 3. Implementing E*-mode Control
Note: The charge pump for the HIDRVs should be based on the "B" phase of the FAN5093, since the "A" phase is off in E*-mode.
where: tD is the delay time before the output starts to ramp
C SS V OUT * 0.9 t R = -------------- * ---------------------------V IN 10A
Internal Voltage Reference
The reference included in the FAN5093 is a precision bandgap voltage reference. Its internal resistors are precisely trimmed to provide a near zero temperature coefficient (TC). Based on the reference is the output from an integrated 5-bit DAC. The DAC monitors the 5 voltage identification pins, VID0-4, and scales the reference voltage from 1.100V to 1.850V in 25mV steps. tR is the ramp time of the output CSS = softstart cap VOUT = nominal output voltage However, C must be 100nF.
Programmable Active DroopTM
The FAN5093 features Programmable Active DroopTM: as the output current increases, the output voltage drops proportionately an amount that can be programmed with an external resistor. This feature is offered in order to allow maximum headroom for transient response of the converter. The current is sensed losslessly by measuring the voltage across the low-side MOSFET during its on time. Consult the section on current sensing for details. The droop is adjusted by the droop resistor changing the gain of the current loop. Note that this method makes the droop dependent on the temperature and initial tolerance of the MOSFET, and the droop must be calculated taking account of these tolerances. Given a maximum output current, the amount of droop can be programmed with a resistor to ground on the droop pin, according to the formula V Droop * R T R Droop ( ) = -----------------------------------I max * R DS, on with VDroop the desired droop voltage, RT the oscillator resistor, Imax the output current at which the droop is desired, and RDS, on the on-state resistance of one phase's low-side MOSFET. Important Note! The oscillator frequency must be selected before selecting the droop resistor, because the value of RT is used in the calculation of RDroop.
BYPASS Reference
The internal logic of the FAN5093 runs on 5V. To permit the IC to run with 12V only, it produces 5V internally with a linear regulator, whose output is present on the BYPASS pin. This pin should be bypassed with a 100nF capacitor for noise suppression. The BYPASS pin should not have any external load attached to it.
Dynamic Voltage Adjustment
The FAN5093 can have its output voltage dynamically adjusted to accommodate low power modes. The designer must ensure that the transitions on the VID lines all occur simultaneously (within less than 500nsec) to avoid false codes generating undesired output voltages. The Power Good flag tracks the VID codes, but has a 500sec delay transitioning from high to low; this is long enough to ensure that there will not be any glitches during dynamic voltage adjustment.
Power Good (PWRGD)
The FAN5093 Power Good function is designed in accordance with the Pentium IV DC-DC converter specifications and provides a continuous voltage monitor on the VFB pin. The circuit compares the VFB signal to the VREF voltage and outputs an active-low interrupt signal to the CPU should the power supply voltage deviate more than -12% of its nominal setpoint. The Power Good flag provides no control functions to the FAN5093.
Over-Voltage Protection
The FAN5093 constantly monitors the output voltage for protection against over-voltage conditions. If the voltage at
12
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
the VFB pin exceeds 2.2V, an over-voltage condition is assumed and the FAN5093 latches on the external low-side MOSFET and latches off the high-side MOSFET. The DC-DC converter returns to normal operation only after VCC has been recycled.
Over Temperature Protection
If the FAN5093 die temperature exceeds approximately 150C, the IC shuts itself off. It remains off until the temperature has dropped approximately 25C, at which time it resumes normal operation.
The gate resistor also limits the power dissipation inside the IC, which could otherwise be a limiting factor on the switching frequency. It may thus carry significant power, especially at higher frequencies. As an example: The FDB7045L has a maximum gate charge of 70nC at 5V, and an input capacitance of 5.4nF. The total energy used in powering the gate during one cycle is the energy needed to get it up to 5V, plus the energy to get it up to 12V:
2 1 1 E = QV + -- C * V 2 = 70nC * 5V + -- 5.4nF * ( 12V - 5V ) 2 2 = 482nJ
Component Selection
MOSFET Selection
This application requires N-channel Enhancement Mode Field Effect Transistors. Desired characteristics are as follows: * * * * * Low Drain-Source On-Resistance, RDS,ON < 10m (lower is better); Power package with low Thermal Resistance; Drain-Source voltage rating > 15V; Low gate charge, especially for higher frequency operation.
This power is dissipated every cycle, and is divided between the internal resistance of the FAN5093 gate driver and the gate resistor. Thus, E * f * R gate P Rgate = ------------------------------------------------ = 482nJ * 300KHz * ( R gate + R internal ) 4.7 -------------------------------- = 131mW 4.7 + 0.5 and each gate resistor thus requires a 1/4W resistor to ensure worst case power dissipation.
For the low-side MOSFET, the on-resistance (RDS,ON) is the primary parameter for selection. Because of the small duty cycle of the high-side, the on-resistance determines the power dissipation in the low-side MOSFET and therefore significantly affects the efficiency of the DC-DC converter. For high current applications, it may be necessary to use two MOSFETs in parallel for the low-side for each phase. For the high-side MOSFET, the gate charge is as important as the on-resistance, especially with a 12V input and with higher switching frequencies. This is because the speed of the transition greatly affects the power dissipation. It may be a good trade-off to select a MOSFET with a somewhat higher RDS,on, if by so doing a much smaller gate charge is available. For high current applications, it may be necessary to use two MOSFETs in parallel for the high-side for each phase. At the FAN5093's highest operating frequencies, it may be necessary to limit the total gate charge of both the high-side and low-side MOSFETs together, to avert excess power dissipation in the IC. For details and a spreadsheet on MOSFET selection, refer to Applications Bulletin AB-8.
Inductor Selection
Choosing the value of the inductor is a tradeoff between allowable ripple voltage and required transient response. A smaller inductor produces greater ripple while producing better transient response. In any case, the minimum inductance is determined by the allowable ripple. The first order equation (close approximation) for minimum inductance for a two-phase converter is: V in - 2 * V out V out ESR L min = ---------------------------------- * ---------- * ----------------V in V ripple f where: Vin = Input Power Supply Vout = Output Voltage f = DC/DC converter switching frequency ESR = Equivalent series resistance of all output capacitors in parallel Vripple = Maximum peak to peak output ripple voltage budget.
Schottky Diode Selection
The application circuit of Figure 2 shows a Schottky diode, D1 (D2 respectively), one in each phase. They are used as free-wheeling diodes to ensure that the body-diodes in the low-side MOSFETs do not conduct when the upper MOSFET is turning off and the lower MOSFETs are turning on. It is undesirable for this diode to conduct because its high forward voltage drop and long reverse recovery time degrades efficiency, and so the Schottky provides a shunt path for the current. Since this time duration is extremely short, being minimized by the adaptive gate delay, the selection criterion for the diode is that the forward voltage of 13
Gate Resistors
Use of a gate resistor on every MOSFET is mandatory. The gate resistor prevents high-frequency oscillations caused by the trace inductance ringing with the MOSFET gate capacitance. The gate resistors should be located physically as close to the MOSFET gate as possible.
REV. 1.1.0 3/27/03
FAN5093
PRODUCT SPECIFICATION
the Schottky at the output current should be less than the forward voltage of the MOSFET's body diode. Power capability is not a criterion for this device, as its dissipation is very small.
L3 +12V Vin 1000F, 16V Electrolytic
Output Filter Capacitors
The output bulk capacitors of a converter help determine its output ripple voltage and its transient response. It has already been seen in the section on selecting an inductor that the ESR helps set the minimum inductance. For most converters, the number of capacitors required is determined by the transient response and the output ripple voltage, and these are determined by the ESR and not the capacitance value. That is, in order to achieve the necessary ESR to meet the transient and ripple requirements, the capacitance value required is already very large. The most commonly used choice for output bulk capacitors is aluminum electrolytics, because of their low cost and low ESR. The only type of aluminum capacitor used should be those that have an ESR rated at 100kHz. Consult Application Bulletin AB-14 for detailed information on output capacitor selection. For higher frequency applications, particularly those running the FAN5093 oscillator at >1MHz, Oscon or ceramic capacitors may be considered. They have much smaller ESR than comparable electrolytics, but also much smaller capacitance. The output capacitance should also include a number of small value ceramic capacitors placed as close as possible to the processor; 0.1F and 0.01F are recommended values.
Figure 4. Input Filter
Design Considerations and Component Selection
Additional information on design and component selection may be found in Fairchild's Application Note 59.
PCB Layout Guidelines
* Placement of the MOSFETs relative to the FAN5093 is critical. Place the MOSFETs such that the trace length of the HIDRV and LODRV pins of the FAN5093 to the FET gates is minimized. A long lead length on these pins will cause high amounts of ringing due to the inductance of the trace and the gate capacitance of the FET. This noise radiates throughout the board, and, because it is switching at such a high voltage and frequency, it is very difficult to suppress. * In general, all of the noisy switching lines should be kept away from the quiet analog section of the FAN5093. That is, traces that connect to pins 8-17 (LODRV, HIDRV, PGND and BOOT) should be kept far away from the traces that connect to pins 1 through 7, and pins 18-24. * Place the 0.1F decoupling capacitors as close to the FAN5093 pins as possible. Extra lead length on these reduces their ability to suppress noise. * Each power and ground pin should have its own via to the appropriate plane. This helps provide isolation between pins. * Place the MOSFETs, inductor, and Schottky of a given phase as close together as possible for the same reasons as in the first bullet above. Place the input bulk capacitors as close to the drains of the high side MOSFETs as possible. In addition, placement of a 0.1F decoupling cap right on the drain of each high side MOSFET helps to suppress some of the high frequency switching noise on the input of the DC-DC converter. * Place the output bulk capacitors as close to the CPU as possible to optimize their ability to supply instantaneous current to the load in the event of a current transient. Additional space between the output capacitors and the CPU will allow the parasitic resistance of the board traces to degrade the DC-DC converter's performance under severe load transient conditions, causing higher voltage deviation. For more detailed information regarding capacitor placement, refer to Application Bulletin AB-5. * A PC Board Layout Checklist is available from Fairchild Applications. Ask for Application Bulletin AB-11.
Input Filter
The DC-DC converter design may include an input inductor between the system main supply and the converter input as shown in Figure 2. This inductor serves to isolate the main supply from the noise in the switching portion of the DC-DC converter, and to limit the inrush current into the input capacitors during power up. A value of 1.3H is recommended. It is necessary to have some low ESR capacitors at the input to the converter. These capacitors deliver current when the high side MOSFET switches on. Because of the interleaving, the number of such capacitors required is greatly reduced from that required for a single-phase buck converter. Figure 2 shows 3 x 1500F, but the exact number required will vary with the output voltage and current, according to the formula I out I rms = -------- 2DC - 4DC 2 2 for the two phase FAN5093, where DC is the duty cycle, DC = Vout / Vin. Capacitor ripple current rating is a function of temperature, and so the manufacturer should be contacted to find out the ripple current rating at the expected operational temperature. For details on the design of an input filter, refer to Applications Bulletin AB-16. 14
REV. 1.1.0 3/27/03
PRODUCT SPECIFICATION
FAN5093
PC Motherboard Sample Layout and Gerber File
A reference design for motherboard implementation of the FAN5093 along with the PCAD layout Gerber file and silk screen can be obtained through your local Fairchild representative.
Additional Information
For additional information contact your local Fairchild representative.
FAN5093 Evaluation Board
Fairchild provides an evaluation board to verify the system level performance of the FAN5093. It serves as a guide to performance expectations when using the supplied external components and PCB layout. Please contact your local Fairchild representative for an evaluation board.
REV. 1.1.0 3/27/03
15
FAN5093
PRODUCT SPECIFICATION
Mechanical Dimensions - 24 Lead TSSOP
Symbol A A1 B C D E e H L N ccc Inches Min. -- .002 .007 .004 .303 Max. .047 .006 .012 .008 .316 Millimeters Min. -- 0.05 0.19 0.09 7.70 Max. 1.20 0.15 0.30 0.20 7.90 Notes: Notes 1. Dimensioning and tolerancing per ANSI Y14.5M-1982. 2. "D" and "E" do not include mold flash. Mold flash or protrusions shall not exceed .006 inch (0.15mm). 3. "L" is the length of terminal for soldering to a substrate. 4. Terminal numbers are shown for reference only. 5. Symbol "N" is the maximum number of terminals. 2 2
.169 .177 .026 BSC .252 BSC .018 .030 24 0 -- 8 .004
4.30 4.50 0.65 BSC 6.40 BSC 0.45 0.75 24 0 -- 8 0.10
3 5
D
E
H
A B e
A1 SEATING PLANE -C- LEAD COPLANARITY ccc C L
C
16
REV. 1.1.0 3/27/03
FAN5093
PRODUCT SPECIFICATION
Ordering Information
Product Number FAN5093MTC FAN5093MTCX Description VRM 9.x DC-DC Controller VRM 9.x DC-DC Controller Package 24 pin TSSOP 24 pin TSSOP in Tape and Reel
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 3/27/03 0.0m 005 Stock#DS30005093 2003 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN5093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X