Part Number Hot Search : 
CJB08N65 157M0 FMMT2369 SM3P2 60214 WM2636 180NE IM6403A
Product Description
Full Text Search
 

To Download ER1000CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ER1000CT THRU ER1004CT
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes
FEATURES !" Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound !" Exceeds environmental standards of MIL-S-19500/228 !" Low power loss, high efficiency !" Low forward voltage, high current capability !" High surge capacity !" Super fast recovery times, high voltage !" Epitaxial chip construction TO-220AB
MECHANICAL DATA Case: TO-220AB full molded plastic package Terminals: Leads, solderable per MIL-STD-202, Method 208 Polarity: As marked Mounting Position: Any Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%.
ER1000CT ER1001CT ER1001A CT ER1002CT ER1003CT ER1004CT UNITS V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=100
Peak Forward Surge Current, 8.3ms single half sine-Wave superimposed on rated load(JEDEC method)
50 35 50
100 70 100
150 105 150 10.0 150 0.95 5 500 42 35
200 140 200
300 210 300
400 320 400
Maximum Forward Voltage at 5.0A per element Maximum DC Reverse Current at Rated TC=25
DC Blocking Voltage per element TC=100 Typical Junction capacitance (Note 1) Maximum Reverse Recovery Time(Note 2) Typical Thermal Resistance(Note 3) RJC Operating and Storage Temperature Range TJ
1.30
V A
PF
50 3.0 -55 to +150
ns /W
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A 3. Thermal resistance junction to CASE
RATING AND CHARACTERISTIC CURVES ER1000CT THRU ER1004CT
INSTANTANEOUS FORWARD CURRENT
40 20 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .6 .7 .8 9 1.0 1.1 1.2 1.3 300. 400V 50. 100. 150. 200V
AVERAGE FORWARD CURRENT,
10 8 6 4 2 0 0
TJ = 25 PULSE WIDTH = 200s
50
100
150
CASE TEMPERATURE,
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILLAMPERES
1000
TC = 100
PEAK FORWARD SURGE CURRENT, AMPERES
150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
100
TC = 75 10
1
TC = 25
.01 0 100 200 300
NO. OF CYCLES AT 60Hz
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
.
80
CAPACITANCE, pF
70 60 50 40 30 TJ = 25
1
2
5
20
50
100
200
500
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE


▲Up To Search▲   

 
Price & Availability of ER1000CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X