Part Number Hot Search : 
A7121 B90N6T C3216X7R F1100 TCZM15C 87C196JT AS27C256 2N6107G
Product Description
Full Text Search
 

To Download DS2172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS2172 Bit Error Rate Tester (BERT)
www.dalsemi.com
FEATURES
Generates/Detects digital bit patterns for analyzing, evaluating and troubleshooting digital communications systems Operates at speeds from DC to 52 MHz Programmable polynomial length and feedback taps for generation of any other pseudorandom pattern up to 32 bits in length including: 26-1, 29-1, 211-1, 215-1, 220-1, 223-1, and 232-1 Programmable user-defined pattern and length for generation of any repetitive pattern up to 32 bits in length Large 32-bit error count and bit count registers Software programmable bit error insertion Fully independent transmit and receive sections 8-bit parallel control port Detects test patterns with bit error rates up to 10-2
PIN ASSIGNMENT
TDATA TDIS TCLK VSS VDD RCLK RDIS RDATA
32 31 30 29 28 27 26 25
TL AD0 AD1 TEST VSS AD2 AD3 AD4
1 2 3 4 5 6 7 8
DS2172 32-Pin TQFP
24 23 22 21 20 19 18 17
RL RLOS LC VSS VDD INT WR(R/W) ALE(AS)
9 10 11 12 13 14 15 16
ORDERING INFORMATION
DS2172T DS2172TN (00 C to 700 C) (-400 C to + 850 C)
DESCRIPTION
The DS2172 Bit Error Rate Tester (BERT) is a software programmable test pattern generator, receiver, and analyzer capable of meeting the most stringent error performance requirements of digital transmission facilities. Two categories of test pattern generation (Pseudo-random and Repetitive) conform to CCITT/ITU O.151, O.152, O.153, and O.161 standards. The DS2172 operates at clock rates ranging from DC to 52 MHz. This wide range of operating frequency allows the DS2172 to be used in existing and future test equipment, transmission facilities, switching equipment, multiplexers, DACs, Routers, Bridges, CSUs, DSUs, and CPE equipment. The DS2172 user-programmable pattern registers provide the unique ability to generate loopback patterns required for T1, Fractional-T1, Smart Jack, and other test procedures. Hence the DS2172 can initiate the loopback, run the test, check for errors, and finally deactivate the loopback. The DS2172 consists of four functional blocks: the pattern generator, pattern detector, error counter, and control interface. The DS2172 can be programmed to generate any pseudorandom pattern with length up to 232-1 bits (see Table 5, Note 9) or any user programmable bit pattern from 1 to 32 bits in length. Logic inputs can be used to configure the DS2172 for applications requiring gap clocking such as Fractional-T1, Switched-56, DDS, normal framing requirements, and per-channel test procedures. In addition, the DS2172 can insert single or 10-1 to 10-7 bit errors to verify equipment operation and connectivity.
1 of 21 051700
AD5 AD6 AD7 VSS VDD BTS RD(DS) CS
DS2172
1.0 GENERAL OPERATION 1.1 PATTERN GENERATION
The DS2172 is programmed to generate a particular test pattern by programming the following registers: Pattern Set Registers (PSR) Pattern Length Register (PLR) Polynomial Tap Register (PTR) Pattern Control Register (PCR) Error Insertion Register (EIR)
Please see Tables 4 and 5 for examples of how to program these registers in order to generate some standard test patterns. Once these registers are programmed, the user will then toggle the TL (Transmit Load) bit or pin to load the pattern into the onboard pattern generation circuitry and the pattern will begin appearing at the TDATA pin.
1.2 PATTERN SYNCHRONIZATION
The DS2172 expects to receive the same pattern that it transmitted. The synchronizer examines the data at RDATA and looks for characteristics of the transmitted pattern. The user can control the onboard synchronizer with the Sync Enable and Resync bits in the Pattern Control Register. In pseudorandom mode, the received pattern is tested to see if it fits the polynomial generator as defined in the transmit side. For pseudorandom patterns, only the original pattern and an all ones pattern or an all 0s pattern will satisfy this test. Synchronization in pseudorandom pattern mode should be qualified by using the RA1 and RA0 indicators in the Status Register. Synchronization is declared after 34 + n bits are received without error, where n is the exponent in the polynomial from table 4. Once in synchronization (SR0. = 1) any deviation from this pattern will be counted by the Bit Error Count Register. In repetitive pattern mode a received pattern of the same length as being transmitted will satisfy this test. Synchronization in repetitive pattern mode should be qualified by using the RA1 and RA0 indicators in the Status Register and examining the Pattern Receive Register (PRR0--3). See section 10 for an explanation of the Pattern Receive Register. Once in synchronization (SR.0 = 1) any deviation from this pattern will be counted by the Bit Error Count Register.
1.3 BER CALCULATION
Users can calculate the actual Bit Error Rate (BER) of the digital communications channel by reading the bit error count out of the Bit Error Count Register (BECR) and reading the bit count out of the Bit Count Register (BCR) and then dividing the BECR value with the BCR value. The user has total control over the integration period of the measurement. The LC (Load Count) bit or pin is used to set the integration period.
1.4 GENERATING ERRORS
Via the Error Insertion Register (EIR), the user can intentionally inject a particular error rate into the transmitted data stream. Injecting errors allows users to stress communication links and to check the functionality of error monitoring equipment along the path.
1.5 POWER-UP SEQUENCE
On power-up, the registers in the DS2172 will be in a random state. The user must program all the internal registers to a known state before proper operation can be insured.
2 of 21
DS2172
DS2172 FUNCTIONAL BLOCK DIAGRAM Figure 1
DS2172 PATTERN GENERATION BLOCK DIAGRAM Figure 2
NOTES:
1. Tap A always equals length (N-1) of pseudorandom or repetitive pattern. 2. Tab B can be programmed to any feedback tap for pseudorandom pattern generation.
3 of 21
DS2172
DETAILED PIN DESCRIPTION Table 1
PIN 1 SYMBOL TL TYPE DESCRIPTION I Transmit Load. A positive-going edge loads the pattern generator with the contents of the Pattern Set Registers. The MSB of the repetitive or pseudorandom pattern appears at TDATA after the third positive edge of TCLK from asserting TL. TL is logically OR'ed with PCR.7 and should be tied to VSS if not used. See Figure 8 for timing information. I/O I/O I I/O I/O I/O I/O I/O I/O I Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Test. Set high to 3-state all output pins ( INT , ADx, TDATA, RLOS). Should be tied to VSS to enable all outputs. Signal Ground. 0.0V. Should be tied to local ground plane. Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Data Bus. An 8-bit multiplexed address/data bus. Signal Ground. 0.0V. Should be tied to local ground plane. Positive Supply. 5.0V. Bus Type Select. Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the RD (DS), ALE(AS), and WR (R/ W ) pins. If BTS = 1, then these pins assume the function listed in parenthesis (). Read Input (Data Strobe). Chip Select. Must be low to read or write the port. Address Latch Enable (Address Strobe). A positive going edge serves to demultiplex the bus. Write Input (Read/Write). Alarm Interrupt. Flags host controller during conditions defined in Status Register. Active low, open drain output. Positive Supply. 5.0V. Signal Ground. 0.0V. Should be tied to local ground plane. Load Count. A positive-going edge latches the current bit and bit error count into the user accessible BCR and BECR registers and clears the internal count registers. LC is logically OR'ed with control bit PCR.4. Should be tied to VSS if not used. Receive Loss Of Sync. Indicates the real time status of the receive synchronizer. Active high output.
2 3 4 5 6 7 8 9 10 11 12 13 14
AD0 AD1 TEST VSS AD2 AD3 AD4 AD5 AD6 AD7 VSS VDD BTS
15 16 17 18 19 20 21 22
RD (DS)
I I I I O I
CS
ALE(AS)
WR (R/ W ) INT
VDD VSS LC
23
RLOS
O
4 of 21
DS2172
PIN 24
SYMBOL RL
TYPE DESCRIPTION I Receive Load. A positive-going edge loads the previous 32 bits of data received at RDATA into the Pattern Receive Registers. RL is logically OR'ed with control bit PCR.3. Should be tied to VSS if not used. I I Receive Data. Received NRZ serial data, sampled on the rising edge of RCLK. Receive Disable. Set high to prevent the data at RDATA from being sampled. Set low to allow bits at RDATA to be sampled. Should be tied to VSS if not used. See Figure 6 for timing information. All receive side operations are disabled when RDIS is high. Receive Clock. Input clock from transmission link. 0 to 52 MHz. Can be a gapped clock. Fully independent from TCLK. Positive Supply. 5.0V. Signal Ground. 0.0V. Should be tied to local ground plane. Transmit Clock. Transmit demand clock. 0 to 52 MHz. Can be a gapped clock. Fully independent of RCLK. Transmit Disable. Set high to hold the current bit being transmitted at TDATA. Set low to allow the next bit to appear at TDATA. Should be tied to VSS if not used. See Figure 7 for timing information. All transmit side operations are disabled when TDIS is high. Transmit Data. Transmit NRZ serial data, updated on the rising edge of TCLK.
25 26
RDATA RDIS
27 28 29 30 31
RCLK VDD VSS TCLK TDIS
I I I
32
TDATA
O
DS2172 REGISTER MAP Table 2
ADDRESS R/W REGISTER NAME 00 R/W Pattern Set Register 3. 01 02 03 04 05 06 07 08 09 0A 0B R/W R/W R/W R/W R/W R/W R/W R R R R Pattern Set Register 2. Pattern Set Register 1. Pattern Set Register 0. Pattern Length Register. Polynomial Tap Register. Pattern Control Register. Error Insert Register. Bit Counter Register 3. Bit Counter Register 2. Bit Counter Register 1. Bit Counter Register 0. ADDRESS R/W REGISTER NAME 0C R Bit Error Counter Register 3. 0D 0E 0F 10 11 12 13 14 15 1C R R R R R R R R R/W R/W Bit Error Counter Register 2. Bit Error Counter Register 1. Bit Error Counter Register 0. Pattern Receive Register 3. Pattern Receive Register 2. Pattern Receive Register 1. Pattern Receive Register 0. Status Register. Interrupt Mask Register. Test Register (see note 1)
NOTE:
1. The Test Register must be set to 00 hex to insure proper operation of the DS2172.
5 of 21
DS2172
2.0 PARALLEL CONTROL INTERFACE
The DS2172 is controlled via a multiplexed bi-directional address/data bus by an external microcontroller or microprocessor. The DS2172 can operate with either Intel or Motorola bus timing configurations. If the BTS pin is tied low, Intel timing will be selected; if tied high, Motorola timing will be selected. All Motorola bus signals are listed in parenthesis (). See the timing diagrams in the A.C. Electrical Characteristics for more details. The multiplexed bus on the DS2172 saves pins because the address information and data information share the same signal paths. The addresses are presented to the pins in the first portion of the bus cycle and data will be transferred on the pins during second portion of the bus cycle. Addresses must be valid prior to the falling edge of ALE(AS), at which time the DS2172 latches the address from the AD0 to AD7 pins. Valid write data must be present and held stable during the later portion of the DS or WR pulses. In a read cycle, the DS2172 outputs a byte of data during the latter portion of the DS or RD pulses. The read cycle is terminated and the bus returns to a high impedance state as RD transitions high in Intel timing or as DS transitions low in Motorola timing. The DS2172 can also be easily connected to non-multiplexed buses. RCLK and TCLK are used to update counters and load transmit and receive pattern registers. At slow clock rates, sufficient time must be allowed for these port operations.
3.0 PATTERN SET REGISTERS
The Pattern Set Registers (PSR) are loaded each time a new pattern (whether it be pseudorandom or repetitive) is to be generated. When a pseudorandom pattern is generated, all four PSRs must be loaded with FF Hex. When a repetitive pattern is to be created, the four PSRs are loaded with the pattern that is to be repeated. Please see Tables 4 and 5 for some programming examples.
PATTERN SET REGISTERS
(MSB) PS31 PS23 PS15 PS7 PS30 PS22 PS14 PS6 PS29 PS21 PS13 PS5 PS28 PS20 PS12 PS4 PS27 PS19 PS11 PS3 PS26 PS18 PS10 PS2 (LSB) PS25 PS24 PS17 PS9 PS1 PS16 PS8 PS0 PSR3 (addr.=00 Hex) PSR2 (addr.=01 Hex) PSR1 (addr.=02 Hex) PSR0 (addr.=03 Hex)
4.0 PATTERN LENGTH REGISTER
Length Bits LB4 to LB0 determine the length of the pseudorandom polynomial or programmable repetitive pattern that is generated and detected. With the pseudorandom patterns, the "Tap A" feedback position of the pattern generator is always equal to the value in the Pattern Length Register (PLR). Please refer to Figure 2 for a block diagram of the pattern generator and to Tables 4 and 5 for some programming examples.
6 of 21
DS2172
PLR: PATTERN LENGTH REGISTER (Address=04 Hex)
(MSB) SYMBOL LB4 LB3 LB2 LB1 LB0 POSITION PLR1.7 PLR1.6 PLR1.5 PLR1.4 PLR1.3 PLR1.2 PLR1.1 PLR1.0 LB4 LB3 LB2 LB1 (LSB) LB0
NAME AND DESCRIPTION Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Length Bit 4. Length Bit 3. Length Bit 2. Length Bit 1. Length Bit 0.
5.0 POLYNOMIAL TAP REGISTER
Polynomial Tap Bits PT4 - PT0 determine the feedback position of Tap B connected to the XOR input of the pattern generator. Feedback Tap B provides one of two feedback paths within the pattern generator. Please refer to Figure 2 for a block diagram of the pattern generator and to Tables 4 and 5 for register programming examples.
PTR: POLYNOMIAL TAP REGISTER (Address=05 Hex)
(MSB) SYMBOL PT4 PT3 PT2 PT1 PT0 POSITION PTR.7 PTR.6 PTR.5 PTR.4 PTR.3 PTR.2 PTR.1 PTR.0 PT4 PT3 PT2 PT1 (LSB) PT0
NAME AND DESCRIPTION Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Polynomial Tap Bit 4. Polynomial Tap Bit 3. Polynomial Tap Bit 2. Polynomial Tap Bit 1. Polynomial Tap Bit 0.
7 of 21
DS2172
6.0 PATTERN CONTROL REGISTER
The Pattern Control Register (PCR) is used to configure the operating parameters of the DS2172 and to control the patterns being generated and received. Also the PCR is used to control the pattern synchronizer and the error and bit counters.
PCR: PATTERN CONTROL REGISTER (Address=06 Hex)
(MSB) TL SYMBOL TL QRSS PS LC RL SYNCE RESYNC (LSB) LPBK
POSITION PCR.7
NAME AND DESCRIPTION Transmit Load. A low to high transition loads the pattern generator with the contents of the Pattern Set Registers. PCR.7 is logically ORed with the input pin TL. Must be cleared and set again for subsequent loads. Zero Suppression Select. Forces a 1 into the pattern whenever the next 14 bit positions are all 0s. Should only be set when using the QRSS pattern. 0 = Zero suppression disabled 1 = Zero suppression enabled Pattern Select. 0 = Repetitive Pattern 1 = Pseudorandom Pattern Latch Count Registers. A low to high transition latches the bit and error counts into the user accessible registers BCR and BECR and clears the internal register count. PCR.4 is logically OR'ed with input pin LC. Must be cleared and set again for subsequent loads. Receive Data Load. A transition from low to high loads the previous 32 bits of data received at RDATA into the Pattern Receive Registers (PRR). PCR.3 is logically OR'ed with input pin RL. Must be cleared and set again for subsequent latches. SYNC Enable. 0 = auto resync is enabled. 1 = auto resync is disabled. Initiate Manual Resync Process. A low to high transition will force the DS2172 to resynchronize to the incoming pattern at RDATA. Must be cleared and set again for a subsequent resync. Transmit/Receive Loopback Select. When enabled, the RDATA input is disabled; TDATA continues to output data as normal. See Figure 1. 0 = loopback disabled 1 = loopback enabled
8 of 21
QRSS
PCR.6
PS
PCR.5
LC
PCR.4
RL
PCR.3
SYNCE
PCR.2
RESYNC
PCR.1
LPBK
PCR.0
DS2172
7.0 ERROR INSERT REGISTER
The Error Insertion Register (EIR) controls circuitry within the DS2172 that allows the generated pattern to be intentionally corrupted. Bit errors can be inserted automatically at regular intervals by properly programming the EIR0 to EIR2 bits or bit errors can be inserted at random (under microcontroller control) via the EIR.3 bit.
EIR: ERROR INSERT REGISTER (Address=07 Hex)
(MSB) SYMBOL TINV TINV POSITION EIR.7 EIR.6 EIR.5 RINV SBE EIR2 EIR1 (LSB) EIR0
NAME AND DESCRIPTION Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Transmit Data Inversion Select. 0 = do not invert data to be transmitted at TDATA 1 = invert data to be transmitted at TDATA Receive Data Inversion Select. 0 = do not invert data received at RDATA 1 = invert data received at RDATA Single Bit Error Insert. A low to high transition will create a single bit error. Must be cleared and set again for a subsequent bit error to be inserted. Can be used to accomplish rates not addressed in Table 3 (e.g., BER of less than 10-7). Error Insert Bit 2. See Table 3. Error Insert Bit 1. See Table 3. Error Insert Bit 0. See Table 3.
RINV
EIR.4
SBE
EIR.3
EIB2 EIB1 EIB0
EIR.2 EIR.1 EIR.0
ERROR BIT INSERTION Table 3
EIB2 0 0 0 0 1 1 1 1 EIB1 0 0 1 1 0 0 1 1 EIB0 0 1 0 1 0 1 0 1 10-1 10-2 10-3 10-4 10-5 10-6 10-7
9 of 21
ERROR RATE INSERTED no errors automatically inserted
DS2172
PSEUDORANDOM PATTERN GENERATION (PCR.5=1) Table 4
PATTERN TYPE 23 - 1 24 - 1 2 -1 2 -1 27 - 1 2 -1 2 -1 2 -1 2 -1 211 - 1 2 -1 217 - 1 2 -1 2 -1 2 -1 2 -1 222 - 1 2 -1 225 - 1 2 -1 2 -1 2 -1 2 -1
32 31 29 28 23 21 20 20 18 15 10 9 7 7 6 5
PTR 00 00 01 04 00
PLR PSR3 PSR2 02 FF FF 03 04 05 06 06 06 08 09 0A 0E 10 11 13 13 14 15 16 18 1B 1C 1E 1F FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF
PSR1 PSR0 FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF FF
TINV 0 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0
RINV 0 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0
Fractional T1 LB Activate Fractional T1 LB Deactivate O.153 (511 type)
03 03 04 02 08 0D 02 06
O.152 and O.153 (2047 type) O.151
O.153 O.151 QRSS (PCR.6=1)
02 10 01 00
O.151
11 02 02 01 02
(see note below)
10
REPETITIVE PATTERN GENERATION (PCR.5=0) Table 5
PATTERN TYPE all 1s all 0s alternating 1s and 0s double alternating 1s and 0s 3 in 24 1 in 16 1 in 8 1 in 4 D4 Line Loopback Activate D4 Line Loopback Deactivate PTR 00 00 00 00 00 00 00 00 00 00 PLR PSR3 PSR2 00 FF FF 00 01 03 17 0F 07 03 04 02 FF FF FF FF FF FF FF FF FF
10 of 21
PSR1 PSR0 FF FF FF FF FF 00 00 FF FF FF FF FE FE FC 22 01 01 F1 F0 FC
TINV 0 0 0 0 0 0 0 0 0 0
RINV 0 0 0 0 0 0 0 0 0 0
FF FF FF 20 FF FF FF FF FF
DS2172
NOTES FOR TABLES 4 AND 5:
1. PTR = Polynomial Tap Register (address = 05) 2. PLR = Pattern Length Register (address = 04) 3. PSR3 = Pattern Set Register 3 (address = 00) 4. PSR2 = Pattern Set Register 2 (address = 01) 5. PSR1 = Pattern Set Register 1 (address = 02) 6. PSR0 = Pattern Set Register 0 (address = 03) 7. TINV = Transmit Data Inversion Select Bit (EIR.5) 8. RINV = Receive Data Inversion Select Bit (EIR.4) 9. For the 232 -1 pattern, the random pattern actually repeats every (4093 x 220) + 1046529 bits instead of 232 - 1.
8.0 BIT COUNT REGISTERS
The Bit Count Registers (BCR3 to BCR0) comprise a 32-bit count of bits (actually RCLK cycles) received at RDATA. BC31 is the MSB of the 32-bit count. The bit counter increments for each cycle of RCLK when input pin RDIS is low. The bit counter is disabled during loss of SYNC. The Status Register bit BCOF is set when this 32-bit register overflows. Upon an overflow condition, the user must clear the BCR by either toggling the LC bit or pin. The DS2172 latches the bit count into the BCR registers and clears the internal bit count when either the PCR.4 bit or the LC input pin toggles from low to high. The bit count and bit error count (available via the BECRs) are used by an external processor to compute the BER performance on a loop or channel basis.
BIT COUNT REGISTERS
(MSB) BC31 BC23 BC15 BC7 BC30 BC22 BC14 BC6 BC29 BC21 BC13 BC5 BC28 BC20 BC12 BC4 BC27 BC19 BC11 BC3 BC26 BC18 BC10 BC2 BC25 BC17 BC9 BC1 (LSB) BC24 BC16 BC8 BC0 BCR3 (addr.=08 Hex) BCR2 (addr.=09 Hex) BCR1 (addr.=0A Hex) BCR0 (addr.=0B Hex)
9.0 BIT ERROR COUNT REGISTERS
The Bit Error Count Registers (BECR3 to BECR0) comprise a 32-bit count of bits received in error at RDATA. The bit error counter is disabled during loss of SYNC. BEC31 is the MSB of the 32-bit count. The Status Register bit BECOF is set when this 32-bit register overflows. Upon an overflow condition, the user must clear the BECR by either toggling the LC bit or pin. The DS2172 latches the bit error count into the BECR registers and clears the internal bit error count when either the PCR.4 bit or the LC input pin toggles from low to high. The bit count (available via the BCRs) and bit error count are used by an external processor to compute the BER performance on a loop or channel basis.
11 of 21
DS2172
BIT ERROR COUNT REGISTERS
(MSB) BEC31 BEC23 BEC15 BEC7 BEC30 BEC22 BEC14 BEC6 BEC29 BEC21 BEC13 BEC5 BEC28 BEC20 BEC12 BEC4 BEC27 BEC19 BEC11 BEC3 BEC26 BEC18 BEC10 BEC2 BEC25 BEC17 BEC9 BEC1 (LSB) BEC24 BEC16 BEC8 BEC0 BECR3 (addr.=0C Hex) BECR2 (addr.=0D Hex) BECR1 (addr.=0E Hex) BECR0 (addr.=0F Hex)
10.0 PATTERN RECEIVE REGISTERS
The Pattern Receive Register (PRR) provides access to the data patterns received at RDATA. The operation of these registers depends on the synchronization status of the DS2172. Asserting the RL bit (PCR.3) or pin during an out-of -sync condition (SR.0 = 0) will latch the previous 32 bits of data received at RDATA into the PRR registers. When the DS2172 is in sync (SR.0 = 1) asserting RL will latch the pattern that to which the device has established synchronization. Since the receiver has no knowledge of the start or end of the pattern, the data in the PRR registers will have no particular alignment. As an example, if the receiver has synchronized to the pattern 00100110, PRR1 may report 10011000, 11000100 or any rotation thereof. Once synchronization is established, bit errors cannot be viewed in the PRR registers.
PATTERN RECEIVE REGISTERS
(MSB) PR31 PR23 PR15 PR7 PR30 PR22 PR14 PR6 PR29 PR21 PR13 PR5 PR28 PR20 PR12 PR4 PR27 PR19 PR11 PR3 PR26 PR18 PR10 PR2 PR25 PR17 PR9 PR1 (LSB) PR24 PR16 PR8 PR0 PRR3 (addr.=10 Hex) PRR2 (addr.=11 Hex) PRR1 (addr.=12 Hex) PRR0 (addr.=13 Hex)
11.0 STATUS REGISTER AND INTERRUPT MASK REGISTER
The Status Register (SR) contains information on the current real time status of the DS2172. When a particular event has occurred, the appropriate bit in the register will be set to a 1. All of the bits in these registers (except for the SYNC bit) operate in a latched fashion. This means that if an event occurs and a bit is set to a 1 in any of the registers, it will remain set until the user reads that bit. For the BED, BCOF, and BECOF status bits, they will be cleared when read and will not be set again until the event has occurred again. For RLOS, RA0, and RA1 status bits, they will be cleared when read if the condition no longer persists. The SR register has the unique ability to initiate a hardware interrupt via the INT pin. Each of the alarms and events in the SR can be either masked or unmasked from the interrupt pins via the Interrupt Mask Register (IMR).
12 of 21
DS2172
SR: STATUS REGISTER (Address=14 Hex)
(MSB) SYMBOL RA1 RA1 RA0 POSITION SR.7 SR.6 RLOS BED BCOF BECOF (LSB) SYNC
NAME AND DESCRIPTION Not Assigned. Could be any value when read. Receive All Ones. Set when 32 consecutive 1s are received; allowed to be cleared when a 0 is received. Receive All Zeros. Set when 32 consecutive 0s are received; allowed to be cleared when a 1 is received. Receive Loss Of Sync. Set when the device is searching for synchronization. Once sync is achieved, will remain set until read. Bit Error Detection. Set when bit errors are detected. Bit Counter Overflow. Set when the 32-bit BCR overflows. Bit Error Count Overflow. Set when the 32-bit BECR overflows. Sync. Real time status of the synchronizer (this bit is not latched). Will be set when synchronization is declared. Will be cleared when 6 or more bits out of 64 are received in error (if PCR.2 = 0).
RA0
SR.5
RLOS
SR.4
BED BCOF BECOF
SR.3 SR.2 SR.1
SYNC
SR.0
13 of 21
DS2172
IMR: INTERRUPT MASK REGISTER (Address=15 Hex)
(MSB) SYMBOL RA1 RA1 RA0 POSITION IMR.7 IMR.6 RLOS BED BCOF BECOF (LSB) SYNC
NAME AND DESCRIPTION Not Assigned. Should be set to 0 when written to. Receive All 1s. 0 = interrupt masked 1 = interrupt enabled Receive All 0s. 0 = interrupt masked 1 = interrupt enabled Receive Loss Of Sync. 0 = interrupt masked 1 = interrupt enabled Bit Error Detection. 0 = interrupt masked 1 = interrupt enabled Bit Counter Overflow. 0 = interrupt masked 1 = interrupt enabled Bit Error Count Overflow. 0 = interrupt masked 1 = interrupt enabled Sync. 0 = interrupt masked 1 = interrupt enabled
RA0
IMR.5
RLOS
IMR.4
BED
IMR.3
BCOF
IMR.2
BECOF
IMR.1
SYNC
IMR.0
14 of 21
DS2172
12.0 AC TIMING AND DC OPERATING CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature for DS2172TN Storage Temperature Soldering Temperature -1.0V to +7.0V -40C to +85C -55C to +125C See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS (0C TO 70C for DS2172T; -40C TO +85C for DS2172TN)
PARAMETER Logic 1 Logic 0 Supply SYMBOL VIH VIL VDD MIN 2.0 -0.3 4.50 TYP MAX VDD+0.3 +0.8 5.50 UNITS V V V NOTES
CAPACITANCE
PARAMETER Input Capacitance Output Capacitance SYMBOL CIN COUT MIN TYP 5 7 MAX
(tA=25C)
UNITS pF pF NOTES
DC CHARACTERISTICS
PARAMETER Supply Current @ 5V Input Leakage Output Leakage Output Current @ 2.4V Output Current @ 0.4V
(0C TO 70C for DS2172T; VDD=5V10%; -40C TO +85C for DS2172TN; VDD=5V10%)
SYMBOL IDD IIL ILO IOH IOL -1.0 +4.0 -1.0 MIN TYP 10 +1.0 1.0 MAX UNITS mA A A mA mA NOTES 1 2 3
NOTES:
1. TCLK = RCLK = 1.544 MHz; outputs open circuited. 2. 0.0V < VIN < VDD. 3. Applies to INT when tri-stated.
15 of 21
DS2172
AC CHARACTERISTICS - PARALLEL PORT (0C to 70C for DS2172T; VDD=5V10%; -40C to +85C for DS2172TN; VDD=5V10%)
PARAMETER Cycle Time Pulse Width, DS Low or RD High Pulse Width, DS High or RD Low Input Rise/Fall Times R/ W Hold Times R/ W Setup Time Before DS High Setup Time Before DS, WR or RD Active
CS CS
SYMBOL tCYC PWEL PWEH tR, tF tRWH tRWS tCS tCH tDHR tDHW tASL tAHL tASD PWASH tASED tDDR tDSW
MIN 200 100 100
TYP
MAX
UNITS ns ns ns
NOTES
20 10 50 20 0 5 0 15 10 20 30 10 5 50 50 50
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Hold Time
Read Data Hold Time Write Data Hold Time Mux'ed Address Valid to AS or ALE Fall Mux'ed Address Hold Time Delay Time DS, WR or RD to AS or ALE Rise Pulse Width AS or ALE High Delay Time, AS or ALE to DS, WR or
RD
Output Data Delay Time from DS or
RD
Data Setup Time
16 of 21
DS2172
INTEL BUS READ AC TIMING (BTS=0) Figure 3
17 of 21
DS2172
INTEL BUS WRITE AC TIMING (BTS=0) Figure 4
MOTOROLA BUS AC TIMING (BTS=1) Figure 5
18 of 21
DS2172
AC CHARACTERISTICS - RECEIVE SIDE (0C TO 70C for DS2172T; VDD=5V10%; -40C TO +85C for DS2172TN; VDD=5V10%)
PARAMETER RCLK Period RCLK Pulse Width RDATA Set Up to RCLK Rising RDATA Hold from RCLK Rising RDIS Set Up to RCLK Rising RDIS Hold from RCLK Rising RL and LC Pulse Width RCLK Rise and Fall Times SYMBOL tCP tCH tCL tSU1 tHD1 tSU2 tHD2 tWRL t R , tF MIN 19 8 8 4 0 4 0 25 10 TYP MAX UNITS ns ns ns ns ns ns ns ns ns 1 NOTES
AC CHARACTERISTICS - TRANSMIT SIDE (0C TO 70C for DS2172T; VDD=5V10%; -40C TO +85C for DS2172TN; VDD=5V10%)
PARAMETER TCLK Period TCLK Pulse Width TDATA Delay from TCLK Rising TDIS Set Up to TCLK Rising TDIS Hold from TCLK Rising TL Pulse Width TL Set Up to TCLK Rising TL Hold Off from TCLK Rising TCLK Rise and Fall Time SYMBOL tCP tCH tCL tDD tSU tHD tWTL tSTL tHTL tR , tF 4 0 15 4 0 10 MIN 19 8 8 9 TYP MAX UNITS ns ns ns ns ns ns ns ns ns ns 1 NOTES
NOTE:
1. The maximum rise and fall time is either 10 ns or 10% of tCP whichever is less.
19 of 21
DS2172
RECEIVE AC TIMING Figure 6
TRANSMIT AC TIMING Figure 7
NOTE:
When TDIS is high about the rising edge of TCLK, TDATA will not be updated and will be held with the previous valve until TDIS is low about the rising edge of TCLK.
TRANSMIT AC TIMING FOR THE TL INPUT Figure 8
NOTE:
The rising edge of TL causes the internal pattern generation circuitry to be reloaded; the first bit of the new pattern (the shaded one) will appear after two TCLK periods.
20 of 21
DS2172
DS2172 32-PIN TQFP
DIM A A1 A2 D D1 E E1 L e B C
MIN 0.05 0.95 8.80
MAX 1.20 0.15 1.05 9.20
7.00 BSC 8.80 9.20
7.00 BSC 0.45 0.75
0.80 BSC 0.30 0.09 0.45 0.20
21 of 21


▲Up To Search▲   

 
Price & Availability of DS2172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X