Part Number Hot Search : 
IRFZ48ZL TD340 KXR94 AX134 36MB140A 3EZ36 L1A47 S30AD
Product Description
Full Text Search
 

To Download CXA1622M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXA1622M/P
Stereo Power Amplifier/Monaural BTL Power Amplifier
Description The CXA1622M/P is a bipolar IC developed as power amplifier for compact radio cassettes with built-in pre-amplifier and power amplifier electrical volume. Features * Use one channel in stereo mode * EIAJ output=110 mW (Typ.), VCC=3 (CXA1622M) * EIAJ output=450 mW (Typ.), VCC=6 (CXA1622P) * BTL mode * EIAJ output=320 mW (Typ.), VCC=3 (CXA1622M) * EIAJ output=360 mW (Typ.), VCC=3 CXA1622M 16 pin SOP (Plastic) CXA1622P 16 pin DIP (Plastic)
V, RL=8 V, RL=8 Structure Bipolar silicon monolithic IC Absolute Maximum Ratings (Ta=25 C) * Supply voltage VCC 8 V * Operating temperature Topr -10 to +60 C * Storage temperature Tstg -65 to +150 C * Allowable power dissipation PD 410 (CXA1622M) mW 1200 (CXA1622P) mW Operating Conditions (Ta=25 C) * Supply voltage * Stereo mode 1.8 V to 4.5 V (CXA1622M) 1.8 V to 7.0 V (CXA1622P) * Monaural BTL mode 1.8 V to 4.5 V (3 V recommended)
V, RL=8 V, RL=8
(CXA1622P) * Built-in electrical volume * Built-in ripple filter (ripple rejection 34.5 dB typ.) * Selection between stereo power amplifier and monaural BTL power amplifier is possible by switching Pin 2. Applications Suitable for audio power amplifier for stereo and monaural radios and power amplifier for radio cassette and Walkman.
{
Power dissipation curve
Free air PD-Power dissipation (mW)
1000
CXA1622P
500 CXA1622M
-30
-20
-10
0
10
20
30
40
50
60
70
Ta-Ambient temperature (C)
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
--1--
E92121B79-TE
CXA1622M/P
Pin Description Pin No. Symbol
VCC 16
Equivalent circuit
Pin voltage 3V 6V
Description
1, 16
IN1 IN2
1
11k
0
7.5k GND
0
Input
3
NC
--
--
VCC
4
4, 13
NF1 NF2
13
4.7k 100k
1.5
3
Power amplifier NF. Connected to time constant 4.7 F.
GND
5, 12 6, 11
GND1 GND2 P-GND1 P-GND2
VCC
0 0
0 0
Pre-amplifier GND Power amplifier GND
7, 10
OUT1 OUT2
7
10
1.5
100k
3
Power amplifier output
GND
VCC 8.5k
8
RIPPLE
8
73k 90k 73k 90k
2.72
5.43
Connected to time constant 10 F for ripple filter.
9
VCC
3
6
VCC
--2--
CXA1622M/P
Pin No.
Symbol
Equivalent circuit
Pin voltage 3V 6V
Description
VCC
14
VOL
14
20k 80k GND
0 to 1.25
0 to 1.25
Control gain with change in voltage (0 to 1.25 V) to electrical volume control pin.
VCC 24k
15
REG
15
1.25
4k
1.25
Regulator pin
VCC
REG 15k
2
SW
2
1.25
15k
1.25
Mode selection SW * BTL mode when open * Stereo mode when connected to GND
Block Diagram, Pin Configuration, and Application Circuit 1) Stereo mode
GND C3 10 R1 50k REG VOL + 13 4 NF2 NC + C4 3.3 + IN1 GND NF1 + C2 10 IN1 16 15 REG 1 IN2 IN2 + C1 10 2 SW C5 3.3 C7 0.1 V1 3V C9 0.1 C10 220 + P GND1 OUT1 12 11 10 9 PRE+POWER1 VOL PRE+POWER2 5 GND 6 P GND2 7 OUT2 8 RIPPLE VCC + OUT1 C12 220 C5 0.1 + C8 10 + OUT2 C11 220 GND SP2 8 GND SP1 8
14
3
--3--
CXA1622M/P
2) BTL mode
C2 10 R1 50k REG VOL + 13 4 NF2 NC + C3 3.3 + 16 IN1 15 IN + REG VOL PRE+POWER2 C1 10 1 IN2 2 SW 3 5 GND C6 0.1 C8 0.1 C9 220 + OUT+ P GND1 OUT1 GND NF1 VCC 9 12 11 10 PRE+POWER1 SP2 8 6 P GND2 7 OUT2 8 RIPPLE OUT- C5 0.1 + C7 10 GND
C4 3.3
V1 3V
14
The input signal enters the pre-amplifier with attenuation controlled with DC at Pin 14 and then it is amplified by the approximately 30 dB (fixed) power amplifier. The state of Pin 2 can be used to select between stereo mode and monaural BTL mode. The pre-power 1 and pre-power 2 output are positive phase output when Pin 2 is GND. Pre-power 2 is inverse output of pre-power 1 output when Pin 2 is open.
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
--4--
Stereo mode
BIAS SW conditions Input waveform and Output waveform and description of test method Min. Typ. Max. bias description
Input point Test point
{
Unit S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14
Upper : CXA1622M (VCC=3 V) Lower : CXA1622P (VCC=6 V)
Test
Typical conditions for each bias 1.0 1.0 28 27 28 27 -3 3.0 3.0 33.7 32.6 33.7 32.6 0 8.2 7.7 38 36 38 36 3
Function block
No.
Test item
S1
S2
S3
1 Circuit current during no signal
Circuit current I1
during no signal ON V4 V1=-40 dBm 1 kHz
OFF OFF OFF ON OFF OFF ON OFF OFF OFF OFF OFF OFF OFF
mA
2
Audio voltage
gain Lch OFF ON V4 V5 V5 V1=-40 dBm 1 kHz
ON ON OFF
dB
3
Audio voltage
gain Rch L and R channel balance V1=-40 dBm 1 kHz ON ON OFF V4
OFF ON
dB
4
Channel balance
dB
5
Attenuation Lch
ON OFF
Output level difference between max volume and half volume V1=-40 dBm 1 kHz
1.5 1.0
5.8 4.3
12 12
dB
--5--
OFF ON V5 ON ON OFF V4 OFF ON V5 ON OFF V4 OFF ON V5 OFF OFF ON OFF V4 OFF ON V5 ON OFF
6
Attenuation Rch
OFF ON
Output level difference between max volume and half volume V1=-20 dBm 1 kHz, RL=8 Output level where THD=10 % V1=-20 dBm 1 kHz, RL=8 Output level where THD=10 % V1=-20 dBm 1 kHz, RL=8 Distortion factor when output is 50 mW V1=-20 dBm 1 kHz, RL=8 Distortion factor when output is 50 mW Noise level during no signal at max volume Noise level during no signal at max volume V1=-40 dBm 1 kHz Rch output level when Lch is input V1=-40 dBm 1 kHz Lch output level when Rch is input
1.5 1.0 350 90 350 90
5.8 4.3 450 110 450 110 0.7
12 12
dB
7
EIAJ output Lch
ON OFF
mW
8
EIAJ output Rch
OFF ON
mW
9
Audio distortion
factor Lch
ON OFF
2.5
%
10
Audio distortion
factor Rch
OFF ON
0.7
2.5
%
11
Residual noise
level Lch
OFF OFF OFF
-65
-60
dBm
12
Residual noise
level Rch
-65
-60
dBm
13
Crosstalk L R
ON ON
-60
-56
dBm
CXA1622M/P
14
Crosstalk R L
OFF ON
-60
-56
dBm
BTL mode VCC=3 V
BIAS SW conditions Input waveform and Output waveform and description of test method Min. Typ. Max. bias description
Input point Test point
Upper : CXA1622M Lower : CXA1622P
Test S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14
Typical conditions for each bias
Function block
No.
Test item
Unit
S1
S2
S3
1 Circuit current during no signal
Circuit current I1
during no signal ON |V3| Output DC bias lag
OFF ON ON OFF OFF OFF ON OFF ON ON OFF ON ON OFF
3
7
mA
2
Output
DC bias lag V3 V1=-40 dBm 1 kHz ON V3 Output level difference between max volume and half volume ON V3 V1=-20 dBm 1 kHz, RL=8 Output level where THD=10 % V1=-20 dBm 1 kHz, RL=8 V1=-40 dBm 1 kHz
0 34 30 1.5 1.0 260 220 38 37 6.0 5.0 360 320
30 42 43 12 12
mV
3
Audio voltage gain
ON
dB
4
Attenuation
dB
5
EIAJ output
mW
--6--
V3 OFF OFF V3
6
Audio distortion
factor
Distortion factor when output is 50 mW Noise level during no signal at max volume -65
2.5
%
7
Residual noise level
-62
dBm
CXA1622M/P
CXA1622M/P
Electrical Characteristics Test Circuit
C4 10 R3 50k
S8
R1 25k C3 10 +
R2 25k
S7 C6 3.3 S6 S5 +
S9 S2
16 15 14 13 12 11 10 9
P GND1
OUT1
GND
IN1
VOL
REG
NF1
VCC
S11 R5 8
CXA1622M/P P GND2 OUT2 GND C1 10 + RIPPLE Y3 Y
SW
IN2
1
2
NC
3
4
NF2
S3
5
6
7
8
S1 + + S18 V1 RC + C2 10 + S4 C5 3.3 C7 0.1 + C9 10
C12 220
+
I1 A
GND
Notes on Operation * Set print pattern to low impedance because Pins 6 and 11 are GND of power amplifier output stage. * The value of the phase correction capacitance attached to Pins 7 and 10 varies slightly according to the print pattern. * Provide a large land for DIP type Pin 5 because it also serves as heat dissipation pin. * Place the by-pass capacitor of VCC (Pin 9) as close to the pin as possible.
--7--
+
+
C8 0.1
V2 3V
C10 C11 0.1 220 C13 220
V
R6 8
V4 S12
R4 8 V5 V
S13 V6 V
S14
CXA1622M/P
Stereo output single mode
Keep the by-pass capacitor close to the IC pins C7 0.1 C5 3.3 +
13
+
IN1
C2 10 + C12 220
16
15
14
12
11
10
9
GND
NF1
CXA1622M/P P GND2 RIPPLE OUT2 GND NF2
IN2
SW
+
IN2
C1 10
1
2
NC
3
4
5
6
P GND1
7
OUT1
REG
VOL
VCC
IN1
8
+
+
C4 3.3
C5 0.1
+
C8 10
GND
Monaural output BTL mode
Keep the by-pass capacitor close to the IC pins C5 0.1 C4 3.3 + V1 3V C8 C9 0.1 220 +
16
REG
VOL
NF1
P GND1
OUT1
GND
IN1
IN
C1 10 CXA1622M/P +
VCC
P GND2
1
2
3
4
5
6
7
+
C3 3.3
C5 0.1
+
RIPPLE
OUT2
GND
NF2
SW
IN2
NC
+
C2 10
R1 50k
15
14
13
12
11
10
9
8
C7 10
GND
--8--
+ C11 220
+
C3 10
R1 50k
V1 3V
C9 C10 0.1 220
R3 8
R2 8
R2 8
CXA1622M/P
When using internal IC electrical volume in BTL mode
C5 0.1 C4 3.3 +
13 4
16
15
14
12
11
10
9
GND
NF1
P GND1
OUT1
REG
VOL
IN1
IN
C1 10 +
VCC
CXA1622M/P P GND2 RIPPLE OUT2 GND
IN2
1
2
3
NF2
SW
NC
5
6
7
8
+
C3 3.3
C5 0.1
+
C7 10
GND
When using IC as fixed gain amplifier in BTL mode Pin14 GND (IC Gain MAX)
C5 0.1 C4 3.3 + C8 C9 0.1 220 +
C2 10 +
V1 3V
16
15
14
13
12
11
10
9
REG
VOL
NF1
P GND1
GND
OUT1
IN1
IN C1 10 + +
VCC
CXA1622M/P P GND2 RIPPLE OUT2
1
2
3
4
GND
NF2
SW
IN2
NC
5
6
7
8
+
C3 3.3
C5 0.1
+
C7 10
GND
--9--
+ R2 8 s.p R2 8 s.p
+
C2 10
R1 50k
V1 3V
C8 C9 0.1 220
CXA1622M/P
BTL, Stereo Application Circuit When using internal IC electrical volume
16
15
14
13
12
11
10
9
GND
VOL
NF1
P GND1
OUT1
REG
IN1
VCC
IN Lch + CXA1622M/P P GND2 RIPPLE OUT2 GND C1 10 NF2 SW IN2 NC
1
2
3
4
5
6
7
8
+
C3 3.3
C5 0.1
+
C7 10
LINKAGE VOL.
16
15
14
13
12
11
10
9
REG
GND
VOL
NF1
P GND1
OUT1
IN1
IN Rch + CXA1622M/P P GND2 RIPPLE OUT2 C1 10 GND NF2 SW IN2 NC
VCC
1
2
3
4
5
6
7
8
+
C3 3.3
C5 0.1
+
C7 10
GND Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
--10--
+
+
+
C2 10
R1 50k
C5 0.1 C4 3.3
V1 3V
C8 C9 0.1 220
+ R2 8 s.p R2 8 s.p
+
+
C2 10
R1 50k
C5 0.1 C4 3.3
C8 C9 0.1 220
CXA1622M/P
BTL, Stereo Application Circuit When using IC as fixed gain amplifier Pin14 GND (IC Gain Max)
C5 0.1 C4 3.3 C8 0.1 +
14 13
C2 10 +
16 15
C9 220 + R2 8 s.p + R2 8 s.p GND
12
11
10
9
VOL
NF1
P GND1
REG
GND
OUT1 OUT2
7
IN1
IN Lch C1 10 + +
CXA1622M/P P GND2 RIPPLE
8
1
2
3
4
GND
NF2
SW
IN2
NC
5
6
+
C3 3.3
C5 0.1
+
VCC C7 10 V1 3V C8 C9 0.1 220
9
LINKAGE
C2 10 +
16 15 14
C4 3.3 +
13 12 11
C5 0.1
10
GND
VOL
NF1
P GND1
OUT1 OUT2
7
REG
IN1
IN Rch +
+
CXA1622M/P P GND2 RIPPLE
8
C1 10 GND NF2 SW IN2 NC
1
2
3
4
5
6
+
C3 3.3
C5 0.1
+
VCC C7 10
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
--11--
CXA1622M/P
Output vs Distortion 1 CXA1622P stereo mode single-channel input
10 10
Output vs Distortion 2 CXA1622M stereo mode single-channel input VCC=1.8V VCC=3V VIN=-26dBm fIN=1kHz RL=8
5
VCC=1.8V VIN=-26dBm fIN=1kHz RL=8 Distortion factor [%] VCC=3V
Distortion factor [%]
5
VCC=4.5V
IN=-26dBm IN=-20dBm
IN=-20dBm IN=-26dBm
0
0 10 100
VCC=4.5V
10 100 1000
1000
Output [mV]
Output [mV]
Output vs Distortion factor 3 CXA1622P BTL mode
10 10
Output vs Distortion 4 CXA1622M BTL mode VCC=1.8V VCC=3V VIN=-26dBm fIN=1kHz RL=8
5
Distortion factor [%]
VCC=3V VIN=-26dBm fIN=1kHz RL=8
5
Distortion factor [%]
VCC=1.8V
IN=-20dBm IN=-26dBm
0
0 10 100 1000
10
100
1000
Output [mV]
Output [mV]
Stereo mode frequency characteristics VIN=-40dBm VOL MAX VCC=3V
0 0
BTL mode frequency characteristics VIN=-40dBm VOL MAX VCC=3V
Output [dB]
-10
Output [dB]
-10
IN=-40dBm,1kHz is assumed as 0dB
output C=220F RL=8
-20 IN=-40dBm,1kHz is assumed as 0dB
-20
10
100
1k
10k
100k
10
100
1k
10k
100k
Input signal frequency [Hz]
Input signal frequency [Hz]
--12--
CXA1622M/P
Package Outline CXA1622M
Unit : mm
16PIN SOP (PLASTIC)
+ 0.4 9.9 - 0.1
+ 0.4 1.85 - 0.15
16
9 0.15 + 0.2 0.1 - 0.05
+ 0.3 5.3 - 0.1
7.9 0.4
0.45 0.1
1.27
+ 0.1 0.2 - 0.05
0.24 M
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE PACKAGE MASS SOP-16P-L01 SOP016-P-0300 LEAD MATERIAL COPPER ALLOY 0.2g LEAD TREATMENT EPOXY RESIN SOLDER PLATING
16PIN DIP (PLASTIC)
CXA1622P
+ 0.3 6.4 - 0.1
+ 0.4 19.2 - 0.1
16
9
7.62
+ 0.1 0.05 0.25 -
0 to 15
EPOXY RESIN SOLDER PLATING COPPER ALLOY 1.0 g
1 2.54
8
+ 0.4 3.7 - 0.1
0.5 MIN
0.5 0.1 1.2 0.15
3.0 MIN
Two kinds of package surface: 1.All mat surface type. 2.All mirror surface type.
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE DIP-16P-01 DIP016-P-0300 Similar to MO-001-AE LEAD TREATMENT LEAD MATERIAL PACKAGE MASS
--13--
0.5 0.2
1
8
6.9


▲Up To Search▲   

 
Price & Availability of CXA1622M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X