Part Number Hot Search : 
C1005CH1 IRF3205 5B050 EP2600TS 374543 ADC316 ELM406 2SC3995
Product Description
Full Text Search
 

To Download CNA1301H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transmissive Photosensors (Photo Interrupters)
CNA1301H
Photo Interrupter
4-0.5
Unit : mm
0.5
Overview
CNA1301H is an ultraminiature, highly reliable transmissive photosensor in which a high efficiency GaAs infrared light emitting diode chip and a high sensitivity Si phototransistor chip are integrated in a double molded resin package.
1.2 2.00.5 Optical center
(1.0)
Ultraminiature : 3.8 x 4.2 mm (height : 4.2 mm) Highly precise position detection : 0.15 mm Gap width : 1.4 mm Support for thin equipment (permits direct mounting on printed circuit board
,,, ,,,
3 4
Not solderd 1.0 max. Resin 1 the rest 2
0.7
Features
2-0.25
4.2 3.3
,, ,,, ,,, ,,
2.0 1.5
For contactless SW, object detection
2.0
Slit width (0.3)
3.4 2.54
4.2 3-1.4 A
SEC. A-A' 3.8
2-1.70.1
A'
1.50.1 2 4
2-o0.70.1
1 Pin connection
3.0
(C0.5)
3
Absolute Maximum Ratings (Ta = 25C)
Parameter Reverse voltage (DC) Input (Light Forward current (DC) emitting diode) Power dissipation Collector current Symbol Ratings VR IF PD*1 IC 6 50 75 20 35 6 75 - 40 to +100 Unit V mA mW mA V V mW C C
1: Anode 3: Collector 2: Cathode 4: Emitter (Note) 1. Tolerance unless otherwise specified is 0.2 2. ( ) Dimension is reference
*1
Output (Photo Collector to emitter voltage VCEO transistor) Emitter to collector voltage VECO Collector power dissipation Temperature Operating ambient temperature Storage temperature PC
*2
Input power derating ratio is 1.0 mW/C at Ta 25C. *2 Output power derating ratio is 1.0 mW/C at Ta 25C.
Topr -25 to +85 Tstg
Electrical Characteristics (Ta = 25C)
Parameter Forward voltage (DC) Input characteristics Reverse current (DC) Output characteristics Collector cutoff current Symbol VF IR ICEO VR = 3V VCE = 20V 100 35 Conditions IF = 20mA min typ 1.2 max 1.4 10 100 1300 0.4 Unit V A nA A V s
Collector current IC VCE = 5V, IF = 5mA Transfer Collector to emitter saturation voltage VCE(sat) IF = 10mA, IC = 40A characteristics Response time tr , tf* VCC = 5V, IC = 0.1mA, RL = 1000
*
Switching time measurement circuit
Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf
,,
,,
50
RL
td : Delay time tr : Rise time (Time required for the collector current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector current to decrease from 90% to 10% of its initial value)
1
CNA1301H
Transmissive Photosensors (Photo Interrupters)
IF , IC -- Ta
60 60
IF -- VF
1.6 Ta = 25C
VF -- Ta
IF , IC (mA)
50
IF
50
IF = 50mA
IF (mA)
VF (V)
1.2
10mA
Forward current, collector current
40
40
30 IC
Forward current
30
Forward voltage
1mA 0.8
20
20
0.4
10
10
0 - 25
0
20
40
60
80
100
0
0
0.4
0.8
1.2
1.6
2.0
2.4
0 - 40 - 20
0
20
40
60
80
100
Ambient temperature Ta (C )
Forward voltage VF (V)
Ambient temperature Ta (C )
IC -- IF
5 VCE = 5V Ta = 25C 3
IC -- VCE
120 Ta = 25C 100
IC -- Ta
VCE = 5V IF = 5mA
IC (mA)
IC (mA)
4
IC (%)
2
80
3
Relative output current
Collector current
Collector current
60
2
1
IF = 20mA 15mA 10mA 5mA 2mA
40
1
20
0
0
5
10
15
20
25
0
0
1
2
3
4
5
6
0 - 40 - 20
0
20
40
60
80
100
Forward current IF (mA)
Collector to emitter voltage VCE (V)
Ambient temperature Ta (C )
ICEO -- Ta
1 VCE = 20V 10 3
tr -- IC
VCC = 5V Ta = 25C 10 3
tf -- IC
VCC = 5V Ta = 25C
10 -1
ICEO (A)
10 2
10 2 RL = 2k 1k
tr (s)
tf (s)
10 -2
RL = 2k 1k 10 100
Rise time
Dark current
10 -3
100
1 10 -4
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
Fall time
10
1
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
10 -5 - 40 - 20
, ,,
0
20
40
60
80
100
10 -1 10 -2
tr
tf
10
,,
10 -1 10 -2 10 -1
td
tr
1
td
tf
10
10 -1
1
Ambient temperature Ta (C )
Collector current IC (mA)
Collector current IC (mA)
2
Transmissive Photosensors (Photo Interrupters)
CNA1301H
IC -- d (1)
100 VCE = 5V Ta = 25C IF = 5mA 100
IC -- d (2)
Relative output current IC (%)
80
Relative output current IC (%)
80
,, ,
d 0 1 2 3 4
Criterion 0
60
60
40
40
20
20
0
0
0
0.5
Distance d (mm)
,, ,,
Criterion 0 d 1.0 1.5 2.0 2.5
VCE = 5V Ta = 25C IF = 5mA
Distance d (mm)
3


▲Up To Search▲   

 
Price & Availability of CNA1301H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X