Part Number Hot Search : 
0203A 1N5395 300AC6 74AVC PBSS53 30M25 74AVC 10R0J
Product Description
Full Text Search
 

To Download CMPD2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPD2003 CMPD2004 CMPD2004S HIGH VOLTAGE SWITCHING DIODE
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMPD2003, CMPD2004, CMPD2004S types are silicon switching diodes manufactured by the epitaxial planar process, designed for applications requiring high voltage capability.
SOT-23 CASE The following configurations are available: CMPD2003 CMPD2004 CMPD2004S SINGLE SINGLE DUAL, IN SERIES MARKING CODE: A82 MARKING CODE: D53 MARKING CODE: DB6
MAXIMUM RATINGS (TA=25oC) SYMBOL VR VRRM IO IF IFRM IFSM IFSM PD TJ,Tstg JA CMPD2004 CMPD2003 CMPD2004S 200 240 250 300 200 200 250 225 625 625 4000 4000 1000 1000 350 -65 to +150 357 UNITS V V mA mA mA mA mA mW oC oC/W
Continuous Reverse Voltage Peak Repetitive Reverse Voltage Peak Repetitive Reverse Current Continuous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=1 s Forward Surge Current, tp=1 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) CMPD2004 CMPD2003 CMPD2004S SYMBOL TEST CONDITIONS MIN MAX MIN MAX BVR IR=100 A 250 300 IR VR=200V 100 IR VR=200V, TA=150oC 100 IR VR=240V 100 oC IR VR=240V, TA=150 100 VF IF=100mA 1.0 1.0
UNIT V nA A nA A V
132
SYMBOL VF CT trr
CMPD2003 TEST CONDITIONS MIN MAX IF=200mA 1.25 VR=0, f=1 MHz 5.0 IF=IR=30mA, RECOV. TO 3.0mA, RL=100 50
CMPD2004 CMPD2004S MIN MAX 5.0 50
UNIT V pF ns
All dimensions in inches (mm).
NO CONNECTION
A
C1
A2
C
CMPD2003 CMPD2004
A1, C2
CMPD2004S
R2
133


▲Up To Search▲   

 
Price & Availability of CMPD2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X