Part Number Hot Search : 
MDS727 OSM5DK PFRA1100 SBE806 JDV2S07S 1021A 472E3 1021A
Product Description
Full Text Search
 

To Download CMPD2003-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPD2003 E' CMPD2003C ^ CMPD2003S CMPD2004 E' CMPD2004C CMPD2004S SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
Central
DESCRIPTION
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMPD2003, CMPD2003C, CMPD2003S, CMPD2004, CMPD2004C, and CMPD2004S types are silicon switching diodes manufactured by the epitaxial planar process, designed for applications requiring high voltage capability.
SOT-23 CASE The following configurations are available: CMPD2003 CMPD2003C CMPD2003S CMPD2004 CMPD2004C CMPD2004S SINGLE DUAL, COMMON CATHODE DUAL, IN SERIES SINGLE DUAL, COMMON CATHODE DUAL, IN SERIES MARKING CODE: MARKING CODE: MARKING CODE: MARKING CODE: MARKING CODE: MARKING CODE: A82 C3C C3S D53 DB7 DB6
MAXIMUM RATINGS (TA=25C) SYMBOL VR VRRM IO IF IFRM IFSM IFSM PD TJ,Tstg QJA
Continuous Reverse Voltage Peak RepetitiveReverse Voltage Peak Repetitive Reverse Current Continuous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=1 ms Forward Surge Current, tp=1 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
CMPD2003 CMPD2004 CMPD2003C CMPD2004C CMPD2003S CMPD2004S 200 240 250 300 200 200 250 225 625 625 4000 4000 1000 1000 350 -65 to +150 357
UNITS V V mA mA mA mA mA mW C C/W
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) CMPD2003 CMPD2003C CMPD2003S MIN MAX 250 100 CMPD2004 CMPD2004C CMPD2004S MIN MAX 300 -
SYMBOL BVR IR
TEST CONDITIONS IR=100mA VR=200V
UNIT V nA
170
SYMBOL IR IR IR VF VF CT trr
TEST CONDITIONS
CMPD2003 CMPD2003C CMPD2003S MIN MAX 100 1.0 1.25 5.0 50 TOP VIEW
CMPD2004 CMPD2004C CMPD2004S MIN MAX 100 100 1.0 5.0 50
UNIT mA nA mA V V pF ns
VR=200V, TA=150C VR=240V VR=240V, TA=150C IF=100mA IF=200mA VR=0, f=1 MHz IF=IR=30mA, Rec. TO 3.0mA, RL=100W
All Dimensions in Inches (mm).
120,1$/
120,1$/
0$;,080

0$;,080
1&
$
$
$
&
$
&
&&
$&
CMPD2003 CMPD2004
CMPD2003C CMPD2004C
CMPD2003S CMPD2004S
R3
171


▲Up To Search▲   

 
Price & Availability of CMPD2003-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X