Part Number Hot Search : 
ML672 D1151 FFM106 X84C1 DS100 DC6VC C2508 EPA3522
Product Description
Full Text Search
 

To Download BAT17-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Schottky Diode
BAT 17-07
q q
For mixer applications in the VHF/UHF range For high-speed switching
Type
Ordering Code (tape and reel) Q62702-A918
Pin Configuration 1 2 3 4 C1 C2 A2 A1
Marking
Package
BAT 17-07
57
SOT-143
Maximum Ratings Parameter Reverse voltage Forward current Total power dissipation TS 60 C Junction temperature Operating temperature range Storage temperature range Thermal Resistance Junction-ambient1) Junction-soldering point Symbol Values 4 130 150 150 - 55 ... + 150 - 55 ... + 150 Unit V mA mW C C C
VR IF Ptot Tj Top Tstg
Rth JA Rth JS
750 590
K/W K/W
1) Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu.
Semiconductor Group
1
10.94
BAT 17-07
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Breakdown voltage IR = 10 A Reverse current VR = 3 V VR = 3 V, TA = 60 C VR = 4 V Forward voltage IF = 0.1 mA IF = 1 mA IF = 10 mA Diode capacitance VR = 0 V f = 1 MHz Differential forward resistance IF = 5 mA, f = 10 kHz Value typ. max. Unit
V(BR)
4 - - - - 275 340 425 0.75 8 -
V A - - - 0.25 1.25 10 mV 200 750 350 350 450 600 pF - 1 - 15
IR
VF
CT rS
Semiconductor Group
2
BAT 17-07
Forward current IF = f (VF)
Reverse current IR = f (VR)
Diode capacitance CT = f (VR) f = 1 MHz
Differential forward resistance RF = f (IF) f = 10 kHz
Semiconductor Group
3
BAT 17-07
Forward current IF = f (TA; TS*) *Package mounted on aluminum
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAT17-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X